Part Number Hot Search : 
CHM4412 NTE527 6DC13 2920L185 LHG35162 BLS10 DR5001 R3001
Product Description
Full Text Search
 

To Download 74ALVC02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74ALVC02 Quad 2-input NOR gate
Product specification Supersedes data of 2003 Feb 05 2003 Jul 14
Philips Semiconductors
Product specification
Quad 2-input NOR gate
FEATURES * Wide supply voltage range from 1.65 to 3.6 V * 3.6 V tolerant inputs/outputs * CMOS low power consumption * Direct interface with TTL levels (2.7 to 3.6 V) * Power-down mode * Latch-up performance exceeds 250 mA * Complies with JEDEC standard: JESD8-7 (1.65 to 1.95 V) JESD8-5 (2.3 to 2.7 V) JESD8B/JESD36 (2.7 to 3.6 V). * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C. SYMBOL tPHL/tPLH PARAMETER propagation delay nA, nB to nY CONDITIONS VCC = 1.8 V; CL = 30 pF; RL = 1 k VCC = 2.5 V; CL = 30 pF; RL = 500 VCC = 2.7 V; CL = 50 pF; RL = 500 VCC = 3.3 V; CL = 50 pF; RL = 500 CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC. input capacitance power dissipation capacitance per buffer VCC = 3.3 V; notes 1 and 2 DESCRIPTION
74ALVC02
The 74ALVC02 is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall times. The 74ALVC02 provides the 2-input NOR function.
TYPICAL 2.8 2.0 2.5 2.2 3.5 32
UNIT ns ns ns ns pF pF
2003 Jul 14
2
Philips Semiconductors
Product specification
Quad 2-input NOR gate
ORDERING INFORMATION PACKAGE TYPE NUMBER 74ALVC02D 74ALVC02PW 74ALVC02BQ FUNCTION TABLE See note 1. INPUT nA L L H H Note 1. H = HIGH voltage level; L = LOW voltage level PINNING Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 SYMBOL 1Y 1A 1B 2Y 2A 2B GND 3A 3B 3Y 4A 4B 4Y VCC DESCRIPTION data output data input data input data output data input data input ground (0 V) data input data input data output data input data input data output supply voltage
handbook, halfpage
74ALVC02
TEMPERATURE RANGE -40 to +85 C -40 to +85 C -40 to +85 C
PINS 14 14 14
PACKAGE SO14 TSSOP14 DHVQFN14
MATERIAL plastic plastic plastic
CODE SOT108-1 SOT402-1 SOT762-1
OUTPUT nB L H L H nY H L L L
1Y 1A 1B 2Y 2A 2B GND
1 2 3 4 5 6 7
MNA214
14 VCC 13 4Y 12 4B
02
11 4A 10 3Y 9 3B
8 3A
Fig.1 Pin configuration SO14 and TSSOP14.
2003 Jul 14
3
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74ALVC02
handbook, halfpage
1Y 1
VCC 14 13 12 4Y 4B 4A 3Y 3B B
MNA215
1A 1B 2Y 2A 2B
2 3 4 5 6 7 Top view GND 8 3A
handbook, halfpage
A Y
GND(1)
11 10 9
MNA951
(1) (1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig.2 Pin configuration DHVQFN14.
Fig.3 Logic diagram (one gate).
handbook, halfpage
2 3
1
1
handbook, halfpage
2 3 5 6 8 9 11 12
1A 1B 2A 2B 3A 3B 4A 4B
1Y
1 5
1
4
2Y
4
6
3Y
10
8 9
1
10
4Y
13 11
MNA216
1
13
12
MNA217
Fig.4 Function diagram.
Fig.5 IEC logic symbol.
2003 Jul 14
4
Philips Semiconductors
Product specification
Quad 2-input NOR gate
RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VO Tamb tr, tf PARAMETER supply voltage input voltage output voltage operating ambient temperature input rise and fall times VCC = 1.65 to 2.7 V VCC = 2.7 to 3.6 V VCC = 1.65 to 3.6 V VCC = 0 V; Power-down mode CONDITIONS 0 0 0 -40 0 0 MIN. 1.65 3.6 3.6 VCC 4.6 +85 20 10
74ALVC02
MAX. V V V V
UNIT
C ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK VI IOK VO IO ICC, IGND Tstg Ptot Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation. 3. For SO14 packages: above 70 C derate linearly with 8 mW/K. For TSSOP14 packages: above 60 C derate linearly with 5.5 mW/K. For DHVQFN14 packages: above 60 C derate linearly with 4.5 mW/K. PARAMETER supply voltage input diode current input voltage output diode current output voltage output source or sink current VCC or GND current storage temperature power dissipation Tamb = -40 to +85 C; note 3 VO > VCC or VO < 0 notes 1 and 2 Power-down mode; note 2 VO = 0 to VCC VI < 0 CONDITIONS - -0.5 - -0.5 -0.5 - - -65 - MIN. -0.5 MAX. +4.6 -50 +4.6 50 VCC + 0.5 +4.6 50 100 +150 500 V mA V mA V V mA mA C mW UNIT
2003 Jul 14
5
Philips Semiconductors
Product specification
Quad 2-input NOR gate
DC CHARACTERISTICS At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +85 C VIH HIGH-level input voltage 1.65 to 1.95 0.65 x VCC - 2.3 to 2.7 2.7 to 3.6 VIL LOW-level input voltage 2.3 to 2.7 2.7 to 3.6 VOL LOW-level output voltage VI = VIH or VIL IO = 100 A IO = 6 mA IO = 12 mA IO = 18 mA IO = 12 mA IO = 18 mA IO = 24 mA VOH HIGH-level output voltage VI = VIH or VIL IO = -100 A IO = -6 mA IO = -12 mA IO = -18 mA IO = -12 mA IO = -18 mA IO = -24 mA ILI Ioff ICC ICC input leakage current VI = 3.6 V or GND 1.65 to 3.6 1.65 2.3 2.3 2.7 3.0 3.0 3.6 0.0 3.6 3.0 to 3.6 VCC - 0.2 1.25 1.8 1.7 2.2 2.4 2.2 - - - - - 1.51 2.10 2.01 2.53 2.76 2.68 0.1 0.1 0.2 5 1.65 to 3.6 1.65 2.3 2.3 2.7 3.0 3.0 - - - - - - - - 0.11 0.17 0.25 0.16 0.23 0.30 1.7 2 - - - - - - - VCC (V) MIN. TYP.(1)
74ALVC02
MAX.
UNIT
- - - 0.7 0.8 0.2 0.3 0.4 0.6 0.4 0.4 0.55 - - - - - - - 5 10 20 750
V V V V V V V V V V V V V V V V V V V A A A A
1.65 to 1.95 -
0.35 x VCC V
power OFF leakage VI or VO = 3.6 V current quiescent supply current VI = VCC or GND; IO = 0
additional quiescent VI = VCC - 0.6 V; IO = 0 supply current per input pin
Note 1. All typical values are measured at Tamb = 25 C.
2003 Jul 14
6
Philips Semiconductors
Product specification
Quad 2-input NOR gate
AC CHARACTERISTICS TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS Tamb = -40 to +85 C tPHL/tPLH propagation delay nA, nB to nY see Figs 6 and 7 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 Note 1. All typical values are measured at Tamb = 25 C. AC WAVEFORMS 1.0 1.0 1.0 1.0 2.8 2.0 2.5 2.2 VCC (V) MIN. TYP.(1)
74ALVC02
MAX.
UNIT
4.7 3.1 2.9 2.8
ns ns ns ns
handbook, halfpage
VI VM GND tPHL VOH tPLH
nA, nB input
nY output VOL
VM tTHL tTLH
MNA218
INPUT VCC VM VI VCC VCC 2.7 V 2.7 V tr = tf 2.0 ns 2.0 ns 2.5 ns 2.5 ns 1.65 to 1.95 V 0.5 x VCC 2.3 to 2.7 V 2.7 V 3.0 to 3.6 V 0.5 x VCC 1.5 V 1.5 V
Fig.6 Inputs nA, nB to output nY propagation delay times.
2003 Jul 14
7
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74ALVC02
handbook, full pagewidth
VEXT VCC PULSE GENERATOR VI D.U.T. RT CL RL VO RL
MNA616
VCC 1.65 to 1.95 V 2.3 to 2.7 V 2.7 V 3.0 to 3.6 V
VI VCC VCC 2.7 V 2.7 V
CL 30 pF 30 pF 50 pF 50 pF
RL 1 k 500 500 500
VEXT tPLH/tPHL open open open open tPZH/tPHZ GND GND GND GND tPZL/tPLZ 2 x VCC 2 x VCC 6V 6V
Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.7 Load circuitry for switching times.
2003 Jul 14
8
Philips Semiconductors
Product specification
Quad 2-input NOR gate
PACKAGE OUTLINES SO14: plastic small outline package; 14 leads; body width 3.9 mm
74ALVC02
SOT108-1
D
E
A X
c y HE vMA
Z 14 8
Q A2 A1 pin 1 index Lp 1 e bp 7 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 inches 0.069 0.004 0.049
0.019 0.0100 0.35 0.014 0.0075 0.34
0.244 0.039 0.028 0.041 0.228 0.016 0.024
0.028 0.004 0.012
8 0o
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Jul 14
9
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74ALVC02
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
D
E
A
X
c y HE vMA
Z
14
8
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
7
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.72 0.38 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT402-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-18
2003 Jul 14
10
Philips Semiconductors
Product specification
Quad 2-input NOR gate
74ALVC02
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT762-1 14 terminals; body 2.5 x 3 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 6 vMCAB wM C y1 C
C y
1 Eh 14
7 e 8
13 Dh 0
9 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 3.1 2.9 Dh 1.65 1.35 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 2 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT762-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
2003 Jul 14
11
Philips Semiconductors
Product specification
Quad 2-input NOR gate
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
74ALVC02
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Jul 14
12
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613508/02/pp13
Date of release: 2003
Jul 14
Document order number:
9397 750 11272


▲Up To Search▲   

 
Price & Availability of 74ALVC02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X