Part Number Hot Search : 
HER102 F7631 MSS1038 6204B2 TC372 1023440 MNR4G 045SPBF
Product Description
Full Text Search
 

To Download 74AHCT1G66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74AHC1G66; 74AHCT1G66 Bilateral switch
Product specification Supersedes data of 2002 Feb 15 2002 Jun 06
Philips Semiconductors
Product specification
Bilateral switch
FEATURES * Very low ON-resistance: - 26 (typical) at VCC = 3.0 V - 16 (typical) at VCC = 4.5 V - 14 (typical) at VCC = 5.5 V. * ESD protection: - HBM EIA/JESD22-A114-A exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V - CDM EIA/JESD22-C101 exceeds 1000 V. * High noise immunity * Low power dissipation * Balanced propagation delays * SOT353 and SOT753 package * Output capability: non standard * Specified from -40 to +125 C. QUICK REFERENCE DATA Ground = 0 V; Tamb = 25 C; tr = tf 3 ns.
74AHC1G66; 74AHCT1G66
DESCRIPTION The 74AHC1G/AHCT1G66 is a high-speed Si-gate CMOS device. The 74AHC1G/AHCT1G66 provides an analog switch. The switch has two input/output pins (Y and Z) and an active HIGH enable input pin (E). When pin E is LOW, the analog switch is turned off.
TYPICAL SYMBOL tPZH/tPZL tPHZ/tPLZ CI CPD CS Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + ((CL + CS) x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CS = maximum switch capacitance in pF; VCC = supply voltage in Volts. 2. The condition is VI = GND to VCC. PARAMETER turn-on time E to Vos turn-off time E to Vos input capacitance power dissipation capacitance switch capacitance CL = 50 pF; f = 10 MHz; notes 1 and 2 CONDITIONS AHC1G CL = 15 pF; RL = 1 k; VCC = 5 V CL = 15 pF; RL = 1 k; VCC = 5 V 3 5 2 13 4 3 5 2 15 4 AHCT1G ns ns pF pF pF UNIT
2002 Jun 06
2
Philips Semiconductors
Product specification
Bilateral switch
FUNCTION TABLE See note 1. INPUT E L H Note 1. H = HIGH voltage level; L = LOW voltage level. ORDERING INFORMATION
74AHC1G66; 74AHCT1G66
SWITCH OFF ON
PACKAGE TYPE NUMBER 74AHC1G66GW 74AHCT1G66GW 74AHC1G66GV 74AHCT1G66GV PINNING PIN 1 2 3 4 5 Y Z GND E VCC SYMBOL independent input/output independent output/input ground (0 V) enable input (active HIGH) supply voltage DESCRIPTION TEMPERATURE RANGE -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C PINS 5 5 5 5 PACKAGE SC-88A SC-88A SC-74A SC-74A MATERIAL plastic plastic plastic plastic CODE SOT353 SOT353 SOT753 SOT753 MARKING AL CL A66 C66
handbook, halfpage
handbook, halfpage
Y1 Z2 GND 3
MNA074
5 VCC
66
4 E
Y
Z
E
MNA627
Fig.1 Pin configuration.
Fig.2 Logic symbol.
2002 Jun 06
3
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Z
handbook, halfpage
handbook, halfpage
1 4#
1 1 X1
MNA076
2
E
Y
VCC
MNA628
Fig.3 IEC logic symbol.
Fig.4 Logic diagram.
2002 Jun 06
4
Philips Semiconductors
Product specification
Bilateral switch
RECOMMENDED OPERATING CONDITIONS
74AHC1G66; 74AHCT1G66
74AHC1G66 SYMBOL VCC VI VS Tamb PARAMETER supply voltage input voltage switch voltage operating ambient temperature input rise and fall times CONDITIONS MIN. 2.0 0 0 see DC and AC -40 characteristics per device VCC = 3.3 0.3 V VCC = 5.0 0.5 V - - TYP. 5.0 - - +25 MAX. 5.5 5.5 VCC +125
74AHCT1G66 UNIT MIN. 4.5 0 0 -40 TYP. 5.0 - - +25 MAX. 5.5 5.5 VCC +125 V V V C
tr, tf
- -
100 20
- -
- -
- 20
ns/V ns/V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V); note 1. SYMBOL VCC IIK ISK IS ICC, IGND Tstg PD Note 1. To avoid drawing VCC current out of pin Z, when switch current flows into pin Y, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into pin Z, no VCC current will flow out of pin Y. In this case there is no limit for the voltage drop across the switch, but the voltage at pins Y and Z may not exceed VCC or GND. PARAMETER supply voltage input diode current switch diode current switch source or sink current VCC or GND current storage temperature power dissipation per package for temperature range from -40 to +125 C VI < -0.5 V or VI > VCC + 0.5 V VS < -0.5 V or VS > VCC + 0.5 V -0.5 V < VO < VCC + 0.5 V CONDITIONS MIN. -0.5 - - - - -65 - MAX. +7.0 -20 20 25 75 +150 250 UNIT V mA mA mA mA C mW
2002 Jun 06
5
Philips Semiconductors
Product specification
Bilateral switch
DC CHARACTERISTICS
74AHC1G66; 74AHCT1G66
Type 74AHC1G66 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) 2.0 3.0 5.5 VIL LOW-level input voltage 2.0 3.0 5.5 ILI IS input leakage current VI = VCC or GND 5.5 25 MIN. 1.5 2.1 3.85 - - - - - - - - - - - - - - - - 0.5 0.9 1.65 0.1 0.1 Tamb (C) -40 to +85 - - - 0.5 0.9 1.65 1.0 1.0 -40 to +125 - - - 0.5 0.9 1.65 2.0 4.0 UNIT
TYP. MAX. MIN. MAX. MIN. MAX. 1.5 2.1 3.85 - - - - - 1.5 2.1 3.85 - - - - - V V V V V V A A
analog switch VI = VIH or VIL; 5.5 current, OFF-state |VS| = VCC - GND; see Fig.5 analog switch current, ON-state VI = VIH or VIL; 5.5 |VS| = VCC - GND; see Fig.6 VI = VCC or GND; 5.5 Vis = GND or VCC; Vos = VCC or GND
-
-
0.1
-
1.0
-
4.0
A
ICC
quiescent supply current input capacitance of enable input (E) maximum switch capacitance
-
-
1.0
-
10
-
40
A
CI CS
- independent I/O -
2 4
10 10
- -
10 10
- -
10 10
pF pF
2002 Jun 06
6
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Type 74AHCT1G66 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH VIL ILI IS HIGH-level input voltage LOW-level input voltage input leakage current analog switch current, OFF-state analog switch current, ON-state ICC VI = VCC or GND VCC (V) MIN. - - - - 25 - 0.8 0.1 0.1 Tamb (C) -40 to +85 - 0.8 1.0 1.0 -40 to +125 - 0.8 2.0 4.0 UNIT
TYP. MAX. MIN. MAX. MIN. MAX. 2.0 - - - 2.0 - - - V V A A
4.5 to 5.5 2.0 4.5 to 5.5 - 5.5 - -
VI = VIH or VIL; 5.5 |VS| = VCC - GND; see Fig.5 VI = VIH or VIL; 5.5 |VS| = VCC - GND; see Fig.6
-
-
0.1
-
1.0
-
4.0
A
quiescent VI = VCC or GND; 5.5 supply current Vis = GND or VCC; Vos = VCC or GND additional VI = 3.4 V; quiescent other inputs at supply current VCC or GND; IO = 0 input capacitance of enable input (E) maximum switch capacitance independent I/O 5.5
-
-
1.0
-
10
-
40
A
ICC
-
-
1.35
-
1.5
-
1.5
mA
CI
-
2
10
-
10
-
10
pF
CS
-
4
10
-
10
-
10
pF
2002 Jun 06
7
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Type 74AHC1G66 and 74AHCT1G66 For 74AHC1G66: VCC = 2.0, 3.0, 4.5 and 5.5 V; or 74AHCT1G66: VCC = 4.5 and 5.5 V. Tamb (C) SYMBOL PARAMETER TEST CONDITIONS MIN. VCC = 2.0 V; IS = 1 mA; VI = VIH or VIL; see Figs 7 and 8 RON ON-resistance (peak) ON-resistance (rail) Vis = VCC to GND Vis = GND Vis = VCC - - - - - - - - - 148(1) 30 28 - - - - - - - - - - - - - - - - - - - - - - - - - - - 25 TYP. MAX. -40 to +85 MIN. MAX. -40 to +125 MIN. MAX. UNIT
VCC = 3.0 to 3.6 V; IS = 10 mA; VI = VIH or VIL; see Figs 7 and 8 RON ON-resistance (peak) ON-resistance (rail) Vis = VCC to GND Vis = GND Vis = VCC 28 20 18 50 50 50 70 65 65 110 90 90
VCC = 4.5 to 5.5 V; IS = 10 mA; VI = VIH or VIL; see Figs 7 and 8 RON ON-resistance (peak) ON-resistance (rail) Note 1. At supply voltage approaching 2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is recommended that these devices are used to transmit digital signals only, when using this supply voltage. Vis = VCC to GND Vis = GND Vis = VCC 15 15 13 30 22 22 40 26 26 60 40 40
2002 Jun 06
8
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
handbook, full pagewidth
LOW (from enable input)
Y A VI = VCC or GND
Z A VO = GND or VCC GND
MNA079
Fig.5 Test circuit for measuring OFF-state current.
handbook, full pagewidth
HIGH (from enable input)
Y A VI = VCC or GND
Z A VO (open circuit) GND
MNA080
Fig.6 Test circuit for measuring ON-state current.
handbook, full pagewidth
HIGH (from enable input) Y Vis = 0 to VCC
V Z Iis GND
GND
MNA629
Fig.7 Test circuit for measuring ON-resistance (RON).
2002 Jun 06
9
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
MNA630
handbook, halfpage
40
RON () 30 VCC = 3.0 V 20 4.5 V 5.5 V 10
0 0 2 4 Vis (V) 6
Fig.8
Typical ON-resistance as a function of input voltage.
2002 Jun 06
10
Philips Semiconductors
Product specification
Bilateral switch
AC CHARACTERISTICS Type 74AHC1G66 GND = 0 V; tr = tf 3 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 2.0 V; RL = 1 k; note 1 tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos turn-on time E to Vos turn-off time E to Vos see Figs 13 and 16 50 see Figs 14 and 16 15 50 see Figs 14 and 16 15 50 - - - - - - - - - - - - - - - 2.2 7.0 11.0 9.0 13.0 CL (pF) 25 MIN.
74AHC1G66; 74AHCT1G66
Tamb (C) -40 to +85 -40 to +125 UNIT
TYP. MAX. MIN. MAX. MIN. MAX. - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
5.0 25.0 35.0 25.0 35.0
6.0 33.0 46.0 33.0 46.0
7.0 40.0 57.0 40.0 57.0
ns ns ns ns ns
VCC = 3.0 to 3.6 V; RL = 1 k; note 1 tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos turn-on time E to Vos turn-off time E to Vos see Figs 13 and 16 50 see Figs 14 and 16 15 50 see Figs 14 and 16 15 50 1.0 4.0 5.8 6.0 8.4 2.0 11.0 15.0 11.0 15.0 3.0 14.0 20.0 14.0 20.0 4.0 18.0 25.0 18.0 25.0 ns ns ns ns ns
VCC = 4.5 to 5.5 V; RL = 1 k; note 1 tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos turn-on time E to Vos turn-off time E to Vos see Figs 13 and 16 50 see Figs 14 and 16 15 50 see Figs 14 and 16 15 50 0.6 3.0 4.4 5.0 6.1 1.0 8.0 11.0 8.0 11.0 2.0 10.0 13.0 10.0 13.0 3.0 13.0 17.0 13.0 17.0 ns ns ns ns ns
Note 1. Typical values are measured at VCC = 2.0 V; VCC = 3.3 V or VCC = 5.0 V and Tamb = 25 C.
2002 Jun 06
11
Philips Semiconductors
Product specification
Bilateral switch
74AHCT1G66 GND = 0 V; tr = tf 3 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 4.5 to 5.5 V; RL = 1 k; note 1 tPHL/tPLH tPZH/tPZL tPHZ/tPLZ propagation delay Vis to Vos turn-on time E to Vos turn-off time E to Vos see Figs 13 and 16 50 see Figs 14 and 16 15 50 see Figs 14 and 16 15 50 - - - - - 0.7 3.0 4.7 5.0 6.5 CL (pF) 25 MIN.
74AHC1G66; 74AHCT1G66
Tamb (C) -40 to +85 -40 to +125 UNIT
TYP. MAX. MIN. MAX. MIN. MAX. - - - - - - - - - -
1.0 7.0 10.0 8.0 11.0
2.0 10.0 13.0 10.0 13.0
3.0 13.0 17.0 13.0 17.0
ns ns ns ns ns
Note 1. All typical values are measured at VCC = 5 V. TYPE 74AHC1G66 AND 74AHCT1G66 Recommended conditions and typical values. GND = 0 V; tr = tf = 3 ns. Vis is the input voltage at pins Y or Z, whichever is assigned as an input. Vos is the output voltage at pin Y or Z, whichever is assigned as an output. SYMBOL PARAMETER sine-wave distortion at fin = 1 kHz sine-wave distortion at fin = 10 kHz switch OFF signal feed-through fmax TEST CONDITIONS RL = 10 k; CL = 50 pF; see Fig.9 RL = 10 k; CL = 50 pF; see Fig.9 RL = 600 ; CL = 50 pF; f = 1 MHz; see Fig.10 Vis(p-p) (V) 2.5 4.0 2.5 4.0 note 1 VCC (V) 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 3.0 to 3.6 4.5 to 5.5 note 2 3.0 to 3.6 4.5 to 5.5 TYPICAL 0.025 0.015 0.025 0.015 -50 -50 230 280 % % % % dB dB MHz MHz UNIT
minimum frequency response RL = 50 ; (-3 dB) CL = 10 pF; see Figs 11 and 12
Notes 1. Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 ). 2. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 ).
2002 Jun 06
12
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
handbook, full pagewidth
VCC RL Y/Z Z/Y DISTORTION METER GND
MNA632
10 F Vis fin = 1 kHz sine-wave
Vos
RL channel ON
CL
Fig.9 Test circuit for measuring sine-wave distortion.
handbook, full pagewidth
VCC RL Y/Z RL channel OFF
MNA633
0.1 F Vis
Z/Y CL dB
Vos
GND
Fig.10 Test circuit for measuring switch OFF signal feed-through.
2002 Jun 06
13
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
MNA643
handbook, full pagewidth
4 (dB) 2
0
-2
-4
104
105
106
107
108
f (Hz)
109
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; RSOURCE = 1 k.
Fig.11 Typical frequency response.
handbook, full pagewidth
VCC RL Y/Z RL channel ON
MNA631
0.1 F Vis sine-wave
Z/Y CL dB
Vos
GND
Adjust input voltage to obtain 0 dBm at Vos when f = 1 MHz. After set-up, the frequency is increased to obtain a reading of -3 dB at Vos.
Fig.12 Test circuit for measuring minimum frequency response.
2002 Jun 06
14
Philips Semiconductors
Product specification
Bilateral switch
AC WAVEFORMS
74AHC1G66; 74AHCT1G66
handbook, halfpageVI
Vis GND
VM
tPLH VOH Vos VOL VM
tPHL
MNA593
VI INPUT REQUIREMENTS GND to VCC
VM INPUT 50% VCC
VOL and VOH are typical output voltage drop that occur with the output load.
Fig.13 The input (Vis) to output (Vos) propagation delays.
handbook, full pagewidth
VI E input GND tPLZ output LOW-to-OFF OFF-to-LOW VCC VM VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
MNA634
VM
tPZL
VOL + 0.3 V tPZH VOH - 0.3 V VM
TYPE AHC1G AHCT1G
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM INPUT 50% VCC 1.5 V
VM OUTPUT 50% VCC 1.5 V
Fig.14 The turn-on and turn-off times.
2002 Jun 06
15
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
handbook, full pagewidth
tW 90% negative input pulse 10% tTHL (tf) tTLH (tr) 90% positive input pulse 10% tW VM 0V
MNA595
amplitude VM 0V tTLH (tr) tTHL (tf) amplitude
FAMILY AHC1G AHCT1G
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM INPUT 50% VCC 1.5 V
tr = tf = 3 ns, when measuring fmax, there is no constraint on tr, tf with 50% duty factor.
Fig.15 Input pulse definitions.
handbook, full pagewidth
S1 VCC Vis 1 k PULSE GENERATOR VI D.U.T. RT CL
MNA635
VCC open GND
VO
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH open VCC GND
S1 pulse GND VCC
Vis
Definitions for test circuit: CL = load capacitance including jig and probe capacitance (see "AC characteristics" for values). RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.16 Load circuitry for switching times.
2002 Jun 06
16
Philips Semiconductors
Product specification
Bilateral switch
PACKAGE OUTLINES Plastic surface mounted package; 5 leads
74AHC1G66; 74AHCT1G66
SOT353
D
B
E
A
X
y
HE
vMA
5
4
Q
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E (2) 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT353
REFERENCES IEC JEDEC EIAJ SC-88A
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2002 Jun 06
17
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Plastic surface mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16
2002 Jun 06
18
Philips Semiconductors
Product specification
Bilateral switch
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
74AHC1G66; 74AHCT1G66
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2002 Jun 06
19
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
Suitability of surface mount IC packages for wave and reflow soldering methods PACKAGE(1) BGA, LBGA, LFBGA, SQFP, TFBGA, VFBGA HBCC, HBGA, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, HVSON, SMS PLCC(4), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. For more detailed information on the BGA packages refer to the "(LF)BGA Application Note" (AN01026); order a copy from your Philips Semiconductors sales office. 2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 3. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. 4. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 5. Wave soldering is suitable for LQFP, TQFP and QFP packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 6. Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. not suitable not suitable(3) SOLDERING METHOD WAVE REFLOW(2) suitable suitable suitable suitable suitable
suitable not not recommended(4)(5) recommended(6)
2002 Jun 06
20
Philips Semiconductors
Product specification
Bilateral switch
DATA SHEET STATUS DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2) Development
74AHC1G66; 74AHCT1G66
DEFINITIONS This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Preliminary data
Qualification
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 Jun 06
21
Philips Semiconductors
Product specification
Bilateral switch
NOTES
74AHC1G66; 74AHCT1G66
2002 Jun 06
22
Philips Semiconductors
Product specification
Bilateral switch
NOTES
74AHC1G66; 74AHCT1G66
2002 Jun 06
23
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613508/03/pp24
Date of release: 2002
Jun 06
Document order number:
9397 750 09711


▲Up To Search▲   

 
Price & Availability of 74AHCT1G66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X