Part Number Hot Search : 
C4075 SA556D DAC10 NBN600 PDU17F DS1085L 74LS139 GD16584
Product Description
Full Text Search
 

To Download 74AHC244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74AHC244; 74AHCT244 Octal buffer/line driver; 3-state
Product specification Supersedes data of 1999 Feb 24 File under Integrated Circuits, IC06 1999 Sep 28
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
FEATURES * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V CDM EIA/JESD22-C101 exceeds 1000 V * Balanced propagation delays * All inputs have a Schmitt-trigger action * Inputs accepts voltages higher than VCC * For AHC only: operates with CMOS input levels * For AHCT only: operates with TTL input levels * Specified from -40 to +85 and +125 C. DESCRIPTION The 74AHC/AHCT244 is a high-speed Si-gate CMOS device. The 74AHC/AHCT244 is an octal non-inverting buffer/line driver with 3-state outputs. The 3-state outputs are controlled by the outputs enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high-impedance OFF state. CI CO CPD Note 1. H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF state. FUNCTION TABLE See note 1. INPUTS nOE L L H
74AHC244; 74AHCT244
OUTPUT nAn L H X nYn L H Z
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns. TYPICAL SYMBOL tPHL/tPLH PARAMETER propagation delay 1An to 1Yn; 2An to 2Yn input capacitance output capacitance power dissipation capacitance CL = 50 pF; f = 1 MHz; notes 1 and 2 CONDITIONS AHC CL = 15 pF; VCC = 5 V VI = VCC or GND 3.5 AHCT 5.0 ns UNIT
3.5 4.0 10
3.5 4.0 12
pF pF pF
Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; (CL x VCC2 x fo) = sum of outputs; CL = output load capacitance in pF; VCC = supply voltage in Volts. 2. The condition is VI = GND to VCC.
1999 Sep 28
2
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
PINNING PIN 1 2, 4, 6 and 8 3, 5, 7 and 9 10 11, 13, 15 and 17 12, 14, 16 and 18 19 20 ORDERING INFORMATION OUTSIDE NORTH AMERICA 74AHC244D 74AHC244PW 74AHCT244D 74AHCT244PW 1OE 1A0 to 1A3 2Y0 to 2Y3 GND 2A3 to 2A0 1Y3 to 1Y0 2OE VCC SYMBOL
74AHC244; 74AHCT244
DESCRIPTION output enable input (active LOW) data inputs bus outputs ground (0 V) data inputs data outputs output enable input (active LOW) DC supply voltage
PACKAGES NORTH AMERICA PINS 74AHC244D 74AHC244PW DH 74AHCT244D 7AHCT244PW DH 20 20 20 20 PACKAGE SO TSSOP SO TSSOP MATERIAL plastic plastic plastic plastic CODE SOT163-1 SOT360-1 SOT163-1 SOT360-1
1999 Sep 28
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
handbook, halfpage
1OE 1 1A0 2 2Y0 3 1A1 4 2Y1 5 1A2 6 2Y2 7 1A3 8 2Y3 9 GND 10
MNA162
20 VCC 19 2OE 18 1Y0 17 2A0 16 1Y1
244
15 2A1 14 1Y2 13 2A2 12 1Y3 11 2A3
Fig.1 Pin configuration.
handbook, halfpage
2
1A0
1Y0
18
4
handbook, halfpage
1A1
1Y1
16
1
EN 6 1A2 1Y2 14 18 16 8 14 12 1 1OE 1A3 1Y3 12
2 4 6 8
19
EN 9 7 5 3
MNA169
17
2A0
2Y0
3
11 13 15 17
15
2A1
2Y1
5
13
2A2
2Y2
7
11 19
2A3 2OE
2Y3
9
MNA170
Fig.2 IEEE/IEC logic symbol.
Fig.3 Logic diagram.
1999 Sep 28
4
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
RECOMMENDED OPERATING CONDITIONS
74AHC244; 74AHCT244
74AHC SYMBOL VCC VI VO Tamb PARAMETER DC supply voltage input voltage output voltage operating ambient temperature range see DC and AC characteristics per device VCC = 5 V 0.5 V CONDITIONS MIN. 2.0 0 0 -40 -40 TYP. MAX. MIN. 5.0 - - +25 +25 - - 5.5 5.5 VCC +85 4.5 0 0 -40
74AHCT UNIT TYP. MAX. 5.0 - - +25 +25 - - 5.5 5.5 VCC +85 V V V C
+125 -40 100 20 - -
+125 C - 20 ns/V
tr,tf (t/f) input rise and fall rates
VCC = 3.3 V 0.3 V - -
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC VI IIK IOK IO ICC Tstg PD Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. For SO packages: above 70 C the value of PD derates linearly with 8 mW/K. For TSSOP packages: above 60 C the value of PD derates linearly with 5.5 mW/K. PARAMETER DC supply voltage input voltage range DC input diode current DC output diode current DC VCC or GND current storage temperature range power dissipation per package for temperature range: -40 to +125 C; note 2 VI < -0.5 V; note 1 VO < -0.5 V or VO > VCC + 0.5 V; note 1 CONDITIONS MIN. MAX. UNIT -0.5 -0.5 - - - - -65 - +7.0 +7.0 -20 20 25 75 500 V V mA mA mA mA mW
DC output source or sink current -0.5 V < VO < VCC + 0.5 V
+150 C
1999 Sep 28
5
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
DC CHARACTERISTICS
74AHC244; 74AHCT244
74AHC family Over recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) 2.0 3.0 5.5 VIL LOW-level input voltage 2.0 3.0 5.5 VOH HIGH-level output voltage; all outputs HIGH-level output voltage VI = VIH or VIL; IO = -50 A VI = VIH or VIL; IO = -4.0 mA VI = VIH or VIL; IO = -8.0 mA VOL LOW-level output voltage; all outputs LOW-level output voltage VI = VIH or VIL; IO = 50 A VI = VIH or VIL; IO = 4 mA VI = VIH or VIL; IO = 8 mA II IOZ ICC CI input leakage current 3-state output OFF current quiescent supply current input capacitance VI = VCC or GND 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5 5.5 MIN. 1.5 2.1 - - - 1.9 2.9 4.4 - - - - - 2.0 3.0 4.5 25 TYP. - - - 0.5 0.9 1.65 - - - - - 0.1 0.1 0.1 0.36 0.36 0.1 Tamb (C) -40 to +85 - - 0.5 0.9 1.65 - - - -40 to +125 UNIT - - 0.5 0.9 1.65 - - - V V V
MAX. MIN. MAX. MIN. MAX. 1.5 2.1 - - - 1.9 2.9 4.4 1.5 2.1 - - - 1.9 2.9 4.4 V
3.85 -
3.85 -
3.85 -
2.58 - 3.94 - - - - - - - - - - 0 0 0 - - - - - 3
2.48 - 3.8 - - - - - - - 0.1 0.1 0.1 0.44 0.44 1.0 2.5 40 10
2.40 - 3.70 - - - - - - - - - - 0.1 0.1 0.1 0.55 0.55 2.0
V
V
A
VI = VIH or VIL; 5.5 VO = VCC or GND VI = VCC or GND; IO = 0 5.5 -
0.25 - 4.0 10 - -
10.0 A 80 10 A pF
1999 Sep 28
6
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
74AHCT family Over recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output VI = VIH or VIL; voltage; all outputs IO = -50 A HIGH-level output voltage VOL VI = VIH or VIL; IO = -8.0 mA VCC (V) - - 4.5 25 - 0.8 - - 0.1 0.36 0.1 Tamb (C) -40 to +85 - 0.8 - - 0.1 0.44 1.0 2.5 -40 to +125 UNIT - 0.8 -
MIN. TYP. MAX. MIN. MAX. MIN. MAX. 2.0 - 4.4 3.8 - - - 2.0 - 4.4 V V V V V V A
4.5 to 5.5 2.0 4.5 to 5.5 - 4.5 4.5 4.5 4.5 5.5 4.4
3.94 - - - - - 0 - - -
3.70 - - - - - 0.1 0.55 2.0
LOW-level output VI = VIH or VIL; voltage; all outputs IO = 50 A LOW-level output voltage VI = VIH or VIL; IO = 8 mA VI = VIH or VIL
II IOZ
input leakage current 3-state output OFF current
VI = VIH or VIL; 5.5 VO = VCC or GND per input pin; other inputs at VCC or GND; IO = 0 VI = VCC or GND; 5.5 IO = 0 VI = VCC - 2.1 V other inputs at VCC or GND; IO = 0
0.25 -
10.0 A
ICC ICC
quiescent supply current additional quiescent supply current per input pin input capacitance
-
- -
4.0 1.35
- -
40 1.5
- -
80 1.5
A mA
4.5 to 5.5 -
CI
-
-
3
10
-
10
-
10
pF
1999 Sep 28
7
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
AC CHARACTERISTICS Type 74AHC244 GND = 0 V; tr = tf 3.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 3.0 to 3.6 V; note 1 tPHL/tPLH tPZL/tPZH tPLZ/tPHZ tPHL/tPLH tPZL/tPZH tPLZ/tPHZ propagation delay nAn to nYn propagation delay nOE to nYn propagation delay nOE to nYn propagation delay nAn to nYn propagation delay nOE to nYn propagation delay nOE to nYn see Figs 4 and 6 15 pF - see Figs 5 and 6 - - see Figs 4 and 6 50 pF - see Figs 5 and 6 - - 5.0 6.5 5.5 7.0 7.5 10.0 8.4 CL MIN. 25 TYP.
74AHC244; 74AHCT244
Tamb (C) -40 to +85 -40 to +125 UNIT
MAX. MIN. MAX. MIN. MAX.
1.0 1.0 1.0 1.0 1.0 1.0
10.0 12.5 11.0 13.5 16.0 16.0
1.0 1.0 1.0 1.0 1.0 1.0
10.5 13.5 12.5 15.0 18.0 17.5
ns ns ns ns ns ns
10.6 9.7 11.9 14.1 14.0
VCC = 4.5 to 5.5 V; note 2 tPHL/tPLH tPZL/tPZH tPLZ/tPHZ tPHL/tPLH tPZL/tPZH tPLZ/tPHZ Notes 1. Typical values at VCC = 3.3 V. 2. Typical values at VCC = 5.0 V. propagation delay nAn to nYn propagation delay nOE to nYn propagation delay nOE to nYn propagation delay nAn to nYn propagation delay nOE to nYn propagation delay nOE to nYn see Figs 4 and 6 15 pF - see Figs 5 and 6 - - see Figs 4 and 6 50 pF - see Figs 5 and 6 - - 3.4 4.0 4.8 5.0 5.5 7.0 5.5 7.3 7.2 7.5 9.3 9.2 1.0 1.0 1.0 1.0 1.0 1.0 6.5 8.5 8.5 8.5 10.5 10.5 1.0 1.0 1.0 1.0 1.0 1.0 7.0 9.5 9.0 9.5 12.0 11.5 ns ns ns ns ns ns
1999 Sep 28
8
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
Type 74AHCT244 GND = 0 V; tr = tf 3.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 4.5 to 5.5 V; note 1 tPHL/tPLH tPZL/tPZH tPLZ/tPHZ tPHL/tPLH tPZL/tPZH tPLZ/tPHZ Note 1. Typical values at VCC = 5.0 V. AC WAVEFORMS propagation delay nAn to nYn propagation delay nOE to nYn propagation delay nOE to nYn propagation delay nAn to nYn propagation delay nOE to nYn propagation delay nOE to nYn see Figs 4 and 6 15 pF - see Figs 5 and 6 - - see Figs 4 and 6 50 pF - see Figs 5 and 6 - - 3.5 3.5 5.0 5.0 5.5 7.0 7.4 10.4 9.4 8.4 11.4 11.4 CL MIN. 25 TYP.
74AHC244; 74AHCT244
Tamb (C) -40 to +85 MAX. MIN. -40 to +125 UNIT
MAX. MIN. MAX.
1.0 1.0 1.0 1.0 1.0 1.0
8.5 12.0 10.0 9.5 13.0 13.0
1.0 1.0 1.0 1.0 1.0 1.0
9.5 13.0 12.0 10.5 14.5 14.5
ns ns ns ns ns ns
handbook, halfpage VI
nAn INPUT GND tPLH VOH nYn OUTPUT VOL
VM
VM
tPHL
VM
VM
MNA171
FAMILY AHC AHCT
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM INPUT 50% VCC 1.5 V
VM OUTPUT 50% VCC 50% VCC
Fig.4 The input (nAn) to output (nYn) propagation delays.
1999 Sep 28
9
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
handbook, full pagewidth
VI nOE INPUT GND tPLZ OUTPUT LOW-to-OFF OFF-to-LOW VCC VM VOL tPHZ VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
MNA172
VM
tPZL
VOL + 0.3 V tPZH VOH - 0.3 V VM
FAMILY AHC AHCT
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM INPUT 50% VCC 1.5 V
VM OUTPUT 50% VCC 50% VCC
Fig.5 The 3-state output enable and disable times.
handbook, full pagewidth
S1 VCC PULSE GENERATOR VI D.U.T. RT CL
MNA183
VO
1000
VCC open GND
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH open VCC GND
S1
Fig.6 Load circuitry for switching times.
1999 Sep 28
10
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
PACKAGE OUTLINES SO20: plastic small outline package; 20 leads; body width 7.5 mm
74AHC244; 74AHCT244
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.10 A1 0.30 0.10 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.050 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z
(1)
0.9 0.4 0.035 0.016
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
8o 0o
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013AC EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-01-24 97-05-22
1999 Sep 28
11
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
D
E
A
X
c y HE vMA
Z
20
11
Q A2 pin 1 index A1 (A 3) A
Lp L
1
e bp
10
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.10 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 6.6 6.4 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1.0 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT360-1 REFERENCES IEC JEDEC MO-153AC EIAJ EUROPEAN PROJECTION ISSUE DATE 93-06-16 95-02-04
1999 Sep 28
12
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering is not always suitable for surface mount ICs, or for printed-circuit boards with high population densities. In these situations reflow soldering is often used. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, infrared/convection heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 230 C. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results:
74AHC244; 74AHCT244
* Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1999 Sep 28
13
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
Suitability of surface mount IC packages for wave and reflow soldering methods SOLDERING METHOD PACKAGE WAVE BGA, SQFP HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable suitable suitable suitable suitable suitable REFLOW(1)
1999 Sep 28
14
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
NOTES
74AHC244; 74AHCT244
1999 Sep 28
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 68
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
245002/03/pp16
Date of release: 1999
Sep 28
Document order number:
9397 750 06296


▲Up To Search▲   

 
Price & Availability of 74AHC244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X