Part Number Hot Search : 
111GTCN 74AUP LSU424 20KP96 LQFP128 00C10 TMXW352 MAX538
Product Description
Full Text Search
 

To Download 74ACT240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT240
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
s s
s
s
s
s
s
s
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 8 A (MAX.) at TA = 25 oC COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN), VIL = 0.8V (MAX) 50 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 240 IMPROVED LATCH-UP IMMUNITY
B M (Plastic Package) (Micro Package) ORDER CODES : 74ACT240B 74ACT240M
DESCRIPTION The ACT240 is an advanced CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power applications mantaining high speed operation similar to equivalent Bipolar Schottky TTL.
G control output governs four BUS BUFFERs. This device is desibned to be used with 3 state memory address drivers, etc. The device is designed to interface directly High Speed CMOS systems with TTL, NMOS and CMOS output voltage levels. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
April 1997
1/8
74ACT240
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2, 4, 6, 8 9, 7, 5, 3 11, 13, 15, 17 18, 16, 14, 12 19 10 20 SYMBOL 1G 1A1 to 1A4 2Y1 to 2Y4 2A1 to 2A4 1Y1 to 1Y4 2G GND VCC NAME AND F UNCTIO N Output Enable Input Data Inputs Data Outputs Data Inputs Data Outputs Output Enabel Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUT G L L H
X: "H" or "L" Z: High impedance
OUT PUT An L H X Yn H L Z
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC VCC or Ground Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 400 -65 to +150 300 Unit V V V mA mA mA mA
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature: Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1) Parameter Valu e 4.5 to 5.5 0 to VCC 0 to VCC -40 to +85 8 Unit V V V
o
C
ns/V
1) VIN from 0.8 V to 2.0 V
2/8
74ACT240
DC SPECIFICATIONS
Symbol Parameter V CC (V) VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Low Level Output Voltage 4.5 5.5 4.5 5.5 II IOZ ICCT ICC IOLD IOHD Input Leakage Current 3 State Output Leakage Current Max ICC /Input Quiescent Supply Current Dynamic Output Current (note 1, 2) 5.5 5.5 5.5 5.5 5.5 VI(*) = VIH or VIL VO = 0.1 V or VCC - 0.1 V VO = 0.1 V or VCC - 0.1 V VI = VIH or VIL
(*)
Test Con dition s Min. 2.0 2.0 Typ. 1.5 1.5 1.5 1.5 4.4 5.4 3.86 4.86 0.001 0.001 4.49 5.49
Value T A = 25 oC Max. -40 to 85 o C Min . 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.36 0.36 0.1 0.5 0.6 8 0.1 0.1 0.44 0.44 1 5 1.5 80 75 -75 0.8 0.8 Max.
Unit
V V V
IO=-50 A IO=-50 A IO=-24 mA IO=-24 mA IO=50 A IO=50 mA IO=24 mA IO=24 mA
V
VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC -2.1 V VI = VCC or GND VOLD = 1.65 V max VOHD = 3.85 V min
A A mA A mA mA
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50 . (*) All outputs loaded.
3/8
74ACT240
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = t f =3 ns)
Symbol Parameter V CC (V) tPLH tPHL tPZL tPZH tPLZ tPHZ Propagation Delay Time Output Enable Time Output Disable Time 5.0 5.0 5.0
(*)
T est Cond ition
Value T A = 25 oC -40 to 85 o C Min. Typ. Max. Min . Max. 1.5 1.5 1.5 5.0 6.0 6.5 7.5 8.5 10.0 1.5 1.5 1.5 8.5 9.5 10.5
Unit
ns ns ns
(*)
(*)
(*) Voltage range is 5V 0.5V
CAPACITIVE CHARACTERISTICS
Symbol Parameter V CC (V) CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 5.0 5.0 5.0 Test Con dition s
o
Value T A = 25 C Min. Typ. 4 8 21 Max. -40 to 85 C Min . Max.
o
Unit
pF pF pF
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC/n (per circuit)
TEST CIRCUIT
TEST t PLH, tPHL t PZL, tPLZ t PZH, tPHZ
CL = 50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT =ZOUT of pulse generator (typically 50)
SWITCH Open 2VCC Open
4/8
74ACT240
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
5/8
74ACT240
Plastic DIP20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
6/8
74ACT240
SO20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
7/8
74ACT240
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersede and replaces all information previously supplied. s SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
8/8


▲Up To Search▲   

 
Price & Availability of 74ACT240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X