Part Number Hot Search : 
UPB551 19R683C A2450 IN4004 SS2040FL ICL32 U20C30PT TT214
Product Description
Full Text Search
 

To Download 2SB1612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1612
Silicon PNP epitaxial planer type
For low-frequency amplification Complementary to 2SD2474
Unit: mm
s Features
q q
4.50.1 1.60.2
1.50.1
Low collector to emitter saturation voltage VCE(sat). Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
2.60.1
0.4max.
45
1.0-0.2
+0.1
0.40.08
4.0-0.20
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
0.50.08 1.50.1
0.40.04
(Ta=25C)
Ratings -10 -10 -7 -2.4 -2 1 150 -55 ~ +150 Unit V V V A A W C C
1:Base 2:Collector 3:Emitter
3
3.00.15 2 1
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
marking
EIAJ SC-62 Mini Power Type Package
Marking symbol :
2F
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE VCE(sat) fT Cob Conditions VCB = -7V, IE = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = 200mA IC = -1A, IB = -10mA VCB = -6V, IE = 50mA, f = 200MHz VCB = -6V, IE = 0, f = 1MHz -10 -10 -7 200 - 0.19 60 100 800 - 0.25 V MHz pF min typ max -1 Unit A V V V
2.50.1
+0.25
1
Transistor
PC -- Ta
1.4
2SB1612
IC -- VCE
-1.2 Ta=25C -1.0 -2.5 -3.0 VCE=-2V
IC -- VBE
Collector power dissipation PC (W)
1.2
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
25C Ta=75C -25C
Collector current IC (A)
1.0
- 0.8
Collector current IC (A)
IB=-3.0mA -2.5mA -2.0mA -1.5mA -1.0mA - 0.5mA
-2.0
0.8
- 0.6
-1.5
0.6
- 0.4
-1.0
0.4
0.2
- 0.2
- 0.5
0 0 20 40 60 80 100 120 140 160
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0 -2.4
0 0 - 0.2 - 0.4 - 0.6 - 0.8 -1.0 -1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 IC/IB=100 600
hFE -- IC
240 VCE=-2V
fT -- I E
VCB=-6V f=200MHz Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
-1 -3 -10
200
400 Ta=75C 300 25C -25C 200
160
120
- 0.3 25C - 0.1
Ta=75C
80
-25C
100
40
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
240
Collector output capacitance Cob (pF)
200
IE=0 f=1MHz Ta=25C
160
120
80
40
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X