Part Number Hot Search : 
LT3472 NDT452 00000 PS104RS LT3472 10N40 74HC595D KAQV414
Product Description
Full Text Search
 

To Download 2SB1604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1604, 2SB1604A
Silicon PNP epitaxial planar type
For low-voltage switching
Unit: mm
s Features
q q q
4.60.2 3.20.1 9.90.3 2.90.2
15.00.3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SB1604 2SB1604A 2SB1604 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(TC=25C)
13.7-0.2
+0.5
4.10.2 8.00.2 Solder Dip
3.00.2
Low collector to emitter saturation voltage VCE(sat) High-speed switching Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw
Ratings -40 -50 -20 -40 -5 -20 -10 40 2 150 -55 to +150
Unit V
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
emitter voltage 2SB1604A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V A A W C C
7
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SB1604 2SB1604A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2
*
Conditions VCB = -40V, IE = 0 VEB = -5V, IC = 0 IC = -10mA, IB = 0 VCE = -2V, IC = - 0.1A VCE = -2V, IC = -3A IC = -10A, IB = - 0.33A IC = -10A, IB = - 0.33A VCE = -10V, IC = - 0.5A, f = 10MHz VCB = -10V, IE = 0, f = 1MHz IC = -3A, IB1 = - 0.1A, IB2 = 0.1A
min
typ
max -50 -50
Unit A A V
-20 -40 45 90 260 - 0.6 -1.5 100 400 0.1 0.5 0.1
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Storage time Fall time
*h FE2
VCE(sat) VBE(sat) fT Cob ton tstg tf
V V MHz pF s s s
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
50 -12 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) IB=-100mA -10 -80mA -60mA -50mA -40mA -6 -35mA -30mA -25mA -4 -20mA -15mA -2 -10mA -5mA 0 0 20 40 60 80 100 120 140 160 0 -2 -4 -6 -8 -10 -12 TC=25C
2SB1604, 2SB1604A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-10
VCE(sat) -- IC
IC/IB=30
Collector power dissipation PC (W)
Collector current IC (A)
40
-3
-8
-1 TC=100C 25C -25C
30
(1) 20
- 0.3
- 0.1
10 (3) (4) 0
(2)
- 0.03
- 0.01 - 0.1
- 0.3
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-10
hFE -- IC
IC/IB=30 10000 VCE=-2V 10000 3000 1000 300 100 30 10 3
fT -- IC
VCE=-10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
-3 TC=-25C 100C 25C
1000 300 100 -25C 30 10 3 1 - 0.1 - 0.3 25C
-1
TC=100C
- 0.3
- 0.1
- 0.03
- 0.01 - 0.1
Transition frequency fT (MHz)
-10 -30 -100
3000
- 0.3
-1
-3
-10
-1
-3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 10 IE=0 f=1MHz TC=25C
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=30 (-IB1=IB2) VCC=-20V TC=25C tstg 0.3 ton 0.1 tf
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C ICP t=1ms IC
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 - 0.1 - 0.3
Switching time ton,tstg,tf (s)
3
Collector current IC (A)
-10 -3 -1
1
10ms DC
- 0.3 - 0.1 - 0.03
0.03
0.01 -1 -3 -10 -30 -100 0 -1 -2 -3 -4 -5 -6 -7 -8
- 0.01 - 0.1 - 0.3
-1
-3
-10
-30
2SB1604A
-100
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
2SB1604
Power Transistors
Rth(t) -- t
103 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
2SB1604, 2SB1604A
Thermal resistance Rth(t) (C/W)
102
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X