Part Number Hot Search : 
A1105 MUR160 PRODUC DTC144E PA153 SP1490EC SMK0760F MB592
Product Description
Full Text Search
 

To Download TV30C161J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Transient Voltage Suppressor
COMCHIP
www.comchip.com.tw
TV30C5V0 Thru TV30C171
Working Peak Reverse Voltage: 5.0 - 170 Volts Power Dissipation: 3000 Watts
Features
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Typical IR less than 1uA above 10V Fast reponse time: typically less 1nS for uni-direction, less than 5nS for bidirectiona, from 0 V to BV min.
SMC/DO-214AB
0.124(3.15) 0.108(2.75) 0.280(7.11) 0.260(6.60)
0.245(6.22) 0.220(5.59)
0.012(0.31) 0.006(0.15)
Mechanical data
Case: JEDEC DO-214AB molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Cathode band denoted Mounting position: Any Approx. Weight:0.21 gram
0.103(2.62) 0.079(2.00) 0.050(1.27) 0.030(0.76) 0.008(0.20) 0.0203(0.10)
0.320(8.13) 0.305(7.75)
Dimensions in inches and (millimeter)
Maximum Ratings and Electrical Characterics
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
Characteristics
Peak Power Dissipation on 10/1000uS Waveform (Note 1, Fig. 1) Peak Pulse Current of on 10/1000uS Waveform (Note 1, Fig. 3) Steady State Power Dissipation at TL=75 C (Note 2) Peak Forfard Surge Current, 8.3mS Single Half Sine-Wave Superimposed on Rated Load, Uni-Directional Only (Note 3) Maxinum Instantaneous Forward Voltage at 100A for Uni-Directional only (Note 3 & 4) Operation Junction Temperature Range Storage Temperature Range
Symbol
PPPM
Value
3000 See Table 1 5.0
Units
Watts A Watts
IPPM PM(AV)
IFSM
250
A
VF Tj TSTG
3.5/5.0 -55 to +150 -55 to +150
Volts C C
Note: 1. Non-Repetitive Current Pulse, per Fig. 3 and Derated above TA=25 C, per Fig. 2. 2. Mounted on 8.0x8.0 mm . Copper Pads to Each Terminal. 3. Measured on 8.3 mS Single Half Sine-Wave or Equivalent Square Wave, Duty Cycle=4 Pulse per Minute Maximum. 4. VF=3.5V on TV30C5V0 thru TV30C900 Devices and VF=5.0V on TV30C101 thru TV30C171.
MDS0211017A
Page 1
SMD Transient Voltage Suppressor
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (TV30C5V0 Thru TV30C171)
Fig. 1 - Reverse Characteristics
100 Peak Pulse Power, PPPM (KW) Mounted on 8mmx8mm Copper Pads
140
Fig. 2 - Pulse Derating Curve
Peak pulse Power (Ppp) or Current (Ipp) Derating in Percent (%)
120 100 80 60 40 20 0
Mounted on 5mmx5mm Copper pads
10
1.0 Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 0.1 0.1 1.0 10 100 1000 10000 Pulse Width, td (uS)
0
25
50
75
100
125
150
175
Ambient Temperature,TA ( C)
Fig. 3 - Pulse Waveform
125
Fig. 4 - Typical Junction Capacitance
100,000
tr =10uS Peak Pulse Current, IPPM ( %)
100
Junction Capacitance, Cj (pF)
Pulse Width (td) is Defined as the Point Where the peak Current Decay to 50% of Ipp
Uni-Directional Bi-Directional Measure at Zero Bias
75
Peak Value IPPM Half Value Ipp/2
10,000
50
10/1000 uS Waveform as Defined by R.E.A.
1000
Measure at Standard-off Voltage, Vwm Tj=25 C f=1.0MHz Vsig=50mVp-p
25
0
100 0 1.0 2.0 3.0 4.0 5.0 10 100 500 Time, t (mS) Breakdown Voltage,VBR (Volts)
Fig. 5 - Steady State Power Derating Curve
7.0
350 300 250 200 150 100 50 0
Fig. 6 - Maxinum Non-Repetitive Peak Forward Surge Current (UniDirectional Only)
Peak Forward Surge Current, IFSM (A) 8.3mS Single Half Sine-Wave (JEDEC Method) Tj=Tjmax
Steady State Power Dissipation, PM(AV), Watts
6.0 5.0 4.0 3.0 2.0 1.0 0
60Hz Resistive or Inductive Load
Mounted on 8mmx8mm Copper pads 0 25 50 75 100 125 150 175
1
10 Number of Cycle at 60Hz
100
Leadt Temperature,TL ( C)
MDS0211017A
Page 2
SMD Transient Voltage Suppressor
Table 1. Specification
Absolute Maximum R ating ( Ta=25 C )
COMCHIP
www.comchip.com.tw
Electrical Characteristics ( Ta=25 C )
Part No.
TV30C5V0K(B) TV30C5V0J(B) TV30C6V0K(B) TV30C6V0J(B) TV30C6V5K(B) TV30C6V5J(B) TV30C7V0K(B) TV30C7V0J(B) TV30C7V5K(B) TV30C7V5J(B) TV30C8V0K(B) TV30C8V0J(B) TV30C8V5K(B) TV30C8V5J(B) TV30C9V0K(B) TV30C9V0J(B) TV30C100K(B) TV30C100J(B) TV30C110K(B) TV30C110J(B) TV30C120K(B) TV30C120J(B) TV30C130K(B) TV30C130J(B) TV30C140K(B) TV30C140J(B) TV30C150K(B) TV30C150J(B) TV30C160K(B) TV30C160J(B) TV30C170K(B) TV30C170J(B) TV30C180K(B) TV30C180J(B) TV30C200K(B) TV30C200J(B) TV30C220K(B) TV30C220J(B) TV30C240K(B) TV30C240J(B) TV30C260K(B) TV30C260J(B) TV30C280K(B) TV30C280J(B) TV30C300K(B) TV30C300J(B) TV30C330K(B) TV30C330J(B) TV30C360K(B) TV30C360J(B) TV30C400K(B) TV30C400J(B) TV30C430K(B) TV30C430J(B) TV30C450K(B) TV30C450J(B)
VRWM (V)
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00
VBR Min VBR Max (V)
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00
IT
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
IFSM
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
Max Vc (V)
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7
IR @ V R W M M a r k i n g C o d e ( uA )
1000 1000 1000 1000 500 500 200 200 100 100 50 50 25 25 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.9 10.8 12.6 11.5 14.1 12.8 15.4 14.0 16.9 15.3 18.2 16.5 19.8 17.9 21.1 19.2 22.6 20.5 23.9 21.7 25.3 23.3 28.1 25.5 30.9 28.0 33.8 30.7 36.6 33.2 39.4 35.8 42.2 38.3 46.5 42.2 50.7 46.0 56.3 51.1 60.5 54.9 63.3 57.5
( mA ) (A) @8 .3mS
I p p ( A)
312.5 326.0 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 200.0 220.6 188.8 208.4 177.4 194.8 159.6 176.4 149.2 184.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 76.2 84.4 69.8 77.2 64.4 71.2 60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2 37.4 41.2
UNI
HDD HDE HDF HDG HDH HDK HDL HDM HDN HDP HDQ HDR HDS HDT HDU HDV HDW HDX HDY HDZ HED HEE HEF HEG HEH HEK HEL HEM HEN HEP HEQ HER HES HET HEU HEV HEW HEX HEY HEZ HFD HFE HFF HFG HFH HFK HFL HFM HFN HFP HFQ HFR HFS HFT HFU HFV
BI
IDD IDE IDF IDG IDH IDK IDL IDM IDN IDP IDQ IDR IDS IDT IDU IDV IDW IDX IDY IDZ IED IEE IEF IEG IEH IEK IEL IEM IEN IEP IEQ IER IES IET IEU IEV IEW IEX IEY IEZ IFD IFE IFF IFG IFH IFK IFL IFM IFN IFP IFQ IFR IFS IFT IFU IFV
MDS0211017A
Page 3
SMD Transient Voltage Suppressor
Absolute Maximum R ating ( Ta=25 C )
COMCHIP
www.comchip.com.tw
Electrical Characteristics ( Ta=25 C )
Part No.
TV30C480K(B) TV30C480J(B) TV30C510K(B) TV30C510J(B) TV30C540K(B) TV30C540J(B) TV30C580K(B) TV30C580J(B) TV30C600K(B) TV30C600J(B) TV30C640K(B) TV30C640J(B) TV30C700K(B) TV30C700J(B) TV30C750K(B) TV30C750J(B) TV30C780K(B) TV30C780J(B) TV30C850K(B) TV30C850J(B) TV30C900K(B) TV30C900J(B) TV30C101K(B) TV30C101J(B) TV30C111K(B) TV30C111J(B) TV30C121K(B) TV30C121J(B) TV30C131K(B) TV30C131J(B) TV30C151K(B) TV30C151J(B) TV30C161K(B) TV30C161J(B) TV30C171K(B) TV30C171J(B)
VRWM (V)
48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00
VBR Min VBR Max (V)
53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00
IT
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
IFSM
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
Max Vc (V)
85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
IR @ V R W M M a r k i n g C o d e ( uA )
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
67.5 61.3 71.8 65.2 76.0 69.0 81.6 74.1 84.5 76.7 90.1 81.8 98.6 89.5 105.7 95.8 109.8 99.7 119.2 108.2 126.5 115.5 141.0 128.0 154.5 140.5 169.0 153.0 182.5 165.5 211.5 192.5 226.0 205.0 239.5 217.5
( mA ) (A) @8 .3mS
I p p ( A)
35.0 38.8 37.0 36.4 31.2 34.4 39.2 32.0 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.6 18.6 15.4 16.8 14.0 15.6 13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0
UNI
HFW HFX HFY HFZ HGD HGE HGF HGG HGH HGK HGL HGM HGN HGP HGQ HGR HGS HGT HGU HGV HGW HGX HGY HGZ HHD HHE HHF HHG HHH HHK HHL HHM HHN HHP HHQ HHR
BI
IFW IFX IFY IFZ IGD IGE IGF IGG IGH IGK IGL IGM IGN IGP IGQ IGR IGS IGT IGU IGV IGW IGX IGY IGZ IHD IHE IHF IHG IHH IHK IHL IHM IHN IHP IHQ IHR
Note: 1) Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices. 2) Suffix B after part number to specify bi-directional devices. 3) For bi-directional devices having VR of 10 volts and under, the IR limit is double.
MDS0211017A
Page 4


▲Up To Search▲   

 
Price & Availability of TV30C161J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X