Part Number Hot Search : 
P89C660 PCR06A 10000 USB3613 2SB1005 NJU3401 1N5359 A0315
Product Description
Full Text Search
 

To Download TPC8102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC8102
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (-MOSVI)
TPC8102
Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications
Small footprint due to small and thin package Low drain-source ON resistance : RDS (ON) = 34 m (typ.) High forward transfer admittance : |Yfs| = 9 S (typ.) Low leakage current : IDSS = -10 A (max) (VDS = -30 V) Enhancement-mode : Vth = -0.8~ -2.0 V (VDS = -10 V, ID = -1 mA) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1) (t = 10 s) (Note 2a) (t = 10 s) (Note 2b) Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR EAR Tch Tstg Rating -30 -30 20 -6 -24 2.4 1.0 47 -6 0.24 150 -55 to 150 Unit V V V A W W mJ A mJ C C
JEDEC JEITA TOSHIBA
2-6J1B
Drain power dissipation Drain power dissipation
Weight: 0.080 g (typ.)
Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Note 2a) (Note 4) Channel temperature Storage temperature range
Circuit Configuration
Note: For (Note 1), (Note 2), (Note 3) and (Note 4), please refer to the next page. This transistor is an electrostatic sensitive device. Please handle with caution.
1
2002-01-18
TPC8102
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Thermal resistance, channel to ambient (t = 10 s) (Note 2b) Symbol Rth (ch-a) Rth (ch-a) Max 52.1 125 Unit C/W C/W
Marking (Note 5)
TPC8102
Type
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
(a)
(b)
Note 3: VDD = -24 V, Tch = 25C (initial), L = 1.0 mH, RG = 25 , IAR = -6 A Note 4: Reptitve rating; pulse width limited by maximum channel temperature. Note 5: on lower left of the marking indicates Pin 1. shows Lot number. (year of manufacture: last decimal digit of the year of manufacture, month of manufacture: january to december are denoted by letters A to L respectively)
2
2002-01-18
TPC8102
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain -source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS IDSS V (BR) DSS Vth RDS (ON) RDS (ON) |Yfs| Ciss Crss Coss tr ton tf toff Qg Qgs Qgd VDD -24 V, VGS = -10 V, ID = -6 A VDS = -10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = -30 V, VGS = 0 V ID = -10 mA, VGS = 0 V VDS = -10 V, ID = -1 mA VGS = -4 V, ID = -3 A VGS = -10 V, ID = -3 A VDS = -10 V, ID = -3 A Min -- -- -30 -0.8 -- -- 4.5 -- -- -- -- Typ. -- -- -- -- 56 34 9 1380 220 560 12 Max 10 -10 -- -2.0 70 40 -- -- -- -- -- pF Unit A A V V m m S
Turn-on time Switching time Fall time
--
20
-- ns
--
22
--
Turn-off time Total gate charge (Gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
-- -- -- --
90 43 30 13
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Drain reverse current Pulse (Note 1) Symbol IDRP VDSF Test Condition -- IDR = -6 A, VGS = 0 V Min -- -- Typ. -- -- Max -24 1.2 Unit A V
Forward voltage (diode)
3
2002-01-18
TPC8102
4
2002-01-18
TPC8102
5
2002-01-18
TPC8102
6
2002-01-18
TPC8102
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
7
2002-01-18


▲Up To Search▲   

 
Price & Availability of TPC8102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X