Part Number Hot Search : 
9018H ER802 LHY3333 MT90863 2N700 155AE LHY3333 74HCT37
Product Description
Full Text Search
 

To Download TLMC3101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLMC3101
Vishay Telefunken
Low Current SMD LED
Color Green Type TLMC3101 Technology GaP on GaP Angle of Half Intensity o 60
Description
These devices have been designed for applications requiring narrow brightnes selection. The package of the TLMC3100 is the P-LCC-2 (equivalent to a size B tantalum capacitor). It consists of a lead frame which is surrounded with a white thermoplast. The reflector inside this package is filled up with clear epoxy.
Features
D SMD LED with exceptional brightness D Compatible with automatic placement
equipment
94 8553
D EIA and ICE standard package D Compatible with infrared, vapor phase and
wave solder processes according to CECC
D Available in 8 mm tape D Low profile package D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Very low power consumption D Luminous intensity ratio in one packaging unit
IVmax/IVmin
x 2.0
Applications
Automotive: backlighting in dashboards and switches Telecommunication: indicator and backlighting in telephone and fax Indicator and backlight for audio and video equipment Indicator and backlight for battery driven equipment Small indicator for outdoor applications Indicator and backlight in office equipment Flat backlight for LCDs, switches and symbols General use
Document Number 83069 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 1 (6)
TLMC3101
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified TLMC3101 Parameter Reverse voltage DC forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Test Conditions Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 6 7 0.5 20 100 -40 to +100 -55 to +100 260 500 Unit V mA A mW C C C C K/W
tp 10 ms Tamb 90C
t5s mounted on PC board (pad size > 16 mm2)
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified Green (TLMC3101 ) Parameter Luminous intensity Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage Junction capacitance Test Conditions IF = 2 mA IF = 2 mA IF = 2 mA IF = 2 mA IF = 2 mA IR = 10 mA VR = 0, f = 1 MHz Type Symbol IV ld lp VF VR Cj Min 1 563 Typ 1.6 565 60 2.2 15 50 Max 575 Unit mcd nm nm deg V V pF
2.9
6
www.vishay.de * FaxBack +1-408-970-5600 2 (6)
Document Number 83069 Rev. A1, 04-Feb-99
TLMC3101
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
25 PV - Power Dissipation ( mW ) IF - Forward Current ( mA ) 100 Green 10
20
15
10 5 0 0 20 40 60 80 100
1
0.1 0
95 10056
tp/T=0.001 tp=10ms 1 2 3 4 5
95 10841
Tamb - Ambient Temperature ( C )
VF - Forward Voltage ( V )
Figure 1 Power Dissipation vs. Ambient Temperature
10 Iv rel - Relative Luminous Intensity IF - Forward Current ( mA )
Figure 4 Forward Current vs. Forward Voltage
1.6 Green 1.2
8
6
0.8
4 2 0 0 20 40 60 80 100
0.4 IF=2mA 0 0 20 40 60 80 100
95 10842
Tamb - Ambient Temperature ( C )
95 10057
Tamb - Ambient Temperature ( C )
Figure 2 Forward Current vs. Ambient Temperature
0 Iv rel - Relative Luminous Intensity 10 20
Figure 5 Rel. Luminous Intensity vs. Ambient Temperature
2.4 Iv rel- Specific Luminous Intensity Green 2.0 1.6 1.2 0.8 0.4 0
30
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
10
95 10263
20
50
100
200
500
95 10319
IF - Forward Current ( mA )
Figure 3 Rel. Luminous Intensity vs. Angular Displacement
Figure 6 Specific Luminous Intensity vs. Forward Current
Document Number 83069 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 3 (6)
TLMC3101
Vishay Telefunken
100 Iv rel - Relative Luminous Intensity Iv rel - Relative Luminous Intensity Green 10 1.2 Green 1.0 0.8 0.6 0.4 0.2 0 520
95 10038
1
0.1
0.01 0.1
95 10059
1
10
100
540
560
580
600
620
IF - Forward Current ( mA )
l - Wavelength ( nm )
Figure 7 Relative Luminous Intensity vs. Forward Current
Figure 8 Relative Luminous Intensity vs. Wavelength
Dimensions in mm
95 11314
www.vishay.de * FaxBack +1-408-970-5600 4 (6)
Document Number 83069 Rev. A1, 04-Feb-99
TLMC3101
Vishay Telefunken PCB Layout in mm
95 10966
Document Number 83069 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 5 (6)
TLMC3101
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 6 (6)
Document Number 83069 Rev. A1, 04-Feb-99


▲Up To Search▲   

 
Price & Availability of TLMC3101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X