Part Number Hot Search : 
C115T N4099 KP190C XM1002 X9317WS8 S1002 TC1276 HY27UA1
Product Description
Full Text Search
 

To Download TDA7478D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA7478
SINGLE CHIP RDS DEMODULATOR
1
FEATURES
VERY HIGH RDS DEMODULATION QUALITY WITH IMPROVED DIGITAL SIGNAL PROCESSING HIGH PERFORMANCE, 57KHz BANDPASS FILTER (8th ORDER) FILTER ADJUSTMENT FREE AND WITHOUT EXTERNAL COMPONENTS PURELY DIGITAL RDS DEMODULATION WITHOUT EXTERNAL COMPONENTS RDS SIGNAL QUALITY OUTPUT 4.332MHz CRYSTAL OSCILLATOR(8.664MHz OPTIONAL) LOW NOISE CMOS TECHNOLOGY LOW RADIATION
Figure 1. Packages

SO16
TSSOP16
Table 1. Order Codes
Part Number TDA7478D E-TDA7478AD Package SO16 TSSOP16
EBU (European Broadcasting Union) specifications. The device is made up of two sections: a cascaded antialiasing + switched capacitors 8th bandpass filter for precise RDS band selection and a demodulating section that performs the extraction od RDS data stream (RDDA) and clock (RDCL), to be further processed by a suitable RDS decoder. Output for RDS signal quality is also present.
2
DESCRIPTION
The TDA7478 recovers the additional inaudible RDS information which is transmitted by FM radio broadcasting stations and operates in accordance with the Figure 2. Block Diagram
C1 27pF
4.332MHz
C2 47pF
T57 15 4 270pF 2nd ORDER ANTIALIASING FILTER
OSCIN 13
OSCOUT 14
MPX
5 OSCILLATOR & DIVIDER 9
OSEL FSEL
16 FILOUT 8 8th ORDER SC-BANDPASS FILTER 57KHz PLL 1187.5Hz PLL 7 1 VS 100nF VREF 10F INTEGRAL BIPHASE DEC. 3 + POLARITY BIPHASE DEC. 0 1 2 12 QUAL DET.
RDCL
N.U. QUAL
MUX
DIFF. DECODER
RDDA
10 TEST LOGIC
TM
6 GND
11 EXTRES
D03AU1490
November 2004
Rev. 2 1/8
TDA7478
Table 2. Pin Description
No pin 1 2 3 4 5 Name QUAL RDDA VREF MPX OSEL RDS data output Reference voltage RDS input signal Oscillator selector pin: - open, closed to VS = quartz oscillator - closed to GND=external driven Ground Not Used (to be left open) Filter output Frequency selector pin: - open = 4.332MHz - closed to VS = 8.664MHz Test mode pin: - open = normal operation - closed to VS = testmode Reset pin: - open=run mode - closed to VS = reset condition Supply voltage Oscillator input Oscillator output Testing output pin: 57kHz clock output RDS clock output 1187.5Hz Description Output for signal quality indication (High = good)
6 7 8 9
GND N.U. FILOUT FSEL
10 11 12 13 14 15 16
TM EXTRES VS OSCIN OSCOUT T57 RDCL
Figure 3. Pin Connection (Top view)
QUAL RDDA VREF MPX OSEL GND N.U. FILOUT
1 2 3 4 5 6 7 8
D97AU752A
16 15 14 13 12 11 10 9
RDCL T57 OSCOUT OSCIN VS EXTRES TM FSEL
Table 3. Thermal Data
Symbol Rth j-case Description Thermal Resistance Junction-case Max. Value 200 Unit C/W
2/8
TDA7478
Table 4. Absolute Maximum Ratings
Symbol VS Top Tstg Supply Voltage Operating Temperature Range Storage Temperature Parameter Value -0.3 to 7 -40 to 85 -55 to 150 Unit V C C
Table 5. Electrical Characteristcs (Tamb = 25C, VS = 5V, unless otherwise specified)
Symbol VS IS FILTER fC BW G A Center frequency 3dB Bandwidth Gain Attenuation f = 57kHz f 4kHz f = 38kHz f = 67kHz RI RL S/N VIN SRDS SARI VREF Input impedance of MPX Load impedance on FILOUT Signal to noise ratio MPX input signal RDS Detection Sensitivity ARI Detection Sensitivity Reference VIN = 3mVRMS f = 19kHz; T3 40dB(1) f = 57kHz (RDS) 1 3 VS/2 1 30 40 1000 50 56.6 2.5 17 57 3 20 22 60 45 120 57.4 3.5 23 kHz kHz dB dB dB dB K M dB mVRMS mVRMS mVrms mVrms V Parameter Supply voltage Supply current Test Condition Min. 4.5 Typ. 5 7.5 Max. 5.5 12.0 Unit V mA
DEMODULATOR Input pins (EXTRES, FSEL, TM) Input pin (OSEL) IPD IPU VIH VIL VOH VOL VCLL VCLH VPP Input Current Input Current Input voltage high Input voltage low Ouput voltage high Output voltage low Input level OSCIN pin Input level OSCIN pin Amplitude OSCOUT Amplitude OSCIN (for external drive) IL = 0.5mA IL = 0.5mA OSEL = open circuit OSEL = open circuit OSEL = open circuit OSEL = GND, f = 4.332MHz OSEL = GND, f = 8.664MHz 4 4.5 100 120 4 VIN = 5V (pull-down input) VIN = 0V (pull-up input) all with internal pull down resistor with internal pull up resistor 15 -25 0.7 * VS 0.8 * VS 0.2 * VS 0.3 * VS 4.6 0.4 1 1 30 -10 A A V V V V V V V mVpp mVpp
Output pins (RDCL, RDDA, QUAL, T57)
OSCILLATOR
(1) The 3rd harmonic (57kHz) must be less than -40dB with respect to the input signal plus gain.
3/8
TDA7478
Figure 4. RDS timing diagram
CLOCK LINE
DATA LINE
3
OUTPUT TIMING
The RDS (1187.5Hz) output clock on RDCL line is synchronized to the incoming data. According to the internal PLL lock condition data change can result on the falling or on the rising clock edge. (see Fig. 1)Whichever clock edge is used by the decoder (rising or falling edge) the data will remain valid for 416.7 s after the clock transition.
4
OSCILLATOR CONTROLS (FSEL, OSEL)
Two different crystal frequencies can be used. The adaption of the internal clock divider to the external crystal is achieved via the input pin FSEL. See the following table for reference: Table 6.
Crystal 4.332MHz 8.664MHz connected to GND or open connected to Vs FSEL (pin configuration)
A special mode is introduced to reduce EMI. With pin OSEL connected to GND the internal oscillator is switched off and an external sinusoidal frequency could be applied on OSCIN. The peak to peak voltage of this signal can be reduced down to 60mV. In this mode the frequency selection via FSEL is still active. Suggested values of C1 and C2 are shown in the following table: Table 7.
Crystal 4.332MHz 8.664MHz C1 27pF 27pF C2 47pF -
4/8
TDA7478
Figure 5. SO16 Mechanical Data & Package Dimensions
mm DIM. MIN. A A1 B C D (1) E e H h L k ddd 10.0 0.25 0.40 2.35 0.10 0.33 0.23 10.10 7.40 1.27 10.65 0.75 1.27 0.394 0.010 0.016 TYP. MAX. 2.65 0.30 0.51 0.32 10.50 7.60 MIN. 0.093 0.004 0.013 0.009 0.398 0.291 0.050 0.419 0.030 0.050 TYP. MAX. 0.104 0.012 0.200 0.013 0.413 0.299 inch
OUTLINE AND MECHANICAL DATA
0 (min.), 8 (max.) 0.10 0.004
(1) "D" dimension does not include mold flash, protusions or gate burrs. Mold flash, protusions or gate burrs shall not exceed 0.15mm per side.
SO16 (Wide)
0016021 C
5/8
TDA7478
Figure 6. TSSOP16 Mechanical Data & Package Dimensions
mm DIM. MIN. A A1 A2 b c D (1) E 0.050 0.800 0.190 0.090 4.900 6.200 5.000 6.400 4.400 0.650 0.450 0.600 1.000 0 (min.) 8 (max.) 0.100 0.004 0.750 0.018 1.000 TYP. MAX. 1.200 0.150 1.050 0.300 0.200 5.100 6.600 4.500 0.002 0.031 0.007 0.005 0.114 0.244 0.170 0.118 0.252 0.173 0.026 0.024 0.039 0.030 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.009 0.122 0.260 0.177 inch
OUTLINE AND MECHANICAL DATA
E1 (1) 4.300 e L L1 k aaa
Note: 1. D and E1 does not include mold flash or protrusions. Mold flash or potrusions shall not exceed 0.15mm (.006inch) per side.
TSSOP16 (Body 4.4mm)
0080338 (Jedec MO-153-AB)
6/8
TDA7478
Table 8. Revision History
Date July 2004 November 2004 Revision 1 2 First Issue Add in the table 5 "RDS and ARI Detection Sensitivity" parameters. Description of Changes
7/8
TDA7478
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of TDA7478D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X