Part Number Hot Search : 
TR711 NTD4804N NTD4804N NDV4916E TDA5736M SQ171N37 44103 SW260001
Product Description
Full Text Search
 

To Download SPW20N60CFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPW20N60CFD Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * High peak current capability * Intrinsic fast-recovery body diode * Extreme low reverse recovery charge VDS @ Tjmax RDS(on) ID 650 0.22 20.7
P-TO247
V A
Type SPW20N60CFD
Package P-TO247
Ordering Code Q67040-S4617
Marking 20N60CFD
Maximum Ratings Parameter Continuous drain current T C = 25 C T C = 100 C Pulsed drain current, t p limited by T jmax Avalanche energy, single pulse ID = 10 A, V DD = 50 V Avalanche energy, repetitive t AR limited by T jmax 1) EAR ID = 20 A, V DD = 50 V Avalanche current, repetitive t AR limited by T jmax Reverse diode dv/dt
IS=20.7A, V DS=480V, T j=125C
Symbol ID
Value 20.7 13.1 52 690 1 20 40 20 30 208 -55... +150
Unit A
ID puls EAS
mJ
IAR dv/dt VGS VGS Ptot Tj , Tstg
A V/ns V W C
Gate source voltage Gate source voltage AC (f >1Hz) Power dissipation, T C = 25C Operating and storage temperature
Page 1
2003-12-23
SPW20N60CFD
Maximum Ratings Parameter Drain Source voltage slope
V DS = 480 V, ID = 20.7 A, Tj = 125 C
Symbol dv/dt di F/dt
Value 80 900
Unit V/ns A/s
Maximum diode commutation speed
V DS = 480 V, ID = 20.7 A, Tj = 125 C
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded Soldering temperature, 1.6 mm (0.063 in.) from case for 10s Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Drain-source breakdown voltage Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current V GS(th) IDSS
ID=1000, V GS=VDS V DS=600V, V GS=0V, Tj=25C, Tj=150C
Symbol min. RthJC RthJA T sold -
Values typ. max. 0.6 62 260
Unit K/W C
Symbol
Conditions min. 600 3 -
Values typ. 700 4 2.1 1700 0.19 0.51 0.54 max. 5
Unit V
V (BR)DSS V GS=0V, I D=0.25mA V (BR)DS
V GS=0V, I D=20A
A 100 0.22 nA
Gate-source leakage current Drain-source on-state resistance
IGSS RDS(on)
V GS=20V, V DS=0V V GS=10V, I D=13.1A, Tj=25C Tj=150C
Gate input resistance
RG
f=1MHz, open Drain
Page 2
2003-12-23
SPW20N60CFD
Electrical Characteristics , at Tj = 25 C, unless otherwise specified Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance Effective output capacitance,2) energy related Effective output capacitance,3) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
V DD=480V, I D=20.7A, V GS=0 to 10V V DD=480V, I D=20.7A
Symbol g fs Ciss Coss Crss Co(er) Co(tr) td(on) tr td(off) tf
Conditions min.
V DS2*I D*RDS(on)max, ID=13.1A V GS=0V, VDS=25V, f=1MHz
Values typ. 17.5 2400 780 50 83 160 12 15 59 6.4 max. -
Unit S pF
V GS=0V, V DS=0V to 480V
pF
V DD=380V, V GS=0/10V, ID=20.7A, RG=3.6
-
ns
-
15 54 95 7
124 -
nC
V(plateau) V DD=480V, I D=20.7A
V
1Repetitve avalanche causes additional power losses that can be calculated as P AV=EA R*f. 2Co(er) is a fixed capacitance that gives the same stored energy as Coss while V DS is rising from 0 to 80% VDSS. 3Co(tr) is a fixed capacitance that gives the same charging time as Coss while V DS is rising from 0 to 80% VDSS.
Page 3
2003-12-23
SPW20N60CFD
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current V SD trr Qrr Irrm di rr/dt
V GS=0V, IF=I S V R=480V, IF=IS , diF/dt=100A/s
Symbol IS ISM
Conditions min.
TC=25C
Values typ. 1 150 1 13 1400 max. 20.7 52 1.2 -
Unit A
V ns C A A/s
Typical Transient Thermal Characteristics Symbol Thermal resistance Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.007686 0.015 0.029 0.114 0.136 0.059 K/W Value typ. Thermal capacitance Cth1 Cth2 Cth3 Cth4 Cth5 Cth6 0.0003764 0.001412 0.001932 0.005299 0.012 0.091 Ws/K Unit Symbol Value typ. Unit
Tj P tot (t)
R th1
R th,n
T case
External Heatsink
C th1
C th2
C th,n T amb
Page 4
2003-12-23
SPW20N60CFD
1 Power dissipation Ptot = f (TC)
240
SPW20N60CFD
2 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC=25C
10
2
W
200 180
A
10
1
P tot
160 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 10
-2
ID
10
0
10
-1
tp=0.001 ms tp=0.01 ms tp=0.1 ms tp=1 ms DC
C
160
10
0
10
1
10
2
TC
V 10 VDS
3
3 Transient thermal impedance ZthJC = f (tp) parameter: D = t p/T
10
0
4 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 10 s, VGS
Vgs = 10V Vgs = 8V A Vgs = 7.5V Vgs = 7V Vgs = 6.5V Vgs = 6V 50 Vgs = 5.5V Vgs = 5V
40 70
K/W
10
-1
ZthJC
10
-2
10
-3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
ID
10
-4 -7 -6 -5 -4 -3 -2
30
20
10
10
10
10
10
10
10
s 10 tp
0
0 0 4 8 12 16 20
V
28
VDS
Page 5
2003-12-23
SPW20N60CFD
5 Typ. output characteristic ID = f (VDS); Tj=150C parameter: tp = 10 s, VGS
Vgs = 20V A Vgs = 7.5V Vgs = 7V Vgs = 6.5V Vgs = 6V 30 Vgs = 5.5V Vgs = 5V Vgs = 4.5V
25 40
6 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
1.5
R DS(on)
ID
Vgs = 4.5V Vgs = 5V Vgs = 5.5V Vgs = 6V Vgs = 6.5V Vgs = 7V Vgs = 7.5V Vgs = 20V
20
0.9
15
10
0.6
5
0 0 4 8 12 16 20
V
0.3 28 0 5 10 15 20 25 30
V DS
A 40 ID
7 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 13.1 A, VGS = 10 V
1.3
SPW20N60CFD
8 Typ. transfer characteristics ID= f ( VGS ); V DS 2 x ID x RDS(on)max parameter: tp = 10 s
70
A
1.1 1
Tj = 25C
R DS(on)
0.9 0.8 0.7 0.6
50
ID
Tj = 150C
40
30 0.5 0.4 0.3 0.2 0.1 0 -60 -20 20 60 100
C
20 98% typ 10
0 180 0 4 8 12
V
20
Tj
Page 6
VGS
2003-12-23
SPW20N60CFD
9 Typ. gate charge VGS = f (QGate) parameter: ID = 20.7 A pulsed
16
V
SPW20N60CFD
10 Forward characteristics of body diode IF = f (V SD) parameter: Tj , tp = 10 s
10
2 SPW20N60CFD
A
0.2 VDS max 0.8 VDS max
12
V GS
10
1
8
6
IF
10
0
10
4
T j = 25 C typ T j = 150 C typ T j = 25 C (98%) T j = 150 C (98%) 10 0 20 40 60 80 100 120 nC 150
-1
2
0
0
0.4
0.8
1.2
1.6
2
2.4 V
3
QGate
VSD
11 Avalanche SOA IAR = f (tAR) par.: T j 150 C
20
12 Avalanche energy EAS = f (T j) par.: ID = 10 A, V DD = 50 V
750
mJ
A
600 550
EAS
Tj(Start)=25C
I AR
500 450 400 350 300 250
10
5
Tj(Start)=125C
200 150 100 50
0 -3 10
10
-2
10
-1
10
0
10
1
10
2
s 10 t AR
4
0 20
40
60
80
100
120
C
160
Tj
Page 7
2003-12-23
SPW20N60CFD
13 Drain-source breakdown voltage V(BR)DSS = f (Tj)
SPW20N60CFD
14 Avalanche power losses PAR = f (f ) parameter: EAR=1mJ
500
720
V
W
V (BR)DSS
680 660 640 620 200 600 580 560 540 -60 04 10
P AR
300
100
-20
20
60
100
C
180
10
5
Hz f
10
6
Tj
15 Typ. capacitances C = f (V DS) parameter: VGS=0V, f=1 MHz
10
5
16 Typ. Coss stored energy Eoss=f(V DS)
14
pF J
10
4
10
Ciss
C
E oss
8 6 4 2
10
3
10
2
Coss
Crss
10
1
0
100
200
300
400
V
0 600 0 100 200 300 400
V
600
V DS
VDS
Page 8
2003-12-23
SPW20N60CFD
17 Typ. reverse recovery charge Qrr = f(TJ) parameter: ID = 20.7A
1800
18 Typ. reverse recovery charge Qrr = f(ID) parameter: di/dt = 100 A/s
1800
C C
1600 1500 1600 1400
Tj = 125C
Qrr
Qrr
1500
1300 1200
1400
1100 1000
Tj = 25C
1300
900 800
1200 700 1100 600 500 1000 25 50 75
C Tj
400 125 2 4 6 8 10 12 14 16
A 20 ID
19 Typ. reverse recovery charge Qrr = f(di/dt) parameter: ID = 20.7 A
3400
C
3000 2800
Tj = 125C
Qrr
2600 2400 2200 2000 1800 1600 1400 1200 1000 100 200 300 400 500 600 700
Tj = 25C
A/s 900 di/dt
Page 9
2003-12-23
SPW20N60CFD
Definition of diodes switching characteristics
Page 10
2003-12-23
SPW20N60CFD
P-TO-247-3-1
Page 11
2003-12-23
SPW20N60CFD
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 12
2003-12-23


▲Up To Search▲   

 
Price & Availability of SPW20N60CFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X