Part Number Hot Search : 
MSZ5260 CY6213 2SD1585 MAX310 PCD5003A 2003M CSNA441 SMA36
Product Description
Full Text Search
 

To Download SI9410BDY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI9410BDY
New Product
Vishay Siliconix
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
30
FEATURES
ID (A)
8.1 6.9
rDS(on) (W)
0.024 @ VGS = 10 V 0.033 @ VGS = 4.5 V
D TrenchFETr Power MOSFETS
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: SI9410BDY SI9410BDY-T1 (with Tape and Reel) 8 7 6 5 D D D D G
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS
10 secs
30 "20 8.1
Steady State
Unit
V
6.2 5.0 30 A 1.2 1.5 0.9 - 55 to 150 W _C
ID IDM IS PD TJ, Tstg
6.5
2.1 2.5 1.6
THERMAL RESISTANCE RATINGS
Parameter
t v 10 sec Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72269 S-31409--Rev. A, 07-Jul-03 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
40 70 20
Maximum
50 85 24
Unit
_C/W C/W
1
SI9410BDY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 24 V, VGS = 0 V VDS = 24 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 8.1 A VGS = 4.5 V, ID = 6.9 A VDS = 15 V, ID = 8.1 A IS = 2.1 A, VGS = 0 V 30 0.019 0.026 20 0.8 1.2 0.024 0.033 S V 1.0 3.0 "100 1 5 V nA mA A W
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = 2.1 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W VDS = 15 V, VGS = 10 V, ID = 8.1 A 15 3.2 2.5 10 15 30 11 25 15 25 45 20 50 ns 23 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 10 thru 5 V 24 I D - Drain Current (A) I D - Drain Current (A) 4V 24 30
Transfer Characteristics
18
18
12
12 TC = - 125_C 6
6 3V 0 0.0
25_C 0 0.0
- 55_C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2
Document Number: 72269 S-31409--Rev. A, 07-Jul-03
SI9410BDY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.040 r DS(on) - On-Resistance ( W ) 0.035 0.030 0.025 0.020 0.015 0.010 200 0.005 0.000 0 5 10 15 20 25 30 0 0 Crss 5 10 15 20 25 30 VGS = 4.5 V VGS = 10 V C - Capacitance (pF) 1200
Vishay Siliconix
Capacitance
1000
Ciss
800
600
400 Coss
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 8.1 A 8 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 8.1 A 1.4
6
r DS(on) - On-Resistance (W) (Normalized) 6 9 12 15
1.2
4
1.0
2
0.8
0 0 3 Qg - Total Gate Charge (nC)
0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.10
On-Resistance vs. Gate-to-Source Voltage
10
r DS(on) - On-Resistance ( W )
TJ = 150_C I S - Source Current (A)
0.08
0.06
ID = 8.1 A
0.04
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72269 S-31409--Rev. A, 07-Jul-03
www.vishay.com
3
SI9410BDY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 50
Single Pulse Power
0.2 V GS(th) Variance (V) ID = 250 mA - 0.0 Power (W)
40
30
- 0.2
20
- 0.4 10
- 0.6
- 0.8 - 50
- 25
0
25
50
75
100
125
150
0 10 -3
10 -2
10 -1
1
10
100
600
TJ - Temperature (_C)
Time (sec)
Safe Operating Area
100 rDS(on) Limited IDM Limited
10 I D - Drain Current (A)
P(t) = 0.0001
P(t) = 0.001 1 ID(on) Limited P(t) = 0.01 P(t) = 0.1 TA = 25_C Single Pulse BVDSS Limited 0.01 0.1 1 10 100 P(t) = 1 P(t) = 10 dc
0.1
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70_C/W
t1 t2
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 72269 S-31409--Rev. A, 07-Jul-03
SI9410BDY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
Vishay Siliconix
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72269 S-31409--Rev. A, 07-Jul-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI9410BDY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X