Part Number Hot Search : 
H1101NL3 A1209 0M1618 R68FF 3KP40CA EKK6511 245ADG CEU75A3
Product Description
Full Text Search
 

To Download SD213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High-Speed Analo N-Channel DMOS FETs
CORPORATION
SD211 / SD213 / SD215
FEATURES DESCRIPTION The Calogic SD211 is a 30V analog switch driver with built-in protection diode from gate to substrate The SD211 is used with SD213 and SD215 DMOS analog switches. ORDERING INFORMATION Part SD211E XSS211 SD213DE XSD213 SD215DE XSD215 Package Hermetic TO-72 Package Sorted Chips in Carriers Hermetic TO-72 Package Sorted Chips in Carriers Hermetic TO-72 Package Sorted Chips in Carriers Temperature Range -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC -55oC to +125oC
* * * *
High Input to Output Isolation . . . . . . . . . . . . . . . . 120dB Low On Resistance . . . . . . . . . . . . . . . . . . . . . . . . 30 Ohm Low Feedthrough and Feedback Transients Low Capacitance: - Input (Gate). . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4pF typ. - Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3pF typ. - Feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3pF typ. * Built-in Protection Diode from Gate to Substrate APPLICATIONS SD211: * Analog Switch Driver SD213 and SD215: * Analog Switches * High-Speed Digital Switches * Multiplexers * A to D Converters * D to A Converters * Choppers * Sample & Hold
SCHEMATIC DIAGRAM (Top View)
BODY AND CASE SOURCE 1 4
TO-72
2 DRAIN
3 GATE
G C D
1Q-24
BODY IS INTERNALLY CONNECTED TO THE CASE
S
CD1-1
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
SD211 / SD213 / SD215
CORPORATION
ABSOLUTE MAXIMUM RATINGS Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Total Device Dissipation at 25oC Case Temperature . . . 1.2W Storage Temperatue Range . . . . . . . . . . . . . -65oC to +200oC Lead Temperature (1/16" from case for 10 sec.). . . . . . 300oC Operating Temperature Range . . . . . . . . . . . -55oC to +125oC
VDS VSD VDB VSB VGS VGB VGD
PARAMETER Drain-to-Source Source-to-Drain Drain-to-Body Source-to-Body Gate-to-Source Gate-to-Body Gate-to-Drain
SD211 +30 +10 +30 +15 -15 +25 -0.3 +25 -30 +25
SD212 +10 +10 +15 +15 -15 +25 -0.3 +25 -15 +25
SD215 +20 +20 +25 +25 -25 +30 -0.3 +30 -25 +30
UNIT Vdc Vdc Vdc Vdc Vdc Vdc Vdc
DC CHARACTERISTICS (TA = 25oC, unless otherwise specified)
SYMBOL PARAMETER SD211 SD213 SD215 UNITS TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX BREAKDOWN VOLTAGE BVDS BVSD BVDB BVSB Drain-to-Source Source-to Drain Drain-to-Body Source-to-Body 30 10 10 15 15 35 25 10 10 15 15 25 20 20 25 25 25 V VGS = VBS = 0V, ID = 10A VGS = VBS = -5V, IS = 10nA VGD = VBD = -5V, ID = 10nA VGB = 0V, source OPEN, ID = 10nA VGB = 0V, drain OPEN, IS = 10A
LEAKAGE CURRENT IDS (OFF) Drain-to-Source 1 10 1 10 1 ISD (OFF) IGBS VT Source-to-Drain Gate Threshold Voltage 0.5 1.0 50 rDS (ON) Drain-to-Source Resistance 30 23 19 1 10 1 10 1 10 2.0 70 45 0.1 1.0 50 30 23 19 10 2.0 70 45 0.1 1.0 50 30 23 19 17 10 10 2.0 70 45 V 10 nA VGS = VBS = -5V, VDS = +10V VGS = VBS = -5V, VDS = +20V VGS = VBD = -5V, VSD = +10V VGS = VBD = -5V, VSD = +20V VDB = VSB = 0V, VGS = 40V VDS = VGS = VT, I S = 1A, VSB = 0V ID = 1.0mA, VSB = 0, VGS = +5V ID = 1.0mA, VSB = 0, VGS = +10V ID = 1.0mA, VSB = 0, VGS = +15V ID = 1.0mA, VSB = 0, VGS = +20V ID = 1.0mA, VSB = 0, VGS = +25V
AC ELECTRICAL CHARACTERISTICS
SYMBOL gfs PARAMETER Forward Transconductance Gate Node Drain Node Source Node SD211 SD213 SD215 MIN TYP MAX MIN TYP MAX MIN TYP MAX 10 15 10 15 10 15 UNITS ms TEST CONDITIONS VDS = 10V, VSB = 0V, ID = 20mA, f = 1kHz
SMALL SIGNAL CAPACITANCES CISS COSS CRSS 2.4 1.3 0.3 3.5 1.5 0.5 2.4 1.3 0.3 3.5 1.5 0.5 2.4 1.3 0.3 3.5 1.5 0.5 pF VDS = 10V, f = 1MHz VGS = VBS = -15V
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of SD213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X