Part Number Hot Search : 
26001 GL064N 4VHC1G L7808ABV HBAW56 1000W 2SC433 MIC3808
Product Description
Full Text Search
 

To Download SBL2045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL2030CT - SBL2060CT
20A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AB
L B C K D A
1 2 3
M
Dim A B C D E G
Min 14.22 9.65 2.54 5.84 3/4 12.70 2.29 0.51 3.53AE 3.56 1.14 0.30 2.03
Max 15.88 10.67 3.43 6.86 6.35 14.73 2.79 1.14 4.09AE 4.83 1.40 0.64 2.92
E J N G
H J K L M N P
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
HH
Pin 1 Pin 2 Pin 3 Case
P
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range @ IF = 10A, TC = 25C @TC = 25C @ TC = 100C
@ TA = 25C unless otherwise specified
SBL Symbol 2030CT VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG 30 21
SBL 2035CT 35 24.5
SBL 2040CT 40 28
SBL 2045CT 45 31.5
SBL 2050CT 50 35
SBL 2060CT 60 42
Unit V V A A
20 250 0.55 1.0 50 650 2.8 -65 to +150 0.75
V mA pF C/W C
Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
DS23015 Rev. F-2
1 of 2
SBL2030CT-SBL2060CT
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
40
I(AV), AVERAGE FORWARD CURRENT (A)
16
SBL2030CT - SBL2045CT
10
12
SBL2045CT - SBL2060CT
8
1.0
4
TJ = 25C Pulse width = 300s 2% duty cycle
0
0
50
100
150
0.1
0.1
0.3
0.5
0.7
0.9
1.1
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Voltage
300
4000
8.3 ms single half-sine-wave JEDEC method
Tj = 25C f = 1.0MHz
IFSM, PEAK FORWARD CURRENT (A)
250 200
Cj, CAPACITANCE (pF)
1000
150 100
50 0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
Tj = 100C
Tj = 75C
1.0
0.1
Tj = 25C
0.01
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23015 Rev. F-2
2 of 2
SBL2030CT-SBL2060CT


▲Up To Search▲   

 
Price & Availability of SBL2045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X