Part Number Hot Search : 
NJU6319A BCR14809 UGZ10JF M68000 M68000 29GL512P 1MM30S 1MM30S
Product Description
Full Text Search
 

To Download PS21342 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PS21342-G
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
IntellimodTM Module
Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
A D G J DUMMY PINS
28 27 26 25 24 23 22 21 20 19 18 17 16 29 30 15 14 13 12 11 10 987 654 321
H K L Q
R C
HEATSINK SIDE M E E E F F N
35 34 33 32 31
P 35
B
P
S
AA DEEP (5 PLACES) V X Y Z AB (2 PLACES) W H Q U T
TERMINAL CODE
1 VUFS 2 NC 3 VUFB 4 VP1 5 NC 6 UP 7 VVFS 8 NC 9 VVFB 10 VP1 11 NC 12 VP 13 VWFS 14 NC 15 VWFB 16 VP1 17 NC 18 WP 19 NC 20 NC 21 UN 22 VN 23 WN 24 FO 25 CFO 26 CIN 27 VNC 28 VN1 29 30 31 32 33 34 35 NC NC P U V W N
Description: DIP and mini-DIP IPMs are intelligent power modules that integrate power devices, drivers, and protection circuitry in an ultra compact dual-in-line transfer-mold package for use in driving small three phase motors. Use of 4th generation IGBTs, DIP packaging, and application specific HVICs allow the designer to reduce inverter size and overall design time. Features: Compact Packages Single Power Supply Integrated HVICs Direct Connection to CPU Optimized for 5kHz Operation Applications: Washing Machines Refrigerators Air Conditioners Small Servo Motors Small Motor Control Ordering Information: PS21342-G is a 600V, 5 Ampere Mini-DIP Intelligent Power Module.
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N Inches 1.93 1.20 0.20 1.82 0.25 0.32 0.14 0.04 0.07 0.02 0.06 0.07 Min. 0.30 Millimeters 49.0 30.5 5.0 46.23 6.25 8.0 3.556 1.0 1.778 0.5 1.5 1.8 Min. 0.75 Dimensions P Q R S T U V W X Y Z AA AB Inches 0.69 0.02 0.41 0.05 0.05 0.10 0.30 0.16 Min. 1.20 1.61 1.65 0.08 Dia. 0.13 Dia. Millimeters 17.4 0.5 10.5 1.2 1.25 2.5 7.62 4.0 Min. 30.48 41.0 42.0 2.0 Dia. 3.3 Dia.
115
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21342-G IntellimodTM Module Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Absolute Maximum Ratings, Tj = 25C unless otherwise specified
Characteristics Power Device Junction Temperature* Storage Temperature Heatsink Temperature (See Tf Measure Point Illustration) Mounting Torque, M3 Mounting Screws Module Weight (Typical) Heatsink Flatness Self-protection Supply Voltage Limit (Short Circuit Protection Capability)** Isolation Voltage, AC 1 minute, 60Hz Sinusoidal, Connection Pins to Heatsink Plate Symbol Tj Tstg Tf -- -- -- VCC(prot.) VISO PS21342-G -20 to 150 -40 to 125 -20 to 100 8.5 20 -50 to 100 400 1500 Units C C C in-lb Grams m Volts Volts
*The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150C (@Tf 100C). However, to ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(avg) 125C (@Tf 100C). **VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125C, Non-repetitive, Less than 2s
IGBT Inverter Sector
Collector-Emitter Voltage Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C, Instantaneous Value (Pulse)) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation (TC = 25C, per 1 Chip) VCES IC ICP VCC VCC(surge) PC 600 5 10 450 500 20 Volts Amperes Amperes Volts Volts Watts
Control Sector
Supply Voltage (Applied between VP1-VNC, VN1-VNC) Supply Voltage (Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS) Input Voltage (Applied between UP, VP, WP-VNC, UN, VN, WN-VNC) Fault Output Supply Voltage (Applied between FO-VNC) Fault Output Current (Sink Current at FO Terminal) Current Sensing Input Voltage (Applied between CIN-VNC) VD VDB VCIN VFO IFO VSC 20 20 -0.5 ~ 5.5 -0.5 ~ VD+0.5 15 -0.5 ~ VD+0.5 Volts Volts Volts Volts mA Volts
116
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21342-G IntellimodTM Module Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector Cutoff Current ICES VEC VCE(sat) ton trr tC(on) toff tC(off) VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C Diode Forward Voltage Collector-Emitter Saturation Voltage Tj = 25C, -IC = 5A, VCIN = 5V IC = 5A, Tj = 25C, VD = VDB = 15V, VCIN = 0V IC = 5A, Tj = 125C , VD = VDB = 15V, VCIN = 0V Inductive Load Switching Times VCC = 300V, VD = 15V, IC = 5A, Tj = 125C, Inductive Load (Upper-Lower Arm), VCIN = 5V(off), 0V(on) -- -- -- -- -- 0.10 -- -- -- -- -- -- 2.20 1.55 1.65 0.60 0.10 0.20 1.20 0.70 1.0 10 3.00 2.15 2.25 1.10 -- 0.60 2.50 1.60 mA mA Volts Volts Volts S S S S S
Tf Measure Point
Al BOARD
CONTROL TERMINALS
18 mm
16 mm
GROOVE
Tf MEASURE POINT (INSIDE THE Al BOARD)
N FWDi CHIP
W
V POWER TERMINALS
U
P IGBT CHIP
117
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21342-G IntellimodTM Module Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
Control Sector
Supply Voltage VD VDB Circuit Current ID Applied between VP1-VNC, VN1-VNC Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS VD = 15V, VCIN = 5V, VDB = 15V, Total of VP1-VNC, VN1-VNC VD = 15V, VCIN = 0V, VDB = 15V, Total of VP1-VNC, VN1-VNC VD = 15V, VCIN = 5V, VDB = 15V, VUFB-VUFS, VVFB-VVFS, VWFB-VWFS VD = 15V, VCIN = 0V, VDB = 15V, VUFB-VUFS, VVFB-VVFS, VWFB-VWFS Fault Output Voltage VFOH VFOL VFO(sat) PWM Input Frequency Allowable Dead Time fPWM tDEAD VSC(ref) UVDBt UVDBr UVDt UVDr Fault Output Pulse Width** ON Threshold Voltage (H-side) OFF Threshold Voltage (H-side) ON Threshold Voltage (L-side) OFF Threshold Voltage (L-side) tFO Vth(on) Vth(off) Vth(on) Vth(off) Applied between UN, VN, WN-VNC VSC = 0V, FO Circuit: 10k to 5V Pull-up VSC = 1V, FO Circuit: 10k to 5V Pull-up VSC = 1V, IFO = 15mA Tj 125C, Tf 100C Relates to Corresponding Input Signal for Blocking Arm Shoot-through (Tf 100C) Short Circuit Trip Level* Supply Circuit Under-voltage Tj = 25C, VD = 15V* Trip Level, Tj 125C Reset Level, Tj 125C Trip Level, Tj 125C Reset Level, Tj 125C CFO = 22nF Applied between UP, VP, WP-VNC 0.45 10.0 10.5 10.3 10.8 1.0 0.8 2.5 0.8 2.5 0.5 -- -- -- -- 1.8 1.4 3.0 1.4 3.0 0.55 12.0 12.5 12.5 13.0 -- 2.0 4.0 2.0 4.0 Volts Volts Volts Volts Volts mS Volts Volts Volts Volts 4.9 -- 0.8 -- 3 -- 0.8 1.2 5 -- -- 1.2 1.8 -- -- Volts Volts Volts kHz S -- 0.50 1.00 mA -- 0.50 1.00 mA -- 4.95 9.70 mA -- 4.25 8.50 mA 13.5 13.5 15.0 15.0 16.5 16.5 Volts Volts
* Short Circuit protection operates only at the low-arms. Please select the value of the external shunt resistor such that the SC trip level is less than 8.5A. **Fault signal is asserted when the low-arm short circuit or control supply under-voltage protective functions operate. The fault output pulse-width tFO depends on the capacitance value of CFO according to the following approximate equation: CFO = (12.2 x 10-6) x tFO {F} .
118
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21342-G IntellimodTM Module Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Thermal Characteristics
Characteristic Junction to Heatsink Symbol Rth(j-f)Q Rth(j-f)D Condition Each IGBT Each FWDi Min. -- -- Typ. -- -- Max. 6.0 6.5 Units C/Watt C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Control Supply Voltage Symbol VCC VD VDB Control Supply dv/dt Input ON Voltage Input OFF Voltage PWM Input Frequency Arm Shoot-through Blocking Time dVD/dt, dVDB/dt VCIN(on) VCIN(off) fPWM tDEAD Applied between UP, VP, WP-VNC Applied between UN, VN, WN-VNC Tj 125C, Tf 100C For Each Input Signal -- 3 5 -- Condition Applied between P-N Terminals Applied between VP1-VNC, VN1-VNC Applied between VUFB-VUFS, VVFB-VVFS, VWFB-VWFS -1 -- 1 0 ~ 0.65 4.0 ~ 5.5 -- -- V/s Volts Volts kHz S Min. 0 13.5 13.5 Typ. 300 15.0 15.0 Value 400 16.5 16.5 Units Volts Volts Volts
119
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PS21342-G IntellimodTM Module Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Mini-DIP IPM Application Circuit (Shown Pins Up)
+5V
+15V C1 R1 D1 C2 VP1 UP +VCC
HVIC
+
C2
VUFS VUFB P
LEVEL SHIFT GATE DRIVE UV PROT. INPUT CONDITION
AC LINE C7 C6 +
R2 C5 C1 R1 R2 C5
CONTROLLER
U
+
C2
VVFS VVFB
LEVEL SHIFT
C2
VP1 VP +VCC
HVIC
GATE DRIVE UV PROT.
INPUT CONDITION
D1
V MOTOR
C1 R1 R2 C5 R2 x 3 D1
+
C2
VWFS VWFB
LEVEL SHIFT
C2
VP1 WP +VCC
HVIC
GATE DRIVE UV PROT.
INPUT CONDITION
W
R3
NC UN VN WN FO
OVER CURRENT PROTECTION
INPUT SIGNAL CONDITIONING
GATE DRIVE
CFO C5 x 3 C4 CIN VNC C3 + C2 VN1
FAULT LOGIC
UV PROT. +VCC LVIC
RSHUNT N
This symbol indicates connection to ground plane.
CSF
RSF
Component Selection: Dsgn. D1 C1 C2 C3 C4 C5 C6 C7 CSF RSF RSHUNT R1 R2 R3 Notes: 1) To prevent input signal oscillations minimize wiring length to controller (~2cm). Additional RC filtering (C5 etc.) may be required. If filtering is added be careful to maintain proper dead time. See application notes for details. 2) Internal HVIC provides high voltage level shifting allowing direct connection of all six driving signals to the controller. 3) FO output is an open collector type. This signal should be pulled high with 5.1k ohm resistor (R3). 4) C4 sets the fault output duration and lock-out time. C4 12.2E-6 x tFO, 22nF gives ~1.8ms 5) Boot strap supply component values must be adjusted depending on the PWM frequency and technique. 6) Wiring length associated with RSHUNT, RSF, CSF must be minimized to avoid improper operation of the OC function. 7) RSF, CSF set over current protection trip time. Recommend time constant is 1.5us-2.0us. See application notes. 8) Local decoupling/high frequency filter capacitors must be connected as close as possible to the modules pins. 9) The length of the DC link wiring between C6, C7, the DIP's P terminal and the shunt must be minimized to prevent excessive transient voltages. In particular C7 should be mounted as close to the DIP as possible. 10) Use high quality, tight tolorance current sensing resistor. Connect resistor as close as possible to the DIP's N terminal. Be careful to check for proper power rating. See application notes for calculation of resistance value. Typ. Value 1A, 600V 1-100uF, 50V 0.22-2.0uF, 50V 10-100uF, 50V 22nF, 50V 100-1000pF, 50V 200-2000uF, 450V 0.1-0.22uF, 450V 1000pF, 50V 1.8k ohm 5-100mohm 1-100 ohm 4.7k ohm 5.1k ohm Description Boot strap supply diode - Ultra fast recovery Boot strap supply reservoir - Electrolytic, long life, low Impedance, 105C (Note 5) Local decoupling/High frequency noise filters - Multilayer ceramic (Note 8) Control power supply filter - Electrolytic, long life, low Impedance, 105C Fault lock-out timing capacitor - Multilayer ceramic (Note 4) Input signal noise filter - Multilayer ceramic (Note 1) Main DC bus filter capacitor - Electrolytic, long life, high ripple current, 105C Surge voltage suppression capacitor - Polyester/Polypropylene film (Note 9) Short circuit detection filter capacitor - Multilayer Ceramic (Note 6, Note 7) Short circuit detection filter resistor (Note 6, Note 7) Current sensing resistor - Non-inductive, temperature stable, tight tolerance (Note 10) Boot strap supply inrush limiting resistor (Note 5) Control input pull-up resistor (Note 1, Note 2) Fault output signal pull-up resistor (Note 3)
120


▲Up To Search▲   

 
Price & Availability of PS21342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X