Part Number Hot Search : 
SM8703 LG3360 0M1D192 5S22NBT CS452 BL24C512 U200020 KS8995X
Product Description
Full Text Search
 

To Download PCF1171C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
PCF1171C 4-digit LCD car clock
Product specification Supersedes data of September 1993 File under Integrated Circuits, IC16 1997 Apr 16
Philips Semiconductors
Product specification
4-digit LCD car clock
FEATURES * Driving standard 31
2
PCF1171C
GENERAL DESCRIPTION
or a 4-digit LCD
* Internal voltage regulator for 5 V LCD * Option for external stabilized voltage supply * 4.19 MHz oscillator * Integrated oscillator output capacitor and polarization resistor * Operating ambient temperature: -40 to +85 C * 40-lead plastic SMD, face down (VSO40). ORDERING INFORMATION TYPE NUMBER PCF1171CT PCF1171CU Notes
The PCF1171C is a single chip, 4.19 MHz CMOS car clock circuit indicating hours and minutes. It is designed to drive a 312 or 4-digit liquid crystal display (LCD). Two external single-pole, single-throw switches will accomplish all time setting functions. A bonding option allows the selection of 12-hour or 24-hour display mode. The circuit is battery-operated via an internal 5 V voltage regulator or by an external stabilized voltage supply.
PACKAGE NAME VSO40 - uncased chip in tray(2) DESCRIPTION plastic very small outline package; 40 leads; face down(1) VERSION SOT158-2 -
1. See Fig.1 and Chapter "Package outline" for pin layout and package details. 2. See Chapter "Chip dimensions and bonding pad locations" for pad layout and package details.
1997 Apr 16
2
Philips Semiconductors
Product specification
4-digit LCD car clock
PINNING SYMBOL OSC OUT OSC IN S1 S3 BP ADEG1 C1 E2 D2 C2 E3 D3 C3 E4 D4 C4 B4 S2 S4 VSS S6 S5 VDD A4 F4 G4 B3 A3 F3 G3 P1, P2 P3, P4 B2 A2 F2 G2 B1 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 DESCRIPTION oscillator output oscillator input set hour 2 minute correction 64 Hz backplane driver (common of LCD) segment driver segment driver segment driver segment driver segment driver segment driver segment driver segment driver segment driver segment driver segment driver segment driver set minutes internal voltage regulation negative supply selectable correction mode 12/24-hour mode positive supply segment driver segment driver segment driver segment driver segment driver segment driver segment driver colon flashing colon static segment driver segment driver segment driver segment driver segment driver
E3 11 D3 12 C3 13 E4 14 D4 15 C4 16 B4 17 S2 18 S4 19 V SS 20
MSA981
PCF1171C
SYMBOL TR TS (VDD)
PIN 38 39 40
DESCRIPTION test reset; connect to (VDD) test speed-up; connect to (VDD) positive supply for test and oscillator inputs
OSC OUT OSC IN S1 S3 BP ADEG1 C1 E2 D2
1 2 3 4 5 6 7 8 9
40 (V DD ) 39 TS 38 TR 37 B1 36 G2 35 F2 34 A2 33 B2 32 P3, P4 31 P1, P2
C2 10
PCF1171CT
30 G3 29 F3 28 A3 27 B3 26 G4 25 F4 24 A4 23 VDD
22 S5 21 S6
Fig.1 Pin configuration, PCF1171CT, (VSO40).
1997 Apr 16
3
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
A1
A2
A3
A4
F1 G1
B1 F2 G2
B2
P1 (P3)
F3 G3
B3 F4 G4
B4
E1
C1 E2
C2
P2 (P4)
E3
C3 E4
C4
D1
D2
D3
D4
MSA984
Fig.2 Segment designation of LCD.
TIME
MSA985
Fig.3 Display mode (24-hour mode shown).
OPERATIONAL INPUTS Operational inputs S1, S2 and S3 have an internal pull-up resistor to facilitate use of external single-pole, single-throw switches. A specific debounce circuit is integrated as protection against contact debounce and parasitic voltages. In the description below, an arrangement as shown in Fig.5 is assumed and S1, S2 and S3 refer to the external switches rather than the corresponding inputs. Set hours, switch S1 Closure of S1 increments the hours according to the correction mode selected by S6 (see Chapter "Input options").
Set minutes/reset seconds, switch S2 When S2 is closed, the minute setting is corrected according to the correction mode determined by S6 (see Chapter "Input options"). The seconds counter is reset to zero each time S2 is closed, and begins running each time S2 is opened. Segment test/reset, switches S1 and S2 If S1 and S2 are closed simultaneously all LCD segments are switched on. When the switches are released, the clock starts at 1 : 00 in the 12-hour mode or 0 : 00 in the 24-hour mode.
1997 Apr 16
4
Philips Semiconductors
Product specification
4-digit LCD car clock
Time correction 2 minutes, switch S3 This switch operates in two ranges: * Displayed time 58 minutes 00 seconds * Displayed time 1 minute 59 seconds. When switch S3 is pressed in these ranges, the minutes and seconds are reset to zero. For displayed time 58 minutes 00 seconds, the hour is also incremented by one. INPUT OPTIONS In the description below S4, S5 and S6 refer to the external switches shown in Fig.5 rather than to the corresponding inputs. In a real application, these inputs will normally be bonded to the appropriate level to give the required function mode. Internal/external regulation, switch S4 For internal regulation, S4 is closed, the internal voltage regulator is active and the voltage supply for the LCD is regulated to 5 V. For external regulation, S4 is open and the circuit has to be supplied with an externally regulated voltage. 12/24-hour mode, switch S5
PCF1171C
For 12-hour display mode, S5 is connected to VDD. For 24-hour display mode, S5 is connected to VSS. Single/continuous correction mode, switch S6 For single-set correction mode, S6 is connected to VDD. Each closure of S1 or S2 advances the counter by one. For continuous-set correction mode, S6 is connected to VSS. Momentary closure of S1 or S2 causes single increments as for single-set correction mode. If S1 or S2 is kept closed for more than 1s, the counter is automatically incremented by 1 for each full second that S1 or S2 is kept closed. TESTING In normal operation the test inputs TR (pin 38) and TS (pin 39) have to be connected to VDD (pin 23). A test frequency (64 Hz) is available at BP (pin 5). The test mode is activated by connecting TS to VSS (pin 20). All output frequencies are then increased by a factor of 65536. In this mode the maximum input frequency is 100 kHz (external generator at OSC IN). By connecting TR to VSS all counters (seconds, minutes and hours) are stopped. After connecting TR to VDD all counters start from an initial state. The switches/inputs described above also operate in the test mode.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VDD VI Tamb Tstg Note 1. Connecting the supply voltage with reverse polarity, will not harm the circuit, provided the current is limited to 10 mA by the external resistor. HANDLING Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is advisable to take handling precautions appropriate to handling MOS devices. Advice can be found in "Data Handbook IC16, General, Handling MOS Devices". PARAMETER supply voltage with respect to VSS with internal regulation disconnected; all input voltages operating ambient temperature storage temperature CONDITIONS note 1 - VSS - 0.3 -40 -55 MIN. 8 VDD + 0.3 +85 +125 MAX. V V C C UNIT
1997 Apr 16
5
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
CHARACTERISTICS VDD = 5 V; VSS = 0 V; Tamb = -40 to +85 C; crystal: f = 4.194304 MHz; Rs = 50 ; CL = 12 pF; unless otherwise specified. SYMBOL Supply VDD supply voltage external regulation internal regulation IREG IDD regulation current with internal regulation current consumption IREG = 1 mA 3 4 0.2 all switches open; without LCD; 50 internal regulation disconnected; note 1 - - VDD = 100 mV - 0.1 - 19 - 5 - 400 6 6 5 700 V V mA A PARAMETER CONDITIONS MIN. TYP. MAX. UNIT
ro tosc f/fosc Rfb Ci Co Ii td RS RBP fBP Voffset(DC) Notes
differential internal impedance IREG = 1 mA start time frequency stability feedback resistance input capacitance output capacitance
- - 0.2 x - - 24 10-6
150
Oscillator (pins 1 and 2) (see note 2) 200 1x 1 9 29 10-6 M pF pF A ms k k Hz mV ms
Switches S1, S2 and S3 (pins 18, 3 and 4) and test inputs, TS, TR (pins 38 and 39) input current debounce time segment driver output resistance backplane driver output resistance backplane driver output frequency LCD DC offset voltage RL = 200 k; CL = 1 nF IL = 50 A IL = 250 A with inputs connected to VSS 50 32 - - - - 150 - 1 0.2 64 - 500 150 2.5 0.5 - 50
1. The current IEXT = IREG + IDD + 2 x Ii (+ LCD current). 2. For correct operation of the oscillator: VDD 3 V.
1997 Apr 16
6
Philips Semiconductors
Product specification
4-digit LCD car clock
CHIP DIMENSIONS AND BONDING PAD LOCATIONS
PCF1171C
y V DD VSS S5 S6 S4 A4 S2 B4
F4 G4 B3 A3 F3 G3 2.66 mm P1, P2 P3, P4 B2 A2 F2 G2 0 0
C4 D4 E4 C3 D3 E3
PCF1171CU
C2 D2 E2 C1 ADEG1 x V DD OSC IN S1 S3 OSC OUT TR TS BP
MSA983
B1
2.36 mm
Chip area: 6.28 mm2. Bonding pad dimensions: 110 m x 110 m. Chip thickness: 381 25 m.
Fig.4 Bonding pad locations, PCF1171CU; 40 terminals.
1997 Apr 16
7
Philips Semiconductors
Product specification
4-digit LCD car clock
Table 1 Bonding pad locations (dimensions in m) All x/y coordinates are referenced to the pad G2, see Fig.4. PAD OSC OUT OSC IN S1 S3 BP ADEG1 C1 E2 D2 C2 E3 D3 C3 E4 D4 C4 B4 S2 S4 VSS chip corner (max. value) x 1060 1260 1460 1680 1920 1920 1920 1920 1920 1920 1920 1920 1920 1920 1920 1920 1680 1460 1260 1060 -220 y 0 0 0 0 0 240 460 660 860 1060 1260 1460 1660 1860 2080 2320 2320 2320 2320 2320 -170 PAD S6 S5 VDD A4 F4 G4 B3 A3 F3 G3 P1, P2 P3, P4 B2 A2 F2 G2 B1 TR TS VDD x 860 660 460 240 0 0 0 0 0 0 0 0 0 0 0 0 240 460 660 860
PCF1171C
y 2320 2320 2320 2320 2320 2080 1860 1660 1460 1260 1060 860 660 460 240 0 0 0 0 0
1997 Apr 16
8
Philips Semiconductors
Product specification
4-digit LCD car clock
APPLICATION INFORMATION
PCF1171C
R = 4.7 k to 8.2 k battery I EXT C T = 5 pF to 25 pF 4.19 MHz
VDD S6 selectable correction mode S5 12/24 hour mode VDD VSS VDD VSS S3 S3 2 minutes correction S2 set minutes S1 set hour S2 18 S1 3 4 S6 21 23
TR 38 39
TS
(VDD ) 40 2
OSC IN 1
OSC OUT
S5 22
I REG
I DD
2 Ii 33 F to 100 F segment drivers to LCD (1)
SHUNT VOLTAGE REGULATOR
PCF1171C
19 S4 internal voltage regulation
20 VSS
S4
MSA982
(1) Only required if internal regulation is disconnected. From pin 2 (OSC IN) to any other pin the stray capacitance should not exceed 2 pF.
Fig.5 Typical application diagram.
1997 Apr 16
9
Philips Semiconductors
Product specification
4-digit LCD car clock
PACKAGE OUTLINE VSO40: plastic very small outline package; 40 leads; face down
PCF1171C
SOT158-2
D y c
E
A X
HE Z 40 21 L Lp (A 3)
vM A
A1 Q A2
A
pin 1 index detail X
1 e bp
20 wM
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.70 0.11 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 bp 0.42 0.30 c 0.22 0.14 D (1) 15.6 15.2 E (2) 7.6 7.5 0.30 0.29 e 0.762 0.03 HE 12.3 11.8 0.48 0.46 L 2.25 Lp 1.7 1.5 Q 1.15 1.05 v 0.2 w 0.1 y 0.1 Z (1) 0.6 0.3
0.012 0.096 0.017 0.0087 0.61 0.010 0.004 0.089 0.012 0.0055 0.60
0.067 0.089 0.059
0.045 0.024 0.008 0.004 0.004 0.041 0.012
7o 0o
Note 1. Plastic or metal protrusions of 0.4 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT158-2 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-01-24
1997 Apr 16
10
Philips Semiconductors
Product specification
4-digit LCD car clock
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all VSO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering
PCF1171C
Wave soldering techniques can be used for all VSO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1997 Apr 16
11
Philips Semiconductors
Product specification
4-digit LCD car clock
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
PCF1171C
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Apr 16
12
Philips Semiconductors
Product specification
4-digit LCD car clock
NOTES
PCF1171C
1997 Apr 16
13
Philips Semiconductors
Product specification
4-digit LCD car clock
NOTES
PCF1171C
1997 Apr 16
14
Philips Semiconductors
Product specification
4-digit LCD car clock
NOTES
PCF1171C
1997 Apr 16
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, MUMBAI 400 018, Tel. +91 22 4938 541, Fax. +91 22 4938 722 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA54
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
417087/1200/02/pp16
Date of release: 1997 Apr 16
Document order number:
9397 750 01526


▲Up To Search▲   

 
Price & Availability of PCF1171C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X