Part Number Hot Search : 
SSW1N60A MAX7450 25B64 LT8616 SG3544DW RB715F Z2SMA33 ADAU1701
Product Description
Full Text Search
 

To Download NJM12901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M/A-COM PHI, INC.
PH2729-25M RADAR PULSED POWER TRANSISTOR 25 WATTS, 2.70-2.90 GHz, 100s PULSE, 10% DUTY
OUTLINE DRAWING
FEATURES
NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation High Efficiency Interdigitated Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input and Output Impedance Matching Hermetic Metal/Ceramic Package
ABSOLUTE MAXIMUM RATINGS AT 25C Parameter Symbol Rating
Collector-Emitter Voltage Emitter-Base Voltage Collector Current (Peak) Total Power Dissipation @ +25C Storage Temperature Junction Temperature VCES VEBO IC PTOT TSTG Tj 65 3.0 4.0 120 -65 to +200 200
Units
V V A W C C
ELECTRICAL CHARACTERISTICS AT 25C Parameter Symbol Min
Collector-Emitter Breakdown Voltage Collector-Emitter Leakage Current Thermal Resistance Output Power Power Gain Collector Efficiency Input Return Loss Load Mismatch Tolerance Load Mismatch Stability BVCES ICES RTH(JC) PO GP 65 25 9.2 45 6 -
Max
1.5 1.25 3:1 1.5:1
Units
V mA C/W W dB % dB IC=10mA VCE=40V
Test Conditions
VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz VCC=36 V, Pin=3.0 W, F=2.7, 2.8, 2.9 GHz
RL VSWR-T VSWR-S
BROADBAND TEST FIXTURE IMPEDANCE F (GHz) Z IF () Z OF ()
2.70 2.80 2.90 38 - j14.4 35 - j16.3 33 - j17.8 17.1 - j8.7 15.0 - j8.7 13.3 - j8.3
TEST FIXTURE INPUT CIRCUIT 50 Z IF
TEST FIXTURE OUTPUT CIRCUIT Z OF 50
M/A-COM POWER HYBRIDS OPERATION * 1742 CRENSHAW BLVD * TORRANCE, CA 90501 (310) 320-6160 * FAX (310) 618-9191
TEST FIXTURE ELECTRICAL SCHEMATIC - PH2729-25M
M/A-COM, PHO RESERVES THE RIGHT TO MAKE CHANGES AND IMPROVEMENTS WITHOUT NOTICE.
DS046 Rev 05/25/93


▲Up To Search▲   

 
Price & Availability of NJM12901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X