Part Number Hot Search : 
221K5 P5KE13A D4025L59 SB105G 00120 FQP4P25 30639 KP3500A
Product Description
Full Text Search
 

To Download MT8940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISO-CMOS ST-BUSTM FAMILY
MT8940
T1/CEPT Digital Trunk PLL
Features
* * Provides T1 clock at 1.544 MHz locked to input frame pulse Sources CEPT (30+2) Digital Trunk/ST-BUS clock and timing signals locked to internal or external 8 kHz signal TTL compatible logic inputs and outputs Uncommitted 2-input NAND gate Single 5 volt power supply Low power ISO-CMOS technology
ISSUE 8
March 1997
Ordering Information MT8940AE 24 Pin Plastic DIP (600 mil)
-40C to +85C
* * * *
Description
The MT8940 is a dual digital phase-locked loop providing the timing and synchronization signals for the T1 or CEPT transmission links and the ST-BUS. The first PLL provides the T1 clock (1.544 MHz) synchronized to the input frame pulse at 8 kHz. The timing signals for the CEPT transmission link and the ST-BUS are provided by the second PLL locked to an internal or an external 8 kHz frame pulse signal. The MT8940 is fabricated in MITEL's ISO-CMOS technology.
Applications
* * Synchronization and timing control for T1 and CEPT digital trunk transmission links ST- BUS clock and frame pulse source
F0i DPLL #1 C12i 2:1 MUX
CVb Variable Clock Control CV ENCV
MS0 MS1 MS2 MS3 C8Kb Mode Selection Logic Frame Pulse Control Input Selector 4.096 MHz Clock Control DPLL #2 Clock Generator Ai Bi 2.048 MHz Clock Control F0b
C4b C4o ENC4o
C16i
C2o C2o ENC2o
Yo
VDD
VSS
RST
Figure 1 - Functional Block Diagram
3-27 27
MT8940
ISO-CMOS
ENVC MS0 C12i MS1 F0i F0b MS2 C16i ENC4o C8Kb C4o VSS
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VDD RST CV CVb Yo Bi Ai MS3 ENC2o C2o C2o C4b
Figure 2 - Pin Connections
Pin Description
Pin # 1 Name ENCV Description Variable clock enable (TTL compatible input) - This input (pulled internally to VDD) directly controls the three states of CV (pin 22) under all modes of operation. When HIGH, enables CV and when LOW, puts it in high impedance condition. It also controls the three states of CVb signal (pin 21) if MS1 is LOW. When ENCV is HIGH, the pin CVb is an output and when LOW, it is in high impedance state. However, if MS1 is HIGH, CVb is always an input. Mode select `0' input (TTL compatible) - This input (pulled internally to VSS) in conjunction with MS1 (pin 4) selects the major mode of operation for both DPLLs. (Refer to Tables 1 and 2). Clock 12.355 MHz input (TTL compatible) - Master clock input at 12.355 MHz 100ppm for DPLL #1. Mode select-1 input (TTL compatible) - This input (pulled internally to VSS) in conjunction with MS0 (pin 2) selects the major mode of operation for both DPLLs. (Refer to Tables 1 and 2) Frame pulse input (TTL compatible) - This is the frame pulse input (pulled internally to VDD) at 8 kHz. The DPLL #1 locks to the falling edge of this input to generate T1 (1.544 MHz) clock. Frame pulse Bidirectional (TTL compatible input and Totem-pole output) - Depending on the minor mode selected for the DPLL #2, it provides the 8 kHz frame pulse output or acts as an input (pulled internally to VDD) to an external frame pulse. Mode select-2 input (TTL compatible) - This input (pulled internally to VDD) in conjunction with MS3 (pin 17) selects the minor mode of operation for the DPLL #2. (Refer to Table 3.) Clock 16.388 MHz input (TTL compatible) - Master clock input at 16.388 MHz32 ppm for DPLL #2. Enable 4.096 MHz clock (TTL compatible input) - This active high input (pulled internally to VDD) enables C4o (pin 11) output. When LOW, the output C4o is in high impedance condition.
2
MS0
3 4
C12i MS1
5
F0i
6
F0b
7 8 9
MS2 C16i ENC4o
3-28
ISO-CMOS
Pin Description (continued)
Pin # 10 Name C8Kb Description
MT8940
Clock 8 kHz- Bidirectional (TTL compatible input and open drain output with 100K internal resistor to VDD) - This is the 8 kHz input signal on the rising edge of which DPLL #2 locks during its NORMAL mode. When DPLL #2 is in SINGLE CLOCK mode, this pin outputs an 8 kHz signal provided by DPLL #1, which is also connected internally to DPLL #2. Clock 4.096 MHz (Three state output) - This is the inverse of the signal appearing on pin 13 (C4b) at 4.096 MHz and has a rising edge in the frame pulse (F0b) window. The high impedance state of this output is controlled by ENC4o (pin 9). Ground (0 Volt) Clock 4.096 MHz- Bidirectional (TTL compatible input and Totem-pole output) - When the mode select bit MS3 (pin 17) is HIGH, it provides the 4.096 MHz clock output with the falling edge in the frame pulse (F0b) window. When pin 17 is LOW, C4b is an input (pulled internally to VDD) to an external clock at 4.096 MHz. Clock 2.048 MHz (Three state output) - This is the divide by two output of C4b (pin 13) and has a falling edge in the frame pulse (F0b) window. The high impedance state of this output is controlled by ENC2o (pin 16). Clock 2.048 MHz (Three state output) - This is the divide by two output of C4b (pin 13) and has a rising edge in the frame pulse (F0b) window. The high impedance state of this output is controlled by ENC2o (pin 16). Enable 2.048 MHz clock (TTL compatible input) - This active high input (pulled internally to VDD) enables both C2o and C2o outputs (pins 14 and 15). When LOW, these outputs are in high impedance condition. Mode select 3 input (TTL compatible) - This input (pulled internally to VDD) in conjunction with MS2 (pin 7) selects the minor mode of operation for DPLL #2. (Refer to Table 3.) Inputs A and B (TTL compatible) -These are the two inputs (pulled internally to VSS) of the uncommitted NAND gate. Output Y (Totem pole output) - Output of the uncommitted NAND gate. Variable clock Bidirectional (TTL compatible input and Totem-pole output) - When acting as an output (MS1-LOW) during the NORMAL mode of DPLL #1, this pin provides the 1.544 MHz clock locked to the input frame pulse F0i (pin 5). When MS1 is HIGH, it is an input (pulled internally to VDD) to an external clock at 1.544 MHz or 2.048 MHz to provide the internal signal at 8 kHz to DPLL #2. Variable clock (Three state output) - This is the inverse output of the signal appearing on pin 21, the high impedance state of which is controlled ENCV (pin 1). Reset (Schmitt trigger input) -This input (active LOW) evokes reset condition for the device. VDD (+5V) Power supply.
11
C4o
12 13
VSS C4b
14
C2o
15
C2o
16
ENC2o
17 18,19 20 21
MS3 Ai, Bi Yo CVb
22 23 24
CV RST VDD
3-29
MT8940
ISO-CMOS
The phase sampling is done once in a frame (8 kHz) and the divisions are set at 8 and 193 for DPLL #1, which locks on to the falling edge of the input at 8 kHz to generate T1 (1.544 MHz) clock. Although the phase sampling duration is the same for DPLL #2, the divisions are set at 8 and 256 to provide the CEPT/ST-BUS clock at 2.048 MHz synchronized to the rising edge of the input signal (8 kHz). The master clock source is specified to be at 12.355 MHz 100 ppm for DPLL #1 and 16.388 MHz 32 ppm for DPLL #2 over the entire temperature range of operation. The inputs MS0 to MS3 are used to select the operating mode of the MT8940, see Tables 1 to 4. All the outputs are individually controlled to the high impedance condition by their respective enable controls. The uncommitted NAND gate is available for use in applications involving MITEL's MT8976/MH89760 (T1 interfaces) and MT8979/MH89790 (CEPT interfaces).
Functional Description
The MT8940 is a dual digital phase-locked loop providing the timing and synchronization signals to the interface circuits for T1 and CEPT (30+2) Primary Multiplex Digital Transmission links. As shown in Figure 1, it has two digital phase-locked loops (DPLLs), associated output controls and the mode selection logic circuits. The two DPLLs, although similar in principle, operate independently to provide T1 (1.544 MHz) and CEPT (2.048 MHz) transmission clocks, and ST-BUS timing signals. The principle of operation behind the two DPLLs is shown in Figure 3. A master clock is divided down to 8 kHz where it is compared with the 8 kHz input, and depending on the output of the phase comparison, the master clock frequency is corrected. The MT8940 achieves the frequency correction in both directions by using the master clock at a slightly higher frequency and dividing it unaltered or stretching its period (at two discrete instants in a frame) before the division depending on the phase comparison output. When the input frequency is
Modes of Operation
The operation of the MT8940 is categorized into major and minor modes. The major modes are defined for both DPLLs by the mode select pins MS0 and MS1. The minor modes are selected by MS2 and MS3, and are applicable only to DPLL #2. There are no minor modes for DPLL #1.
Master Clock
(12.355 MHz/ 16.388 MHz)
Frequency Correction
/8
Output
(1.544 MHz / 2.048 MHz)
Major modes of the DPLL #1 DPLL #1 can be operated in three major modes as selected by MS0 and MS1 (Table 1). When MS1 is LOW, it is in NORMAL mode, which provides a T1 (1.544 MHz) clock signal locked to the falling edge of the input frame pulse F0i (8 kHz). DPLL#1 requires a master clock input of 12.355 MHz100 ppm (C12i). In the second and third major modes (MS1 is HIGH), DPLL #1 is set to DIVIDE an external 1.544 MHz or 2.048 MHz signal applied at CVb (pin 21). The division can be set by MS0 to be either 193 (LOW) or 256 (HIGH). In these modes, the 8 kHz output is connected internally to DPLL #2, which operates in SINGLE CLOCK mode. Major modes of the DPLL #2 There are four major modes for DPLL #2 selectable by MS0 and MS1, as shown in Table 2. In all these modes DPLL #2 provides the CEPT PCM 30 timing, and the ST-BUS clock and framing signals. In NORMAL mode, DPLL #2 provides the CEPT and ST-BUS compatible timing signals locked to the rising edge of the 8 kHz input signal (C8Kb). These
Input (8 kHz)
Phase Comparison
/193 / /256
Figure 3 - DPLL Principle higher, the unchanged master clock is divided, thus effectively speeding-up the locally generated clock and eventually pulling it in synchronization with the input. If the input frequency is lower than the divided master clock, the period of the master clock is stretched by half a cycle, at two discrete instants in a phase sampling period. This introduces a total delay of one master clock period over the sampling duration, which is then divided to generate the local signal synchronous with the input. Once the output is phase-locked to the active edge of the input, the circuit will maintain the locked condition as long as the input frequency is within the lock-in range (1.04 Hz) of the DPLLs. The lock-in range is wide enough to meet the CCITT line rate specification (1.544 MHz130ppm and 2.048 MHz 50ppm) for the High Capacity Terrestrial Digital Service.
3-30
ISO-CMOS
signals are the 4.096 MHz (C4o and C4b) and the 2.048 MHz (C2o and C2o) clocks, and the 8 kHz MS0
X
MT8940
Function
MS0
0
MS1
0
Mode of operation
NORMAL
MS1
0
Mode of operation
NORMAL
Function
Provides the T1 (1.544 MHz) clock synchronized to the falling edge of the input frame pulse (F0i). DPLL #1 divides the CVb input by 193. The divided output is connected to DPLL #2. DPLL #1 divides the CVb input by 256. The divided output is connected to DPLL #2.
1
0
0
1
DIVIDE-1
0
1
1
1
DIVIDE-2
Note:
X: indicates don't care
1
1
Table 1. Major Modes of the DPLL #1 frame pulse (F0b), which are derived from the 16.388 MHz master clock. This mode can also provide the ST-BUS timing and framing signals with the input (C8Kb) tied HIGH and the master clock set at 16.384 MHz. The DPLL makes no correction in this configuration and provides the timing signals compatible to the ST-BUS format without any jitter. In FREE-RUN mode, DPLL #2 generates CEPT and ST-BUS timing and framing signals with no external inputs except the master clock set at 16.388 MHz. Since the master clock source is set at a higher frequency than the nominal value, the DPLL makes the necessary corrections to deliver the averaged timing signals compatible to the ST-BUS format. The operation of DPLL #2 in SINGLE CLOCK-1 mode is identical to SINGLE CLOCK-2 mode, providing the CEPT and ST-BUS compatible timing signals synchronized to the internal 8 kHz signal obtained from DPLL#1 in DIVIDE mode. When SINGLE CLOCK-1 mode is selected for DPLL #2, it automatically selects the DIVIDE-1 mode for DPLL #1, and thus, an external 1.544 MHz clock signal applied at CVb (pin 21) is divided by DPLL #1 to generate the internal signal at 8 kHz onto which DPLL #2 locks. Similarly when SINGLE CLOCK-2 mode is selected, DPLL #1 is in DIVIDE-2 mode, with an external signal of 2.048 MHz providing the internal 8 kHz signal to DPLL #2. In both these modes, this internal signal is available on C8Kb (pin 10) and DPLL #2 locks to its falling edge to provide the CEPT and ST-BUS compatible timing signals. This is in contrast to the Normal mode where these timing signals are synchronized with the rising edge of the 8 kHz signal on C8Kb. Minor modes of the DPLL #2 The minor modes for DPLL #2 depends upon the status of the mode select bits MS2 and MS3 (pins 7 and 17).
Provides ST-BUS/CEPT timing signals locked to the rising edge of the 8kHz input signal at C8Kb. FREE-RUN Provides ST-BUS timing and framing signals with no external inputs, except the master clock. SINGLE Provides the CEPT/STCLOCK-1 BUS compatible timing signals locked to the falling edge of the 8kHz internal signal provided by DPLL #1. SINGLE Provides CEPT/ST-BUS CLOCK-2 timing signals locked to the falling edge of the 8kHz internal signal provided by DPLL #1.
Table 2. Major Modes of the DPLL #2 When MS3 is HIGH, DPLL #2 operates in any of the major modes as selected by MS0 and MS1. When MS3 is LOW, it overrides the major mode selected and DPLL #2 accepts an external clock of 4.096 MHz on C4b (pin 13) to provide the 2.048 MHz clocks (C2o and C2o) and the 8 kHz frame pulse (F0b) compatible with the ST-BUS format. The mode select bit MS2, controls the signal direction of F0b (pin 6). When MS2 is LOW, F0b is an input for an external frame pulse at 8 kHz. This MS2
1
MS3
1
Functional Description
Provides ST-BUS 4.096 MHz and 2.048 MHz clocks and 8kHz frame pulse depending on the major mode selected. Provides ST-BUS 4.096 MHz & 2.048 MHz clocks depending on the major mode selected while F0b acts as an input. However, the input on F0b has no effect on the operation of DPLL #2 unless it is in FREE-RUN mode. Overrides the major mode selected and accepts properly phase related external 4.096 MHz clock and 8 kHz frame pulse to provide the ST-BUS compatible clock at 2.048MHz. Overrides the major mode selected and accepts a 4.096 MHz external clock to provide the ST-BUS clock and frame pulse at 2.048 MHz and 8 kHz, respectively.
0
1
0
0
1
0
Table 3. Minor Modes of the DPLL #2 input is effective only if MS3 is also LOW and C4b is accepting a 4.096 MHz external clock, which has a proper phase relationship with the external input on
3-31
MT8940
ISO-CMOS
When MS2 is HIGH, the F0b pin provides the STBUS frame pulse output locked to the 8kHz internal or external signal as determined by the other mode select pins MS0, MS1 and MS3. Table 4 summarizes the modes of the two DPLLs. It should be noted that each of the major modes selected for DPLL #2 can have any of the minor modes, although some of the combinations are functionally similar. The required operation of both DPLL#1 and DPLL#2 must be considered when determining MS0-MS3. Operating Modes
F0b (refer to Figure 15). Otherwise, the input on pin F0b will have no bearing on the operation of DPLL #2, unless it is in FREE-RUN mode as selected by MS0 and MS1. In FREE-RUN mode, the input on F0b is treated the same way as the C8Kb input in NORMAL mode. The frequency of the input signal on F0b should be 16 kHz for DPLL #2 to provide the STBUS compatible clocks at 4.096 MHz and 2.048 MHz.
M O D E #
MS 0
MS 1
MS 2
MS 3
DPLL #1
NORMAL MODE NORMAL MODE NORMAL MODE NORMAL MODE: Provides the T1 (1.544 MHz) clock synchronized to the falling edge of the input frame pulse (F0i). DIVIDE-1 MODE DIVIDE-1 MODE DIVIDE-1 MODE DIVIDE-1 MODE: Divides the CVb input by 193. The divided output is connected to DPLL #2. NORMAL MODE NORMAL MODE
DPLL #2
Properly phase related External 4.096 MHz clock and 8 kHz frame pulse provide the STBUS clock at 2.048 MHz. NORMAL MODE F0b is an input but has no function in this mode. External 4.096 MHz provides the ST-BUS clock and Frame Pulse at 2.048 MHz and 8 kHz, respectively. NORMAL MODE: Provides the CEPT/ST-BUS compatible timing signals locked to the 8 kHz input signal (C8Kb). Same as mode `0'. SINGLE CLOCK-1 MODE F0b is an input, but has no function in this mode. Same as mode 2. SINGLE CLOCK-1 MODE: Provides the CEPT/ST-BUS compatible timing signals locked to the 8 kHz internal signal provided by DPLL #1. Same as mode `0'. F0b is an input and DPLL #2 locks on to it only if it is at 16 kHz to provide the ST-BUS control signals. Same as mode 2. FREE-RUN MODE: Provides the ST-BUS timing signals with no external inputs except the master clock. Same as mode `0'. SINGLE CLOCK-2 MODE: F0b is an input, but has no function in this mode. Same as mode 2. SINGLE CLOCK-2 MODE: Provides the CEPT/ST-BUS compatible timing signals locked to the 8 kHz internal signal provided by DPLL #1.
0 1 2
0 0 0
0 0 0
0 0 1
0 1 0
3 4 5 6 7 8 9 10 11 12 13 14 15
0 0 0 0 0 1 1 1 1 1 1 1 1
0 1 1 1 1 0 0 0 0 1 1 1 1
1 0 0 1 1 0 0 1 1 0 0 1 1
1 0 1 0 1 0 1 0 1 0 1 0 1
NORMAL MODE NORMAL MODE Provides the T1 (1.544 MHz) clock synchronized to the falling edge of input frame pulse (F0i). DIVIDE-2 MODE DIVIDE-2 MODE
DIVIDE-2 MODE DIVIDE-2 MODE: Divides the CVb input by 256. The divided output is connected to DPLL#2.
Table 4. Summary of Modes of Operation - DPLL #1 and #2
3-32
ISO-CMOS
Applications
The following figures illustrate how the MT8940 can be used in a minimum component count approach to providing the timing and synchronization signals for the Mitel T1 and CEPT interfaces, and the ST-BUS. The hardware selectable modes and the independent control over each PLL adds flexibility to the interface circuits. It can be easily reconfigured to provide the timing and control signals for both at the master and slave ends of the link. Synchronization and Timing Signals for the T1 Transmission Link Figures 4 and 5 show examples of how to generate the timing signals for the master and slave ends of a T1 link. At the master end of the link (Figure 4), DPLL #2 is the source of the ST-BUS signals derived from the 4.096 MHz system clock. The frame pulse output is looped back to DPLL #1 (in NORMAL mode), which locks to it to generate the T1 line clock. The timing relationship between the 1.544 MHz T1 clock and the 2.048 MHz ST-BUS clock meets the requirements of the MH89760/760B. The crystal clock at 12.355 MHz is used by DPLL #1 to generate the 1.544 MHz clock, while DPLL #2 uses the 4.096 MHz system clock to provide the ST-BUS timing signals. The ST-BUS signals can also be obtained from DPLL #2 in FREERUN mode, using a crystal clock at 16.388 MHz instead of 4.096 MHz system clock. The
MT8940
uncommitted NAND gate converts the received signals, RxA and RxB of the MH89760 to a single Return to Zero (RZ) input for the clock extraction circuits of the MH89760. This is not required for the MH89760B. The generated ST-BUS signals can be used to synchronize the system and the switching equipment at the master end. At the slave end of the link (Figure 5) both the DPLLs are in NORMAL mode with DPLL #2 providing the ST-BUS timing signals locked to the 8 kHz frame pulse (E8Ko) extracted from the received signal on the T1 line. The regenerated frame pulse is looped back to DPLL #1 to provide the T1 line clock as at the master end. The 12.355 MHz and 16.388 MHz crystal clock sources are necessary for DPLL #1 and #2. Synchronization and Timing Signals for the CEPT Transmission Link The MT8940 can be used to provide the timing and synchronization signals for the MH89790/790B, MITEL's CEPT(30+2) digital trunk interface hybrid. Since the operational frequencies of the ST-BUS and the CEPT primary multiplex digital trunk are same, only DPLL #2 is required to achieve synchronization between the two. Figures 6 and 7 show how the MT8940 can be used to synchronize the ST-BUS and the CEPT transmission link at the master and slave ends, respectively.
Crystal Clock
(12.355 MHz 100 ppm)
MT8980/81 MT8940 MS0 MS1 MS2 MS3 F0i C12i ENCV C8Kb C16i ENC4o ENC2o Ai Bi VSS RST MODE OF OPERATION FOR THE MT8940 DPLL #1 - NORMAL (MS0 = X; MS1 = 0) DPLL #2 - OVERRIDE THE MAJOR MODES (MS2 = 1; MS3 = 0) VDD MH89760 C1.5i C2i C4b C2o TxT F0b Yo RxA RxB RxD TRANSMIT TxR RxT RxR RECEIVE T1 LINK (1.544 Mbps) F0i DSTi DSTo CSTi CSTo ST-BUS SWITCH
CV
4.096 MHz System Clock
(ST-BUS compatible)
Figure 4 - Synchronization at the Master End of the T1 Transmission Link
3-33
MT8940
ISO-CMOS
Crystal Clock
(12.355 MHz 100 ppm)
MT8940 MS0 MS1 MS2 MS3 F0i C12i ENCV C8Kb C16i ENC4o ENC2o Ai Bi VSS F0b Yo RST RxA RxB RxD CV C1.5i C2i C4b F0i DSTi DSTo CSTi CSTo C2o TxT TxR RxT RxR RECEIVE TRANSMIT VDD MH89760
MT8980/81
ST-BUS SWITCH
T1 LINK (1.544 Mbps)
Crystal Clock
(16.388 MHz 32 ppm)
Mode of Operation for the MT8940 DPLL #1 - NORMAL (MS1=0) DPLL #2 - NORMAL (MS0=0; MS1=0; MS2=1; MS3=1)
Figure 5 - Synchronization at the Slave End of the T1 Transmission Link
MT8980/81 MT8940 MS0 MS1 MS2 MS3 F0i C12i 4.096 MHz System Clock (ST-BUS Compatible) ENCV C8Kb C16i ENC4o ENC2o Ai Bi VSS RST F0b RxA RxB Yo RxD C4b C2i C2o F0i DSTi DSTo CSTi0 CSTi1 CSTo OUTA OUTB RxT RECEIVE RxR Mode of Operation for the MT8940 DPLL #1 - NOT USED DPLL #2 - OVERRIDE MAJOR MODES (MS0=X; MS1=X MS2=1; MS3=0) TRANSMIT CEPT PRIMARY MULTIPLEX DIGITAL LINK VDD MH89790 ST-BUS SWITCH
Figure 6 - Synchronization at the Master End of the CEPT Digital Transmission Link Generation of ST-BUS Timing Signals The MT8940 can source the properly formatted STBUS timing and control signals with no external inputs except the crystal clock. This can be used as the standard timing source for ST-BUS systems or any other system with similar clock requirements. Figure 8 shows two such applications using only DPLL #2. In one case, the MT8940 is in FREE-RUN
3-34
mode with an oscillator input of 16.388 MHz. This forces the DPLL to correct at a rate of 4 kHz to maintain the ST-BUS clocks, which therefore, will be jittered. In the other case, the oscillator input is 16.384 MHz (exactly eight times the output frequency) and DPLL #2 operates in NORMAL mode with C8Kb input tied HIGH. Since no corrections are necessary, the output is free from jitter. DPLL #1 is completely free in both cases and available for any other purpose.
ISO-CMOS
MT8940
MT8940 MT8980/81 MS0 MS1 MS2 MS3 F0i C12i ENCV C8Kb C16i ENC4o ENC2o Ai Bi VSS RST F0b RxA RxB Yo RxD C4b C2i C2o F0i DSTi DSTo CSTi0 CSTi1 CSTo OUTA OUTB RxT RECEIVE RxR TRANSMIT CEPT PRIMARY MULTIPLEX DIGITAL LINK VDD MH89790 ST-BUS SWITCH
Crystal Clock
(16.388 MHz 32 ppm)
Mode of Operation for the MT8940 DPLL #1 - NOT USED DPLL #2 - NORMAL (MS0=0; MS1=0; MS2=1; MS3=1)
Figure 7 - Synchronization at the Slave End of the CEPT Digital Transmission Link
MT8940 MS0 MS1 MS2 MS3 F0i C12i Crystal Clock
(16.388 MHz 32 ppm)
VDD
DPLL #1 - NOT USED DPLL #2 - NORMAL MODE (MS0=0; MS1=0; MS2=1; MS3=1) MS0 MS1 MS2 MS3 ST-BUS F0i C12i ENCV C8Kb C16i ENC4o ENC2o Ai Bi DPLL #1 - NOT USED DPLL #2 - NORMAL MODE (MS0=0; MS1=0; MS2=1; MS3=1) VSS
MT8940 VDD
C4o
C4o ST-BUS C4b TIMING C2o SIGNALS C2o F0b RST
C4b TIMING C2o SIGNALS C2o F0b RST Crystal Clock
(16.388 MHz 32 ppm)
ENCV C8Kb C16i ENC4o ENC2o Ai Bi VSS
Figure 8 - Generation of the ST-BUS Timing Signals
3-35
MT8940
ISO-CMOS
Absolute Maximum Ratings*- Voltages are with respect to ground (VSS) unless otherwise stated.
Parameter 1 2 3 4 5 6 7 Supply Voltage Voltage on any pin Input/Output Diode Current Output Source or Sink Current DC Supply or Ground Current Storage Temperature Package Power Dissipation LCC Symbol VDD VI IIK/OK IO IDD/ISS TST PD -65 Min -0.3 VSS-0.5 Max 7.0 VDD+0.5 10 25 50 150 600 Units V V mA mA mA
oC
mW
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions - Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics 1 2 3 4 Supply Voltage Input HIGH Voltage Input LOW Voltage Operating Temperature Sym VDD VIH VIL TA Min 4.75 2.4 VSS -40 25 Typ 5.0 Max 5.25 VDD 0.4 85 Units V V V
oC
Test Conditions
For 400 mV noise margin For 400 mV noise margin
Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
DC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated.
VDD=5.0 V5%; VSS=0V; TA=-40 to 85C.
Characteristics 1 2 3 4 5 6 7 8 9 O U T I N S U P Supply Current Input HIGH voltage (For all the inputs except pin 23) Positive-going threshold voltage (For pin 23) Input LOW voltage (For all the inputs except pin 23) Negative-going threshold voltage (For pin 23) Output current HIGH (For all the outputs except pin 10) Output current LOW (For all the outputs except pin 10) Output current LOW (pin 10) Leakage current on bidirectional pins and all inputs except C12i, C16i, RST Leakage current on all outputs and C12i, C16i, RST inputs
Sym IDD IDDS VIH V+ VIL VIOH IOL IOL IIZ/OZ
Min
Typ 8
Max 15 100
Units mA
Test Conditions
Under clocked condition, with the inputs tied to the same supply rail as the corresponding pull-up / down resistors.
2.0 2.8 0.8 1.5 -9.5 4.5 2.0 150
V V V V mA mA mA A VOH=2.4 V VOL=0.4 V VOL=0.4 V VI/O=VSS or VDD
10
IIZ/OZ
1
10
A
VI/O=VSS or VDD
Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
3-36
ISO-CMOS
MT8940
AC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated. (Ref. Figure 9)
Characteristics 1 2 3 4 5 6 7 8 D P L L #1 Frame pulse input (F0i) to CVb output (1.544 MHz) delay CVb output (1.544 MHz) rise time CVb output (1.544 MHz) fall time CVb output (1.544 MHz) clock period CVb output (1.544 MHz) clock width (HIGH) CVb output (1.544 MHz) clock width (LOW) CV delay (HIGH to LOW) CV delay (LOW to HIGH) Sym tF15H tr1.5 tf1.5 tP15 tW15H tW15L t15HL t15LH 648 320 314 5 -12 Min -40 10 12 Typ Max 75 15 15 690 386 327 30 10 Units ns ns ns ns ns ns ns ns Test load circuit 1 (Fig. 17). Test load circuit 1 (Fig. 17). Test Conditions
Timing is over recommended temperature & power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. VIH VIL tF15H tP15 tf1.5 tW15H CVb VOH VOL tW15L t15HL t15LH CV VOH VOL tr1.5
F0i
Figure 9 - Timing Information for DPLL #1 in NORMAL Mode
AC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated. (Ref. Figure 10)
Characteristics 1 2 3 4 5 C8Kb output (8kHz) delay (HIGH to HIGH) D P L L #1 C8Kb output (8 kHz) delay (LOW to LOW) C8Kb output duty cycle Inverted clock output delay (HIGH to LOW) Inverted clock output delay (LOW to HIGH) Sym tC8HH tC8LL 50 66 50 tICHL tICLH 40 35 75 60 Min Typ Max 130 130 Units ns ns % % ns ns Test Conditions Test load circuit 2 (Fig. 17). Test load circuit 2 (Fig. 17). In Divide -1 Mode In Divide - 2 Mode
Timing is over recommended temperature & power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. 3-37
MT8940
ISO-CMOS
CVb
VIH VIL tICHL VOH VOL tC8HH VOH tC8LL tICLH
CV
C8Kb
VOL
Figure 10 - DPLL #1 in DIVIDE Mode
tWFP VOH VOL tFPL tFPH tfC4 VOH C4b VOL trC4
F0b
t4oLH VOH C4o VOL t42LH t42HL VOH C2o VOL tW2oL t2oLH tW2oH
t4oHL
tP2o tfC2 trC2
t2oHL VOH C2o VOL
Figure 11 - Timing Information on DPLL #2 Outputs
3-38
ISO-CMOS
MT8940
AC Electrical Characteristics-Voltages are with respect to ground (VSS) unless otherwise stated.(Ref. Figures 11&12)
Characteristics 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 D P L L #2 C4b output delay (HIGH to LOW) from C8Kb input/output C4b output clock period C4b output clock width (HIGH) C4b output clock width (LOW) C4b output clock rise time C4b clock output fall time Frame pulse output delay (HIGH to LOW) from C4b Frame pulse output delay (LOW to HIGH) from C4b Frame pulse (F0b) width C4o delay - LOW to HIGH C4o delay - HIGH to LOW C4b to C2o delay (LOW to HIGH) C4b to C2o delay (HIGH to LOW) C2o clock period C2o clock width (HIGH) C2o clock width (LOW) C2o clock rise time C2o clock fall time C2o delay - LOW to HIGH C2o delay - HIGH to LOW Sym t84H tP4o tW4oH tW4oL trC4 tfC4 tFPL tFPH tWFP t4oLH t4oHL t42LH t42HL tP2o tW2oH tW2oL trC2 tfC2 t2oLH t2oHL -5 486 244 233 -10 200 Min -25 240 123 110 Typ Max 75 282 165 123 10 10 50 40 245 45 45 +10 20 523 291 244 10 10 20 30 Units ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Test load circuit 1 (Fig. 10). Test load circuit 1 (Fig. 10). Test load circuit 1 (Fig. 10). Test load circuit 1 (Fig. 17). Test load circuit 1 (Fig. 17). Test load circuit 1 (Fig. 17). Test load circuit 1 (Fig. 17). Test Conditions Test load circuit 2 (Fig. 17) on C8Kb. Test load circuit 1 (Fig. 17).
Timing is over recommended temperature & power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. C8Kb as Output VOH VOL
C8Kb as Input
VIH VIL t84H VOH tW4oH
C4b
VOL tP4o tFPL VOH tFPH tW4oL
F0b
VOL
Figure 12 - ST-BUS Timings from DPLL #2 and C8Kb Input/Output
3-39
MT8940
ISO-CMOS
AC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated. (Ref. Figure 13)
Characteristics 1 CV/CVb (1.544 MHz) Setup time Sym tS15 Min 25 Typ Max Units ns Test Conditions
2 CV/CVb (1.544 MHz) Hold time tH15 110 ns Timing is over recommended temperature & power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
VOH F0b VOL 20 CYCLES VOH C2o VOL tH15 tS15 VOH CV VOL tH15 tS15 VOH CVb VOL Boundary between ST-BUS channel 2 bit 4 and channel 2 bit 3
Figure 13 - F0b from DPLL #2 is Looped Back as Input to DPLL #1 (T1 Line synchronized to ST-BUS)
AC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated. (Ref. Figure 14)
Characteristics 1 2 Master clocks input rise time Master clocks input fall time Sym tr tf tP12 tP16 80.930 61.018 45 -1.5 80.938 61.020 50 Min Typ Max 10 10 80.946 61.022 55 +1.04 Units ns ns ns ns % Hz
With the Master clocks as shown above. For DPLL #1, while operating to provide the T1 clock signal. For DPLL #2, while operating to provide the CEPT and ST-BUS timing signals.
Test Conditions
3 C Master clock period L (12.355MHz) O 4 C Master clock period K (16.388MHz) S 5 Duty Cycle of master clocks 6 Lock-in Range (For each PLL)
Timing is over recommended temperature & power supply voltages Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
tr Master clock inputs 2.4 V 1.5 V 0.4 V tP12 or tP16
tf
Figure 14 - Master Clock Inputs
3-40
ISO-CMOS
MT8940
AC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated. (Ref. Figure 15)
Characteristics 1 2 3 F0b input pulse width (LOW) C4b input clock period Frame pulse (F0b) setup time Sym tWFP tP4o tFS Min 40 .080 25 50 Typ Max Units ns s ns Test Conditions
4 Frame pulse (F0b) hold time tFH 5 ns Timing is over recommended temperature & power supply voltages Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
tWFP VIH F0b VIL tFH VIH C4b VIL tFS tP4o
Figure 15 - External Inputs on C4b and F0b for the DPLL #2
AC Electrical Characteristics - Voltages are with respect to ground (VSS) unless otherwise stated. (Ref. Figure 16)
Characteristics 1 2 3 4 O U T P U T Delay from Enable to Output (HIGH to THREE STATE) Delay from Enable to Output (LOW to THREE STATE) Delay from Enable to Output (THREE STATE to HIGH) Delay from Enable to Output (THREE STATE to LOW) Sym tPHZ tPLZ tPZH tPZL Min Typ 15 10 Max 65 55 40 50 Units ns ns ns ns Test Conditions Test load circuit 3 (Fig.17) Test load circuit 3 (Fig.17) Test load circuit 3 (Fig.17) Test load circuit 3 (Fig.17)
Timing is over recommended temperature & power supply voltages Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. tf 6 ns tr 6 ns 3.0 V 2.7 V 1.3 V 0.3 V tPZL tPLZ Output LOW to OFF Output HIGH to OFF Outputs Enabled 10% tPHZ 90% 1.3 V Outputs Disabled Outputs Enabled tPZH 1.3 V
Enable Input
Figure 16 - Three State Outputs and Enable Timings
3-41
MT8940
ISO-CMOS
AC Electrical Characteristics - Uncommitted NAND Gate
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics 1 2 Propagation delay (LOW to HIGH), input Ai or Bi to output Propagation delay (HIGH to LOW), input Ai or Bi to output
Sym tPLH tPHL
Min
Typ 25 20
Max 40 40
Units ns ns
Test Conditions Test load circuit 1 (Fig. 17) Test load circuit 1 (Fig. 17)
Timing is over recommended temperature & power supply voltages. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing. VDD RL=1k From output under test Test point From output under test Test point From output under test Test point RL=1k S1 A B VSS CL=50pF CL=50pF CL=50pF Note: S1 is in position A when measuring tPLZ and tPZ and in position B when measuring tPHZ and tPZH VDD
Test load circuit- 1
Test load circuit- 2
Test load circuit- 3
Figure 17 - Test Load Circuits
3-42


▲Up To Search▲   

 
Price & Availability of MT8940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X