Part Number Hot Search : 
DTA12 AD797BR 10C12A Q9012 AEP15024 C87F7032 AOXYY C87F7032
Product Description
Full Text Search
 

To Download MT88E41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Obsolescence Notice
This product is obsolete. This information is available for your convenience only. For more information on Zarlink's obsolete products and replacement product lists, please visit
http://products.zarlink.com/obsolete_products/
MT88E41 CMOS Extended Voltage Calling Number Identification Circuit (ECNIC) Data Sheet
Features
* * * * * * * * * * 1200 baud BELL 202 and CCITT V.23 Frequency Shift Keying (FSK) demodulation Compatible with Bellcore GR-30-CORE and SRTSV-002476 High input sensitivity: -36dBm minimum FSK Detection Level Simple serial 3-wire data interface eliminating the need for a UART Power down mode Internal gain adjustable amplifier Carrier detect status output Uses 3.579545 MHz crystal 2.7 - 5.5V operation Low power CMOS technology
DS5717 Issue 3 February 1998
Ordering Information MT88E41AE 16 Pin Plastic DIP MT88E41AS 16 Pin SOIC MT88E41AN 20 Pin SSOP -40 C to +85 C
Description
The MT88E41 Extended Voltage Calling Number Identification Circuit (ECNIC) is a CMOS integrated circuit providing an interface to various calling line information delivery services that utilize 1200 baud BELL 202 or CCITT V.23 FSK voiceband data transmission schemes. The ECNIC receives and demodulates the signal and outputs data into a simple 3-wire serial interface. Typically, the FSK modulated data containing information on the calling line is sent before alerting the called party or during the silent interval between the first and second ring using either CCITT V.23 recommendations or Bell 202 specifications. The ECNIC accepts and demodulates both CCITT V.23 and BELL 202 signals. Along with serial data and clock, the ECNIC provides a data ready signal to indicate the reception of every 8-bit character sent from the Central
Applications
* Calling Number Delivery (CND), Calling Name Delivery (CNAM) and Calling Identity on Call Waiting (CIDCW) features of Bellcore CLASSSM service Feature phones Phone sets, adjunct boxes FAX machines Telephone answering machines Database query systems Battery powered applications
* * * * * *
GS ININ+ + Receive Bandpass Filter FSK Demodulator Data and Timing Recovery
DATA DR DCLK
CAP VRef Bias Generator Carrier Detector CD
Clock Generator
to other circuits
PWDN
OSC1 OSC2
VSS
VDD IC1
IC2
Figure 1 - Functional Block Diagram
CLASSSM is a service mark of Bellcore
SEMICMF.019
1
MT88E41
Data Sheet
Office. The received data can be processed externally by a microcontroller, stored in memory, or displayed as is, depending on the application.
IN+ INGS VRef CAP OSC1 OSC2 VSS
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VDD IC2 IC1 PWDN CD DR DATA DCLK
16 PIN PLASTIC DIP/SOIC
IN+ INGS VRef CAP NC OSC1 NC OSC2 VSS
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VDD IC2 NC NC IC1 PWDN CD DR DATA DCLK
20 PIN SSOP
Figure 2 - Pin Connections
Pin Description Table
Pin # Name 16 1 2 3 4 5 6 7 8 9 20 1 2 3 4 5 7 9 10 11 IN+ INGS VRef Non-inverting Op-Amp (Input). Inverting Op-Amp (Input). Gain Select (Output). Gives access to op-amp output for connection of feedback resistor. Voltage Reference (Output). Nominally VDD/2. This is used to bias the op-amp inputs. Description
CAP Capacitor. Connect a 0.1F capacitor to VSS. OSC1 Oscillator (Input). Crystal connection. This pin can be driven directly from an external clocking source. OSC2 Oscillator (Output). Crystal connection. When OSC1 is driven by an external clock, this pin should be left open. VSS Power supply ground. DCLK Data Clock (Output). Outputs a clock burst of 8 low going pulses at 1202.8Hz (3.5795MHz divided by 2976). Every clock burst is initiated by the DATA stop bit start bit sequence. When the input DATA is 1202.8 baud, the positive edge of each DCLK pulse coincides with the middle of the data bits output at the DATA pin. No DCLK pulses are generated during the start or stop bits. Typically, DCLK is used to clock the eight data bits from the 10 bit data word into a serial-to-parallel converter. DATA Data (Output). Serial data output corresponding to the FSK input and switching at the input baud rate. Mark frequency at the input corresponds to a logic high, while space frequency corresponds to a logic low at the DATA output. With no FSK input, DATA is at logic high. This output stays high until CD has become active. DR Data Ready (Open Drain Output). This output goes low after the last DCLK pulse of each word. This can be used to identify the data (8-bit word) boundary on the serial output stream. Typically, DR is used to latch the eight data bits from the serial-to-parallel converter into a microcontroller. Carrier Detect (Open Drain Output). A logic low indicates that a carrier has been present for a specified time on the line. A time hysteresis is provided to allow for momentary discontinuity of carrier.
10
12
11
13
12
14
CD
2
SEMICMF.019
Data Sheet
Pin Description Table (continued)
Pin # Name 16 13 14 15 16 20 15 16 19 20 6, 8, 17, 18 Description
MT88E41
PWDN Power Down (Input). Active high, Schmitt Trigger input. Powers down the device including the input op-amp and the oscillator. IC1 IC2 VDD NC Internal Connection 1. Connect to VSS. Internal Connection 2. Internally connected, leave open circuit. Positive power supply voltage. No Connection.
SEMICMF.019
3
MT88E41
1.0 Functional Description
Data Sheet
The MT88E41 Extended Voltage Calling Number Identification Circuit (ECNIC) is a device compatible with the Bellcore proposal (GR-30-CORE) on generic requirements for transmitting asynchronous voiceband data to Customer Premises Equipment (CPE) from a serving Stored Program Controlled Switching System (SPCS) or a Central Office (CO). This data transmission technique is applicable in a variety of services like Calling Number Delivery (CND), Calling Name Delivery (CNAM) or Calling Identity Delivery on Call Waiting (CIDCW) as specified in Custom Local Area Signalling Service (CLASSSM) calling information delivery features by Bellcore. With CND, CNAM and CIDCW service, the called subscriber has the capability to display or to store the information on the calling party which is sent by the CO and received by the ECNIC. In the CND service, information about a calling party is embedded in the silent interval between the first and second ring. During this period, the ECNIC receives and demodulates the 1200 baud FSK signal (compatible with Bell-202 specification) and outputs data into a 3-wire serial interface. In the CIDCW service, information about a second calling party is sent to the subscriber, (while the subscriber is engaged in another call). During this period, the ECNIC receives and demodulates the FSK signal as in the CND case. The ECNIC is designed to provide the data transmission interface required for the above service at the called subscriber location either in the on-hook case as in CND, or the off-hook case, as in CIDCW. The functional block diagram of the ECNIC is shown in Figure 1. Note however, for CIDCW applications, a separate CAS (CPE Alerting Signal) detector is required.
C1
R1
IN+ IN-
C2
R4
R5 GS R3 R2
VRef
DIFFERENTIAL INPUT AMPLIFIER MT88E41 C1 = C2 = 10 nF R1 = R4 = R5 = 100 k R2 = 60k, R3 = 37.5 k R3 = (R2R5) / (R2 + R5) INPUT IMPEDANCE VOLTAGE GAIN (AVdiff) = R5/R1 (ZINdiff) = 2 R12 + (1/C)2
Figure 3 - Differential Input Configuration
4
SEMICMF.019
Data Sheet
IN+
MT88E41
C
RIN
IN-
RF
GS
VOLTAGE GAIN (AV) = RF / RIN
VRef
MT88E41
Figure 4 - Single-Ended Input Configuration In Europe, Caller ID and CIDCW services are being proposed. These schemes may be different from their North American counterparts. In most cases, 1200 baud CCITT V.23 FSK is used instead of Bell 202. Because the ECNIC can also demodulate 1200 baud CCITT V.23 with the same performance, it is suitable for these applications. Although the main application of the ECNIC is to support CND and CIDCW service, it may also be used in any application where 1200 baud Bell 202 and/or CCITT V.23 FSK data reception is required.
1.1
Input Configuration
The input arrangement of the MT88E41 provides an operational amplifier, as well as a bias source (VRef) which is used to bias the inputs at VDD/2. Provision is made for connection of a feedback resistor to the op-amp output (GS) for adjustment of gain. In a single-ended configuration, the input pins are connected as shown in Figure 4. Figure 3 shows the necessary connections for a differential input configuration.
1.2
User Interface
The ECNIC provides a powerful 3-pin interface which can reduce the external hardware and software requirements. The ECNIC receives the FSK signal, demodulates it, and outputs the extracted data to the DATA pin. For each received stop bit start bit sequence, the ECNIC outputs a fixed frequency clock string of 8 pulses at the DCLK pin. Each clock rising edge corresponds to the centre of each DATA bit cell (providing the incoming baud rate matches the DCLK rate). DCLK is not generated for the stop and start bits. Consequently, DCLK will clock only valid data into a peripheral device such as a serial to parallel shift register or a micro-controller. The ECNIC also outputs an end of word pulse (data ready) at the DR pin. The data ready signal indicates the reception of every 10-bit word sent from the Central Office. This output is typically used to interrupt a micro-controller. The three outputs together, eliminate the need for a UART (Universal Asynchronous Receiver Transmitter) or the high software overhead of performing the UART function (asynchronous serial data reception). Note that the 3-pin interface may also output data generated by voice since these frequencies are in the input frequency detection band of the device. The user may choose to ignore these outputs when FSK data is not expected, or force the ECNIC into its powerdown mode.
1.3
Power Down Mode
For applications requiring reduced power consumption, the ECNIC can be forced into power down when it is not needed to receive FSK data. This is done by pulling the PWDN pin high. In powerdown mode, the crystal oscillator, op-amp and internal circuitry are all disabled and the ECNIC will not react to the input signal. DATA and DCLK are at logic high, and DR and CD are at high impedance or at logic high when pulled up with resistors.The ECNIC can be awakened for reception of the FSK signal by pulling the PWDN pin to ground (see Figure 9).
SEMICMF.019
5
MT88E41
1.4 Carrier Detect
Data Sheet
The presence of the FSK signal is indicated by a logic low at the carrier detect (CD) output. This output has built in hysteresis to prevent toggling when the received signal is shortly interrupted. Note that the CD output is also activated by voice since these frequencies are in the input frequency detection band of the device. The user may choose to ignore this output when FSK data is not expected, or force the ECNIC into its powerdown mode.
MT88E41 OSC1 OSC2
MT88E41 OSC1 OSC2
MT88E41 OSC1 OSC2
3.579545 MHz
to the next MT88E41
Figure 5 - Common Crystal Connection
1.5
Crystal Oscillator
The ECNIC uses a crystal oscillator as the master timing source for filters and the FSK demodulator. The crystal specification is as follows: Frequency: Frequency tolerance: Resonance mode: Load capacitance: Maximum series resistance: Maximum drive level (mW): e.g. CTS MP036S 3.579545 MHz 0.1%(-40C+85C) Parallel 18 pF 150 ohms 2 mW
A number of MT88E41 devices can be connected as shown in Figure 5 such that only one crystal is required. The connection between OSC2 and OSC1 can be D.C. coupled as shown, or A.C. coupled using 30pF capacitors. Alternatively, the OSC1 inputs on all devices can be driven from a CMOS buffer (dc coupled) with the OSC2 outputs left unconnected.
1.6
VRef and CAP Inputs
VRef is the output of a low impedance voltage source equal to VDD/2 and is used to bias the input op-amp. A 0.1F capacitor is required between CAP and VSS to suppress noise on VRef.
6
SEMICMF.019
Data Sheet
2.0 Applications
MT88E41
The circuit shown in Figure 6 illustrates the use of the MT88E41 device in a typical FSK receiver system. Bellcore Special Report SR-TSV-002476 specifies that the FSK receiver should be able to receive FSK signal levels as follows: Received Signal Level at 1200Hz: -32dBm to -12dBm Received Signal Level at 2200Hz: -36dBm to -12dBm This condition can be attained by choosing suitable values of R1 and R2. The MT88E41 configured in a unity gain mode as shown in Fig. 6 meets the above level requirements. For applications requiring detection of lower FSK signal level, the input op amp may be configured to provide adequate gain.
VDD
C1 R1 IN + IN GS R2 VRef CAP C2 Notes: R1, R2 = 100 k 1% R3, R4 = 100 k 10% C1, C2, C3 = 0.1F 20% X-tal = 3.579545 MHz X-tal
MT88E41 VDD IC2 IC1 PWDN CD DR DATA DCLK To Controller R3 C3 R4
OSC1 OSC2 VSS
Figure 6 - Application Circuit (Single-Ended Input)
SEMICMF.019
7
MT88E41
Absolute Maximum Ratings* - Voltages are with respect to VSS unless otherwise stated.
Parameter 1 2 3 4 5 DC Power Supply Voltage VDD to VSS Voltage on any pin Current at any pin (except VDD and VSS) Storage Temperature Package Power Dissipation Symbol VDD VP I I/O TST PD -65 Min -0.3 -0.3
Data Sheet
Max 6 VDD+0.3 10 +150 500
Units V V mA C mW
*Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions - Voltages are with respect to ground (VSS) unless otherwise stated
Characteristics 1 2 3 4 DC Power Supply Voltage Clock Frequency Tolerance on Clock Frequency Operating Temperature Sym VDD fOSC fc -40 Min 2.7
3.579545
Typ
Max 5.5 0.1 +85
Units V MHz % C
Test Conditions
DC Electrical Characteristics
Characteristics 1
S U P P L Y DATA DCLK DR CD
Sym IDDQ
Min
Typ*
Max
Units A A mA mA V V mA
Test Conditions PWDN=VDD
Standby Supply Current VDD=2.7V VDD=5.5V Operating Supply Current VDD=2.7V VDD=5.5V Low Level Output Voltage High Level Output Voltage Sink Current Schmitt Input High Threshold Schmitt Input Low Threshold
7 15 IDD 1 3 VOL VOH IOL VT+ VTVHYS IIN VRef RRef 0.5VDD - 0.05
VDD-0.4
14 28 2 5 0.4
2
PWDN=VSS
3 4 5
IOL=2.5mA IOH=0.8mA VOL=0.4V
2.5 0.48*VDD 0.28*VDD 0.2 10 0.5VDD + 0.05 2 0.68*VDD 0.48*VDD
V V V A V k VSS VIN VDD No Load
PWDN
6 7 8
VRef
Schmitt Hysterisis Input Current Output Voltage Output Resistance
9
DC Electrical Characteristics are over recommended operating conditions unless otherwise stated. * Typical figures are at 25C and are for design aid only.
8
SEMICMF.019
Data Sheet
Electrical Characteristics - Gain Setting Amplifier
Characteristics 1 2 3 4 5 6 7 8 9 Input Leakage Current Input Resistance Input Offset Voltage Power Supply Rejection Ratio Common Mode Rejection DC Open Loop Voltage Gain Unity Gain Bandwidth Output Voltage Swing Maximum Capacitive Load (GS) Sym IIN Rin VOS PSRR CMRR AVOL fC VO CL RL VCM 50 1.0
VDD-1.0
MT88E41
Min Typ Max 1 5 25 30 30 30 .2 0.5 40 40 32 0.3
VDD-0.5
Units A M mV dB dB dB MHz Vpp pF k V
Test Conditions VSS VIN VDD
1kHz ripple on VDD VCMmin VIN VCMmax
Load 50k
100
10 Maximum Resistive Load (GS) 11 Common Mode Range Voltage
Electrical characteristics are over recommended operating conditions, unless otherwise stated. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics - FSK Detection
Characteristics 1 Input Detection Level 2 Input Baud Rate 3 Input Frequency Detection Bell 202 1 (Mark) Bell 202 0 (Space) CCITT V.23 1 (Mark) CCITT V.23 0 (Space) 4 Input Noise Tolerance 20 log( SNR 20 dB 2, 3, 4, 5 Sym Min -36 12.3 1188 1188 2178 1200 1200 2200 Typ Max -9 275 1212 1212 2222 Units dBm mV baud Hz Hz Hz Hz 1, 2, 3 1, 2, 3 7 Notes*
1280.5 1300 1319.5 2068.5 2100 2131.5
AC Electrical Characteristics are over recommended operating conditions, unless otherwise stated. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
SEMICMF.019
9
MT88E41
AC Electrical Characteristics - Timing
Characteristics 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
DR DCLK DR DCLK DATA DCLK DATA CD PWDN OSC1
Data Sheet
Sym tPU tPD tIAL tIAH
Min
Typ 35 100
Max 50 1000 25
Units ms s ms ms ms 11
Notes*
Power-up time Power-down time Input FSK to CD low delay Input FSK to CD high delay Hysteresis Rate Input FSK to DATA delay Rise time Fall time DATA to DCLK delay DCLK to DATA delay Frequency High time Low time DCLK to DR delay Rise time Fall time Low time
8 8 1188 1200 1 1212 5 200 200 6 6 1200 416 416 1202.8 416 416 416 1205 417 417 417 10 200 415 416 417
bps ms ns ns s s Hz s s s s ns s
6,12
tIDD tR tF tDCD tCDD tCH tCL tCRD tRR tFF tRL
8 8 6, 7, 10 6, 7, 10 7 7 7 7 9 9 7
415 415 415
AC Electrical Characteristics are over recommended operating conditions unless otherwise stated. Typical figures are at 25C and are for design aid only, not guaranteed and not subject to production testing. *Notes: 1. dBm=decibels above or below a reference power of 1mW into 600. 2. Using unity gain test circuit shown in Figure 6. 3. Mark and Space frequencies have the same amplitude. 4. Band limited random noise (200-3200Hz). 5. Referenced to the minimum input detection level. 6. FSK input data at 1200 12 baud. 7. OSC1 at 3.579545 MHz 0.2%. 8. 10k to VSS, 50pF to VSS. 9. 10k to VDD, 50pF to VSS. 10. Function of signal condition. 11. The device will stop functioning within this time, but more time may be required to reach IDDQ. 12. For a repeating mark space sequence, the data stream will typically have equal 1 and 0 bit durations.
10
SEMICMF.019
Data Sheet
tDCD tR DATA tCDD
MT88E41
tF
DCLK tCL tR tCH tF
Figure 7 - DATA and DCLK Output Timing
tFF
tRR
DR tRL
Figure 8 - DR Output Timing
SEMICMF.019
11
MT88E41
2 sec channel seizure Mark state checksum
Data Sheet
TIP/RING First Ringing 500ms (min)
Input FSK Data 200ms (min)
Second Ringing
PWDN
tPU tPD OSC2
CD *
tIAL
tIAH
DATA High (Input Idle) High (Input Idle)
DCLK
DR * * with external pull-up resistor
Figure 9 - Input and Output Timing (Bellcore CND Service)
12
SEMICMF.019
Data Sheet
start stop TIP/RING b7 tIDD start DATA b7 stop b0 b1 b2 b3 b4 b5 b6 b7 stop start b0 b1 b2 b3 b4 b5 b6 b7 1 0 b0 b1 b2 b3 b4 b5 b6 b7 start stop 1 0 b0 b1 b2 b3 b4 b5 b6 b7
MT88E41
start stop 1 0 b0 b1 b2
start b0 b1 b2 stop
DCLK tCRD DR *
* with external pull-up resistor
Figure 10 - Serial Data Interface Timing
SEMICMF.019
13
MT88E41
Data Sheet
14
SEMICMF.019
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of MT88E41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X