Part Number Hot Search : 
ST72324 CDRH8 P108718 080CT P108718 OQ2545 05EVAL 2SD24
Product Description
Full Text Search
 

To Download MT8843 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
CMOS
MT8843
Calling Number Identification Circuit 2 Preliminary Information
Features
* Compatible with British Telecom (BT) SIN227 & SIN242, Cable Television Association (CTA) TW/P&E/312, and Bellcore TR-NWT-000030 & SR-TSV-002476 Ring and line reversal detection Bellcore "CPE Alerting Signal (CAS)" and BT "Idle State Tone Alert Signal" detection 1200 baud BELL 202 and CCITT V.23 Frequency Shift Keying (FSK) demodulation High input sensitivity Dual mode 3-wire data interface Low power CMOS with powerdown mode Input gain adjustable amplifier Carrier detect status output Uses 3.58 MHz crystal or ceramic resonator BT Calling Line Identity Presentation (CLIP), CTA CLIP, and Bellcore Calling Identity Delivery (CID) systems Feature phones, including Analog Display Services Interface (ADSI) phones Phone set adjunct boxes FAX and answering machines Database query and Computer Telephony Integration (CTI) systems
ISSUE 1
February 1995
Ordering Information MT8843AE 24 Pin Plastic DIP MT8843AS 24 Pin SOIC -40 C to +85 C
* * * * * * * * * *
Description
The MT8843 Calling Number Identification Circuit 2 (CNIC2) is a low power CMOS integrated circuit intended for receiving physical layer signals transmitted according to BT (British Telecom) SIN227 & SIN242, CTA (Cable TV Association) TW/ P&E/312 and Bellcore TR-NWT-000030 & SR-TSV002476 specifications. The CNIC2 provides all the features and functions offered by Mitel's MT8841 (CNIC), including 1200 baud BELL 202 and CCITT V.23 FSK demodulation. The 3-wire serial FSK interface provided by CNIC has been enhanced to operate in two modes. The first mode is the CNIC compatible mode whereby data transfer is initiated by the device. The new, second mode allows a microcontroller to extract 8-bit data words from the device. Furthermore, CNIC2 offers Idle State Tone Alert Signal and line reversal detection capability for BT's CLIP, ring burst detection for CTA's CLIP, and ring detection for Bellcore's CID.
Applications
* * * *
FSKen IN+ INGS + -
MODE DCLK DATA DR
Anti-alias Filter
FSK Bandpass Filter
FSK Demodulator
Data Timing Recovery
To internal cct.
VRef CAP PWDN
Bias Generator
Carrier Detector Interrupt Generator Alert Signal High Tone Filter
CD INT
To internal cct.
Alert Signal Low Tone Filter Oscillator
Tone Detection Algorithm
Guard Time
StD St/GT ESt VDD VSS
OSCin OSCout TRIGin
TRIGRC
TRIGout
Figure 1 - Functional Block Diagram
5-21
Preliminary Information
Pin Description
Pin # 18 Name DR Description
MT8843
3-wire FSK Interface Data Ready (CMOS Output). Active low.This output goes low after the last DCLK pulse of each word. This identifies the data (8-bit word) boundary on the serial output stream. Typically, DR is used to latch 8-bit words from the serial-to-parallel converter into a microcontroller. Carrier Detect (CMOS Output). Active low. A logic low indicates the presence of in-band signal at the output of the FSK bandpass filter. Interrupt (Open Drain Output). Active low. It is active when TRIGout or DR is low, or StD is high. This output stays low until all three signals have become inactive. Dual Tone Alert Signal Delayed Steering Output. When high, it indicates that a guard time qualified alert signal has been detected. Dual Tone Alert Signal Early Steering Output. Alert signal detection output. Used in conjunction with St/GT and external circuitry to implement detect and non-detect guard times. Dual Tone Alert Signal Steering Input/Guard Time (Analog Input/CMOS Output). A voltage greater than V TGt detected at St causes the device to register the detected tone pair and update the output latch. A voltage less than V TGt frees the device to accept a new tone pair. The GT output acts to reset the external steering time-constant; its state is a function of ESt and the voltage on St. Positive Power Supply. alert signal as well as to receive and demodulate the incoming CCITT V.23 FSK signals. TW/P&E/312 proposes an alternate CDS TE interface available for use in the CTA network. According to TW/P&E/312, data is transmitted after a single burst of ringing rather than before the first ringing cycle (as specified in SIN227). The Idle State Tone Alert Signal is not required as it is replaced with a single ring burst. CNIC2 has the capability to detect the ring burst. It is also able to demodulate either Bell-202 or CCITT V.23 FSK data following the ring burst, as specified by the CTA. TR-NWT-000030 specifies generic requirements for transmitting asynchronous voiceband data to Customer Premises Equipment (CPE). SR-TSV002476 describes the same requirements from the CPE's perspective. The data transmission technique specified in both documents is applicable in a variety of services like Calling Number Delivery (CND), Calling Name Delivery (CNAM) and Calling Identity Delivery on Call Waiting (CIDCW) - services promoted by Bellcore. In CND/CNAM service, information about a calling party is embedded in the silent interval between the first and second ring. CNIC2 detects the first ring and can then be setup to receive and demodulate the incoming Bell-202 FSK data. The device will output the demodulated data onto a 3-wire serial interface.
19 20 21 22
CD INT StD ESt
23
St/GT
24
V DD
Functional Overview
The MT8843 Calling Number Identification Circuit 2 (CNIC2) is a device compatible with BT, CTA and Bellcore specifications. As shown in Figure 1, CNIC2 provides an FSK demodulator as well as a 3-wire serial interface similar to that of it's predecessor, the MT8841 (CNIC). The 3-wire interface has been enhanced to provide two modes of operation - a mode whereby data transfer is initiated by the device and a mode whereby data transfer is initiated by an external microcontroller. In addition to supporting all the features and functions offered by MT8841, CNIC2 provides line reversal detection, ring detection and dual tone alert signal detection capability. These new functions eliminate some external application circuitry previously required with the MT8841 (CNIC). SIN227 and SIN242 specify the signalling mechanism between a network and a Terminal Equipment (TE) providing Caller Display Service (CDS). CDS provides Calling Line Identity Presentation (CLIP), that is, delivery of the identity of the caller when a telephone call arrives, before the start of ringing (in the Idle State). An incoming CDS call is indicated by a polarity reversal on the A and B wires (line reversal), followed by an Idle State Tone Alert Signal. CNIC2 has the capability to detect both the reversal and
5-23
Preliminary Information
The diode bridge shown in Figure 3 half wave rectifies a single ended ring signal. Full wave rectification is achieved if the ringing is balanced. A fraction of the ring voltage is applied to the TRIGin input. When the voltage at TRIGin is above the Schmitt trigger high going threshold V T+, TRIGRC is pulled low as C3 discharges. TRIGout stays low as long as the C3 voltage stays below the minimum VT+. In a CPE designed for CND/CNAM, TRIGout high to low transition may be used to interrupt or wake up the microcontroller. The controller can thus be put into sleep mode to conserve power. Dual Tone Alert Signal Detection According to SIN227 the Idle State Tone Alert Signal allows more reliable detection of Caller Display Service signals. The Idle State Tone Alert Signal follows the line reversal and a silence period. The characteristics of the BT's idle state alerting tone is shown in Table 1.
MT8843
Bellcore specifies a similar dual tone alert signal called CPE Alerting Signal (CAS) for use in off-hook data transmission. Bellcore states that the CPE should be able to detect, in the presence of voice, the CPE Alerting Signal. The dual tone alert signal is separated into the high and low tones with two bandpass filters. A detection algorithm examines the two filter outputs to determine the presence of a dual tone alert signal. The ESt pin goes high when both tones are present. Detect and non-detect guard times can be implemented with external RC components. The guard times improve detection performance by rejecting signals of insufficient duration and masking momentary detection dropout. StD is the guard time qualified detector output. * Dual Tone Detection Guard Time
When the dual tone alert signal is detected by the CNIC2, ESt is pulled high. When the alerting signal ceases to be detected, ESt goes low. Figure 4 shows the relationship between the St/GT, ESt and StD pins. It also shows the operation of a guard time circuit. The guard time circuit improves detection performance by rejecting detections of insufficient duration and by allowing momentary ESt dropouts once the duration criterion has been met. The total recognition time is t REC = tGP + t DP, where tGP is the tone present guard time and tDP is the tone present detect time (refer to timing between ESt, St/ GT and StD in Figures 15 and 18). The total tone absent time is tABS = tGA + tDA, where tGA is the tone absent guard time and tDA is the tone absent detect time (refer to timing between ESt, St/ GT and StD in Figures 15 and 18). Bellcore states that it is desirable for an off-hook capable CPE to have a CAS detector on/off switch. The switch was conceived so that a subscriber who disconnects a service that relies on CAS detection (e.g., CIDCW), but retains the CPE, can turn off the detector and not be bothered by false detection. SW1 in Figure 4 performs the above function. In the B position, the comparator input, hence StD, is always low. The CAS detector will not be enabled and its output will not cause interrupts (except for the system power up condition described in section "Interrupt" on page 28'). BT states that the idle state tone alert signal recognition time should be no less than 20ms when
5-25
Item Low tone frequency High tone frequency Received signal level
BT 2130Hz 1.1% 2750Hz1.1%
Bellcore 2130Hz 0.5% 2750Hz0.5%
-2dBV to -40dBV -14dBm to -32dBm per tone on-hooka per tone off-hook (0.22dBmb to -37.78dBm) -46dBV (-43.78dBm) up to 7dB -45dBm up to 6dB
Signal reject level Signal level differential (twist) Unwanted signals Duration Speech present
<= -20dB (300-3400Hz) 88ms to 110msd No
<= -7dBm ASL near end speech 75ms to 85ms Yes
c
Table 1. Dual Tone Alert Signal Characteristics
a. The off-hook signal level is -15dBm to -34dBm per tone to be specified in the BT CIDCW specification in the future. b. The signal power is expressed in dBm referenced to 600 ohm at the CPE A/B (tip/ring) interface. c. ASL = active speech level expressed in dBm referenced to 600 ohm at the CPE tip/ring interface. The level is measured according to method B of Recommendation P.56 "Objective Measurement of Active Speech Level" published in the CCITT Blue Book, volume V "Telephone Transmission Quality" 1989. EPL (Equivalent Peak Level) = ASL+11.7dB d. SIN227 suggests that the recognition time should be not less than 20ms if both tones are detected.
Preliminary Information
Note that signals such as dual tone alert signal, speech and DTMF tones lie in the same frequency band as FSK. They will, therefore, be demodulated and as a result, false data will be generated. To avoid demodulation of false data, an FSKen pin is provided so that the FSK demodulator may be disabled when FSK signal is not expected. The FSK characteristics described in Table 2 have been specified in BT and Bellcore specifications. The BT signal frequencies correspond to CCITT V.23. The Bellcore frequencies correspond to Bell 202. CTA requires that the TE be able to receive both CCITT V.23 and Bell 202, as specified in the BT and Bellcore specifications. CNIC2 is compatible with both formats with no external intervention. * 3-wire User Interface
MT8843
The MT8843 provides a powerful dual mode 3-wire interface so that the 8-bit data words in the demodulated FSK bit stream can be extracted without the need either for an external UART (Universal Asynchronous Receiver Transmitter) or for the TE/CPE's microcontroller to perform the UART function in software (asynchronous serial data reception). The interface is specifically designed for the 1200 baud rate and is comprised of the DATA, DCLK (data clock) and DR (data ready) pins. Two modes (modes 0 and 1) are selectable via control of the device's MODE pin: in mode 0, data transfer is initiated by the CNIC2; in mode 1, data transfer is initiated by the external microcontroller. Mode 0 This mode is selected when the MODE pin is low. It is the CNIC (MT8841) compatible mode where data transfer is initiated by the device. In this mode, CNIC2 receives the FSK signal, demodulates it, and outputs the extracted data to the DATA pin (refer to Figure 12). For each received stop and start bit sequence, the CNIC2 outputs a fixed frequency clock string of 8 pulses at the DCLK pin. Each clock rising edge occurs in the centre of each DATA bit cell. DCLK is not generated for the stop and start bits. Consequently, DCLK will clock only valid data into a peripheral device such as a serial to parallel shift register or a micro-controller. CNIC2 also outputs an end of word pulse (data ready) at the DR pin. The data ready signal indicates the reception of every 10-bit word sent from the network to the TE/ CPE. This DR signal is typically used to interrupt a micro-controller. Mode 1 This mode is selected when the MODE pin is high. In this mode, the microcontroller supplies read pulses (DCLK) to shift the 8-bit data words out of the MT8843, onto the DATA pin. CNIC2 asserts DR to denote the word boundary and indicate to the microprocessor that a new word has become available (refer to Figure 14). Internally, the MT8843's demodulated data bits are sampled and stored. After the 8th bit, the word is parallel loaded into an 8 bit shift register and DR goes low. The shift register's contents are shifted out to the DATA pin on DCLK's rising edge in the order they were received. If DCLK begins while DR is low, DR will return to high upon the first DCLK. This feature allows the associated interrupt (see section on "Interrupt") to be
Item Mark frequency (logic 1) Space frequency (logic 0) Received signal level mark Received signal level space Signal level differential (twist) Unwanted signals Transmission rate Word format
BT 1300Hz 1.5% 2100Hz 1.5% -8dBV to -40dBV (-5.78dBm to -37.78dBm) -8dBV to -40dBV up to 6dB
Bellcore 1200Hz 1% 2200Hz 1% -12dBma to -32dBm
-12dBm to -36dBm up to 10dBb
<= -20dB (300-3400Hz) 1200 baud 1% 1 start bit (logic 0), 8 bit word (LSB first), 1 to 10 stop bits (logic 1)
<= -25dB (200-3200Hz)c 1200 baud 1% 1 start bit (logic 0), 8 bit word (LSB first), 1 stop bit (logic 1)d
Table 2. FSK Characteristics
a. The signal power is expressed in dBm referenced to 600 ohm at the CPE tip/ring (A/B) interface. b. TR-NWT-000030, Bulletin No. 1 c. The frequency range is specified in TR-NWT-000030. d. Up to 20 marks may be inserted in specific places in a single or multiple data message.
CNIC2 will meet these characteristics with its input op-amp at unity gain.
5-27
Preliminary Information
The crystal specification is as follows:
MT8843
Applications
The circuit shown in Figure 9 illustrates the use of the MT8843 (CNIC2) device in a typical CID or CLIP system. Network protection will differ depending on the market for which the product is designed. Notes: CNIC2 has not been fully characterized for talkoff and talkdown performance as specified in SR-TSV002476. For CIDCW, speech immunity improves if near end audio is cancelled from the incoming signal. One possible implementation is to connect the signal input to the 2 wire side when the CPE is on-hook and the 4 wire side when the CPE is off-hook.
Frequency: Frequency tolerance: Resonance mode: Load capacitance: Maximum series resistance: Maximum drive level (mW): e.g., CTS MP036S
3.579545 MHz 0.1%(-40C+85C) Parallel 18 pF 150 ohms 2 mW
Any number of MT8843 devices can be connected as shown in Figure 8 such that only one crystal is required. The connection between OSC2 and OSC1 can be D.C. coupled as shown, or the OSC1 inputs on all devices can be driven from a CMOS buffer (dc coupled) with the OSC2 outputs left unconnected. VRef and CAP Inputs VRef is the output of a low impedance voltage source equal to VDD/2 and is used to bias the input op-amp. A 0.1F capacitor is required between CAP and VSS to suppress noise on VRef.
+5V
TIP / A
For BT network protection: TISP4180, TISP5180, TPA150A12 or TPB150B12
+5V 34K MT8843 CNIC2 IN+ 0.1F VDD St/GT ESt StD INT CD DR DATA DCLK FSKen PWDN IC
420K 420K
430K 0.01F +5V
Notes RING / B
53K6
430K 0.01F
34K +5V
60K4
464K
INGS VRef CAP
+5V
100K
500K 0.1F 500K R 0.33F
TRIGin TRIGRC TRIGout MODE 0.1F OSCin OSCout VSS
500K 0.1F
200K C 300K
= To microcontroller
Note: For CTA applications where there is a requirement to determine the ring burst duration, the value of R and C may have to be optimized.
= From microcontroller (FSK Interface Mode 0 selected)
Figure 9 - Application Circuit
5-29
0.1F
Preliminary Information
DC Electrical Characteristics
Characteristics 8
TRIGout, DCLK, DATA, DR, CD, StD, ESt , St/GT TRIGRC, INT IN+, IN-, TRIGin PWDN, DCLK, MODE, FSKen Sym
MT8843
Min 2.5 Max Units mA
Test Conditions
Output Low Sinking Current
IOL
VOL=0.1*VDD
9
Input Current
Iin1 Iin2
1 10
A A
Vin=VDD or VSS See Note 1 Vin=VDD or VSS See Note 1 Vout =VDD or VSS See Note 1
10 11 12 13 14
TRIGRC INT St/GT VRef
Output High-Impedance Current
Ioz1 Ioz2 Ioz3
1 10 5 0.5VDD 0.05 0.5VDD0.05 0.5VDD+ 0.05 0.5VDD+ 0.05
A A A V V
Output Voltage Comparator Threshold Voltage
VRef VTGt
No Load
St/GT
DC Electrical Characteristics are over recommended operating conditions unless otherwise stated. Note 1 - Magnitude measurement, ignore signs.
5-31
Preliminary Information
Electrical Characteristics - Gain Setting Amplifier
Characteristics 1 2 3 4 5 6 7 8 9 Input Leakage Current Input Resistance Input Offset Voltage Power Supply Rejection Ratio Common Mode Rejection DC Open Loop Voltage Gain Unity Gain Bandwidth Output Voltage Swing Maximum Capacitive Load (GS) Sym IIN Rin VOS PSRR CMRR AVOL fC VO CL RL VCM 50 1.0
VDD-1.0
MT8843
Min
Typ
Max 1
Units A M
Test Conditions VSS VIN VDD
10 25 40 40 32 0.3 0.5
VDD-0.5
mV dB dB dB MHz Vpp pF k V Load 50k 1kHz ripple on VDD VCMmin VIN VCMmax
100
10 Maximum Resistive Load (GS) 11 Common Mode Range Voltage
Electrical characteristics are over recommended operating conditions, unless otherwise stated. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics - FSK Detection
Characteristics 1 Input Detection Level Sym Min -40 -37.78 10.0 1188 1188 2178 1200 1200 2200 Typ Max Units Notes* -8 dBVa 1 -5.78 dBmb 398.1 mVrms 1212 1212 2222 baud Hz Hz Hz Hz dB 1,2
2 Transmission Rate 3 Input Frequency Detection Bell 202 1 (Mark) Bell 202 0 (Space) CCITT V.23 1 (Mark) CCITT V.23 0 (Space) 4 Input Noise Tolerance SNRFSK
1280.5 1300 1319.5 2068.5 2100 2131.5 20
a. dBV = decibels above or below a reference voltage of 1Vrms. b. dBm = decibels above or below a reference power of 1mW into 600 ohms. 0dBm = 0.7746Vrms. *Notes 1. Both mark and space have the same amplitude. 2. Band limited random noise (200-3400Hz). Present when FSK signal is present. Note that the BT band is 300-3400Hz, the Bellcore band is 200-3200Hz. AC Electrical Characteristics are over recommended operating conditions, unless otherwise stated. Typical figures are at 25C and are for design aid only: not guaranteed and not subject to production testing.
5-33
Preliminary Information
MT8843
tDCD tR tDH, tDL
tCDD tF
DATA
VHM VCT VLM VHM VCT VLM
tCL tR tCH
DCLK
tF
Figure 10 - DATA and DCLK Mode 0 Output Timing*
* VHM=0.7*VDD, VLM=0.3*VDD, VCT =0.5*VDD
tRF
tRR
DR tRL
VHM VCT VLM
Figure 11 - DR Output Timing*
* VHM=0.7*VDD, VLM=0.3*VDD, VCT =0.5*VDD start stop A/B WIRES b7
tIDD
start stop b0 b1 b2 b3 b4 b5 b6 b7 1 0 b0 b1 b2 b3 b4 b5 b6 b7
start stop 1 0 b0 b1 b2
1
0
start DATA b7 stop b0 b1 b2 b3 b4 b5 b6 b7
start b0 b1 b2 b3 b4 b5 b6 b7 stop 1/fDCLK0
start b0 b1 b2 stop
DCLK tRL
tCRD
DR
Figure 12 - Serial Data Interface Timing (MODE 0)
5-35
Preliminary Information
MT8843
Alerting Signal Line Reversal
Ch. seizure A/B Wires
Mark
Data Packet
Ring
A
B
C
D
E
F
G
Note 4
TRIGout
PWDN
tDP
ESt
Note 5
tDA
Note 6 50-150ms
tGP
St/GT
tGA VTGt tABS
(Note 1)
tREC
StD
TE DC load
151ms <120A 205ms < 0.5mA (optional) Current wetting pulse (see SIN227) Zss (Refer to SIN227) Note 2
TE AC load
FSKen
Note 3
tCP
CD
tCA A 100ms B = 88-110ms C 45ms (up to 5sec) D = 80-262ms E = 45-75ms F 2.5sec (typ. 500ms) G > 200ms Note: All values obtained from SIN227 Issue 1
DR
DCLK
DATA
..101010..
Data
OSCout
Figure 15 - Input and Output Timing for BT Caller Display Service (CDS), e.g., CLIP
Notes: 1) By choosing tGA=15ms, tABS will be 15-25ms so that the current wetting pulse and AC load can be applied right after the StD falling edge. 2) SIN227 specifies that the AC and DC loads should be removed between 50-150ms after the end of the FSK signal, indicated by CD returning to high. The CNIC2 may also be powered down at this time. 3) FSKen should be set low when FSK is not expected to prevent the FSK demodulator from reacting to other in-band signals such as speech, tone alert signal and DTMF tones. 4) TRIGout is the ring envelope during ringing. 5) The total recognition time is tREC = tGP + tDP, where tGP is the tone present guard time and tDP is the tone present detect time (refer to section "Dual Tone Detection Guard Time" on page 25 for details). 6) The total tone absent time is tABS = tGA + tDA, where tGA is the tone absent guard time and tDA is the tone absent detect time (refer to section "Dual Tone Detection Guard Time" on page 25 for details). V TGt is the comparator threshold (refer to Figure 4).
5-37
Preliminary Information
MT8843
TIP/RING
1st Ring A B
Ch. seizure C
Mark D
Data Packet E F
2nd Ring
TRIGout
Note 4
PWDN
Note 1
Note 3
Note 1
OSCout
FSKen
Note 2
t CP
tCA
CD
DR
DCLK ..101010..
A = 2sec typical B = 250-500ms C = 250ms D = 150ms E = feature specific Max C+D+E = 2.9 to 3.7sec F 200ms
Data
DATA
Figure 17 - Input and Output Timing for Bellcore On-hook Data Transmission Associated with Ringing, e.g., CID
Notes: This on-hook case application is included because a CIDCW (off-hook) CPE should also be capable of receiving on-hook data transmission (with ringing) from the end office. TR-NWT-000575 specifies that CIDCW will be offered only to lines which subscribe to CID. 1) The CPE designer may choose to enable the CNIC2 only after the end of ringing to conserve power in a battery operated CPE. CD is not activated by ringing. 2) The CPE designer may choose to set FSKen always high while the CPE is on-hook. Setting FSKen low prevents the FSK demodulator from reacting to other in-band signals such as speech, CAS or DTMF tones. 3) The microcontroller in the CPE powers down the CNIC2 after CD has become inactive. 4) The microcontroller times out if CD is not activated.
5-39


▲Up To Search▲   

 
Price & Availability of MT8843

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X