Part Number Hot Search : 
LC864312 F103C8T6 2SA673 1875EEG TT5665 1H224K CU351A SMBJ16A
Product Description
Full Text Search
 

To Download MN662741RH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 For Audio Equipment
MN662741RH
Signal Processing LSI for CD Players
Overview
The MN662741RH is a CD signal processing LSI that, on a single chip, combines an optics servo for the CD player (focus, tracking, and traverse servos), digital signal processing (EFM demodulation and error correction), digital servo processing for the spindle motor, digital filter, and D/A converter, so thus covers all signal processing functions from the head's RF amplifier onward. (Spindle motor servo) CLV digital servo (Audio circuits) Digital filter using 8-fold oversampling Built-in D/A converter (1-bit D/A converter) Built-in differential operational amplifier (2nd order low pass filter) (Other) Built-in playback pitch control function (13%) Operating voltage 4.0 to 5.5V
Features
(Optics servo) Focus, tracking, and traverse servos Automatic adjustment functions for FO/TR gain, FO/TR offset, and FO/TR balance Built-in D/A converter for drive voltage output Built-in dropout countermeasures Anti-shock functions Built-in track cross counter Support for both linear motor and screw-based traverse mechanisms Support for 3-and 1-beam systems (Digital signal processing) Built-in DSL and PLL Frame synchronization detection, holding, and insertion Subcode data processing Q data CRC check Built-in Q data register CIRC error detection and correction C1 decoder: duplex error correction C2 decoder: triplex error correction Built-in 16-K bits of RAM for use in de-interleaving Audio data interpolation Four-sample average, hold of previous values Soft muting Digital attenuation (256 levels) Software attenuation (256 levels) Audio data peak level detection function Auto cue detection function Digital audio interface (EIAJ format) Audio data serial interface for input and output
Applications
CD Players
MN662741RH
Block Diagram
51 AVSS2 50 AVDD2 79 LRCKIN/MSEL BCLKIN/SSEL 80 78 SRDATEIN/PSEL 70 66 67 13 62 56 55 68 69 CIRC ERROR CORRECTION 16K SRAM DEINTERLEAVE
For Audio Equipment
8 TIMES OVER SAMPLING DIGITAL FILTER
75 PWM (R)
- +
DIGITAL DEEMPHASIS
OUTR
1 BIT DAC LOGICS
73 PWM (L)
- +
OUTL
IOSEL CLVS CRC BLKCK CLDCK SBCK SUBC DEMPH RESY FLAG6/RESY
74 AVSS1 72 AVDD1 65 FLAG 64 IPFLAG
DIGITAL AUDIO INTERFACE
6
TX
SUBCODE BUFFER
CLV SERVO
EFM DEMODULATION SYNC INTERPOLATION SUBCODE DEMODULATION
80 SSEL 14 SQCK 15 SUBQ PCK EFM PLLF DSLF IREF DRF ARF RSEL PSEL 53 52 48 47 45 46 44 76 78
24 23
ECM PC
9 MLD 7 MCLK 8 MDATA VCO SERVO CPU CK384/EFM 49 VCOF SMCK FCLK PMCK CSEL MSEL X2 X1 STAT 19 63 20 77 79 59 58 17
2 LRCK 3 SRDATA 1 BCLK 16 DMUTE 21 TRV 26 KICK 29 V 61 REF BYTCK/TRVSTOP 25 ECS 22 TVD 27 TRD 28 FOD 31 TBAL 30 FBAL 54 TOFS 41 TES 12 TLOCK 11 FLOCK 42 PLAY 40 LDON 43 WVEL 10 SENSE
DSL*PLL
INTERPOLATION SOFT MUTING DIGITAL ATTENUATION PEAK DETECT AUTO CUE
VCO
MICROCOMPUTER INTERFACE
TIMING GENERATOR PITCH CONTROL
A/D CONVERTER 60 57 4 5 18 71 32 FE 33 TE 34 RFENV
INPUT PORT 37 35 39
SERVO TIMING GENERATOR 38 36 OFT
TRCRS
RFDET
VDD VSS DVDD1 DVSS1 RST TEST
VDET
BDO
OUTPUT PORT
D/A CONVERTER
For Audio Equipment
Package Dimensions (Unit: mm)
QFS080-P-1414
MN662741RH
16.20.2 14.00.2 60 61 41 40
0.825 14.00.2
80
21
1 0.65
20
16.20.2
1.10.1
2.00.2
0.3 -0.05
2.10.3
+0.10
0.15
SEATING PLANE
0.10.1
0.15
0.550.1
0 to 10
+0.10 -0.05


▲Up To Search▲   

 
Price & Availability of MN662741RH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X