Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download MN66271 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 For Audio Equipment
MN662710RA
Signal Processing LSI for CD Players
Overview
The MN662710RA is a CD signal processing LSI that, on a single chip, combines an optics servo for the CD player (focus, tracking, and traverse servos), digital signal processing (EFM demodulation and error correction), digital servo processing for the spindle motor, digital filter, and D/A converter, so thus covers all signal processing functions from the head's RF amplifier onward. The MN662710RA is also usable as a CD signal processing LSI for double-speed CD-ROM playback. Do not, however, use the audio equipment D/A converter during double-speed playback. Digital audio interface (EIAJ format) Audio data serial interface (Spindle motor servo) CLV digital servo (Audio circuits) Operation guaranteed only for normal playback speed Digital filter using 8-fold oversampling Built-in D/A converter (1-bit D/A converter) Built-in differential operational amplifier (PWM output) (Other) Built-in playback pitch control function (normal speed only) (13%) Operating voltage 4.5 to 5.5V
Features
(Optics servo) Focus, tracking, and traverse servos Automatic adjustment functions for FO/TR gain, FO/ TR offset, and FO/TR balance Built-in D/A converter for drive voltage output Built-in dropout countermeasures Anti-shock functions Built-in track cross counter Support for both linear motor and screw-based traverse mechanisms Support for 3- and 1-beam systems (Digital signal processing) Playback switchable between double-speed and normal speed Built-in DSL and PLL Frame synchronization detection, holding, and insertion Subcode data processing Q data CRC check Built-in Q data register CIRC error detection and correction C1 decoder: duplex error correction C2 decoder: triplex error correction Built-in 16-K bits of RAM for de-interleaving Audio data interpolation Average, hold of previous values Soft muting Digital attenuation (256 levels) Software attenuation (256 levels) Audio data peak level detection function Auto cue detection function
Applications
CD players
MN662710RA
Block Diagram
For Audio Equipment
70
RST2
8 TIMES OVER SAMPLING DIGITAL FILTER
DIGITAL DEEMPHASIS
PWM (R)
51 AVSS2 50 AVDD2
75
- +
OUTR
1 BIT DAC LOGICS
73 PWM (L)
- +
OUTL
DIGITAL AUDIO INTERFACE
CLVS CRC BLKCK CLDCK SBCK SUBC DEMPH RESY
66 67 13 62 56 55 68 69 SUBCODE BUFFER CIRC ERROR CORRECTION 16K SRAM DEINTERLEAVE
74 AVSS1 72 AVDD1 65 FLAG 64 IPFLAG 6
EFM DEMODULATION SYNC INTERPOLATION SUBCODE DEMODULATION
80 SSEL 14 SQCK 15 SUBQ PCK EFM PLLF DSLF IREF DRF ARF RSEL PSEL 53 52 48 47 45 46 44 76 78
TX
CLV SERVO
24 23
ECM PC
VCO
9 MLD 7 MCLK 8 MDATA 49 VCOF 61 BYTCK 19 SMCK 63 FCLK 20 PMCK 77 CSEL 79 MSEL 59 X2 58 X1 17 STAT
2 LRCK 3 SRDATA 1 BCLK 16 DMUTE 21 TRV 26 KICK 29 V 25 REF ECS 22 TVD 27 TRD 28 FOD 31 TBAL 30 FBAL 41 TES 12 TLOCK 11 FLOCK 42 PLAY 40 LDON 43 WVEL 10 SENSE
INTERPOLATION SOFT MUTING DIGITAL ATTENUATION PEAK DETECT AUTO CUE
DSL*PLL
TIMING GENERATOR PITCH CONTROL VCO
MICROCOMPUTER INTERFACE
SERVO CPU
A/D CONVERTER 60 57 4 5 18 71 32 33 34
INPUT PORT 37 35 39
SERVO TIMING GENERATOR 38 36 OFT
TE
VDET
RFENV
TRCRS
RFDET
VDD VSS DVDD1 DVSS1 RST TEST
FE
BDO
OUTPUT PORT
D/A CONVERTER
For Audio Equipment
Package Dimensions (Unit: mm)
QFS080-P-1414
MN662710RA
16.20.2 14.00.2 60 61 41 40
0.825 14.00.2
80
21
1 0.65
20
16.20.2
1.10.1
2.00.2
0.3 -0.05
2.10.3
+0.10
0.15
SEATING PLANE
0.10.1
0.15
0.550.1
0 to 10
+0.10 -0.05


▲Up To Search▲   

 
Price & Availability of MN66271

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X