Part Number Hot Search : 
ZMY62 TDA8775 ECG014B 00PS4 00PS4 YAAMUA EPS13D2 KL3N1
Product Description
Full Text Search
 

To Download MM74C74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74C74 Dual D-Type Flip-Flop
October 1987 Revised January 1999
MM74C74 Dual D-Type Flip-Flop
General Description
The MM74C74 dual D-type flip-flop is a monolithic complementary MOS (CMOS) integrated circuit constructed with N- and P-channel enhancement transistors. Each flip-flop has independent data, preset, clear and clock inputs and Q and Q outputs. The logic level present at the data input is transferred to the output during the positive going transition of the clock pulse. Preset or clear is independent of the clock and accomplished by a low level at the preset or clear input. s High noise immunity: 0.45 VCC (typ.) s Low power: 50 nW (typ.) s Medium speed operation: 10 MHz (typ.) with 10V supply
Applications
* Automotive * Data terminals * Instrumentation * Medical electronics * Alarm system
Features
s Supply voltage range: 3V to 15V s Tenth power TTL compatible: Drive 2 LPT2L loads
* Industrial electronics * Remote metering * Computers
Ordering Code:
Order Number MM74C74M MM74C74N Package Number M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Truth Table
Preset 0 0 1 1 Clear 0 1 0 1 Qn 0 1 0 Qn (Note 1) Qn 0 0 1 Qn (Note 1)
Note 1: No change in output from previous state.
Note: A logic "0" on clear sets Q to logic "0". A logic "0" on preset sets Q to logic "1".
Top View
(c) 1999 Fairchild Semiconductor Corporation
DS005885.prf
www.fairchildsemi.com
MM74C74
Logic Diagram
www.fairchildsemi.com
2
MM74C74
Absolute Maximum Ratings(Note 2)
Voltage at Any Pin (Note 2) Operating Temperature Range Storage Temperature Range Power Dissipation Dual-In-Line Small Outline Lead Temperature (Soldering, 10 seconds) Operating VCC Range VCC (Max) 260C 3V to 15V 18V 700 mW 500 mW
Note 2: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. Except for "Operating Temperature Range" they are not meant to imply that the devices should be operated at these limits. The table of "Electrical Characteristics" provides conditions for actual device operation.
-0.3V to VCC +0.3V -40C to +85C -65C to +150C
DC Electrical Characteristics
Min/Max limits apply across temperature range unless otherwise noted Symbol CMOS TO CMOS VIN(1) VIN(0) VOUT(1) VOUT(0) IIN(1) IIN(0) ICC VIN(1) VIN(0) VOUT(1) VOUT(0) ISOURCE ISOURCE ISINK ISINK Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage Logical "0" Output Voltage Logical "1" Input Current Logical "0" Input Current Supply Current Logical "1" Input Voltage Logical "0" Input Voltage Logical "1" Output Voltage Logical "0" Output Voltage Output Source Current Output Source Current Output Sink Current Output Sink Current VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 15V VCC = 15V VCC = 15V VCC = 4.75V VCC = 4.75V VCC = 4.75V, ID = -360 A VCC = 4.75V, ID = 360 A VCC = 5V, VIN(0) = 0V TA = 25C, VOUT = 0V VCC = 10V, VIN(0) = 0V TA = 25C, VOUT = 0V VCC = 5V, VIN(1) = 5V TA = 25C, VOUT = VCC VCC = 10V, VIN(1) = 10V TA = 25C, VOUT = VCC 8.0 mA 1.75 mA -8.0 mA -1.75 2.4 0.4 VCC-1.5 0.8 V V V mA -1.0 0.05 60 4.5 9.0 0.5 1.0 1.0 3.5 80 1.5 2.0 V V V V V V V V A A A Parameter Conditions Min Typ Max Units
CMOS/LPTTL INTERFACE
OUTPUT DRIVE (See Family Characteristics Data Sheet)
3
www.fairchildsemi.com
MM74C74
AC Electrical Characteristics
TA = 25C, CL = 50 pF, unless otherwise noted Symbol CIN tpd Parameter Input Capacitance Propagation Delay Time to a Logical "0" tpd0 or Logical "1" tpd1 from Clock to Q or Q tpd tpd tS0, tS1 tH0, tH1 tPW1 tPW2 tr, tf fMAX CPD Propagation Delay Time to a Logical "0" from Preset or Clear Propagation Delay Time to a Logical "1" from Preset or Clear Time Prior to Clock Pulse that Data Must be Present tSETUP Time after Clock Pulse that Data Must be Held Minimum Clock Pulse Width (tWL = tWH) Minimum Preset and Clear Pulse Width Maximum Clock Rise and Fall Time Maximum Clock Frequency Power Dissipation Capacitance
(Note 3)
Conditions Any Input (Note 4) VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V VCC = 5V VCC = 10V (Note 5) 15.0 5.0 2.0 5.0 3.5 8.0 40 100 40 Min Typ 5.0 180 70 300 110 Max Units pF ns ns
180 70 250 100 50 20 -20 -8.0 100 40 100 40
300 110 400 150
ns ns ns ns ns ns
0 0 250 100 160 70
ns ns ns ns ns ns s s MHz MHz pF
Note 3: AC Parameters are guaranteed by DC correlated testing. Note 4: Capacitance is guaranteed by periodic testing. Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note-- AN-90.
Typical Applications
Ripple Counter (Divide by 2n) 74C Compatibility
Shift Register
Guaranteed Noise Margin as a Function of VCC
www.fairchildsemi.com
4
MM74C74
Switching Time Waveform
CMOS to CMOS
tr = tf = 20 ns
AC Test Circuit
5
www.fairchildsemi.com
MM74C74
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A
www.fairchildsemi.com
6
MM74C74 Dual D-Type Flip-Flop
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of MM74C74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X