Part Number Hot Search : 
LC758 LP2950AC 2PD602AR 67BZI 0512DH RMPA5251 MV53124 OM5284
Product Description
Full Text Search
 

To Download MM1029 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
S Video Amplifier MM1029
S Video Amplifier
Monolithic IC MM1029
Outline
This is a video amp IC that supports S and also has a superimpose function. Amp gain is as follows : 6dB for Y signal amplification, 10dB for C signal amplification and 6dB for composite signal amplification. A 75 driver is built in.
Features
1. 2. 3. 4. 5. 6. 7. 8. 9. Supports S-VHS Built-in superimpose function Built-in Y-C mix circuit Vertical/horizontal sync signal output pin Amp gain : 6dB for Y signal, 10dB for C signal and 6dB for composite signal Built-in clamp circuit (for Y signal only) Built-in monitor cut function 75 driver built in Frequency response Y : 7MHz C : 5MHz 10.Power supply voltage 4.7V~5.3V
Package
SOP-16A (MM1029AF)
Applications
1. 2. 3. 4. TV VCR VCR with camera Other video equipment
MITSUMI
S Video Amplifier MM1029
Block Diagram
Pin Description
Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin name R C PBIN VSYNC OUT PBIN Chroma mute input CHROMA OUT GND SUG VIDEO OUT YOUT SUG Character input Monitor cut V insert YOR VIDEO IN VCC Anti-sag pin Composite video signal output pin Y (luminance) signal output pin Anti-sag pin Character input pin for superimpose Monitor cut V insert pin Luminance or video signal input pin Function Integrates sync signal and inputs to Schmidt circuit Chroma signal input pin for other than playback Vertical sync signal output pin Chroma signal input pin for playback Chroma mute signal input pin Chroma signal output pin
MITSUMI
S Video Amplifier MM1029
Absolute Maximum Ratings
Item Storage temperature Operating temperature Power supply voltage Allowable loss
(Ta=25C) Symbol TSTG TOPR VCC max. Pd Ratings -40~+125 -20~+75 7 350 Units C C V mW
Electrical Characteristics
Item Operating power supply voltage Consumption current Y amp output Voltage gain Differential gain Differential phase Frequency characteristic Video amp output Voltage gain Differential gain Differential phase Frequency characteristic Chroma amp output Voltage gain Frequency characteristic Crosstalk Crosstalk 1 YIN Crosstalk 2 PB Crosstalk 3 PB Crosstalk 4 PB Superimpose COUT YOUT YOUT COUT VCC Id GV1
(Except where noted otherwise, Ta=25C, VCC=5.0V, pulse level 0V, SW1 : A, SW2 : B) Measurement circuit VCC TP11 TP10 TP10 TP11 TP8 TP9 TP9 TP8 TP7 TP7 TP7 TP11 TP11 TP7 TP10 TP9 TP10 TP9 TP13 TP12 TP5 TP14 TP1 TP3 Measurement conditions SG-1, SG-2, SG-3 : No signal Measure with DC ammeter. SG-1 Sweep signal 1VP-P, 0.1MHz SG-1 Staircase wave 1VP-P APL=10, 50, 90% SG-1 Staircase wave 1VP-P APL=10, 50, 90% SG-1 Sweep signal 1VP-P 5MHz/0.1MHz 1 5.5 Min. Typ. Max. Units 4.7 5.0 5.3 V 25.0 33.0 mA 6.0 1.0 1.0 -1.0 5.5 0 6.0 1.0 1.0 -1.0 9.0 -1.0 0 6.5 3.0 3.0 1.0 6.5 3.0 3.0 1.0 dB % deg dB dB % deg dB dB dB dB dB dB dB IRE IRE IRE IRE V V V mV V V V V
Symbol
DG1 DP1 fc1 GV2 DG2 DP2 fc2 GV3 fc3 CT1 CT2 CT3 CT4 VMCY VMCV VCHY VCHV VTH1 VTH2 VTH3 VSEPA
*
SG-1 Sweep signal 1VP-P, 0.1MHz SG-1 Staircase wave 1VP-P APL=10, 50, 90% SG-1 Staircase wave 1VP-P APL=10, 50, 90% SG-1 Sweep signal 1VP-P 5MHz/0.1MHz 1
* *
SG-2 Sine wave 0.2VP-P, 0.1MHz SG-2 Sine wave 0.2VP-P 5MHz/0.1MHz 1 SG-1 Sine wave 1.0VP-P, 4MHz SG-2 Sine wave 0.2VP-P, 4MHz SG-3 Sine wave 0.2VP-P, 4MHz SG-1 Sine wave 0.2VP-P, 4MHz
10.0 11.0 0 -36 -42 -42 -50 1.0 -30 -36 -36 -40 -35 -35 115 115 2.1 2.1 2.1 165 2.3 1.5 0.4
*2 *3 *3 *4
-45 -45 105 105 0.7 0.7 0.7 55 1.9 1.1 4.8
V insertion level Y V insertion level V Character level Y Character level V Input threshold voltage V insertion input Character input Chroma mute input Sync separation Sync separation level Schmitt trigger threshold voltage
SG-1 Staircase wave (no chroma signal) 1VP-P TP13 Pulse level 5V SG-1 Staircase wave (no chroma signal) 1VP-P TP13 Pulse level 5V SG-1 Staircase wave (no chroma signal) 1VP-P TP12 Pulse level 5V SG-1 Staircase wave (no chroma signal) 1VP-P TP12 Pulse level 5V SG-1 Staircase wave (no chroma signal) 1VP-P TP13 Pulse level L H 5 SG-1 Staircase wave (no chroma signal) 1VP-P TP12 Pulse level L H 5 SG-2 Sine wave 0.1VP-P, 4MHz TP5 Pulse level L H 6
-40 -40 110 110 1.4 1.4 1.4 110 2.1 1.3 5.0 0.2
* * *
VTH4H VTH4L VVH Vertical sync output voltage VVL
SG-1 Staircase wave (no chroma signal) 1VP-P SG-1 SYNC level, max min 7 TP1 DC voltage 0V H 8 TP1 DC voltage 5V L 8 TP1 DC voltage 5V L 9 TP1 DC voltage 0V H 9
* * * * *
MITSUMI
S Video Amplifier MM1029
Notes : 1 1. Voltage gain GV1, GV2, GV3 Given SG-1 input as V1 and TP11 output signal as V2, GV1 is obtained as follows. The same applies for GV2 and GV3.
*
GV1=20LOG
V2 [dB] V1
2. Frequency response fC1, fC2, fC3 For the same conditions as the GV1 measurement, given TP11 output for 0.1MHz as V3, and for 5MHz as V1, FC1 is obtained as follows. The same applies for fC2 and fC3. FC1=20LOG V4 [dB] V3
*2
Crosstalk Yin COUT CT1 Given TP14 input signal as V5 and TP7 output signal as V6, CT1 is obtained as follows. CT1=20LOG V6 [dB] V5
*3
Crosstalk PB, PB YOUT CT2, CT3 Give TP2 and TP4 input signals as V7, and TP11 output signal as V8, CT2 and CT3 are obtained as follows. 1 V8 CT2=20LOG -4 [dB] V7
*
*
When C is input to compare between YIN COUT and CIN YOUT, subtract the 4dB amp portion from crosstalk. 4 Crosstalk PB COUT CT4 Given TP4 input signal as V9 and TP7 output signal as V10, CT4 is obtained as follows. CT4=20LOG V10 [dB] V9
*1
*5
Input threshold voltage V insert input, character input VTH1, VTH2 For the same conditions as VMCY and VCHY measurement, raise TP13 and TP12 pulse levels gradually. TP13 and TP12 pulse levels when V insert signal and character signal appear on TP11 are, respectively, VTH1 and VTH2. Input threshold voltage Chroma mute input VTH3 Gradually raise TP5 pulse level. TP5 pulse level when a sine wave is no longer output on TP7 is VTH3. Sync separation level VSEPA Gradually reduce SG-1 SYNC level from maximum to minimum. Measure the SYNC signal level at TP14 when a sync separation signal is no longer output on TP15 to obtain VSEPA. Schmidt trigger threshold level VTH4H, VTH4L Impress external DC voltage on TP1 and gradually raise from 0V. TP1 level when TP3 level goes from high to low is VTH4H. Gradually lower from 5V. TP1 level when TP3 level goes from low to high is VTH4L. Vertical sync output voltage VVH, VVL TP3 low level for TTH4H measurement is VVL, and TP3 high level for VTH4L is VVH.
*6 *7 *8
*9
MITSUMI
S Video Amplifier MM1029
Measuring Circuit
Application Circuits


▲Up To Search▲   

 
Price & Availability of MM1029

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X