Part Number Hot Search : 
TC74VCX M32F10 TS240S PVT0626 74HC53 74HCT258 LT137 744227S
Product Description
Full Text Search
 

To Download MGFC5216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5216
Q-Band 4-Stage Driver Amplifier
DESCRIPTION
The MGFC5216 is a GaAs MMIC chip especially designed for 37.0 ~ 40.0 GHz band Middle Power Amplifier (MPA) .
BLOCK DIAGRAM
Vg1
Vg2
Vg3
Vg4 OUT
FEATURES
RF frequency : 37.0 to 43.0 GHz Linear gain : 20dB (TYP.)@ 37 to 40 GHz 20 dB(TYP.) @ 40 to 43 GHz P1dB : 16 dBm(min.) @ 37 to 40 GHz 16 dBm(target) @ 40 to 43 GHz
IN
Vd1
Vd2
Vd3
Vd4
TARGET SPECIFICATIONS (Ta=25C)
Parameter Frequeny Linear Gain P1dB Input VSWR Output VSWR Vd Vg Chip Size Specification Frequeny Linear Gain P1dB Input VSWR Output VSWR Vd Vg Chip Size (16) 2.4 3.0 Vd12=4.5, Vd34=6 -0.3 1.99x0.83 V V mm2 16 2.2 2.0 Vd12=4.5, Vd34=6 -0.3 1.99x0.83 Typical V V mm2 Max. 43 20 Unit GHz dB dBm Min. 37 20 Typical Max. 40 Unit GHz dB dBm
PHOTOGRAPH
Min. 40
( ):Design Target (Now Evaluating)
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5216
Q-Band 4-Stage Driver Amplifier
DIE SIZE AND BOND PAD LOCATION(UNIT : M)
X=1.99 mm Y=0.83 mm Bond Pad Dimension=0.07 x 0.15 mm2 (RF) 0.1 x 0.1 mm2 (DC)
(630.0, 700.0) (1395.0, 700.0) (270.0, 700.0) (990.0, 700.0)
(115.0, 445.0)
RFin
RFout
(1875.0, 445.0)
(1695.0, 130.0) (965.0, 130.0) (165.0, 125.5) (515.0, 130.0) (1350.0, 130.0)
Vg1
Vg2
Vg3
Vg4
RFin
RFout
GND
Vd1
Vd2
Vd3
Vd4
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5216
Q-Band 4-Stage Driver Amplifier
TYPICAL CHARACTERISTICS
S-Parameter vs. Frequency 30 20 10 0 -10 -20 -30 30 35 40 45 50 Frequency (GHz) S22 S11 GAIN Id12=85mA Id34=125mA Measured
Output Power Performances 20 f=40GHz Measured 15 25 30
10
20
5 -15 -10 -5 Pin (dBm) 0 5
15
MITSUBISHI ELECTRIC
as of July '98
PRELIMINARY
Notice : This is not a final specification Some parametric limits are subject to change.
MITSUBISHI SEMICONDUCTOR
MGFC5216
Q-Band 4-Stage Driver Amplifier
AN EXAMPLE OF TEST CIRCUIT
Vg2 Vg1
Vg4 Vg3
Vg1
Vg2
Vg3
Vg4 RFout
RFin Vd1 Vd2 Vd3
GND
Vd4
Vd3 Vd4
Vd1 Vd2
: Chip Capasitor ( 39 - 100 pF )
MITSUBISHI ELECTRIC
as of July '98


▲Up To Search▲   

 
Price & Availability of MGFC5216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X