Part Number Hot Search : 
NJM2263 MIP2E3D ZMM5254B SMF100A BZM55C56 LM270 DS3102GN W1T1G
Product Description
Full Text Search
 

To Download MC14013B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14013B Dual Type D Flip-Flop
The MC14013B dual type D flip-flop is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. Each flip-flop has independent Data, (D), Direct Set, (S), Direct Reset, (R), and Clock (C) inputs and complementary outputs (Q and Q). These devices may be used as shift register elements or as type T flip-flops for counter and toggle applications.
http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 P SUFFIX CASE 646 1 14 SOIC-14 D SUFFIX CASE 751A 1 14 14013B AWLYWW MC14013BCP AWLYYWW
* * * *
* *
Static Operation Diode Protection on All Inputs Supply Voltage Range = 3.0 Vdc to 18 Vdc Logic Edge-Clocked Flip-Flop Design Logic state is retained indefinitely with clock level either high or low; information is transferred to the output only on the positive-going edge of the clock pulse Capable of Driving Two Low-power TTL Loads or One Low-power Schottky TTL Load Over the Rated Temperature Range Pin-for-Pin Replacement for CD4013B
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 3.) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value - 0.5 to +18.0 - 0.5 to VDD + 0.5 10 500 - 55 to +125 - 65 to +150 260 Unit V V mA mW C C C
TSSOP-14 DT SUFFIX CASE 948G 1 14 SOEIAJ-14 F SUFFIX CASE 965 1 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week
14 013B ALYW
MC14013B AWLYWW
ORDERING INFORMATION
Device MC14013BCP MC14013BD MC14013BDR2 MC14013BDT MC14013BDTR2 MC14013BF MC14013BFEL Package PDIP-14 SOIC-14 SOIC-14 TSSOP-14 Shipping 2000/Box 55/Rail 2500/Tape & Reel 96/Rail
2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
v
v
TSSOP-14 2500/Tape & Reel SOEIAJ-14 SOEIAJ-14 See Note 1. See Note 1.
1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative.
(c) Semiconductor Components Industries, LLC, 2000
1
March, 2000 - Rev. 3
Publication Order Number: MC14013B/D
MC14013B
TRUTH TABLE
Inputs Clock Data 0 1 X X X X X X X Reset 0 0 0 1 0 1 Set 0 0 0 0 1 1 Outputs Q 0 1 Q 0 1 1 Q 1 0 Q 1 0 1 No Change
X = Don't Care = Level Change
PIN ASSIGNMENT
QA QA CA RA DA SA VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD QB QB CB RB DB SB
BLOCK DIAGRAM
6 5 D S Q 1
3 4 8 9
C
R
Q
2
D
S
Q
13
11 10
C
R
Q
12
VDD = PIN 14 VSS = PIN 7
http://onsemi.com
2
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIII II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I III II IIII I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I III I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIII I I I I I I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 5. The formulas given are for the typical characteristics only at 25_C. 6. To calculate total supply current at loads other than 50 pF:
where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.002.
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Total Supply Current (5.) (6.) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching)
Quiescent Current (Per Package)
Input Capacitance (Vin = 0)
Input Current
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc)
Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc)
Output Voltage Vin = VDD or 0
(VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc)
(VO = 0.5 or 4.5 Vdc) "1" Level (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc)
Vin = 0 or VDD
Characteristic
IT(CL) = IT(50 pF) + (CL - 50) Vfk
"1" Level
"0" Level
Source
Sink
Symbol
VOH
VOL
IOH
VIH
IDD
Cin
IOL
VIL
Iin
IT
VDD Vdc
5.0 10 15
5.0 10 15
5.0 10 15
5.0 5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
5.0 10 15
15
--
http://onsemi.com
- 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- --
MC14013B
- 55_C
3 0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min IT = (0.75 A/kHz) f + IDD IT = (1.5 A/kHz) f + IDD IT = (2.3 A/kHz) f + IDD 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- 0.00001 Typ (4.) - 4.2 - 0.88 - 2.25 - 8.8 0.002 0.004 0.006 25_C 0.88 2.25 8.8 2.75 5.50 8.25 2.25 4.50 6.75 5.0 5.0 10 15 0 0 0 -- -- -- -- -- -- -- -- -- -- -- -- -- 0.1 0.05 0.05 0.05 Max 1.0 2.0 4.0 7.5 1.5 3.0 4.0 - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 3.5 7.0 11 -- -- -- -- -- -- -- -- -- -- -- 125_C 1.0 0.05 0.05 0.05 Unit MaxIII 30 60 120 1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- mAdc mAdc Adc Adc Adc Vdc Vdc Vdc Vdc pF
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I II III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I III I I I I I IIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
7. The formulas given are for the typical characteristics only at 25_C. 8. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 9. Data must be valid for 250 ns with a 5 V supply, 100 ns with 10 V, and 70 ns with 15 V.
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Removal Times Set
Set and Reset Pulse Width
Clock Pulse Rise and Fall Time
Clock Pulse Frequency
Clock Pulse Width
Hold Times (9.)
Setup Times (9.)
Propagation Delay Time Clock to Q, Q tPLH, tPHL = (1.7 ns/pF) CL + 90 ns tPLH, tPHL = (0.66 ns/pF) CL + 42 ns tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
Output Rise and Fall Time tTLH, tTHL = (1.5 ns/pF) CL + 25 ns tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
Reset to Q, Q tPLH, tPHL = (1.7 ns/pF) CL + 265 ns tPLH, tPHL = (0.66 ns/pF) CL + 67 ns tPLH, tPHL = (0.5 ns/pF) CL + 50 ns
Set to Q, Q tPLH, tPHL = (1.7 ns/pF) CL + 90 ns tPLH, tPHL = (0.66 ns/pF) CL + 42 ns tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
Reset
Characteristic
R
C
D
S
C
C
C
C
LOGIC DIAGRAM (1/2 of Device Shown)
C
C
http://onsemi.com
tWL, tWH tWL, tWH Symbol
MC14013B
tTLH, tTHL
tPLH tPHL
tTLH tTHL
trem
tsu
fcl
th
C
C
4 VDD 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5 10 15 5 10 15 C C Min 250 100 70 250 100 70 50 30 25 80 45 35 40 20 15 40 20 15 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- - 35 - 10 -5 125 50 35 125 50 35 225 100 75 175 75 50 175 75 50 100 50 40 4.0 10 14 20 10 7.5 20 10 7.5 Typ (8.)
--
--
--
0 5 5
Q Q Max 450 200 150 350 150 100 350 150 100 200 100 80 2.0 5.0 7.0 15 5.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- MHz Unit s ns ns ns ns ns ns ns
MC14013B
20 ns D tsu (H) C tWH 1 fcl 90% 50% 10% tTLH Inputs R and S low. tTHL 90% 50% 10% 20 ns VDD VSS 20 ns VDD VSS CLOCK tPHL tPLH tPHL Q OR Q 50% VOL 20 ns SET OR RESET 90% 50% tw 20 ns 90% 50% tw 10% 10% trem 20 ns 20 ns VDD VSS VDD VSS
tsu (L) th
90% 50% 10% tWL
tPLH Q
VOH VOL
VOH
Figure 1. Dynamic Signal Waveforms (Data, Clock, and Output)
Figure 2. Dynamic Signal Waveforms (Set, Reset, Clock, and Output)
TYPICAL APPLICATIONS
n-STAGE SHIFT REGISTER
1 D D C CLOCK Q Q D C 2 Q Q D C nth Q Q Q
BINARY RIPPLE UP-COUNTER (Divide-by-2n)
1 D CLOCK C Q Q D C 2 Q Q D C nth Q Q Q
T FLIP-FLOP
MODIFIED RING COUNTER (Divide-by-(n+1))
1 D C CLOCK Q Q D C 2 Q Q D C nth Q Q Q
http://onsemi.com
5
MC14013B
PACKAGE DIMENSIONS
P SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE M
14 8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 18.80 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10_ 0.38 1.01
A F N -T-
SEATING PLANE
L C
K H G D 14 PL 0.13 (0.005)
M
J M
DIM A B C D F G H J K L M N
D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
http://onsemi.com
6
MC14013B
PACKAGE DIMENSIONS
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948G-01 ISSUE O
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C --- 1.20 --- 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0_ 8_ 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
A -V-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 965-01 ISSUE O
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
CCC EE CCC EE
c
SECTION N-N -W-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE 0.50 LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 1.42 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.056
MC14013B
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14013B/D


▲Up To Search▲   

 
Price & Availability of MC14013B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X