Part Number Hot Search : 
CSM54N FULLFLEX WL2805N EM78P468 TLR347T MSK162 LT1195M FST3306
Product Description
Full Text Search
 

To Download MBR2045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2030CT - MBR2060CT
20A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AB
L B C K D A
1 2 3
Dim
M
Min 14.22 9.65 2.54 5.84 3/4 12.70 2.29 0.51 3.53AE 3.56 1.14 0.30 2.03
Max 15.88 10.67 3.43 6.86 6.35 14.73 2.79 1.14 4.09AE 4.83 1.40 0.64 2.92
A B C D E G
E J N G
H J K L
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Marking: Type Number Weight: 2.24 grams (approx) Mounting Position: Any
HH
Pin 1 + Pin 2 Pin 3 + + Case
P
M N P
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage @ TC = 125C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop (Note 3) @ IF = 20A, TC = 25C @ IF = 20A, TC = 125C @ IF = 10A, TC = 125C @ TC = 25C @ TC = 125C (Note 2) (Note 1) Average Rectified Output Current
@ TA = 25C unless otherwise specified
MBR Symbol 2030CT VRRM VRWM VR VR(RMS) IO IFSM 30 21
MBR 2035CT 35 24.5
MBR 2040CT 40 28
MBR 2045CT 45 31.5
MBR 2050CT 50 35
MBR 2060CT 60 42
Unit V V A A
20 150 0.84 0.72 0.57 0.1 15 650 2.0 1000 -65 to +150 10,000 0.95 0.85 0.70
VFM IRM Cj RqJc dV/dt Tj, TSTG
V mA pF C/W V/ms C
Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance
Typical Thermal Resistance Junction to Case Voltage Rate of Change (Rated VR) Operating and Storage Temperature Range Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Pulse width 300 ms, duty cycle 2%.
DS23016 Rev. G-2
1 of 2
MBR2030CT-MBR2060CT
16
IC, INSTANTANEOUS FORWARD CURRENT (A)
20
50
IO, AVERAGE RECTIFIED CURRENT (A)
MBR 2030CT - MBR 2045CT
10
12
MBR 2050CT - MBR 2060CT
8
1.0
4
0
0
50
100
150
0.1 0.2 0.4 0.6
Tj = 25C Pulse width = 300s 2% duty cycle
0.8
1.0
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
300
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
4000
IFSM, PEAK FORWARD SURGE CURRENT (A)
200 150
Cj, JUCTION CAPACITANCE (pF)
250
1000
100
50 0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
100
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
TC = 125C
1.0
TC = 75C
0.1
TC = 25C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23016 Rev. G-2
2 of 2
MBR2030CT - MBR2060CT


▲Up To Search▲   

 
Price & Availability of MBR2045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X