Part Number Hot Search : 
DU2860U 23PN010 KAQW414H FAN7085 DG428 D6433 D6433 D6433
Product Description
Full Text Search
 

To Download MBR12045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR12020 THRU MBR120100
120 Amp Schottky Barrier Rectifier 20 to 100 Volts HALF PACK
D G
Features
* * * * Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * * Operating Junction Temperature: -55C to +175C Storage Temperature: -55C to +175C Typical Thermal Resistance per leg 0.8C/W Junction to Case Maximum Maximum DC MCC Recurrent Maximum Blocking Part Number Peak Reverse RMS Voltage Voltage Voltage MBR12020 20V 14V 20V MBR12030 30V 21V 30V MBR12035 35V 24.5V 35V MBR12040 40V 28V 40V MBR12045 45V 31.5V 45V MBR12060 60V 42V 60V MBR12080 80V 56V 80V MBR120100 100V 70V 100V
J
B
K E
F
H
C
A
L
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR12020-12045 MBR12060 MBR12080-120100 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance MBR12020-12045 MBR12060 MBR12080-120100 IF(AV) IFSM 120 A 2000A TC = 136C 8.3ms, half sine
INCHES DIM A B C D E F G H J K L MIN 1.515 .725 .595 1.182 .745 .152 1/4 - 20 .540 .15 .495 .120 MAX 1.560 .775 .625 1.192 .755 .160 .580 .160 .505 .130 MIN 38.48 18.42 15.11 30.02 18.92 3.86 UNC 13.72 3.96 12.57 3.05 DIMENSIONS MM MAX 39.62 19.69 15.88 30.28 19.18 4.06 - 2B 14.73 4.06 12.83 3.30 NOTE
VF
.63 V .75 V .84 V
4 mA 75mA
IFM = 120.0A; TJ = 25C TJ = 25C TJ =125C
IR
CJ
4600pF Measured at 4300pF 1.0MHz, VR=5.0V 3000pF
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.mccsemi.com
MBR12020 thru MBR120100
Figure 1 Typical Forward Characteristics 2000 1000 600 400 200 25C Amps 100 60 40 20 10 6 4 2 1 0.2 0.4 0.6 0.8 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.0 1.2 0 20 Amps 40 MBR12080-120100 100 MBR12020-12045 MBR12060 120
MCC
Figure 2 Forward Derating Curve
80
60
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 70 90 C 110 130 150
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Figure 3 Junction Capacitance
10000 6000 4000 2000 pF TJ=25C 1000 600 400 200 100 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 MBR12020-12045 MBR12060 MBR12080-120100
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
MBR12020 thru MBR120100
Figure 4 Typical Reverse Characteristics 1000 600 400 1600 200 100 60 40 20 mAmps 10 6.0 4.0 2.0 1.0 .6 .4 .2 .1 0 20 40 TJ=25C 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 120 TJ=125C 0 1 2 4 Amps 1200 800 400 200
MCC
Figure 5 Peak Forward Surge Current 2000
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR12045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X