Part Number Hot Search : 
MC063 C1206 UPD78P PE40F40 BD675 10C221 SI7994 ML7924FA
Product Description
Full Text Search
 

To Download M54HC4053C1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC4051/52/53 M74HC4051/52/53
ANALOG MULTIPLEXER/DEMULTIPLEXER: SINGLE 8 CHANNEL, DUAL 4 CHANNEL, TRIPLE 2 CHANNEL
.LOWPOWERDI .LOGI .LOW" .WI .FASTSWI .LOWCROSSTALKBETWEENSWI .HI .WI .LOWSI .HI .PI
DESCRIPTION
SSIPATION o ICC = 4 A (MAX.) AT TA = 25 C C LEVEL TRANSLATION TO ENABLE 5V LOGIC SIGNAL TO COMMUNICATE WITH 5V ANALOG SIGNAL ON" RESISTANCE: 70 TYP. (VCC - VEE = 4.5 V) 50 TYP. (VCC - VEE = 9 V) DE ANALOG INPUT VOLTAGE RANGE: 6V TCHING: tpd = 15 ns (TYP.) AT TA = 25 oC TCHES GH ON/OFF OUTPUT VOLTAGE RATIO DE OPERATING VOLTAGE RANGE (VCC - VEE) = 2V TO 12V NE WAVE DISTORTION 0.02% AT VCC - VEE = 9V GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) N AND FUNCTION COMPATIBLE WITH HCC/HCF4051/4052/4053B
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCXXXXF1R M74HCXXXXM1R M74HCXXXXB1R M74HCXXXXC1R
These devices are analog multiplexer demultiplexers in high speed silicon gate C 2MOS technology and they are pin compatible with the equivalent metal gate CMOS "4000B" series. These analog switches are bidirectional and digitally PIN CONNECTION (top view)
HC4051
controlled. A built-in level shifting is included to allow them an input range of up to 6V (peak) for an analog signal with digital control signal of 0 to 6V. VEE supply pin is provided for analog input signals. They have an inhibit (INH) input terminal to disable all the switches when high. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND.
HC4052
HC4053
October 1993
1/15
M54/M74HC4051/4052/4053
DESCRIPTION The HC4051 is a single 8 channel multiplexer demultiplexer having three binary control inputs A, B and C to select 1 of 8 to be turned on, and connected to the output. The HC4052 has a pair of four channel multiplexer demultiplexer having two control inputs A and B that CHIP CARRIER
HC4051 HC4052 HC4053
select one of four channels of the two sections. The HC4053 is a triple two channel multiplexer demultiplexer having three separate digital control inputs A, B and C to select independently one of a pair of channles.
TRUTH TABLE (HC4051)
INPUT STATES INHIBIT C B L L L L L L L L H
X: DON'T CARE
TRUTH TABLE (HC4052)
"ON" CHANNEL 0 1 2 3 4 5 6 7 NONE INPUT STATES INHIBIT L L H
X: DON'T CARE
A L H L H L H L H X
INPUT STATES INHIBIT B L L L L H
X: DON'T CARE
A L H L H X
"ON" CHANNELS 0X, 0Y 1X, 1Y 2X, 2Y 3X, 3Y NONE
L L L L H H H H X
L L H H L L H H X
L L H H X
TRUTH TABLE (HC4053)
A or B or C L H X "ON" CHANNELS ax or bx or cx ay or by or cy NONE
2/15
M54/M74HC4051/4052/4053
IEC LOGIC SYMBOLS
HC4051 HC4052 HC4053
PIN DESCRIPTION (HC4051)
PIN No 3 6 7 11, 10, 9 13, 14, 15, 12, 1, 5, 2, 4 8 16 SYMBOL COM OUT/IN INH VEE A, B, C 0 TO 7 GND VCC NAME AND FUNCTION Common Output/input INHIBIT Input Negative Supply Voltage Select Inputs Independent Input/Outputs Ground (0V) Positive Supply Voltage
PIN DESCRIPTION (HC4052)
PIN No 1, 5, 2, 4 6 7 10, 9 12, 14, 15, 11 3 13 8 16 SYMBOL 0Y TO 3Y INH V EE A, B 0X TO 3X COM Y OUT/IN COM X OUT/IN GND VCC NAME AND FUNCTION Independent Input/Outputs INHIBIT Input Negative Supply Voltage Select Inputs Independent Input/Outputs Common X Output/input Common Y Output/input Ground (0V) Positive Supply Voltage
PIN DESCRIPTION (HC4053)
PIN No 2, 1 5, 3 6 7 11, 10, 9 12, 13 14, 15, 4 8 16 SYMBOL bx, by cx, cy INH VEE A, B, C ax, ay ax TO cy GND VCC NAME AND FUNCTION Independent Input/Outputs Independent Input/Outputs INHIBIT Input Negative Supply Voltage Select Inputs Independent Input/Outputs Common Output/input Ground (0V) Positive Supply Voltage
3/15
M54/M74HC4051/4052/4053
FUNCTIONAL DIAGRAM
HC4051
HC4052
4/15
M54/M74HC4051/4052/4053
FUNCTIONAL DIAGRAM
HC4053
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VCC - VEE VIN VI/O ICK IIOK IT ICC PD Tstg TL Supply Voltage Range Supply Voltage Range Control Input Voltage Switch I/O Voltage Control Input Diode Current I/O Diode Current Switch Through Current DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to 13 -0.5 to VCC + 0.5 VEE - 0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage tothe device may occur. Functional operation under these conditions is not implied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
5/15
M54/M74HC4051/4052/4053
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VEE VCC - VEE VIN VI/O Top tr, tf Supply Voltage Supply Voltage Supply Voltage Input Voltage Input/Output Voltage Operating Temperature: Input Rise and Fall Time M54HC Series M74HC Series VCC = 2 V VCC = 4.5 V VCC = 6 V Parameter Value 2 to 6 -6 to 0 2 to 12 0 to VCC VEE to V CC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V V V
o o
C C
ns
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 4.5 GND VIN = VIHC or VILC 4.5 -4.5 VI/O = VCC to VEE II/O 2 mA 6.0 -6.0 2.0 GND VIN = VIHC or VILC 4.5 GND VI/O = VCC or VEE II/O 2 mA 4.5 -4.5 RON Difference of ON Resistance Between Switches Input/Output Leakage Current (SWITCH OFF) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Control Input Current Quiescent Supply Current 6.0 -6.0 4.5 GND 4.5 6.0 85 55 50 150 70 50 45 10 5 5 VEE (V) TA = 25 oC 54HC and 74HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 180 120 100 150 100 80 30 12 10 0.06 0.1 Typ. Max. Value -40 to 85 oC -55 to 125 oC Unit 74HC 54HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 225 150 125 190 125 100 35 15 12 0.6 1 Max. Min. 1.5 3.15 4.2 0.5 1.35 1.8 270 180 150 230 150 120 45 18 15 1.2 2 V V Max.
VIHC
High Level Control Input Voltage Low Level Control Input Voltage ON Resistance
V ILC
RON
VIN = VIHC or VILC -4.5 VI/O = VCC or VEE -6.0 II/O 2 mA
IOFF
6.0 GND 6.0
VOS = VCC or GND -6.0 V IS = GND or VCC VIN = VILC or VIHC VOS = VCC or GND VIN = VIHC or VILC -6.0 VIN = VCC or GND VIN = VCC or GND
A
IIZ
6.0 GND 6.0
0.06 0.1
0.6 1
1.2 2 A A A
IIN ICC
6.0 GND 6.0 GND 6.0 -6.0
0.1 4 8
0.1 40 80
1 80 160
6/15
M54/M74HC4051/4052/4053
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) VEE (V) TA = 25 oC 54HC and 74HC Min. Typ. Max. 25 6 5 4 64 18 15 18 50 14 12 14 100 33 28 29 95 30 26 26 5 HC4051 HC4052 HC4053 HC4051 HC4052 HC4053 HC4051 HC4052 HC4053 HC4051 HC4052 HC4053 36 19 11 7 7 7 0.95 0.85 0.75 70 71 67 225 45 38 10 70 40 20 15 15 15 2 2 2 280 56 48 10 70 40 20 15 15 15 2 2 2 340 68 58 10 70 40 20 15 15 15 2 2 2 pF pF ns 225 45 38 225 45 38 250 50 43 280 56 48 280 56 48 315 63 54 340 68 58 340 68 58 375 7 64 ns ns ns 60 12 10 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 75 15 13 90 18 15 ns Unit
I/O
Phase Difference Between Input and Output
2.0 GND 4.5 GND 6.0 GND 4.5 -4.5 2.0 GND RL = 1K 4.5 GND 6.0 GND 4.5 -4.5 2.0 GND RL = 1K 4.5 GND 6.0 GND 4.5 -4.5 2.0 GND RL = 1K 4.5 GND 6.0 GND 4.5 -4.5 2.0 GND RL = 1K 4.5 GND 6.0 GND 4.5 -4.5
tPZL tPZH
Output Enable Time (for 4051/4052)
tPZL tPZH
Output Enable Time (for 4053)
tPLZ tPHZ
Output Disable Time (for 4051/4052)
tPLZ tPHZ
Output Disable Time (for 4053)
CIN CI/O
Input Capacitance Common Terminal Capacitance Switch Terminal Capacitance Feed Through Capacitance Power Dissipation Capacitance 5.0 -5.0
CI/O
5.0
-5.0
pF
CIOS
5.0
-5.0
pF
CPD (*)
5.0 GND
pF
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
7/15
M54/M74HC4051/4052/4053
ANALOG SWITCH CHARACTERISTICS (GND = 0 V T A = 25 o C)
Test Conditions Symbol Parameter Sine Wave Distortion fMAX Frequency Response (Switch ON) VCC (V) 2.25 4.5 6.0 VEE VIN (V) (Vp-p) 2.25 4 -4.5 -6.0 8 ALL (*) HC4051 (**) HC4052 (**) HC4053 (**) ALL (*) HC4051 (**) HC4052 (**) HC4053 (**) 6.0 -6.0 ALL (*) HC4051 (**) HC4052 (**) HC4053 (**) VIN is centered at (VCC - VEE)/2. Adjust input for 0 dBm RL = 600 CL = 50 pF fIN = 1 KHz sine wave Adjust RL at set up so that IS = 0A CL = 50 pF RL = 600 fIN = 1 MHz square wave Adjust VIN to Obtain 0 dBm at Input RL = 600 CL = 50 pF fIN = 1 MHz sine wave Value Unit Typ. fIN = 1 KHz RL = 10 K CL = 50 pF 0.025 0.020 0.018 120 45 70 95 190 70 110 150 200 85 140 190 -50 -50 -50 60 140 200 -50 -50 -50 dB mV dB MHz %
11 Adjust fIN voltage to Obtain 0 dBm at VOS. Increase fIN Frequency until dB Meter 2.25 -2.25 Reads -3dB RL = 50 CL = 10 pF fIN = 1 KHz sine wave 4.5 -4.5
Feedthrough Attenuation (Switch OFF) Crosstalk (Control Input to Signal Output) Crosstalk (Between Any Switches)
2.25 -2.25 4.5 -4.5 6.0 -6.0 2.25 -2.25 4.5 -4.5 6.0 -6.0 2.25 -2.25 4.5 6.0 -4.5 -6.0
(*): Input COMMON Terminal, and measured at SWITCH Terminal. (**): Input SWITCH Terminal, and measured at COMMON Terminal. NOTE: These characteristics are determined by design of devices.
8/15
M54/M74HC4051/4052/4053
SWITCHING CHARACTERISTICS TEST CIRCUIT tPLZ, tPHZ, tPZL, tPZH. CROSSTALK (control to output)
BANDWIDTH AND FEEDTHROUGH ATTENUATION
CROSSTALK BETWEEN ANY TWO SWITCHES
GND (VSS)
CI-O CI/O
GND (VSS)
9/15
M54/M74HC4051/4052/4053
SWITCHING CHARACTERISTICS TEST WAVEFORM
CHANNEL RESISTANCE (RON)
I CC (Opr.)
10/15
M54/M74HC4051/4052/4053
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
11/15
M54/M74HC4051/4052/4053
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
12/15
M54/M74HC4051/4052/4053
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
13/15
M54/M74HC4051/4052/4053
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
14/15
M54/M74HC4051/4052/4053
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
15/15


▲Up To Search▲   

 
Price & Availability of M54HC4053C1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X