Part Number Hot Search : 
DS1371U 2001723 74162 TVR14431 SFCV7673 NJU3730 D4301 UPD166
Product Description
Full Text Search
 

To Download LT1381CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1381 Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors FEATURES
s s s s s s s s s
DESCRIPTIO
s s
ESD Protection over 10kV Low Cost Uses Small Capacitors: 0.1F CMOS Comparable Low Power: 40mW Operates from a Single 5V Supply 120kBaud Operation for RL = 3k, CL = 2500pF 250kBaud Operation for RL = 3k, CL = 1000pF Rugged Bipolar Design Outputs Assume a High Impedance State When Powered Down Absolutely No Latchup Available in Narrow SO Package
APPLICATI
s s s s s
S
The LT (R)1381 is a dual RS232 driver/receiver pair with integral charge pump to generate RS232 voltage levels from a single 5V supply. The circuit features rugged bipolar design to provide operating fault tolerance and ESD protection unmatched by competing CMOS designs. Using only 0.1F external capacitors, the circuit consumes only 40mW of power and can operate to 120kbaud even while driving heavy capacitive loads. New ESD structures on the chip allow the LT1381 to survive multiple 10kV strikes, eliminating the need for costly TransZorbs(R) on the RS232 line pins. Driver outputs are protected from overload and can be shorted to ground or up to 25V without damage. During power-off conditions, driver and receiver outputs are in a high impedance state, allowing line sharing.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TransZorb(R) is a registered trademark of General Instruments, GSI
Portable Computers Battery-Powered Systems Power Supply Generator Terminals Modems
TYPICAL APPLICATI
+
0.1F 1 3 LT1381
16 2
5V INPUT
+
0.1F 6 0.1F 14
V + OUT DRIVER OUTPUT RL = 3k CL = 2500pF
+
0.1F
4 5 11
V - OUT
RS232 OUTPUT
LOGIC INPUTS
10 12
7 13 5k
RECEIVER R OUTPUT CL = 50pF
RS232 OUTPUT RS232 INPUT INPUT
LOGIC OUTPUTS 9
S
8 5k 15
RS232 INPUT
LT1381 * TA01
U
Output Waveforms
LT1381 * TA02
UO
+
UO
1
LT1381 ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW C1+ V+ C1
-
Supply Voltage (VCC) ................................................ 6V V + ........................................................................ 13.2V V - ...................................................................... -13.2V Input Voltage Driver ........................................................... V - to V + Receiver ............................................... - 30V to 30V Output Voltage Driver ................................. (V+ - 30V) to (V - + 30V) Receiver ................................. - 0.3V to (VCC + 0.3V) Short-Circuit Duration V + ................................................................... 30 sec V - ................................................................... 30 sec Driver Output .............................................. Indefinite Receiver Output .......................................... Indefinite Operating Temperature Range LT1381C ................................................. 0C to 70C LT1381I .............................................. - 40C to 85C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
ORDER PART NUMBER
16 VCC 15 GND 14 TR1 OUT 13 REC1 IN 12 REC1 OUT 11 TR1 IN 10 TR2 IN 9 REC2 OUT
1 2 3 4 5 6 7 8
C2+ C2
-
LT1381CN LT1381CS LT1381IS
V- TR2 OUT REC2 IN
S PACKAGE N PACKAGE 16-LEAD PLASTIC DIP 16-LEAD PLASTIC SOIC
TJMAX = 125C, JA = 90C/ W, JC = 46C/W (N) TJMAX = 125C, JA = 110C/ W, JC = 34C/W (S)
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
PARAMETER Power Supply Generator V + Output V - Output Supply Current (VCC) Supply Rise Time Oscillator Frequency Driver Output Voltage Swing Logic Input Voltage Level Logic Input Current Output Short-Circuit Current Output Leakage Current Data Rate Slew Rate Propagation Delay CONDITIONS
(Note 2)
MIN TYP 7.9 - 7.0 8
q
MAX
UNITS V V mA mA ms kHz V V V V A mA A kBaud kBaud
(Note 3), TA = 25C C1 = C2 = C3 = C4 = 0.1F
14 16
0.2 130 Positive Negative
q q q q q
Load = 3k to GND Input Low Level (VOUT = High) Input High Level (VOUT = Low) 0.8V VIN 2.0V VOUT = 0V Power Off VOUT = 15V RL = 3k, CL = 2500pF RL = 3k, CL = 1000pF RL = 3k, CL = 51pF RL = 3k, CL = 2500pF Output Transition tHL High to Low (Note 4) Output Transition tLH Low to High
5.0
2.0 9
7.5 - 6.3 1.4 1.4 5 17 10
- 5.0 0.8 20 100
q
120 250 4 15 6 0.6 0.5 30 1.3 1.3
2
U
V/s V/s s s
W
U
U
WW
W
LT1381
ELECTRICAL CHARACTERISTICS
PARAMETER Receiver Input Voltage Thresholds Hysteresis Input Resistance Output Voltage Output Short-Circuit Current Propagation Delay (Note 6) CONDITIONS
(Note 2)
MIN 0.8
q
TYP 1.3 1.7 0.4 5 0.2 4.2 - 20 20 250 350
MAX
UNITS V V V k V V mA mA ns ns
Input Low Threshold (VOUT = High) Input High Threshold (VOUT = Low)
2.4 1.0 7 0.4 - 10 600 600
0.1 3
Output Low, IOUT = - 1.6mA Output High, IOUT = 160A (VCC = 5V) Sinking Current, VOUT = VCC Sourcing Current, VOUT = 0V Output Transition tHL High-to-Low (Note 5) Output Transition tLH Low-to-High
q q
3.5 10
The q denotes specifications which apply over the full operating temperature range. Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: Testing done at VCC = 5V, unless otherwise specified. Note 3: Supply current is measured as the average over several charge pump cycles. C + = C - = C1 = C2 = 0.1F. All outputs are open, with all driver inputs tied high.
Note 4: For driver delay measurements, RL = 3k and CL = 51pF. Trigger points are set between the driver's input logic threshold and the output transition to the zero crossing (t HL = 1.4V to 0V and t LH = 1.4V to 0V). Note 5: For receiver delay measurements, CL = 51pF. Trigger points are set between the receiver's input logic threshold and the output transition to standard TTL/CMOS logic threshold (t HL = 1.3V to 2.4V and t LH = 1.7V to 0.8V). Note 6: Tested at VIN = 10V.
TYPICAL PERFOR A CE CHARACTERISTICS
Driver Maximum Output Voltage vs Load Capacitance
9.0 2 DRIVERS LOADED 8.5 8.0 7.5 20k BAUD 7.0 6.5 6.0 5.5 120k BAUD 5.0 0 1 2 345678 LOAD CAPACITANCE (nF) 9 10 60k BAUD
DRIVER OUTPUT VOLTAGE (V)
PEAK OUTPUT VOLTAGE (V)
PEAK OUTPUT VOLTAGE (V)
UW
LT1381 * TPC01
Driver Minimum Output Voltage vs Load Capacitance
-4.0 2 DRIVERS LOADED -4.5 -5.0 60k BAUD -5.5 -6.0 -6.5 -7.0 0 1 2 345678 LOAD CAPACITANCE (nF) 9 10 120k BAUD
10 8 6 4 2 0 -2 -4 -6 -8
Driver Output Voltage
RL = 3k VCC = 5.5V VCC = 5V VCC = 4.5V OUTPUT HIGH OUTPUT LOW VCC = 4.5V VCC = 5V VCC = 5.5V
20k BAUD
-10 -55 -25
50 25 0 75 TEMPERATURE (C)
100
125
LT1381 * TPC02
LT1381 * TPC03
3
LT1381
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Input Threshold
3.00 2.75 THRESHOLD VOLTAGE (V) 2.50 2.25 2.00 1.75 1.50 1.25 1.00 0.75 0.50 -55 -25 50 25 0 75 TEMPERATURE (C) 100 125 0 0 25 50 75 100 DATA RATE (kBaud) 125 150
0.1 -55 -25 50 25 0 75 TEMPERATURE (C) 100 125
LEAKAGE CURRENT (A)
SUPPLY CURRENT (mA)
INPUT HIGH
INPUT LOW
Receiver Short-Circuit Current
50 ISC -
SHORT-CIRCUIT CURRENT (mA)
SHORT-CIRCUIT CURRENT (mA)
40
20 15 10 5 0 -55 -25
30 ISC + 20
SLEW RATE (V/s)
10
0 -55 -25
50 25 0 75 TEMPERATURE (C)
LTLT1381 * TPC07
V + Compliance Curve
10 V + (1F) 8 V + (0.1F) -8 -10
V + (V)
V - (V)
6
4
2
0
0
5 10 LOAD CURRENT + (mA)
4
UW
LT1381 * TPC04
Supply Current vs Data Rate
50 2 DRIVERS ACTIVE RL = 3k CL = 2500pF
100
Driver Leakage in Shutdown
40
10
30
20
1
VOUT = 30V VOUT = -30V
10
LT1381 * TPC05
LT1381 * TPC06
Driver Short-Circuit Current
30 25 ISC +
20 18 16 14 12 10 8 6 4 2
Slew Rate vs Load Capacitance
ISC -
+SLEW RATE
-SLEW RATE
100
125
50 25 75 0 TEMPERATURE (C)
100
125
0
0
1
3 2 CAPACITANCE (nF)
4
5
LT1381 * TPC08
LT1381 * TPC09
V - Compliance Curve
V - (1F) -6 V - (0.1F) -4
-2
15
LT1381 * TPC10
0
0
5 10 LOAD CURRENT - (mA)
15
LT1381 * TPC11
LT1381 PI FU CTIO S
C1 +, C1 -, C2 +, C2 - (Pins 1, 3, 4, 5): Commutating Capacitor Inputs. These pins require two external capacitors C 0.1F: one from C1+ to C1- and another from C2+ to C2 -. C1 may be deleted if a separate 12V supply is available and connected to pin C1+. V + (Pin 2): Positive Supply Output (RS232 Drivers). V + 2VCC - 2.1V. This pin requires an external charge storage capacitor C 0.1F, tied to ground or VCC. Larger value capacitors may be used to reduce supply ripple. With multiple transceivers, the V+ and V - pins may be paralleled into common capacitors. V - (Pin 6): Negative Supply Output (RS232 Drivers). V - -(2VCC - 3V). This pin requires an external charge storage capacitor C 0.1F. Larger value capacitors may be used to reduce supply ripple. With multiple transceivers, the V+ and V - pins may be paralleled into common capacitors. TR2 OUT, TR1 OUT (Pin 7, 14): Driver Outputs at RS232 Voltage Levels. Driver output swing meets RS232 levels for loads up to 3k. Slew rates are controlled for lightly loaded lines. Output current capability is sufficient for load conditions up to 2500pF. Outputs are in a high impedance state when VCC = 0V. Outputs are fully shortcircuit protected from V - + 25V to V + - 25V. Applying higher voltages will not damage the device if the overdrive is moderately current limited. Short circuits on one output can load the power supply generator and may disrupt the signal levels of the other outputs. The driver outputs are protected against ESD to 10kV for human body model discharges. REC2 IN, REC1 IN (Pins 8, 13): Receiver Inputs. These pins accept RS232 level signals (30V) into a protected 5k terminating resistor. The receiver inputs are protected against ESD to 10kV for human body model discharges. Each receiver provides 0.4V of hysteresis for noise immunity. Open receiver inputs assume a logic low state. REC2 OUT, REC1 OUT (Pins 9, 12): Receiver Outputs with TTL/CMOS Voltage Levels. Outputs are fully short-circuit protected to ground or VCC with the power ON or OFF. TR2 IN, TR1 IN (Pins 10, 11): RS232 Driver Input Pins. These inputs are TTL/CMOS compatible. Inputs should not be allowed to float. Tie unused inputs to VCC. GND (Pin 15): Ground Pin. VCC (Pin 16): 5V Input Supply Pin. This pin should be decoupled with a 0.1F ceramic capacitor close to the package pin. Insufficient supply bypassing can result in low output drive levels and erratic charge pump operation.
ESD PROTECTIO
The RS232 line inputs of the LT1381 have on-chip protection from ESD transients up to 10kV. The protection structures act to divert the static discharge safely to system ground. In order for the ESD protection to function effectively, the power supply and ground pins of the circuit must be connected to ground through low impedances. The power supply decoupling capacitors and charge pump storage capacitors provide this low impedance in normal application of the circuit. The only constraint is that low ESR capacitors must be used for bypassing and charge storage. ESD testing must be done with pins VCC, V +, V - and GND shorted to ground or connected with low ESR capacitors.
U
U
U
U
ESD Test Circuit
1 C1+ V+ C1- C2+ C2 - V- LT1381 5V VCC GND 16
+
0.1F
0.1F
+2
3
+
15 0.1F RS232 LINE PINS PROTECTED TO 10kV
TR1 OUT 14 REC1 IN 13 REC1 OUT 12 TR1 IN 11 TR2 IN 10 REC2 OUT 9
+
0.1F 0.1F
4 5
+
6
RS232 LINE PINS PROTECTED TO 10kV
7 TR2 OUT 8 REC2 IN
LT1381 * ESD TC
5
LT1381
TYPICAL APPLICATIO S
Isolated RS232 Driver/Receiver
VIN = 5V 10% FROM SYSTEM 47 CTX20-1 1:1 1N5818 1 LT1121-5
+
100F
ILIM
VIN SW1
LT1111 FB GND SW2
ISOLATOR OUTPUT (DATA TO SYSTEM)
VOUT
VCC OS LTC1145 GND2 GND1 IN
ISOLATOR INPUT (DATA FROM SYSTEM)
VIN
VCC IN LTC1145 GND1 GND2 FLOATING GROUND OS
9
RX
8
11
DX
14 15
ISOLATION BARRIER
SYSTEM GROUND
Data Transmission Across Isolation Barrier
ISOLATOR INPUT
RS232 INPUT
RS232 OUTPUT
ISOLATOR OUTPUT
1381 TA04
6
+
U
5V 10%
L1 20H 1N5818
+
100F 0.1F
+
10F
13.7V 10k
+
1F
1k
1
16 VCC LT1381 RS232
+
0.1F 3 4
2
+
0.1F
+
0.1F 5 6 0.1F
RS232 INPUT
RS232 OUTPUT
LT1381 * TA03
1381 TA05
LT1381 PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted. N Package 16-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.770* (19.558) MAX 16 15 14 13 12 11 10 9
0.255 0.015* (6.477 0.381)
1
2
3
4
5
6
7
8
0.300 - 0.325 (7.620 - 8.255)
0.130 0.005 (3.302 0.127) 0.020 (0.508) MIN
0.045 - 0.065 (1.143 - 1.651)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP 0.125 (3.175) MIN 0.100 0.010 (2.540 0.254) 0.018 0.003 (0.457 0.076)
N16 1197
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
S Package 16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.386 - 0.394* (9.804 - 10.008) 16 15 14 13 12 11 10 9
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
1 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0 - 8 TYP
2
3
4
5
6
7
8
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.016 - 0.050 0.406 - 1.270
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) TYP
S16 0695
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of circuits as described herein will not infringe on existing patent rights.
7
LT1381
TYPICAL APPLICATIO S
Operation Using 5V and 12V Power Supplies
12V INPUT 1 2 LT1381 16 3 16 0.1F -12VOUT 5V INPUT
11 LOGIC INPUTS 10 12 LOGIC OUTPUTS 9
S
14 7 13 5k 8 5k 15
Sharing Capacitors
5V VCC
16 LT1381 11
V+ V-
2 6 14
+ +
RS232 OUTPUT RS232 OUTPUT RS232 INPUT 0.1F TTL INPUT TTL INPUT TTL OUTPUT 11
TTL INPUT TTL INPUT TTL OUTPUT
10 12 5k 9 5k 1 C1+ C1- C2+
7 13
TTL OUTPUT
8
RS232 INPUT
4
+
0.1F 3
+
0.1F 0.1F
5 C2 -
RELATED PARTS
PART NUMBER LT1180A/LT1181A LT1280A/LT1281A LT1780/LT1781 DESCRIPTION 5V 2-Driver/2-Receiver RS232 Transceivers 5V 2-Driver/2-Receiver RS232 Transceivers 5V 2-Driver/2-Receiver RS232 Transceivers COMMENTS Pin Compatible with LT1280A/LT1280A Pin Compatible with LT1180A/LT1181A IEC 1000-4-2 Level 4 Compliance
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
+
U
+
0.1F
4 5
RS232 OUTPUT RS232 OUTPUT RS232 INPUT
RS232 INPUT
LT1381 * TA06
5V VCC
16 LT1381
V+ V-
2 6 14 RS232 OUTPUT RS232 OUTPUT RS232 INPUT
10 12 5k 9 5k 1 C1+ C1- C2+
7 13
TTL OUTPUT
8
RS232 INPUT
4
+
3
+
0.1F
LT1381 * TA07
5 C2 -
1381fa, sn1381 LT/TP 1098 REV A 2K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1993


▲Up To Search▲   

 
Price & Availability of LT1381CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X