Part Number Hot Search : 
20N06 K9K8G08U SD125 UDA1343 FSB619 NVG6TLTA RB450F LH28F
Product Description
Full Text Search
 

To Download LM393AFE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Low power dual voltage comparator
LM193/A/293/A/393/A/2903
DESCRIPTION
The LM193 series consists of two independent precision voltage comparators with an offset voltage specification as low as 2.0mV max. for two comparators which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground, even though operated from a single power supply voltage. The LM193 series was designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies, the LM193 series will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators.
PIN CONFIGURATION
D, N, FE Packages
OUTPUT A INVERTING INPUT A NON-INVERTING INPUT A GND
1 2 3 4 A B
8 7 6 5
V+ OUTPUT B INVERTING INPUT B NON-INVERTING INPUT B
TOP VIEW
SL00079
FEATURES
Figure 1. Pin Configuration
* Wide single supply voltage range 2.0VDC to 36VDC or dual
supplies 1.0VDC, to 18VDC
* Very low supply current drain (0.8mA) independent of supply
voltage (2.0mW/comparator at 5.0VDC)
EQUIVALENT CIRCUIT
V+
* Low input biasing current 25nA * Low input offset current 5nA and offset voltage 2mV * Input common-mode voltage range includes ground * Differential input voltage range equal to the power supply voltage * Low output 250mV at 4mA saturation voltage * Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
logic systems
3.5A
100A
3.5A
100A
Q2
Q3 Q4 OUTPUT
+ INPUT
- INPUT
Q1
Q8 Q7 Q5 Q6
APPLICATIONS
* A/D converters * Wide range VCO * MOS clock generator * High voltage logic gate * Multivibrators
ORDERING INFORMATION
DESCRIPTION 8-Pin Ceramic Dual In-Line Package (Cerdip) 8-Pin Ceramic Dual In-Line Package (Cerdip) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Ceramic Dual In-Line Package (Cerdip) 8-Pin Ceramic Dual In-Line Package (Cerdip) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP)
(One Comparator Only)
SL00080
Figure 2. Equivalent Circuit
TEMPERATURE RANGE -55C to +125C -25C to +85C -25C to +85C -25C to +85C -25C to +85C 0 to +70C 0 to +70C 0 to +70C 0 to +70C 0 to +70C -40C to +125C -40C to +125C
ORDER CODE LM193FE LM293FE LM293N LM293D LM293AN LM393AFE LM393FE LM393D LM393N LM393AN LM2903N LM2903D
DWG # 0580A 0580A SOT97-1 SOT96-1 SOT97-1 0580A 0580A SOT96-1 SOT97-1 SOT97-1 SOT97-1 SOT97-1
1995 Nov 27
1
853-0932 16050
Philips Semiconductors
Product specification
Low power dual voltage comparator
LM193/A/293/A/393/A/2903
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC VIN PD Supply voltage Differential input voltage Input voltage Maximum power dissipation, TA=25C (still-air)1 F package N package D package Output short-circuit to ground2 IIN TA Input current (VIN<-0.3VDC )3 Operating temperature range LM193/193A LM293/293A LM393/393A LM2903 Storage temperature range Lead soldering temperature (10sec max) 780 1160 780 Continuous 50 -55 to +125 -25 to +85 0 to +70 -40 to +125 -65 to +150 300 mA C C C C C C mW mW mW PARAMETER RATING 36 or 18 36 -0.3 to +36 UNIT VDC VDC VDC
TSTG TSOLD
NOTES: 1. Derate above 25C, at the following rates: F package at 6.2mW/C N package at 9.3mW/C D package at 6.2mW/C 2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately 20mA independent of the magnitude of V+. 3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3VDC.
1995 Nov 27
2
Philips Semiconductors
Product specification
Low power dual voltage comparator
LM193/A/293/A/393/A/2903
DC AND AC ELECTRICAL CHARACTERISTICS
V+=5VDC, LM193/193A: -55C TA +125C, unless otherwise specified. LM293/293A: -25C TA +85C, unless otherwise specified. LM393/393A: 0C TA +70C, unless otherwise specified. LM2903: -40C TA +125C, unless otherwise specified. SYMBOL VOS VCM VIDR PARAMETER Input offset voltage2 Input common-mode voltage range3, 6 Differential input voltage1 Input bias current4 TEST CONDITIONS TA=25C Over temp. TA=25C Over temp. Keep all VINs 0VDC (or V- if need) IIN(+) or IIN(-) with output in linear range TA=25C Over temp. IIN(+)-IIN(-) TA=25C Over temp. VIN(-)1VDC, VIN(+)=0, V01.5VDC TA=25C V0=5VDC, TA=25C VIN(+)1VDC, VIN(-)=0 V0=30VDC Over temp. RL= on both comparators, TA=25C RL= on both comparators, V+=30V RL15k, V+=15VDC, TA=25C VIN(-)1VDC, VIN(+)=0, ISINK4mA VOL Saturation voltage TA=25C Over temp. Large-signal response time Response time5 VIN=TTL logic swing, VREF=1.4VDC VRL=5VDC, RL=5.1k, TA=25C VRL=5VDC, RL=5.1k TA=25C 250 400 700 250 400 700 400 400 700 mV mV 50 6.0 0 0 LM193A Min Typ 1.0 Max 2.0 4.0 V+-1.5 V+-2.0 V+ 0 0 LM293A/393A Min Typ 1.0 Max 2.0 4.0 V+-1.5 V+-2.0 V+ 0 0 Min LM2903 Typ 2.0 9 Max 7.0 15 V+-1.5 V+-2.0 V+ UNIT mV mV V V V
IBIAS
25
100 300 25 100 6.0
25
250 400 50 150 6.0
25 200 5 50 16 0.1
250 500 50 200
nA nA nA nA mA nA
IOS
Input offset current
3.0
5.0
IOL
Output sink current
16 0.1 1.0
16 0.1 1.0
Output leakage current
1.0
A
0.8 1 200
1 2.5 50
0.8 1 200
1 2.5 25
0.8 1 100
1 2.5
mA mA V/mV
ICC
Supply current
AV
Voltage gain
tLSR
300
300
300
ns
tR
1.3
1.3
1.3
s
1995 Nov 27
3
Philips Semiconductors
Product specification
Low power dual voltage comparator
LM193/A/293/A/393/A/2903
DC ELECTRICAL CHARACTERISTICS (Continued)
V+=5VDC, LM193/193A: -55C TA +125C, unless otherwise specified. LM293/293A: -25C TA +85C, unless otherwise specified. LM393/393A: 0C TA +70C, unless otherwise specified. LM2903: -40C TA +125C, unless otherwise specified. SYMBOL VOS VCM VIDR PARAMETER Input offset voltage2 Input common-mode voltage range3, 6 Differential input voltage1 Input bias current4 TEST CONDITIONS TA=25C Over temp. TA=25C Over temp. Keep all VINs 0VDC (or V-if need) IIN(+) or IIN(-) with output in linear range TA=25C Over temp. IIN(+)-IIN(-) TA=25C Over temp. VIN(-)1VDC, VIN(+)=0, V01.5VDC TA=25C VIN(+)1VDC, VIN(-)=0, V0=5VDC TA=25C V0=30VDC over temp. RL= on both comparators, TA=25C RL= on both comparators, V+=30V AV VOL Voltage gain RL15k, V+=15VDC VIN(-)1VDC, VIN(+)=0, ISINK4mA TA=25C Over temp. VIN=TTL logic swing, VREF=1.4VDC, VRL=5VDC RL=5.1k, TA=25C VRL=5VDC, RL=5.1k TA=25C 50 200 6.0 0 0 LM193 Min Typ 2.0 Max 5.0 9.0 V-1.5 V-2.0 V+ 0 0 Min LM293/393 Typ 2.0 Max 5.0 9.0 V+-1.5 V+-2.0 V+ UNIT mV mV V V V
IBIAS
25
100 300 25 100 6.0
25
250 400 50 150
nA nA nA nA
IOS
Input offset current
3.0
5.0
IOL
Output sink current
16
16
mA
Output leakage current
0.1 1.0 0.8 1 2.5 50
0.1 1.0 0.8 1 2.5 200
nA A mA mA V/mV
ICC
Supply current
Saturation voltage
250
400 700
250
400 700
mV mV
tLSR
Large signal response time
300
300
ns
tR
Response time5
1.3
1.3
s
NOTES: 1. Positive excursions of input voltage may exceed the power supply level by 17V. As long as the other voltage remains within the common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than -0.3VDC (VDC below the magnitude of the negative power supply, if used). 2. At output switch point, VO 1.4VDC, RS=0 with V+ from 5VDC to 30VDC and over the full input common-mode range (0VDC to V+-1.5VDC). 3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is V+-1.5V, but either or both inputs can go to 30VDC without damage. 4. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the reference or input lines. 5. The response time specified is for a 100mV input step with a 5mV overdrive. 6. For input signals that exceed VCC, only the over-driven comparator is affected. With a 5V supply, VIN should be limited to 25V maximum, and a limiting resistor should be used on all inputs that might exceed the positive supply.
1995 Nov 27
4
Philips Semiconductors
Product specification
Low power dual voltage comparator
LM193/A/293/A/393/A/2903
EQUIVALENT CIRCUIT
V+ 700k 100k
+ VC FREQUENCY CONTROL VOLTAGE INPUT
50k
-
10 0.1F 20k 20k
500pF
30k 5.1k
3.0k
LM393
-
LM393 V - /2 OUTPUT 1
+
+
OUTPUT 2
+
LM393
V + /2
-
NOTES: V+ = 30VDC + 250m VDC < VC = 50VDC 700H < fO = 100kHz
Two-Decade High-Frequency VCO
+ V (12V
DC)
+V
2RS
REF HI
RS
10K + - LAMP
+V + 5V
IN
+
DC 360
2RS
2N2222 -
Limit Comparator
+
+V
REF 4 100
-
100k + 5V 360 DC
V+
+ -
+
+V
VO
REF 3 - 100 100k + 5V 360
V+ 200k 2.0k V+ 0.1F + - VO 0
DC
TTL-to-MOS Logic Converter
+V
+
REF 2 - 100k + 5V 360 DC
100k
100
+V
+
REF 1 - 100 100k
200k
CRYSTAL I - 100kHz
Visible Voltage Indicator
NOTE: Input of unused comparators should be grounded.
Crystal-Controlled Oscillator
SL00081
Figure 3. Equivalent Circuit
1995 Nov 27
5
Philips Semiconductors
Product specification
Low power dual voltage comparator
LM193/A/293/A/393/A/2903
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current
V O-- SATURATION VOLTAGE (V DC)
Output Saturation Voltage
10 OUT OF SATURATION 1.0
80
I N -- INPUT CURRENT -- nADC VIN (CM) = 0 VDC RIN (CM) = 10k TA = -55oC TA = 0oC
60
40
0.1
TA = +125oC TA = -55oC
20
TA = +125oC
TA = +25oC TA = +70oC
0.01 TA = 25o 0.1 1.0 10 100
0
10
20
30
40
0.001 0.01
v + -- SUPPLY VOLTAGE -- VDC
IO -- OUTPUT SINK CURRENT (mA)
Response Time for Various Input Overdrives -- Negative Transition
OUTPUT VOLTAGE VO -- mV OUTPUT VOLTAGE VO -- mV 6 5 4 3 2 1 INPUT VOLTAGE VIN -- mV 0 0 -50 VIN - + 5mV = INPUT OVERDRIVE + 5V 6 5 4 3 2 1 INPUT VOLTAGE VIN -- mV 0 0 -50
Response Time for Various Input Overdrives -- Positive Transition
INPUT OVERDRIVE = 100mV
20mV
5.1K VOUT
5mV 20mV
100mV
+ 5V
OVERDRIVE
TA = 25oC 0 0.5 1.0 1.5 2.0 TIME -- sec
TA = 25oC
VIN
- +
5.1K VOUT
-100
-100 0 0.5
OVERDRIVE
1.0 1.5 2.0 TIME -- sec
SL00082
Figure 4. Typical Performance Characteristics
1995 Nov 27
6


▲Up To Search▲   

 
Price & Availability of LM393AFE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X