Part Number Hot Search : 
MIC520 BR10150 32CTQ BR10150 MA736 2203161 ER107 BR10150
Product Description
Full Text Search
 

To Download LBB126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LBB126
DUAL POLE OptoMOS(R) Relay
Load Voltage Load Current Max RON
LBB126 250 170 15
Units V mA
Description LBB126 is a 250V, 170mA, 15 2-Form-B relay. It features lower on-resistance combined with enhanced peak load current handling capability.
Features * Small 8 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 3750VRMS Input/Output Isolation * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Surface Mount and Tape & Reel Versions Available
Approvals * UL Recognized: File Number E76270 * CSA Certified: File Number LR 43639-10 * BSI Certified to: * BS EN 60950:1992 (BS7002:1992) Certificate #: 7344 * BS EN 41003:1993 Certificate #: 7344
Ordering Information Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Security * Aerospace * Industrial Controls Part # LBB126 LBB126P LBB126PTR LBB126S LBB126STR Description 8 Pin DIP (50/Tube) 8 Pin Flatpack (50/Tube) 8 Pin Flatpack (1000/Reel) 8 Pin Surface Mount (50/Tube) 8 Pin Surface Mount (1000/Reel)
Pin Configuration
LBB126 Pinout
AC/DC Configuration + Control - Switch #1 - Control - Switch #1 + Control - Switch #2 - Control - Switch #2 1 2 3 4 8 7 6 5 Load - Switch #1 Load - Switch #1 Load - Switch #2 Load - Switch #2
Switching Characteristics of Normally Closed (Form B) Devices
10ms CONTROL
+90% +10% TOFF
+
90% TON
DS-LBB126-R3
www.clare.com
1
LBB126
Absolute Maximum Ratings (@ 25 C)
Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Flatpack/Surface Mount Package (10 Seconds Max.)
1 2
Min 3750 -40 -40 -
Typ Max Units - 1501 mW 50 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C +260 +220 C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C
Electrical Characteristics
PARAMETER Output Characteristics @ 25C Load Voltage (Peak) Load Current* (Continuous) AC/DC Configuration Peak Load Current On-Resistance AC/DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Common Characteristics @ 25C Input to Output Capacitance Input to Output Isolation CONDITIONS 10ms IL=170mA VL=350V IF=5mA,VL=10V IF=5mA,VL=10V 50V; f=1MHz IL=170mA IF=5mA VR=5V SYMBOL VL IL ILPK RON ILEAK TON TOFF COUT IF IF VF VR IR CI/O VI/O MIN 5 0.4 0.9 3750 TYP 10 50 0.7 1.2 3 MAX 250 170 400 15 1 5 5 50 1.4 5 10 UNITS V mA mA A ms ms pF mA mA V V A pF VRMS
*Note: If both poles operate simulataneously load current must be derated so as not to exceed the package power dissipation value.
2
www.clare.com
Rev. 3
LBB126
PERFORMANCE DATA*
35 30 Device Count (N)
LBB126 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C) IF = 5mADC
LBB126 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
35 30 Device Count (N) Device Count (N) 10.4 10.8 11.2 11.6 12.0 12.4 12.8 25 20 15 10 5 0 35 30 25 20 15 10 5 0
LBB126 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C) IF=5mADC
25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
On-Resistance ()
291.25 293.75 296.25 298.75 301.25 303.75
LBB126 Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
25 20 15 10 5 0 0.45 0.63 0.81 0.99 1.17 1.35 1.53 LED Current (mA) 30 25 Device Count (N) 20 15 10 5 0
LBB126 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) (Load Current = 170mADC)
25 20 15 10
LBB126 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
Device Count (N)
Device Count (N) 0.45 0.63 0.81 0.99 1.17 1.35 1.53
5 0 0.30 0.42 0.54 0.66 0.78 0.90 1.02
LED Current (mA)
Turn-On (ms)
35 30 Device Count (N) 25 20 15 10
LBB126 Typical Turn-Off Time (N=50 Ambient Temperature = 25C) (Load Current = 170mADC; IF = 5mADC)
250
Load Current (mA)
LBB126 Typical Load Current vs. Temperature
LBB126 Typical Leakage vs. Temperature (Measured across Pins 5 & 6 or 7 & 8)
0.030 0.025 Leakage (A) 0.020 0.015 0.010 0.005
200 150 100 50 0 -40 -20 0 20 40 60 80 100 120
5 0 0.625 0.875 1.125 1.375 1.625 1.875 2.125 Turn-Off (ms)
0 -40 -20 0 20 40 60 80 100 Temperature (C)
Temperature (C)
310
Blocking Voltage (VRMS)
LBB126 Typical Blocking Voltage vs. Temperature IF = 5mADC
Turn-On (ms)
LBB126 Typical Turn-On vs. Temperature (Load Current = 170mADC)
1.2 1.0 0.8 0.6 0.4 0.2 0 -40 -20 0 20 40 60 5mA Turn-Off (ms) 2.5 2.0 1.5 1.0
LBB126 Typical Turn-Off vs. Temperature (Load Current = 170mADC)
305 300 295 290 285 -40 -20 0 20 40 60 80 100
5mA
10mA 0.5 20mA 0
80
100
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
Rev. 3
www.clare.com
3
LBB126
PERFORMANCE DATA*
LBB126 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 Turn-On (ms) 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 100 120 Temperature (C)
LBB126 Typical Turn-On vs. LED Forward Current (Load Current = 170mADC)
0.634 0.632 Turn-Off (ms) 0.630 0.628 0.626 0.624 0.622 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
LBB126 Typical Turn-Off vs. LED Forward Current (Load Current = 170mADC)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 LED Forward Current (mA)
50mA 30mA 20mA 10mA 5mA
LBB126 Typical On-Resistance vs. Temperature (Load Current = 170mADC)
60 On-Resistance () 50 LED Current (mA) 40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C) 3.000 2.500
LBB126 Typical IF for Switch Operation vs. Temperature (Load Current = 170mADC)
3.000 2.500 LED Current (mA) 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100 -40
LBB126 Typical IF for Switch Dropout vs. Temperature (Load Current = 170mADC)
2.000 1.500 1.000 0.500 0 Temperature (C)
-20
0
20
40
60
80
100
Temperature (C)
LBB126 Typical Load Current vs. Load Voltage (Ambient Temperature = 25C)
200 150 Load Current (mA) Load Current (A) 100 50 0 -50 -100 -150 -200 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 1.2 1.0 0.8 0.6 0.4 0.2
LBB126 Energy Rating Curve
0 10s 100s 1ms 10ms 100ms Time
1s
10s 100s
Load Voltage (V)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
Rev. 3
LBB126
Mechanical Dimensions
8 Pin DIP Through Hole (Standard)
7.620 .254 (.300 .010) 3.302 (.130) 9.144 TYP. (.360) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 8-.800 DIA. (.100 .005) (8-.031 DIA.) 7.620 .127 (.300 .005)
7.239 TYP. (.285)
9.144 .508 (.360 .020)
6.350 .127 (.250 .005)
.457 .076 (.018 .003) 8.077 .127 (.318 .005 )
7.620 .127 (.300 .005)
8 Pin DIP Surface Mount ("S" Suffix)
7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View) 2.540 .127
(.100 .005)
9.525 .254 (.375 .010) 1.905 .127 (.075 .005) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.498 .127 (.059 .005)
8.305 .127 (.327 .005)
8 Pin Flatpack ("P" Suffix)
9.652 .381 (.380 .015) 2.540 .127 (.100 .005)
PC Board Pattern (Top View)
2.540 .127 (.100 .005) 9.398 .127 (.370 .005)
2.159 TYP. (.085)
7.620 .254 (.300 .010) 6.350 .127 (.250 .005) .203 (.008) .457 .076 (.018 .003) 8.077 .127 (.318 .005) 1.193 (.047)
2.286 MAX. .635 .127 (.090) (.025)
8.763 .127 (.345 .005)
.787 (.031)
Dimensions mm (inches)
Rev. 3
www.clare.com
5
LBB126
Mechanical Dimensions
Tape and Reel Packaging for 8 Pin Surface Mount Package
330.2 DIA. (13.00) Top Cover Tape Thickness .102 MAX. (.004) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192)
1
8
16.002 .305 (.630 .012) 10.300 (.405)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.989 .102 (.472 .004) User Direction of Feed
10.300 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Tape and Reel Packaging for 8 Pin Flatpack Package
330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004)
Top Cover Tape Thickness .102 MAX. (.004)
6.731 MAX. 1.753 0.102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004)
1
8
16.002 .305 (.630 .012) 10.287 (.405)
12.090 (.476) 4.877 (.192)
Embossed Carrier
Top Cover Tape
.050R TYP.
11.988 .102 (.472 .004) User Direction of Feed
10.287 .102 (.405 .004)
1.549 .102 (.061 .004)
Embossment
Dimensions mm (inches)
6
www.clare.com
Rev. 3
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-LBB126-R3 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 2/23/01


▲Up To Search▲   

 
Price & Availability of LBB126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X