Part Number Hot Search : 
KBPC1510 EL4584C MIC5335 000MT BD6637KS 244CS AOZ102 H28F80
Product Description
Full Text Search
 

To Download KIA78M12T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V, 8V, 12V, 15V.
C
KIA78M05T KIA78M15T
BIPOLAR LINEAR INTEGRATED CIRCUIT
A B D E F
KIA78M Series of three-terminal positive voltage regulators employ built-in current limiting, thermal shutdown, and safe-operating area protection which makes them virtually immune to damage from output overloads. With adequate heatsinking, they can deliver in excess of 0.5A output current.
G
H J K L
FEATURES
Output current in excess of 0.5A. No external components. Internal thermal overload protection. Internal short circuit current limiting. Output transistor safe-area compensation. Available in TO-126 package.
1. INPUT 2. COMMON 3. OUTPUT
N 1 2 3 M O
P
DIM MILLIMETERS A 8.3 MAX B 5.8 C 0.7 _ 3.1+ 0.1 D 3.5 E _ F 11.0 + 0.3 G 2.9 MAX 1.0 MAX H 1.9 MAX J _ 0.75 + 0.15 K 14.0 MIN L _ 2.3 + 0.1 M _ 0.75 + 0.15 N 1.6 O 3.4 MAX P
TO-126
MAXIMUM RATINGS (Ta=25
CHARACTERISTIC Input Voltage Power Dissipation (Tc=25 Power Dissipation (Without Heatsink) Operating Junction Temperature Storage Temperature Soldering Temperature (10 seconds) )
)
SYMBOL VIN PD PD Tj Tstg Tsol RATING 35 15 1.5 -40 150 -55 150 260 UNIT V W W
2002. 8. 29
Revision No : 0
1/8
KIA78M05T
EQUIVALENT CIRCUIT
KIA78M15T
R4 D1
R13
R11
R12 Q12
QD
Q13 Q1 R18 Q1 R3 Q2 C1 R9 Q9 Q4 Q14 Q11 R19 D3 R15 Q15 R14 R21 0 OUTPUT R20 R16 Q16 RB R13_1 D2 INPUT Q10 Q6 RA Q8 R2
2002. 8. 29
Revision No : 0
2/8
KIA78M05T
KIA78M15T
ELECTRICAL CHARACTERISTICS KIA78M05T (unless otherwise specified : VIN=10V, IO=350mA, CIN=0.33 F, Co=0.1 F)
CHARACTERISTIC SYMBOL Tj=25 Output Voltage VOUT 5mA PD 8V Line Regulation Reg Line 7.2V Load Regulation Quiescent Current Reg Load IB 5mA Tj=25 5mA Quiescent Current Change IB 7.5V Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Output Voltage Drift VNO RR VD ISC VOUT/ T VIN 25V, IOUT=200mA 18V 62 40 78 2.0 300 -0.5 1.0 mA V dB V mA mV/ IOUT 350mA VIN 25V, IOUT=200mA 4 100 100 6 0.5 mV mA mA IOUT 350mA 7.5W, 7.5V VIN VIN 20V TEST CONDITION MIN. 4.8 4.75 TYP. 5.0 5.0 MAX. 5.2 V 5.25 50 mV UNIT
25V, IOUT=200mA
IOUT 500mA
f=10Hz 100kHz f=120Hz, 8V IOUT=300mA IOUT=500mA VIN=35V IOUT=5mA, Tj=0 125 VIN
2002. 8. 29
Revision No : 0
3/8
KIA78M05T
KIA78M15T
ELECTRICAL CHARACTERISTICS KIA78M08T (unless otherwise specified : VIN=14V, IO=350mA, CIN=0.33 F, Co=0.1 F)
CHARACTERISTIC SYMBOL Tj=25 Output Voltage VOUT 5mA IOUT 350mA PD 7.5W, 10.5V VIN 11V Line Regulation Reg Line 10.5V Load Regulation Quiescent Current Reg Load IB 5mA Tj=25 5mA Quiescent Current Change IB 10.5V Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Output Voltage Drift VNO RR VD ISC VOUT/ T VIN 25V, IOUT=200mA 25V 56 50 75 2.0 300 -0.5 1.0 mA V dB V mA mV/ IOUT 350mA VIN IOUT 25V, IOUT=200mA 500mA 4 100 100 6 0.5 mV mA mA VIN TEST CONDITION MIN. 7.7 7.6 TYP. 8 8 MAX. 8.3 V 23V 8.4 50 mV UNIT
25V, IOUT=200mA
f=10Hz 100kHz f=120Hz, 11V IOUT=300mA IOUT=500mA VIN=35V IOUT=5mA, Tj=0 125 VIN
2002. 8. 29
Revision No : 0
4/8
KIA78M05T
KIA78M15T
ELECTRICAL CHARACTERISTICS KIA78M12T (unless otherwise specified : VIN=19V, IO=350mA, CIN=0.33 F, Co=0.1 F)
CHARACTERISTIC SYMBOL Tj=25 Output Voltage VOUT 5mA IOUT 350mA PD 7.5W, 14.8V VIN 16V Line Regulation Reg Line 14.5V Load Regulation Quiescent Current Reg Load IB 5mA Tj=25 5mA Quiescent Current Change IB 14.5V Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Output Voltage Drift VNO RR VD ISC VOUT/ T VIN 25V, IOUT=200mA 25V 55 75 75 2.0 300 -0.5 1.0 mA V dB V mA mV/ IOUT 350mA VIN 30V, IOUT=200mA 4 100 240 6 0.5 mV mA mA VIN TEST CONDITION MIN. 11.5 11.4 TYP. 12 12 MAX. 12.5 V 27V 12.6 50 mV UNIT
30V, IOUT=200mA
IOUT 500mA
f=10Hz 100kHz f=120Hz, 15V IOUT=300mA IOUT=500mA VIN=35V IOUT=5mA, Tj=0 125 VIN
2002. 8. 29
Revision No : 0
5/8
KIA78M05T
KIA78M15T
ELECTRICAL CHARACTERISTICS KIA78M15T (unless otherwise specified : VIN=23V, IO=350mA, CIN=0.33 F, Co=0.1 F)
CHARACTERISTIC SYMBOL Tj=25 Output Voltage VOUT 5mA IOUT 350mA PD 7.5W, 18V VIN 20V Line Regulation Reg Line 17.5V Load Regulation Quiescent Current Reg Load IB 5mA Tj=25 5mA Quiescent Current Change IB 18V Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Output Voltage Drift VNO RR VD ISC VOUT/ T VIN 30V, IOUT=200mA VIN 28.5V 54 90 70 2.0 300 -1 1.0 mA V dB V mA mV/ IOUT 350mA VIN IOUT 30V, IOUT=200mA 500mA 4 100 300 6 0.5 mV mA mA VIN TEST CONDITION MIN. 14.4 14.25 TYP. 15 15 MAX. 15.6 V 30V 15.75 50 mV UNIT
30V, IOUT=200mA
f=10Hz 100kHz f=120Hz, 18.5V IOUT=300mA IOUT=500mA VIN=35V IOUT=5mA, Tj=0 125
2002. 8. 29
Revision No : 0
6/8
KIA78M05T
KIA78M15T
PEAK OUTPUT CURRENT
1.50
TJ =0 C TJ =25 C
RIPPLE REJECTION
100 RIPPLE REJECTION (dB) 80 60 40 20 0
VOUT =5V VOUT =15V
OUTPUT CURRENT (A)
1.25 1.00 0.75 0.50 0.25 0 0 5
TJ =150 C
I OUT =300mA TJ =25 C
10
15
20
25
30
10
100
1k FREQUENCY (Hz)
10k
100k
INPUT-OUTPUT DIFFERENTIAL (V)
DROPOUT VOLTAGE
INPUT-OUTPUT DIFFERENTIAL (V) 2.5 2.0 1.5 1.0 0.5
VOUT =100mV I OUT =500mA
OUTPUT VOLTAGE (Normalized to 1V at T j =25 C)
NORMALIZED OUTPUT VOLTAGE (V) 1.015 1.010 1.005 1.000 0.995 0.990 0.985 0.980 0.975 0 25 50 75 100 125 150 JUNCTION TEMPERATURE ( C)
I OUT =250mA I OUT =0.0mA
0 0 25 50 75 100 125 150 JUNCTION TEMPERATURE ( C)
QUIESCENT CURRENT
6.0 QUIESCENT CURRENT (MA) 5.5 5.0 4.5 4.0 3.5 3.0 5 10 15 20 25 30 35 INPUT VOLTAGE (V) QUIESCENT CURRENT (mA)
VOUT =5V I OUT =5mA TJ =25 C
QUIESCENT CURRENT
4.5
4.0
3.5
3.0
0 0
VIN =10V VOUT =5V I OUT =5mA
25
50
75
100
125
150
JUNCTION TEMPERATURE ( C)
2002. 8. 29
Revision No : 0
7/8
KIA78M05T
KIA78M15T
ALLOWABLE POWER DISSIPATION PD (W)
P D - Ta
15 12 9 6 3 0 0 40 80 120 160 200 AMBIENT TEMPERATURE Ta ( C)
WITHOUT HEAT SINK Tc=25 C THERMAL RESISTANCE J-C 8.3 J-A 83.3 C/W
(KIA78M00T Series)
Design Considerations The KIA78MXX fixed voltage regulator series has built-in thermal overload protection which prevents the device from being damaged due to excessive junction temperature. The regulators also contain internal short-circuit protection which limits the maximum output current, and safe-area protection for the pass transistor which reduces the short circuit current as the voltage across the pass transistor is increased. Although the internal power dissipation is automatically limited, the maximum junction temperature of the device must be kept below+150 in order to meet data sheet specifications. * Required if regulator input is more then 4 inches form input filter capacitor. (or if no input filter capacitor is used). ** Optional for improved transient response. An adequate heatsink should be provided to assure this limit is not exceeded under worst-case operating conditions (maximum input voltage and load current) if reliable performance is to be obtained.
GND VIN * 0.33F IN OUT ** 0.1F VOUT
KIA78MXX
2002. 8. 29
Revision No : 0
8/8


▲Up To Search▲   

 
Price & Availability of KIA78M12T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X