Part Number Hot Search : 
BD4944G PF1220 4AHCT1 TCPWCH05 Z11VCW VCO190 DC12V 10150
Product Description
Full Text Search
 

To Download K847PH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K817P/ K827PH/ K847PH
Vishay Telefunken
Optocoupler with Phototransistor Output
Description
The K817P/ K827PH/ K847PH consist of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in an 4-lead up to 16-lead plastic dual inline package. The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.
Applications
Programmable logic controllers, modems, answering machines, general applications
14925
Features
D Endstackable to 2.54 mm (0.1') spacing D DC isolation test voltage VIO = 5 kV D Low coupling capacitance of typical 0.3 pF D Current Transfer Ratio (CTR) selected into
groups
Coll.
Emitter
D Low temperature coefficient of CTR D Wide ambient temperature range D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
Anode Cath. 4 PIN 8 PIN 16 PIN
D CSA (C-UL) 1577 recognized,
file number E-76222 - Double Protection
D Coupling System U
C
Order Instruction
Ordering Code K817P K827PH K847PH K817P1 K817P2 K817P3 K817P4 K817P5 K817P6 K817P7 K827P8 K817P9 CTR Ranking 50 to 600% 50 to 600% 50 to 600% 40 to 80% 63 to 125% 100 to 200% 160 to 320% 50 to 150% 100 to 300% 80 to 160% 130 to 260% 200 to 400% Remarks 4 Pin = Single channel 8 Pin = Dual channel 16 Pin = Quad channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel 4 Pin = Single channel
Rev. A2, 11-Jan-99
177
13929
K817P/ K827PH/ K847PH
Vishay Telefunken Absolute Maximum Ratings
Input (Emitter)
Parameter Reverse voltage Forward current Forward surge current Power dissipation Junction temperature Test Conditions Symbol VR IF IFSM PV Tj Value 6 60 1.5 100 125 Unit V mA A mW C
tp 10 ms Tamb 25C
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector current Peak collector current Power dissipation Junction temperature Test Conditions Symbol VCEO VECO IC ICM PV Tj Value 70 7 50 100 150 125 Unit V V mA mA mW C
tp/T = 0.5, tp 10 ms Tamb 25C
Coupler
Parameter Test Conditions AC isolation test voltage (RMS) t = 1 min Total power dissipation Tamb 25C Operating ambient temperature range Storage temperature range Soldering temperature 2 mm from case, t 10 s 1) Related to standard climate 23/50 DIN 50014 Symbol VIO 1) Ptot Tamb Tstg Tsd Value 5 250 -40 to +100 -55 to +125 260 Unit kV mW C
C C
178
Rev. A2, 11-Jan-99
K817P/ K827PH/ K847PH
Vishay Telefunken Electrical Characteristics (Tamb = 25C)
Input (Emitter)
Parameter Forward voltage Junction capacitance Test Conditions IF = 50 mA VR = 0 V, f = 1 MHz Symbol VF Cj Min. Typ. 1.25 50 Max. 1.6 Unit V pF
Output (Detector)
Parameter Collector emitter voltage Emitter collector voltage Collector dark current Test Conditions IC = 100 mA IE = 100 mA VCE = 20 V, IF = 0, E = 0 Symbol VCEO VECO ICEO Min. 70 7 Typ. Max. Unit V V nA
100
Coupler
Parameter Collector emitter saturation voltage Cut-off frequency Coupling capacitance Test Conditions IF = 10 mA, IC = 1 mA IF = 10 mA, VCE = 5 V, RL = 100 W f = 1 MHz Symbol VCEsat fc Ck Min. Typ. Max. 0.3 Unit V kHz pF
100 0.3
Current Transfer Ratio (CTR)
Parameter IC/IF Test Conditions VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 10 mA VCE = 5 V, IF = 10 mA VCE = 5 V, IF = 10 mA VCE = 5 V, IF = 10 mA VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 5 mA VCE = 5 V, IF = 5 mA Type K817P K827PH K847PH K817P1 K817P2 K817P3 K817P4 K817P5 K817P6 K817P7 K817P8 K817P9 Symbol CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR CTR Min. 0.5 0.5 0.5 0.4 0.63 1.0 1.6 0.5 1.0 0.8 1.3 2.0 Typ. Max. 6.0 6.0 6.0 0.8 1.25 2.0 3.2 1.5 3.0 1.6 2.6 4.0 Unit
Rev. A2, 11-Jan-99
179
K817P/ K827PH/ K847PH
Vishay Telefunken Switching Characteristics
Parameter Delay time Rise time Fall time Storage time Turn-on time Turn-off time Turn-on time Turn-off time Test Conditions VS = 5 V, IC = 2 mA, RL = 100 W ( (see figure 1) g ) Symbol td tr tf ts ton toff ton toff Typ. 3.0 3.0 4.7 0.3 6.0 5.0 9.0 18.0 Unit
VS = 5 V, IF = 10 mA, RL = 1 kW ( (see figure 2) g )
ms ms ms ms ms ms ms ms
0
IF
IF
+5V IC = 2 mA ; Adjusted through input amplitude
96 11698
RG = 50 W tp = 0.01 T tp = 50 ms Channel I Channel II Oscilloscope RL = 1 M W CL = 20 pF
IF 0 tp IC 100% 90%
t
50
95 10804
W
100
W
Figure 1. Test circuit, non-saturated operation
0
IF RG = 50 W tp 0.01 T tp = 50 ms
IF = 10 mA
+5V IC
10% 0 tr td ton ts toff pulse duradelay time rise time turn-on time ts tf toff (= ts + tf) tf
t
+
Channel I 50 W
95 10843
Oscilloscope RL 1 MW CL 20 pF
Channel II 1 kW
tp tion td tr ton (= td + tr)
storage time fall time turn-off time
Figure 2. Test circuit, saturated operation
Figure 3. Switching times
180
Rev. A2, 11-Jan-99
K817P/ K827PH/ K847PH
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
300 P tot - Total Power Dissipation ( mW ) Coupled device 250 200 Phototransistor 150 IR-diode 100 50 0 0
96 11700
10000 ICEO- Collector Dark Current, with open Base ( nA ) VCE=20V IF=0 1000
100
10
1 40 80 120
95 11026
0
25
50
75
100
Figure 4. Total Power Dissipation vs. Ambient Temperature
1000.0 IC - Collector Current ( mA )
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 7. Collector Dark Current vs. Ambient Temperature
100 VCE=5V 10
I F - Forward Current ( mA )
100.0
10.0
1
1.0
0.1
0.1 0
96 11862
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF - Forward Voltage ( V )
95 11027
0.1
1
10
100
IF - Forward Current ( mA )
Figure 5. Forward Current vs. Forward Voltage
CTR rel - Relative Current Transfer Ratio 2.0
Figure 8. Collector Current vs. Forward Current
100 IC - Collector Current ( mA )
VCE=5V IF=5mA 1.5
20mA IF=50mA 10 10mA 5mA 2mA 1mA 0.1
1.0
1
0.5
0 -25
95 11025
0
25
50
75
95 10985
0.1
1
10
100
Tamb - Ambient Temperature ( C )
VCE - Collector Emitter Voltage ( V )
Figure 6. Relative Current Transfer Ratio vs. Ambient Temperature
Figure 9. Collector Current vs. Collector Emitter Voltage
Rev. A2, 11-Jan-99
181
K817P/ K827PH/ K847PH
Vishay Telefunken
V CEsat - Collector Emitter Saturation Voltage ( V ) 1.0 20% 0.8 CTR=50% 0.6 50 Saturated Operation VS=5V RL=1kW
t on / t off - Turn on / Turn off Time ( m s )
40
30 toff 20 10 0 ton 0 5 10 15 20
0.4 0.2 0 1 10 IC - Collector Current ( mA ) 100
10%
95 11028
95 11031
IF - Forward Current ( mA )
Figure 10. Collector Emitter Saturation Voltage vs. Collector Current
1000 CTR - Current Transfer Ratio ( % ) VCE=5V 100
Figure 12. Turn on / off Time vs. Forward Current
t on / t off - Turn on / Turn off Time ( m s )
10 Non Saturated Operation VS=5V RL=100W
8
ton
6 toff 4 2 0
10
1 0.1
95 11029
1
10
100
95 11030
0
2
4
6
10
IF - Forward Current ( mA )
IC - Collector Current ( mA )
Figure 11. Current Transfer Ratio vs. Forward Current Pin 1 Indication Type
Figure 13. Turn on / off Time vs. Collector Current
K817P 820UTK63
15080
Date Code (YM)
Coupling Company Production Logo Location System Indicator Figure 14. Marking example
182
Rev. A2, 11-Jan-99
K817P/ K827PH/ K847PH
Vishay Telefunken Dimensions of K817P. in mm
weight: ca. 0.25 g creepage distance:y 6 mm air path: 6 mm
y
after mounting on PC board
14789
Dimensions of K827PH in mm
weight: creepage distance: air path:
y y
ca. 0.55 g 6 mm 6 mm
after mounting on PC board
14784
Rev. A2, 11-Jan-99
183
K817P/ K827PH/ K847PH
Vishay Telefunken Dimensions of K847PH in mm
weight: ca. 1.0 g creepage distance:y 6 mm air path: 6 mm
y
after mounting on PC board
14783
184
Rev. A2, 11-Jan-99


▲Up To Search▲   

 
Price & Availability of K847PH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X