Part Number Hot Search : 
SP13TR 6700PXH MAX2106 G3400 B5819W AD8321 0APBF 4S1126
Product Description
Full Text Search
 

To Download IP78M12A-LCC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IP78M00A-LCC4 SERIES IP78M00-LCC4 SERIESA
1.27 (0.050) 1.07 (0.040)
9.14 (0.360) 8.64 (0.340)
12 13 14 15 16
1.39 (0.055) 1.02 (0.040)
2.16 (0.085)
0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
FEATURES
* OUTPUT CURRENT UP TO 0.5A * OUTPUT VOLTAGES OF 5, 12, 15V * 0.01% / V LINE REGULATION * 0.3% / A LOAD REGULATION * THERMAL OVERLOAD PROTECTION * SHORT CIRCUIT PROTECTION * OUTPUT TRANSISTOR SOA PROTECTION
11
7.62 (0.300) 7.12 (0.280)
17 18 1 2
0.76 (0.030) 0.51 (0.020)
10 9 8
7
6
5
4
3
1.65 (0.065) 1.40 (0.055)
0.33 (0.013) Rad. 0.08 (0.003)
1.39 (0.055) 1.15 (0.045)
0.43 (0.017) 0.18 (0.007 Rad.
Pins 4,5 6,7,8,9,10,11,12,13 Pins 15,16,17,18,1,2
- VIN - VOUT - GND
* 1% VOLTAGE TOLERANCE (-A VERSIONS) DESCRIPTION
The IP78M00A series of voltage regulators are fixed output regulators intended for local, on-card voltage regulation. These devices are available in 5, 12, and 15 volt options and are capable of delivering in excess of 500mA over temperature. The A-suffix devices are fully specified at 0.5A, provide 0.01% / V line regulation, 0.3% / A load regulation, and 1% output voltage tolerance at room temperature. Protection features include safe operating area, current limiting and thermal shutdown.
ABSOLUTE MAXIMUM RATINGS (TC = 25C unless otherwise stated)
VI IO PD TJ Tstg DC Input Voltage Output Current Power Dissipation Operating Junction Temperature Range Storage Temperature (for VO = 5, 12, 15V) 35V Internally limited Internally limited -55 to 150C -65 to 150C
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
3/99
IP78M00A-LCC4 SERIES IP78M00-LCC4 SERIESA
ELECTRICAL CHARACTERISTICS
Parameter Test Conditions IO = 100mA VO Output Voltage IO = 5mA to 350mA PD PMAX VIN = 7.5V to 20V IO = 200mA IO = 500mA VO IQ Load Regulation Quiescent Current IO = 5mA to 500mA VIN = 10V VIN = 10V IO = 5mA to 500mA IQ Quiescent Current Change VN Output Noise Voltage VIN VO Ripple Rejection Dropout Voltage Isc Ipk VIN = 10V IO = 200mA TJ = -55 to 150C VIN = 8V to 25V TJ = -55 to 150C f = 10Hz to 100kHz f = 120Hz VIN = 8V to 18V IO = 350mA 0.7 IO = 300mA IO = 100mA TJ = -55 to 150C 65 65 TJ = -55 to 150C IO = 350mA TJ = -55 to 150C TJ = -55 to 150C VIN = 7V to 25V VO Line Regulation VIN = 8V to 25V TJ = -55 to 150C VIN = 8V to 12V 3 3 3 5 4 0.1 0.2 40 80 80 2 300 1.0 0.5 2.5 600 1.4 2.0 13 0.7 300 1.0 0.5 13 10 10 10 50 6 0.5 0.8 200 62 62 2.5 600 1.6 dB V mA A mV C C/W 40 4 50 25 50 50 6 0.5 mA 0.8 200 V mV mA mV 4.85 5.15 4.75 5.25 VIN = 10V IP78M05A-LCC4 Min. Typ. Max. 4.95 5 5.05 IP78M05-LCC4 Min. Typ. Max. 4.8 5 5.2 V Units
Short Circuit Current VIN = 35V Peak Output Current VIN = 10V Average Temperature Coefficient of VO IO = 5mA
RJC
Thermal Resistance Junction to Case
1) All characteristics are measured with a capacitor across the input of 0.22F and a capacitor across the output of 0.1F. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp 10ms, 5%). Output voltage changes due to changes in internal temperature must be taken into account separately.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
3/99
IP78M00A-LCC4 SERIES IP78M00-LCC4 SERIESA
ELECTRICAL CHARACTERISTICS
Parameter Test Conditions IO = 100mA VO Output Voltage IO = 5mA to 350mA PD PMAX TJ = -55 to 150C IO = 200mA VO Line Regulation IO = 500mA VO IQ Load Regulation Quiescent Current IO = 5mA to 500mA VIN = 19V VIN = 19V IO = 5mA to 500mA IQ Quiescent Current Change VN Output Noise Voltage VIN VO Ripple Rejection Dropout Voltage Isc Ipk VIN = 19V IO = 200mA TJ = -55 to 150C VIN = 14.8V to 30V TJ = -55 to 150C f = 10Hz to 100kHz f = 120Hz VIN = 15V to 25V IO = 350mA 0.7 IO = 300mA IO = 100mA TJ = -55 to 150C 58 58 TJ = -55 to 150C IO = 350mA TJ = -55 to 150C VIN = 14.5V to 30V VIN = 16V to 30V TJ = -55 to 150C VIN = 16V to 22V 4 4 4 10 4 0.1 0.2 75 72 72 2 300 1.0 1.2 2.5 600 1.4 4.8 13 0.7 300 1.0 1.2 13 18 18 18 60 6 0.5 0.8 480 55 55 2.5 600 1.6 dB V mA A mV C C/W 75 4 60 30 120 120 6 0.5 mA 0.8 480 V mV mA mV VIN = 14.8V to 27V 11.64 12.36 11.40 12.60 VIN = 19V IP78M12A-LCC4 Min. Typ. Max. 11.88 12 12.12 IP78M12-LCC4 Min. Typ. Max. 11.50 12 12.50 V Unit
Short Circuit Current VIN = 35V Peak Output Current VIN = 19V Average Temperature Coefficient of VO IO = 5mA
RJC
Thermal Resistance Junction to Case
1) All characteristics are measured with a capacitor across the input of 0.22F and a capacitor across the output of 0.1F. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp 10ms, 5%). Output voltage changes due to changes in internal temperature must be taken into account separately.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
3/99
IP78M00A-LCC4 SERIES IP78M00-LCC4 SERIESA
ELECTRICAL CHARACTERISTICS
Parameter Test Conditions IO = 100mA VO Output Voltage IO = 5mA to 350mA PD PMAX VIN = 18V to 30V IO = 200mA IO = 500mA VO IQ Load Regulation Quiescent Current IO = 5mA to 500mA VIN = 23V VIN = 23V IO = 5mA to 500mA IQ Quiescent Current Change VN Output Noise Voltage VIN VO Ripple Rejection Dropout Voltage Isc Ipk VIN = 23V IO = 200mA TJ = -55 to 150C VIN = 18V to 30V TJ = -55 to 150C f = 10Hz to 100kHz f = 120Hz VIN = 18.5V to 28.5V IO = 350mA 0.7 Short Circuit Current VIN = 35V Peak Output Current VIN = 23V Average Temperature Coefficient of VO RJC IO = 5mA IO = 300mA IO = 100mA TJ = -55 to 150C 57 57 TJ = -55 to 150C IO = 350mA TJ = -55 to 150C TJ = -55 to 150C VIN = 17.5V to 30V VO Line Regulation VIN = 20V to 30V TJ = -55 to 150C VIN = 20V to 26V 4 4 4 12 4 0.1 0.2 90 70 70 2 300 1.0 1.5 2.5 600 1.4 6.0 13 0.7 300 1.0 1.5 13 22 22 22 75 6 0.5 0.8 600 54 54 2.5 600 1.6 dB V mA A mV C C/W 90 4 60 30 150 150 6 0.5 mA 0.8 600 V mV mA mV 14.55 15.45 14.25 15.75 VIN = 23V IP78M15A-LCC4 Min. Typ. Max. 14.85 15 15.15 IP78M15-LCC4 Min. Typ. Max. 14.40 15 15.60 V Units
Thermal Resistance Junction to Case
1) All characteristics are measured with a capacitor across the input of 0.22F and a capacitor across the output of 0.1F. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp 10ms, 5%). Output voltage changes due to changes in internal temperature must be taken into account separately.
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
3/99


▲Up To Search▲   

 
Price & Availability of IP78M12A-LCC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X