Part Number Hot Search : 
C3195 DTA115UE BSTL4766 ULCE12 09500 PA100 XR1016CP 031812
Product Description
Full Text Search
 

To Download IMP527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMP52 7
POWER MANAGEMENT
Single Cell Battery Powered Electroluminescent Lamp Driver/Inverter
The IMP527 is an Electroluminescent (EL) lamp driver designed for systems that must operate down to 1 volt and below. The input supply voltage range is 0.9V to 2.5V. Typical output lamp drive voltage is 180V. All four EL lamp-driving functions are on-chip. These are the switchmode power supply, its high-frequency oscillator, the high-voltage H-bridge lamp driver and its low-frequency oscillator. EL lamps of up to 6nF capacitance can be driven to high brightness. The circuit requires few external components; one inductor, one diode, one capacitor and two resistors. The resistors set the frequency for the two oscillators. A disable mode puts the chip into a low current-drain state. When disabled, quiescent current drops to 1A typical with a VDD of 1.5V. The chip can be disabled by connecting RSW, the oscillator frequency setting resistor, to ground. A disable pad (active low), accessible only on the die, can also be used to disable the driver. An internal circuit shuts down the switching regulator when the lamp drive voltage exceeds 180V peak-to-peak. This conserves power and extends battery life. The IMP527 is available in MicroSO and SO-8 packages and in die form.
Key Features
N Wide operating voltage range - from 0.9V to 2.5V N Simple design requires few passive components N 180V peak-to-peak typical AC output voltage N Adjustable output frequency controls lamp color and power consumption N Adjustable converter frequency minimizes circuit power consumption N Disable mode extends battery life N Disable current 1A typical N Compact MicroSO package option
Applications
N N N N N N N Audio/TV remote control units Pagers/Cellular phones PDAs Clocks and radios Portable GPS receivers LCD modules Toys
Block Diagram
VDD 1
4
LX CS
RSW-OSC GND
2
Switch Oscillator
3
5
+
C Regulation Control
Q 7 VREF Bridge Output Driver Q 6 VB Q V A
-
IMP527
REL-OSC
8
Lamp Drive Oscillator
Q
527_01.eps
(c) 2000 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP527
Pin Configuration
SO/MicroSO
VDD RSW-OSC CS LX 1 2 3 4 IMP527 8 7 6 5 REL-OSC VA VB GND
527_02.eps
Ordering Information
Part Number
IMP527EMA IMP527ESA IMP527/D* IMP527/D1**
Input Voltage
0.9V to 2.5V 0.9V to 2.5V 0.9V to 2.5V 0.9V to 2.5V
Regulated Output Voltage
YES YES YES YES
Temperature Range
- 40C to +85C - 40C to +85C 25C 25C
Pins-Package
8-MicroSO 8-SO Dice Dice
* Disable pad not active ** Disable pad active
Absolute Maximum Ratings
Supply Voltage, VDD, VRSW-OSC and VREL-OSC . . - 0.5V to +3.5V Storage Temperature Range . . . . . . . . . . . . . . . . - 65C to +150C Power Dissipation (SO package) . . . . . . . . . . . . 400mW Power Dissipation (MicroSO package) . . . . . . . 300mW Note: All voltages are referenced to GND. These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability.
Electrical Characteristics
Unless otherwise noted, VDD = 1.5V, RSW = 1M, REL = 1M, and TA = 25C.
Parameter
ON-resistance of MOS Switch Operating Voltage Output Voltage at CS Output Voltage at CS Output Voltage Peak-to-Peak Quiescent VDD Supply Current, Disabled (Disable pin available on die only) Quiescent VDD Supply Current, Disabled Input Current at VDD Pin Input Current: IDD Plus Inductor Current VA-B Output Drive Frequency Boost Converter Switching Frequency Switching Duty Cycle Disable Input LOW Voltage (Disable pin available on die only) Disable Input HIGH Voltage (Disable pin available on die only)
Symbol
RDS(ON) VCS VCS VA-VB IQDIS IQDIS IDD IIN fEL fSW DSW VDISL VDISH
Conditions
I = 50mA VDD = 1.5V, See Figure 1, Table 1 VDD = 0.9V, See Figure 1, Table 2 VDD = 1.5V, See Figure 1 Disable = HIGH RSW-OSC = GND VDD = 1.5V VDD = 0.9V to 1.5V VDD = 1.5V, See Figure 1, Table 1 VDD = 1.5V, See Figure 1, Table 1 VDD = 1.5V, See Figure 1, Table 1 VDD = 1.5V, See Figure 1
Min
0.9 80
Typ
Max
15 2.5
Units
V V V VP-P nA A mA mA Hz kHz % V V
90 50 180 70 1.0 2.0 1.5 32
26 500 26 87.5 GND VDD -0.5V
0.2 VDD
2
408-432-9100/www.impweb.com
(c) 2000 IMP, Inc.
IMP527
Typical Characteristics
Boost Converter Switching Frequency
150
EL Lamp Drive Frequency
2400 2000
VDD = 1.5V TA = 25C Frequency (kHz)
125 100 75 50 25 0
VDD = 1.5V TA = 25C
Frequency (Hz)
1600 1200 800 400 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
527_08.eps
0
0.5
1.0
1.5
2.0
2.5
3.0
527_10.eps
REL (M)
RSW (M)
EL Lamp Drive Period
8 7 6 100
Boost Converter Switching Period
VDD = 1.5V TA = 25C
75
VDD = 1.5V TA = 25C
Period (ms)
4 3 2 1 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
527_07.eps
Period (ms)
5
50
25
0 0 0.5 1.0 1.5 2.0 2.5 3.0
527_09.eps
REL (M)
RSW (M)
(c) 2000 IMP, Inc.
Electroluminescent Lamp Driver
3
IMP527
Pin Descriptions
Pin Number
1 2 3 4 5 6 7 8 Disable Pad
Name
VDD RSW-OSC CS LX GND VB VA REL-OSC DIS
Function
Positive voltage supply for the IMP527. Inductor L may be connected here or to a separate supply. Switch-mode resistor pin. Switching frequency is determined by external resistor RSW, connected between pin 2 and VDD. Boost converter storage capacitor. The voltage across the EL lamp is equal to twice the voltage at CS. Connection to flyback inductance, L. Ground pin. EL lamp drive. The lamp is connected to a high-voltage bridge circuit with VB providing the complementary connection to VA. EL lamp drive. (See above) The EL lamp oscillator frequency-setting pin. The frequency is controlled by resistor REL, connected from pin 8 to VDD. Available only in die form. Setting DIS HIGH disables the chip.
External Components
External Component
Diode Capacitor CS Resistor R EL
Description and Selection Guide
A fast reverse recovery diode, with BV > 100, such as a 1N4148. The high voltage capacitor that stores the inductive energy transferred through the catch diode. A 100 volt capacitor between 10nF and 100nF is recommended. The EL lamp oscillator frequency-setting resistor. REL is connected between pin 8 and VDD, providing a frequency inversely proportional to REL; as REL increases, the EL lamp frequency decreases along with the current drawn by the lamp. Lamp color is also determined by this frequency. A 1M resistor between the REL-OSC pin and the VDD supply results in a lamp frequency around 500Hz. Switching Oscillator frequency-setting resistor. RSW is connected between the RSW-OSC pin and the VDD supply. The switching frequency is inversely proportional to the resistor value, dropping as the resistance increases. This is an optional noise-suppression capacitor connected from ground to the RSW-OSC pin. A 100pF capacitor is recommended. The inductor provides the voltage boost needed by means of inductive "flyback". The internal MOSFET switch alternately opens and closes the ground connection for the inductor at the LX pin. When the switch opens, the inductor potential will forward-bias the diode and the current will pass through to the storage capacitor CS, charging it to a high voltage. As the value of the inductor is increased, the switching frequency set by RSW should also be increased to prevent saturation. In general, smaller value inductors that can handle more current are more desirable when larger-area EL lamps must be driven. A small electrolytic capacitor (10F, 16V), normally present across the inductor supply VIN, will likely eliminate the need for CSW.
Resistor RSW
Capacitor CSW Inductor L
4
408-432-9100/www.impweb.com
(c) 2000 IMP, Inc.
IMP527
Application Information
Test Circuit
Figure 1 shows the IMP527 configured to drive an EL lamp, represented as a 3nF capacitor.
ON = VDD REL OFF = 0V
1 VDD
RSW L D
REL-OSC VA VB GND
8 7
3nF
2 RSW-OSC 3 CS
6 5
+
VDD
1N4148
4 LX
0.1F1 CS 0.1F 100V CSW* 0.1nF
-
IMP527
Note: 1. Larger values may be required depending upon supply impedance. * Optional
527_03.eps
Figure 1. Test Circuit
Table 1. VIN = 1.5V
Component
RSW REL L CS D CSW
Connections
VDD, RSW-OSC VDD, REL-OSC VDD, LX2 CS, GND LX, CS RSW-OSC, GND
Value
1M 1M 330H2 0.1F/100V 1N4148 0.1nF
Description
Boost converter oscillator bias resistor EL lamp driver oscillator bias resistor Boost converter inductor Boost converter storage capacitor Switching diode Noise-suppression capacitor (optional)
Notes. 2. Murata LQH4N331K04 (8.2 max. DCR)
Table 2. VIN = 0.9V
Component
RSW REL L CS D CSW
Connections
VDD, RSW-OSC VDD, REL-OSC VDD, LX3 CS, GND LX, CS RSW-OSC, GND
Value
1M 2.62M 680H3 0.1F/100V 1N4148 0.1nF
Description
Boost converter oscillator bias resistor EL lamp driver oscillator bias resistor Boost converter inductor Boost converter storage capacitor Switching diode Noise-suppression capacitor (optional)
Notes. 3. Coilcraft DS1608C-684 (2.2 max. DCR)
(c) 2000 IMP, Inc.
Electroluminescent Lamp Driver
5
IMP527
Enable/Disable Operation
Figure 2 shows how the IMP527 can be enabled via a logic gate that connects RSW to VDD, and disabled by connecting it to ground. The IMP527 can also be disabled using a pad on the die. The Disable function pin is not available in packaged parts.
Enable/Disable Table RSW Connection
VDD Ground
ON = VDD OFF = 0V
IMP527 State
Enabled Disabled
CMOS Gate
Disable PAD Connection (Available only with dice)
HIGH (VDD) LOW (Ground)
IMP527 State
Disabled Enabled
REL
1 VDD
L1 D RSW
REL-OSC VA VB GND
8 7
EL lamp
2 RSW-OSC 3 CS
6 5
+
VDD
1N4148
4 LX
0.1F 100V CSW* 0.1nF
-
0.1F2 CS
IMP527
Note: 1. Murata part # LQH4N331K04 (DC resistance < 8.2 ) 2. Larger values may be required depending upon supply impedance. * Optional
527_04.eps
Figure 2. Enable/Disable Operation
High Voltages Present
The IMP527 generates high voltages and caution should be exercised.
Inductor Manufacturers
Manufacturer Toko Coilcraft River Electronics Murata Series USA Phone Number D52FU (847) 297-0070 DS1608, DO1608, DT1608 (847) 639-6400 FLC32 (310) 320-7488 LQH4N (800) 831-9172
6
408-432-9100/www.impweb.com
(c) 2000 IMP, Inc.
IMP527
MicroSO (8-Pin)
a
Package Dimensions
Inches Min
A A1 ----- 0.0020 0.0295 0.0098 0.0051 0.1142
Millimeters Max Min Max MicroSO (8-Pin)
0.0433 0.0059 0.0374 0.0157 0.0091 0.1220 ---- 0.050 0.75 0.25 0.13 2.90 0.65 BSC 4.90 BSC 2.90 0.40 0 3.10 0.70 6 1.75 0.25 0.51 0.25 1.27 0.157 0.244 0.050 0.197 3.80 5.80 0.40 4.80 4.00 6.20 1.27 5.00 1.10 0.15 0.95 0.40 0.23 3.10
E1 E
A2 b C D e
L +
0.0256 BSC 0.193 BSC 0.1142 0.0157 0 0.053 0.004 0.013 0.007 0.050 0.150 0.228 0.016 0.189 0.1220 0.0276 6 0.069 0.010 0.020 0.010
E E1 L a
D A2 A e b A1
0.10mm 0.004in
C
D
SO (8-Pin)
MicroSO (8-Pin).eps
A A1 B C e E H
1.35 0.10 0.33 0.19
SO (8-Pin)
0- 8
L D
L
N
E
H
C D
A
e B A1
SO (8-Pin).eps
(c) 2000 IMP, Inc.
Electroluminescent Lamp Driver
7
IMP527
IMP, Inc. Corporate Headquarters 2830 N. First Street San Jose, CA 95134-2071 Tel: 408-432-9100 Fax: 408-434-0335 e-mail: info@impinc.com http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc. All other company and product names are trademarks of their respective owners.
(c) 2000 IMP, Inc. Printed in USA Publication #: 2003 Revision: B Issue Date: 07/11/00 Type: Product


▲Up To Search▲   

 
Price & Availability of IMP527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X