Part Number Hot Search : 
74FCT25 KJ06ETR N3811 FC020 RATIO STP06N20 LVC125 AN413
Product Description
Full Text Search
 

To Download IMP5115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5 IMP5 1 11
DATA COMMUNICATIONS
9-Line SCSI Terminator
Key Features
x x x x x x x x x x x x x Ultra-Fast response for Fast-20 SCSI applications 35MHz channel bandwidth 3.3V operation Less than 3pF output capacitance 375A Sleep-mode current Thermally self limiting No external compensation capacitors Implements 8-bit or 16-bit (wide) applications Compatible with active negation drivers (60mA/channel) Compatible with passive and Active terminations Approved for use with SCSI 1, 2, 3 and UltraSCSI Hot swap compatible Pin-for-pin compatible with DS21S07A/2105
- 35MHz Channel Bandwidth
The IMP5115 SCSI terminator is part of IMP's family of high-performance, adaptive, non-linear mode SCSI products, which are designed to deliver true UltraSCSI performance in SCSI applications. The low voltage BiCMOS architecture employed in its design offers performance superior to older linear passive and active techniques. IMP's SCSI termination architecture employs high-speed adaptive elements for each channel, thereby providing the fastest response possible -- typically 35MHz, which is 100 times faster than the older linear regulator/terminator approach used by other manufacturers. Products using this older linear regulator approach have bandwidths which are dominated by the output capacitor and which are limited to 500KHz (see further discussion in the Functional Description section). This new architecture also eliminates the output compensation capacitor required in earlier terminator designs. Each is approved for use with SCSI-1, -2, -3, UltraSCSI and beyond -- providing the highest performance alternative available today. Another key improvement offered by the IMP5115 lies in its ability to insure reliable, error-free communications even in systems which do not adhere to recommended SCSI hardware design guidelines, such as the use of improper cable lengths and impedances. Frequently, this situation is not controlled by the peripheral or host designer and, when problems occur, they are the first to be made aware of the problem. The IMP5115 architecture is much more tolerant of marginal system integrations. Recognizing the needs of portable and configurable peripherals, the IMP5115 has a TTL compatible sleep/disable mode. Quiescent current is typically 375A in this mode, while the output capacitance is also less than 3pF. The obvious advantage of extended battery life for portable systems is inherent in the product's sleep-mode feature. Additionally, the disable function permits factory-floor or production-
line configurability, reducing inventory and product-line diversity costs. Field configurability can also be accomplished without physically removing components which, often times results in field returns due to mishandling. Reduced component count is also inherent in the IMP5115 architecture. Traditional termination techniques require large stabilization and transient protection capacitors of up to 20F in value and size. The IMP5115 architecture does not require these components, allowing all the cost savings associated with inventory, board space, assembly, reliability, and component costs.
Block Diagrams
Term Power
Thermal Limiting Circuit
Current Biasing Circuit
24mA Current Limiting Circuit
DATA OUTPUT PIN DB (0)
2.85V
DISABLE PIN
-
1 of 9 Channels
+
1.4V
5115_01.eps
(c) 2000 IMP, Inc.
Data Communications
1
5 IMP5 1 11
Pin Configuration
SO-16
TERM POWER D0 D1 D2 D3 D4 NC GND 1 2 3 4 5 6 7 8 D Package IMP5115 16 DISABLE 15 NC 14 D8 13 D7 12 D6 11 D5 10 NC 9 NC
5115__02.eps
SOWB-16
TERM POWER D0 D1 D2 D3 D4 NC GND 1 2 3 4 5 6 7 8 DW Package IMP5115 16 DISABLE 15 NC 14 NC 13 D8 12 D7 11 D6 10 D5 9 NC
5115__02a.eps
TSSOP-20
TERM POWER HEAT SINK/GND D0 D1 D2 D3 D4 HEAT SINK/GND NC 1 2 3 4 5 6 7 8 9 IMP5115 20 DISABLE 19 NC 18 HEAT SINK/GND 17 NC 16 D8 15 D7 14 D6 13 D5 12 HEAT SINK/GND 11 NC PWP Package
5115_02b.eps
GND 10
Ordering Information
Part Number
IMP5115CD IMP5115CDT IMP5115CDW IMP5115CDWT IMP5115CPWP IMP5115CPWPT
Temperature Range
0C to 125C 0C to 125C 0C to 125C 0C to 125C 0C to 125C 0C to 125C
Package
16-pin Plastic SO Tape and Reel, 16-pin Plastic SO 16-pin Plastic SOWB Tape and Reel, 16-pin Plastic SOWB 20-pin Plastic TSSOP Tape and Reel, 20-pin Plastic TSSOP
5115_t01.at3
Absolute Maximum Ratings1
Continuous Termination Voltage . . . . . . . . . . . 10V Continuous Output Voltage Range . . . . . . . . 0V to 5.5V Continuous Disable Voltage Range . . . . . . . . 0V to 5.5V Operating Junction Temperature . . . . . . . . . . 0C to 125C Storage Temperature Range . . . . . . . . . . . . . . -65C to 150C Lead Temperature (Soldering, 10 sec.) . . . . . . 300C Note: 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal.
Thermal Data
D Package: Thermal Resistance Junction-to-Ambient, JA . . . . . . 120C/W DW Package: Thermal Resistance Junction-to-Ambient, JA . . . . . . 95C/W PWP Package: Thermal Resistance Junction-to-Ambient, JA . . . . . . 139C/W Junction Temperature Calculation: TJ = TA + (PD x JA). The JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the ambient airflow is assumed. 2
408-432-9100/www.impweb.com (c) 2000 IMP, Inc.
5 IMP5 1 11
Recommended Operating Conditions2
Parameter
TermPwr Voltage High Level Enable Input Voltage Low Level Disable Input Voltage Operating Junction Temperature Range
Symbol
VTERM VIH VIL
Min
4.0 2 0 0
Typ
Max
5.5 VTERM 0. 8 125
Units
V V V C
5115_t02.eps
Note:
2. Recommended operating conditions indicate the range over which the device is functional.
Electrical Characteristics
Unless otherwise specified, these specifications apply at an ambient operating temperature of TA = 25C. TermPwr = 4.75V. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.
Parameter
Output High Voltage TermPwr Supply Current
Symbol Conditions
VOUT ICC All data lines = Open All data lines = 0.5V Disable Pin < 0.8V
Min
2.65
Typ
2.85 6 215 375
Max
9 225
Units
V mA A
Output Current Disable Input Current
IOUT IIN
VOUT = 0.5V Disable Pin = 4.75V Disable Pin = 0V
-21
-23 10 -90 10 3 35
-24
mA nA A nA pF MHz mA
5115_t03.eps
Output Leakage Current Capacitance in Disable Mode Channel Bandwidth Termination Sink Current, per Channel
IOL COUT BW ISINK
Disable Pin < 0.8V, VO = 0.5V VOUT = 0V, Frequency = 1MHz
VOUT = 4V
60
(c) 2000 IMP, Inc.
Data Communications
3
5 IMP5 1 11
Application Information
Figure 1. Receiving Waveform - 20MHz
Figure 2. Driving Waveform - 20MHz
Receiver 1 Meter, AWG 28 IMP5115
Driver
IMP5115
5115_03.eps
Figure 3.
IMP5115 Maximizes Line Current
Cable transmission theory suggests to optimize signal speed and quality, the termination should act both as an ideal voltage reference when the line is released (deasserted) and as an ideal current source when the line is active (asserted). Common active terminators which consist of linear regulators in series with resistors (typically 110) are a compromise. With coventional linear terminators as the line voltage increases the amount of current decreases linearly by the equation;
Acting as a near ideal line terminator, the IMP5115 closely reproduces the optimum case when the device is enabled. To enable the device the Disable pin must be driven LOW. When enabled, quiescent current is 6mA and the device will respond to line demands by delivering 24mA on assertion and by imposing 2.85V on de-assertion.
Disable/Sleep Mode
Disable mode places the device in a sleep state, where quiescent current typically 375A. When disabled, all outputs are in a high impedance state. Sleep mode can be used for power conservation or to remove the terminator from the SCSI chain. An additional feature of the IMP5115 are their compatibility with active negation drivers.
(VREF - VLINE) = I.
R The IMP5115, with its unique new architecture, applies the maximum amount of current regardless of line voltage until the termination high threshold (2.85V) is reached.
Table 1. Power Up/ Power Down Function Table
Disable
H L Open
Outputs
Enabled Disabled/High Impedance Enabled
Quiescent Current
6mA 375A 6mA
5115_t04.eps
4
408-432-9100/www.impweb.com
(c) 2000 IMP, Inc.
5 IMP5 1 11
Package Dimensions
SO (16-Pin)
Inches Min
A A1 B C D E
M A C e B A1 L
16-Pin (SO).eps
Millimeters Max SO (16-Pin)*
0.069 0.010 0.018 0.010 0.394 0.158 0.244 0.030 0.104 0.012 0.018 0.013 0.420 0.305 0.419 0.035 0.078 0.015 0.008 0.311 0.212
Min
1.35 0.10 0.35 0.19 9.78 3.81 5.79 0.51 2.35 0.10 0.25 0.23 -- 7.49 10.26 0.64 1.73 0.25 0.13 7.70 5.20 1.27 BSC 0.05 1.63 0.65 0 7.65
Max
1.75 0.25 0.46 0.25 10.01 4.01 1.27 BSC 6.20 0.77 2.65 0.30 0.46 0.32 10.67 7.75 1.27 BSC 10.65 0.89 1.99 0.8 0.22 7.90 5.38 0.21 1.83 0.95 8 7.90
5115_t05.at3
E
H
0.053 0.004 0.014 0.007 0.385 0.150 0.228 0.020 0.093 0.004 0.010 0.009 -- 0.295 0.404 0.025 0.068 0.009 0.005 0.303 0.205
D
e H L A A1 B C D E e H L A B C D E F
0.050 BSC
SOWB (16-Pin)
SOWB (16-Pin)
0.050 BSC
E
H
TSSOP (20-Pin)
D M A C e B A1 L
16-Pin (SOWB).eps
0.025 BSC
TSSOP (20-Pin)
G 0.002 0.008 H 0.064 0.072 L 0.025 0.037 M 0 8 P 0.301 0.311 * JEDEC Drawing MS-012AC
E
P
123
D F AH SEATING PLANE B G L
E
M C
20-Pin (TSSOP).eps
(c) 2000 IMP, Inc.
Data Communications
5
5 IMP5 1 11
IMP, Inc. Corporate Headquarters 2830 N. First Street San Jose, CA 95134-2071 Tel: 408-432-9100 Fax: 408-432-1085 e-mail: info@impinc.com http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc. All other company and product names are trademarks of their respective owners.
2002 (c) IMP, Inc. Printed in USA Publication #: 7006 Revision: C Issue Date: 08/19/02 Type: Product


▲Up To Search▲   

 
Price & Availability of IMP5115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X