Part Number Hot Search : 
SAA73 100302DC C4780 PXD20RM CHV37H76 IR1153S CMIB8788 TA0711A
Product Description
Full Text Search
 

To Download ILCT6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILCT6
DUAL PHOTOTRANSISTOR OPTOCOUPLER
FEATURES * Current Transfer Ratio, 50% Typical * Leakage Current, 1 nA Typ. * Two Isolated Channels Per Package * Direct Replacement for MCT6 * Underwriters Lab File #E52744 V * VDE 0884 Available with Option1
DE
Dimensions in inches (mm)
Pin One I.D.
4 3 2 1
Anode 1 .268 (6.81) .255 (6.48)
5 6 7 8
8 Emitter 7 Collector 6 Collector 5 Emitter
Cathode 2 Cathode 3 Anode 4 .305 Typ. (7.75) Typ.
DESCRIPTION The ILCT6 is a two channel opto isolator for high density applications. Each channel consists of an optically coupled pair with a gallium arsenide infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output.
.390 (9.91) .379 (9.63)
.045 (1.14) .150 (3.81) .030 (.76) .130 (3.30)
4 Typ.
.135 (3.43) .115 (2.92) 10 Typ. 3-9 .012 (.30) .008 (.20)
.040 (1.02) The ILCT6 is especially designed for driving .022 (.56) .030 (.76 ) medium-speed logic, where it may be used to elimi.018 (.46) .100 (2.54) Typ. nate troublesome ground loop and noise problems. It can also be used to replace relays and transformers in many digital interface applications, as well as Electrical Characteristics (TA=25C) analog applications such as CRT modulation. SymMin. Typ.
Max.
Unit
Condition
Maximum Ratings Emitter (each channel) Rated Forward Current, DC...........................60 mA Peak Forward Current, DC (1 s pulse, 300 pps)......................................3 A Power Dissipation at 25C Ambient ...........100 mW Derate Linearly from 25C......................1.3 mW/C Detector (each channel) Collector Current ...........................................30 mA Collector-Emitter Breakdown Voltage...............30 V Power Dissipation at 25C Ambient ...........150 mW Derate Linearly from 25C.........................2 mW/C Package Isolation Test Voltage......................... 5300 VACRMS Isolation Resistance VIO=500 V, TA=25C ............................... 1012 VIO=500 V, TA=100C ............................. 1011 Creepage ............................................... 7 mm min. Clearance............................................... 7 mm min. Total Package Dissipation at 25C Ambient. ...................................400 mW Derate Linearly from 25C....................5.33 mW/C Storage Temperature ...................-55C to +150C Operating Temperature ...............-55C to +100C Lead Soldering Time at 260C ................... 10 sec.
Emitter Forward Voltage Reverse Current Junction Capacitance Detector Breakdown Voltage, Collector-Emitter Emitter-Collector Leakage Current, Collector -Emitter Capacitance Collector-Emitter Package DC Current Transfer Ratio Saturation Voltage, Collector-Emitter Isolation Capacitance Capacitance between Channels Bandwidth
bol
VF IR CJ
1.25 0.1 25
1.50 10
V A pF
IF=20 mA VR=3.0 V VF=0 V
BVCEO BVECO ICEO
30 7.0
65 10 1.0 100
V V nA
IC=10 A IE=10 A VCE=10 V
CCE
8.0
pF
VCE=0 V
CTR VCEsat CISOL
20
50 0.40 0.5
% V pF
IF=10 mA, VCE=10 V IC=2.0 mA, IF=16 mA f=1.0 MHz
0.4 150
pF KHz
f=1.0 MHz IC=2.0 mA, VCC=10 V, RL= 100 IC=2 mA, RE=100 , VCE=10 V
Switching Times, Output Transistor
ton, toff
3.0
s
5-1
Figure 1. Forward voltage versus forward current 1.4
VF - Forward Voltage - V
1.3 1.2 1.1 1.0 0.9 0.8 0.7 .1 1 10 IF - Forward Current - mA 100 Ta = 85C Ta = 25C Ta = -55C
Figure 5. Normalized non-saturated and saturated CTR at Ta=85C versus LED current
NCTR - Normalized CTR
1.5 Normalized to: Vce = 10V, IF = 10mA, Ta = 25C CTRce(sat) Vce = 0.4V
1.0
0.5 Ta = 85C NCTR(SAT) NCTR 1 10 IF - LED Current - mA 100
0.0 .1
Figure 2. Normalized non-saturated and saturatedCTR at Ta=25C versus LED current
1.5
NCTR - Normalized CTR
Figure 6. Collector-emitter current versus temperature and LED current
35
Ice - Collector Current - mA
Normalized to: Vce = 10V, IF = 10mA Ta = 25C CTRce(sat) Vce = 0.4V
30 25 20 15 10 5 0 0 10 20 30 40 IF - LED Current - mA 50 60 25C 85C 70C 50C
1.0
0.5 NCTR(SAT) NCTR 0.0 .1 1 10 IF - LED Current - mA 100
Figure 3. Normalized non-saturated and saturated CTR at Ta=50C versus LED current
1.5
NCTR - Normalized CTR
Figure 7. Collector-emitter leakage current versus temperature
Iceo - Collector-Emitter - nA
Normalized to: Vce = 10V, IF = 10mA, Ta = 25C CTRce(sat) Vce = 0.4V Ta = 50C
1.0
5 10 4 10 3 10 10 2 10 1 Vce = 10V TYPICAL
0.5 NCTR(SAT) NCTR 0.0 .1 1 10 IF - LED Current - mA 100
10 0 10 -1 10 -2 -20
0 20 40 60 80 100 Ta - Ambient Temperature - C
tpLH - Propagation Delay - s
1.5
NCTR - Normalized CTR
Normalized to: Vce = 10V, IF = 10mA Ta = 25C CTRce(sat) Vce = 0.4V
1000
Ta = 25C, IF = 10mA Vcc = 5 V,Vth = 1.5 V tpHL
2.5
1.0
100
2.0
0.5 Ta = 70C NCTR(SAT) NCTR .1 1 10 IF - LED Current - mA 100
10 tpLH 1 .1
1.5
0.0
1.0 1 10 100 RL - Collector Load Resistor - K
tpHL - Propagation Delay - s
ILCT6
Figure 4. Normalized non-saturated and saturated CTR at Ta=70C versus LED current
Figure 8. Propagation delay versus collector load resistor
5-2
Figure 9. Switching Timing
IF
tPHL V0 tPLH tS 50%
tD
tR
tF
Figure 10. Switching schematic
VCC=5 V IF=10 mA F=10 KHz, DF=50% VO RL=75
ILCT6
5-3


▲Up To Search▲   

 
Price & Availability of ILCT6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X