Part Number Hot Search : 
AT45D CAT24C16 1N6277AL B2010 AD5644R 3BG256 AU6372 AD5115
Product Description
Full Text Search
 

To Download ICM107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICM107B Mega pixel CMOS sensor Data Sheet Version 1.0 July 2002
ICM107B Mega pixel Color CMOS image sensor Data Sheet V1.0 July 2002
IC Media Corporation 545 East Brokaw Road San Jose, CA 95112, U.S.A. Phone: (408) 451-8838 Fax: (408) 451-8839 Email: Sales@IC-Media.Com Web Site: www.ic-media.com IC Media Technology Corporation 6F, No. 61, ChowTze Street., NeiHu District Taipei, Taiwan, R.O.C. Phone: 886-2-2657-7898 Fax: 886-2-2657-8751 Email: Ap.Sales@IC-Media.Com.tw Web Site: www.ic-media.com.tw
Important notice: This document contains information of a new product. IC Media Corp reserves the right to make any changes without further notice to any product herein to improve design, function or quality and reliability. No responsibility is assumed by IC Media Corp for its use, nor for any infringements of patents of third parties which may result from its use.
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 1
Confidential
ICM107B Mega pixel CMOS sensor Data Sheet Version 1.0 July 2002
Features
* * * * * * * * * * * * * * * * 1 mega pixels (1152x864) format, used with 1/2" optical system Support sub-sampling at quarter (1/4) mega pixel resolution for higher video frame rate Progressive readout Output data format: 10-bit raw data Input interface: SIF Electronic exposure control On-chip 11-bit ADC On-chip PLL Correlated double sampling Video mode and DSC mode Dead pixel removal Flash control Power down mode Automatic optical black compensation Horizontal and veritcal images Single 3.3V power supply
General Description
ICM-107B is a single-chip digital color-imaging device. It incorporates a 1152x864 sensor array capable of operating at up to 30 frames per second and sub-sampled quarter mega pixel resolution, operating at higher frame rate in progressive manner. Each pixel is covered by a color filter, which formed a so-called Bayer pattern. Correlated double sampling is performed by the internal ADC and timing circuitry. The gains for raw data can be adjusted separately for the 4 Bayer pattern pixels. The output format is 10-bit raw data that can be fed to other DSP, color processing, or compression chips.
Applications
* * * * * * * * * * * Digital camcorder Digital still camera Video phone Video conferencing Video mail Video cellular phone PC camera Security system Visual toy Industrial image capture/analysis Environment monitor system
Key Parameters
* * Number of pixels: 1152x864 Number of physical pixels: 1,015,588, (1162x874)
10/29/2002
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 2
Confidential
ICM107B Mega pixel CMOS sensor Data Sheet Version 1.0 July 2002
* * * * * * * * * * * * * * * * * * * Frame rate: 30/15/10/5/4/3/2/1 fps Sub-sampling quarter mega pixel for higher frame rate Pixel size: 6 m x 6 m Sensor area: 6.9 mm x 5.18 mm Input clock: 6 MHz crystal, or external clock source of 6, 12, 24, 48, or 96 MHz through PLL or bypass PLL Main clock frequency: 48 MHz; on-chip 11 bit ADC clock: 96MHz (2x of main clock frequency), for 30 fps operation. Mode exposure time: 31.25 s (@ 30 fps, 1 line). Maximum exposure time ~ 60 s @ X1 mode (1 fps), 65535 lines RGB gain: 1/256 to 64 for individual Bayer pattern pixels depending on register setting. Sensitivity: 1.0 V/lux-sec (5200 K light source, 650 nm IR cutoff filter) Quantum Efficiency: 38 % (555 nm) Dynamic Range: 55 dB (relative to noise floor = temporal noise + quantization noise); 45 dB (relative to total noise) Fill Factor: 28% S/N Ratio(temporal noise): 45 dB @ 75% full signal level S/N Ratio(total noise): 40 dB @ 75% full signal level Sensitive to infrared illumination source Power supply: 3.3V Power requirement: <100mA (@30fps) and <60mA (@15fps) Standby mode power: < 50uA Package: Plastic LCC48
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 3
Confidential
ICM107B Mega pixel CMOS sensor Data Sheet Version 1.0 July 2002
1. Preliminary Pin Assignment
Pin # 14 11 12 13 33 35 31 32 2 1 10 17 8 48 47 46 45 44 43 40 39 38 37 36 Name CLKSEL CLKIN XIN XOUT PCLK OEN SIF ID MSSEL SCL SDA POWERDN RSET RSTN DOUT[10] DOUT[9] DOUT[8] DOUT[7] DOUT[6] DOUT[5] DOUT[4] DOUT[3] DOUT[2] DOUT[1] DOUT[0] Class* D, I, N D, I, N A, I A, O D, O D, I, N D, I, N D, I, U D, I/O D, I/O D, I, N A, I D, I, U D, I/O D, I/O D, I/O D, O D, I/O D, I/O D, I/O D, I/O D, I/O D, I/O D, I/O Function Clock source selection 0: clocks pass PLL, use XIN (pin 12) 1: bypass PLL, use CLKIN (pin 11) External clock source; bypass PLL Crystal oscillator in, or external clock in; if external clocks used, leave Xout (pin 13) unconnected Crystal oscillator out Pixel clock output Output enable. 0: enable, 1: disable LSB of SIF slave address SIF master/slave selection. 0: slave, 1: master SIF clock SIF data Power down control, 0: power down, 1: active Resistor to ground = 25 K @ 48 MHz main clock, (or 50K @ 24 MHz main clock) Chip reset, active low Data output bit 10 Data output bit 9 Data output bit 8 Data output bit 7 Data output bit 6; if pulled up/down, the initial value of TIMING_CONTROL_LOW[2] (VSYNC polarity) is 1/0 Data output bit 5; if pulled up/down, the initial value of TIMING_CONTROL_LOW[1] (HSYNC polarity) is 1/0 Data output bit 4; if pulled up/down, the initial value of AD_IDL[3] (Sub ID) is 1/0 Data output bit 3; if pulled up/down, the initial value of AD_IDL[2] (Sub ID) is 1/0 Data output bit 2; if pulled up/down, the initial value of AD_IDL[1] (Sub ID) is 1/0 Data output bit 1; if pulled up/down, the initial value of AD_IDL[0] (Sub ID) is 1/0 Data output bit 0; if pulled up/down, the synchronization mode is in master/slave mode which requires HSYNC and VSYNC operating in output/input mode Horizontal sync signal Vertical sync signal Flash light control Analog ramp output Sensor analog power Sensor analog ground Sensor digital power Sensor digital ground Digital power
10/29/2002
3 5 34 15 30,7 29,9 19 18 41,4
HSYNC VSYNC FLASH RAMP VDDA GNDA VDDD GNDD VDDK
D, I/O D, I/O D, O A, O P P P P P
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 4
Confidential
ICM107B Mega pixel CMOS sensor Data Sheet Version 1.0 July 2002
42,6 GNDK P Digital ground Class Code: A - Analog signal, D - Digital signal, I - Input, O - Output, P - Power or ground, U - Internal pull-up, N - Internal pull-down
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 5
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
2. Functional Description
ICM-107B is a single-chip digital color imaging device. It includes a 1152x864 sensor array, 1152 column-level ADC, and correlated double sampling circuitry. All the programmable parameters are set by writing into the SIF interface which can address the register file consisting of 8-bit registers. The output format is 10-bit raw data, together with horizontal and vertical sync signals.
SIF Interface
Sensor Array 1152 x 864
RGB Bayer Pattern Output Control
Column-Level ADC
Timing & Function Control
Correlated Double Sampling
Individual RGB gain control
Figure 1. Block diagram
2.1 Image Array
The image array consists of 1152x864 pixels. Each pixel has a light sensitive photo diode and a set of control transistors. At the beginning of the cycle, a row of pixels is pre-charged to its maximum value. Then the row is exposed to light for several lines worth of time and sampled by the ADC. A "Correlated Double Sampling (CDS)" process is performed with subtracting the reset value (sampled right before sampling the signal) from the signal value. The purpose of CDS is to eliminate the point-wise fixed pattern noise (FPN). The output of CDS is approximately proportional to the amount of received light, ranging from 0 to 1023.
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 6
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
2.2 Color Filter
Each pixel is covered by a color filter. They form the Bayer Pattern as shown in Figure 2. (Row 0, Column 0) is covered by a Red filter, (Row 0, Column 1) and (Row 1, Column 0) by Green filters, and (Row 1, Column 1) by a Blue filter. Since each pixel only gets part of the frequency band, the data need further processing (i.e., color interpolation and color correction) in order to approximate the full visible spectrum.
R G R G
G B G B
R G R G
G B G B
R G R G
G B G B
R G R G
G B G B
Figure 2. Color filter Bayer pattern
2.3 Exposure and Gain Control
The brightness of the scene may change by a great amount that renders the captured image either overexposed or under-exposed. To accommodate for different brightness, the user may change the exposure time by adjusting the AD_EXPOSE_TIMEH, and AD_EXPOSE_TIMEL. The exposure time is measured in terms of the time to read out one line of data, which is equal to 31.25 s (assuming the line length is 1500 @ 48 MHz). If the number of lines per frame is set at 1100 (the default), the exposure time can vary from 1 to 1100 lines. In addition, users can adjust registers AD_M1_L, AD_M1_H, AD_M2_L, AD_M2_H, AD_M3_L, AD_M3_H, AD_M4_L, AD_M4_H, to optimize the individual R/G1/G2/B gain (default at 3.8 format for 1/256 to 8) of the 4 Bayer pattern pixels separately.
2.4 Timing Control
Timing control is performed with programming a 32-entry wave table. Its content can be filled by external circuitry after power up if other than default values are desirable. Bits 19 to 11 are the control signals. Bits 10 to 0 are the change position. Whenever the change position equals the column counter, a new set of signal values are applied. Please see the Wave Table Programming section for details.
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 7
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
2.5 Output Format
During normal operation, the output format is 10-bit raw data that ranges from 0 to 1023. It may be used for off-chip color processing or compression. A typical configuration is to connect ICM-107B to a USB1, a USB2, or a 1394/Compression combo chip. At 30 fps, the PCLK and main clock are both operating at 48 MHz. In addition to the data pins, the chip also output VSYNC, HSYNC, and PCLK. The length and polarity of VSYNC and HSYNC can be adjusted through registers. The line and frame timing can be adjusted through registers AD_WIDTH and AD_HEIGHT.
2.6 SIF Interface
Register programming is through SIF interface (SCL and SDA pins). The default 7-bit SIF device address is 0x20, meanwhile the last bit can be configured by the SIF ID pin. ICM-107B can operate in either SIF master mode or slave mode right after power up, depending on the pull-up or pull-down of the MSSEL pin. When MSSEL is pulled low during power-up, ICM-107B's SIF interface is operated as an SIF slave device, waiting to be controlled by an external SIF master such as a microprocessor. When MSSEL is pulled high during power-up, the SIF interface is first acting as an SIF master device trying to read from an external SIF EEPROM. After that, it will fall back to behave like an SIF slave.
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 8
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
3. SIF Registers
Addres s 0x00 Name PART_CONTROL Default 0 Description Processing control [0] 0: normal video mode, 1: single frame mode [1] Slope adjustment enable [2] Exposure time control, writing a 1 will activate the new value set in AD_EXPOSE_TIME, when read back from it, 0 means either the exposure time change is finished (in video mode) or the entire frame is transmitted (in single frame mode), 1 means either the exposure time change is still in progress (in video mode) or the frame is yet to finish (in single frame mode) [3] 0: normal mode, 1:sub-sampling mode [6:4] Frame rate, 0: 30 fps 1: 15 fps 2: 10 fps 3: 5 fps 4: 4 fps 5: 3 fps 6: 2 fps 7: 1 fps [7] Latent change, writing a 1 means the changed latent registers now starts taking effect, when the entire operation is done, the read back value of this bit will change from 1 to 0. Timing control [0] Column count enable, set to 0 reserved, set to 1 when normal operation [1] HSYNC polarity, 0: active low, 1: active high, the initial value is determined by DOUT[5] [2] VSYNC polarity, 0: active low, 1: active high, the initial value is determined by DOUT[6] [3] Auto dark correction enable [4] Timing select, 0: wave table timing, 1: default timing [6] Flash polarity, 0: active low, 1: active high [7] Blank polarity, 0: active low, 1: active high [8] reserved
10/29/2002
0x01 0x02
TIMING_CONTROL_LO W TIMING_CONTROL_HIG H
0x0011
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 9
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
[10] Capture: when in single frame mode, writing a 1 here will start a frame capture [12] reserved [13] reserved [10:0] Frame width [15:0] Frame height, should not be less than AD_ROW_BEGIN + (874) [10:0] Beginning of active line in terms of column position [11] Mirror image enable [12] Up-down image enable [15:0] Beginning of active frame in terms of row position [10:0] End of horizontal sync in terms of column position [15:0] End of vertical sync in terms of row position [15:0] Exposure time in terms of number of rows [10:0] Gain coefficient (G1) , in unsigned 3.8 (default) format [10:0] Gain coefficient (R) , in unsigned 3.8 (default) format [10:0] Gain coefficient.(B) , in unsigned 3.8 (default) format [10:0] Gain coefficient.(G2) , in unsigned 3.8 (default) format [9:0] When auto dark correction is disabled, serve as the subtrahend for dark correction [9:0] Apply dead pixel removal algorithm only to those pixel above HighLimit [9:0] Apply dead pixel removal algorithm only to those pixel below LowLimit [4:0] Output format 0: default, unsigned 3.8 format 1: default, unsigned 4.7 format 2: default, unsigned 5.6 format 3: default, unsigned 6.5 format 0-7: 10-bit raw data 8: reserved 9: reserved 10: reserved 11: dead pixel removal algorithm enable 12: reserved 13: sub-sampling data output (1/4 format) 14-31: reserved
10/29/2002
0x0C 0x0D 0x0E 0x0F 0x10 0x11
AD_WIDTHL AD_WIDTHH AD_HEIGHTL AD_HEIGHTH AD_COL_BEGINL AD_COL_BEGINH
0x05DC (1500) 0x044C (1100) 0x0064 (100)
0x14 0x15 0x18 0x19 0x1A 0x1B 0x1C 0x1D 0x20 0x21 0x22 0x23 0x24 0x25 0x26 0x27 0x40 0X41 0x42 0x43 0x44 0x45 0x52
AD_ROW_BEGINL AD_ROW_BEGINH AD_HSYNC_ENDL AD_HSYNC_ENDH AD_VSYNC_ENDL AD_VSYNC_ENDH AD_EXPOSE_TIMEL AD_EXPOSE_TIMEH AD_M1_L AD_M1_H AD_M2_L AD_M2_H AD_M3_L AD_M3_H AD_M4_L AD_M4_H AD_DARK_DATA_L AD_DARK_DATA_H AD_HighLimit AD_LowLimit AD_INOUTSEL
0x000A (10) 0x0040 (64) 0x0003 (3) 0x044B (1099) 0x100 (256) 0x100 (256) 0x100 (256) 0x100 (256) 0 3FF (1023) 0 0
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 10
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
0x53 0x54 0x55 0x56 0x57 0x82 0x83 AD_RAMPSEL AD_DSRSTL AD_DSRSTH AD_DSDATAL AD_DSDATAH AD_IDL AD_IDH 0 0x0000 (0) 0x07D0 (2000) 0x1070 (4208) [7] reserved [10:0] reserved [10:0] reserved [3:0] Sub ID, Read from pins DOUT[4:1] during reset [15:4] Device ID, default 0x107 , can be configured using SIF [15:0] Flash light begin position in terms of rows [15:0] Flash light end position in terms of rows [10:0] Blank begin in terms of columns [10:0] Blank end in terms of columns/ need [10:0] [15:0] Blank begin in terms of rows [15:0] Blank end in terms of rows [7:6] RSTL voltage select 0: 0.7 V 1: 0.9 V (default) 2: 1.1 V reserved reserved Reserved Reserved [10:0] Current frame width, read only [15:0] Current frame height, read only [10:0] Current column beginning position, read only [10:0] Current row beginning position, read only [10:0] Current HSync end position, read only [15:0] Current VSync end position, read only [7:0] Current part control setting, read only [10:0] Current wave table beginning point, read only
10/29/2002
0x84 0x85 0x86 0x87 0x88 0x89 0x8A 0x8B 0x8C 0x8D 0x8E 0x8F 0x90
AD_FLASH_BEGINL AD_FLASH_BEGINH AD_FLASH_ENDL AD_FLASH_ENDH AD_BWIDTH_BEGINL AD_BWIDTH_BEGINH AD_BWIDTH_ENDL AD_BWIDTH_ENDH AD_BHEIGHT_BEGINL AD_BHEIGHT_BEGINH AD_BHEIGHT_ENDL AD_BHEIGHT_ENDH AD_RSTSEL
0x036A (874) 0x037E (894) 0x0068 (104) 0x04E7 (1255) 0x000E (14) 0x036D (877) 0x40
0x94 0x97 0x98 0x99 0x9A 0x9B 0x9C 0xA1 0xA2 0xA3 0xA4 0xA5 0xA6 0xA7 0xA8 0xA9 0xAA 0xAB 0xAC 0xAD 0xAE 0xAF
AD_BITCONTROL AD_WT_BEGINL AD_WT_BEGINH AD_WT_ENDL AD_WT_ENDH AD_SUB_EN_TIMEL AD_SUB_EN_TIMEH AD_WIDTHL_C AD_WIDTHH_C AD_HEIGHTL_C AD_HEIGHTH_C AD_COL_BEGINL_C AD_COL_BEGINH_C AD_ROW_BEGINL_C AD_ROW_BEGINH_C AD_HSYNC_ENDL_C AD_HSYNC_ENDH_C AD_VSYNC_ENDL_C AD_VSYNC_ENDH_C AD_PART_CONTROL_C AD_WT_BEGINL_C AD_WT_BEGINH_C
C0 0 0x07F8 (2040) 0x05BE (1470) 0x05DC (1500) 0x044C (1100) 0x0064 (100) 0x000A (10) 0x0040 (64) 0x0003 (3) 0x00 (0) 0
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 11
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
0xB0 0xB1 0xB4 AD_WT_ENDL_C AD_WT_ENDH_C AD_PLL 0x07F8 (2040) 0x07 [10:0] Current wave table end point, read only [4:0] PLL setting for ADC clock. For example, at 6 MHz input, selection of [00011] will run system ADC clock at 24MHz. Note: maximum ADC clock is 96MHz for 30 fps operation. 00000: x1 for PLL 00001: x2 for PLL 00011: x4 for PLL 00111: x8 for PLL 01111: x16 for PLL Reserved for debugging purpose Reserved for debugging purpose Reserved for debugging purpose Reserved for debugging purpose Reserved for debugging purpose Dead pixel #0 address A total of 12 pixels 07FF 07FF Dead pixel #1 address
0xB6 0xB7 0xB8 0xB9 0xBA 0xBB 0xBC 0xBD 0xBE 0xBF 0xC0 0xC1 0xC2 0xC3 0xC4 0xC5 0xC6 0xC7 0xC8 0xC9 0xCA 0xCB 0xCC 0xCD 0xCE 0xCF 0xD0 0xD1 0xD2 0xD3 0xD4 0xD5 0xD6 0xD7 0xD8 0xD9
AD_F_MAX_ADDRL AD_F_MAX_ADDRH AD_F_OVERL AD_F_OVERH AD_F_LIMITAL AD_F_LIMITAH AD_F_LIMITBL AD_F_LIMITBH AD_F_LIMITCL AD_F_LIMITCH AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H
369(873) 36A(874) 36B(875) 2(2) 36A(874) 07FF 07FF
07FF 07FF
Dead pixel #2 address
07FF 07FF
Dead pixel #3 address
07FF 07FF
Dead pixel #4 address
07FF 07FF
Dead pixel #5 address
07FF 07FF
Dead pixel #6 address
10/29/2002
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 12
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
0xDA 0xDB 0xDC 0xDD 0xDE 0xDF 0xE0 0xE1 0xE2 0xE3 0xE4 0xE5 0xE6 0xE7 0xE8 0xE9 0xEA 0xEB 0xEC 0xED 0xEE 0xEF AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H AD_COL_DEAD0L AD_COL_DEAD0H AD_ROW_DEAD0L AD_ROW_DEAD0H
07FF 07FF
Dead pixel #7 address
07FF 07FF
Dead pixel #8 address
07FF 07FF
Dead pixel #9 address
07FF 07FF
Dead pixel #10 address
07FF 07FF
Dead pixel #11 address
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 13
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
4. Electrical Characteristics 4.1 DC Characteristics Symbol VCCA VINA VOUTA TSTG VCC Digital (VCC Analog) VIN TOPR IDD Parameter Absolute Power Supply Absolute Input Voltage Absolute Output Voltage Storage Temperature Operating Power Supply Operating Input Voltage Operating Temperature Operating Current @ VCC=3.3 V, 25 C Input Low Current Input High Current Tri-state Leakage Current Input Capacitance Output Capacitance Minimum -0.3 -0.3 -0.3 0 3.0 25 3.3 Rating Typical Maximum 3.8 VCC + 0.3 VCC + 0.3 65 3.6 Unit V V V C V
0 0 25 100
VCC 55
V C mA
IIL IIH IOZ CIN COUT
-1 -1 -10 3 3
1 1 10
A A A pF pF
10/29/2002
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
page 14
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
CBID Bidirectional Buffer Capacitance Input Low Voltage Schmitt Input Low Voltage Input High Voltage Schmitt Input High Voltage Output Low Voltage Output High Voltage Input Pullup/down Resistance 3 pF
VIL VILS VIH VIHS VOL VOH RL
0.3 * VCC 1.1 0.7 * VCC 1.8 0.4 2.4 50
V V V V V V K
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 15
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
4.2 Timing 4.2.1 MegaPixel Mode
Reset Timing
> 2 CLKIN RSTN VDD > 2 CLKIN CLKIN Unstab le clock 0.9*VDD
Pixel Timing
PCLK
DOUT[9:0]
HSYNC
VSYNC
Use PCLK rising edge to latch data
Default Line Timing
1500 PCLKs 100 64 Column 105 - 1256 is valid 1152 5 238 64
HSYNC
5
DOUT[9:0]
Default Frame Timing
1100 ROWs
VSYNC 3
10
5
864
5
216 3
883 HSYNC 0 1 9 10
884
1099 0
DOUT[9:0]
Column 15 - 878 is valid
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 16
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
5.2.2 Sub-sampling Quarter Mega Pixel Mode
D ef au lt L in e Timin g
750 PCL K s 50 32 Colum n 55 - 630 is va lid 576 119 32
H SY N C
5
D O U T [ 9:0]
D ef au lt F ram e T im in g
550 RO W s
V SY N C 3
9
4
432
105
444 H SY N C 0 1 8 9
445
549 0
D O U T [ 9:0]
Column 13 - 444 is va lid
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 17
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
5.3 Pixel Clock Duty Cycle
In different frame rate mode (controlled by PART_CONTROL [6:4]), the duty cycle (high time / clock period) of the PCLK signal is described in the following table: Frame Rate 30 15 10 5 4 3 2 1 Duty Cycle 50.0% 50.0% 50.0% 50.0% 53.3% 50.0% 50.0% 50.0%
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 18
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
5 Mechanical Information
48
Figure 3. Plastic LCC48 Packaging
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 19
Confidential
ICM107B Mega pixel CMOS sensor Data sheet Version 0.5, January 2002
6 Ordering Information
Description Plastic LCC 48 packaged, MegaPixel resolution sensor (3.3 V) Part Number ICM-107Bpa
IC Media Corporation 545 East Brokaw Road San Jose, CA 95112, U.S.A. Phone: (408) 451-8838 Fax: (408) 451-8839 Email: Sales@IC-Media.Com Web Site: www.ic-media.com
IC Media Technology Corporation 6F, No. 61, ChowTze Street., NeiHu District Taipei, Taiwan, R.O.C. Phone: 886-2-2657-7898 Fax: 886-2-2657-8751 Email: Sales@IC-Media.Com.tw Web Site: www.ic-media.com.tw
(c)2000, 2001,2002 IC Media Corporation & IC Media Technology Corp web site: http://www.ic-media.com/ web site: http://www.ic-media.com.tw/
10/29/2002
page 20
Confidential


▲Up To Search▲   

 
Price & Availability of ICM107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X