Part Number Hot Search : 
74LVT08 ADP5131 MT111 MC908QB8 NCP114 TPDVXX40 S6416 DZ2J150
Product Description
Full Text Search
 

To Download HMC318MS8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v00.0900
MICROWAVE CORPORATION
HMC318MS8G
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
Features
LNA with 18 dB Gain Control +3V Operation Low Noise Figure: 2.5 dB No External Components Ultra Small 8 Lead MSOP: 14.8mm2 x 1mm High
8
AMPLIFIERS - SMT
Typical Applications
The HMC318MS8G is ideal for: * UNII * HiperLAN
Functional Diagram
General Description
The HMC318MS8G is a surface mount low cost C-band variable gain low noise amplifier (VGLNA) that serves the full UNII and HiperLAN bands. The HMC318MS8G operates using a single positive supply that can be set between +3V or +5V. When a control voltage of 0V to +3V is applied, the gain of the amplifier will decrease while maintaining excellent return loss performance. A maximum gain of 9 dB is achieved when VCTL is set to 0V and a minimum gain of -9 dB is achieved when Vctl is set to +3V.
Electrical Specifications, TA = +25 C, Vdd = +3V
Parameter* Frequency Range Gain Gain Variation over Temperature Gain Control Range Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Output Third Order Intercept (OIP3) Supply Current (Idd) 6 7 -1 10 11 6 Min. Typ. 5.0 - 6.0 9 0.03 18 2.5 12 13 2 13 6 10 12 0.04 23 4.0 Max. Units GHz dB dB/C dB dB dB dB dBm dBm mA
* Specifications refer to the maximum gain state (Vctl = 0V) unless otherwise noted.
8 - 86
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.0900
MICROWAVE CORPORATION
HMC318MS8G
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
Gain & Return Loss @ Vctl = 0V
15 10
Gain over Control Range
15 10 5 0V 1.0V
8
1.4V 1.8V 3.0V
RESPONSE (dB)
0 -5 -10 -15 -20 4.5
GAIN (dB)
S11 S21 S22
0 -5 -10 -15 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
5
5.5 FREQUENCY (GHz)
6
6.5
Gain vs. Temperature, Vctl = 0V
15 10
Noise Figure vs. Temperature, Vctl = 0V
5 4.5 4
NOISE FIGURE (dB)
5
3.5 3 2.5 2 1.5 1 0.5
+25 C +85 C -40 C
GAIN (dB)
0 -5 -10 -15 4.5
+25C +85C -40C
5
5.5 FREQUENCY (GHz)
6
6.5
0 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
Input Return Loss vs. Temperature, Vctl = 0V
0
+25C +85C -40C
Output Return Loss vs. Temperature, Vctl = 0V
0
OUTPUT RETURN LOSS (dB)
INPUT RETURN LOSS (dB)
-5
-5
+25C +85C -40C
-10
-10
-15
-15
-20 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
-20 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
8 - 87
AMPLIFIERS - SMT
5
MICROWAVE CORPORATION
v00.0900
HMC318MS8G
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
8
AMPLIFIERS - SMT
Gain vs. Control Voltage @ 5.8 GHz
12 10 8 6 4 2 0 -2 -4 -6 -8 -10 -12 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 Control Voltage (Vdc)
Input Return Loss over Control Range
0
-5
Return Loss (dB)
Gain (dB)
-10
Vctl= 3.0V Vctl= 1.8V Vctl= 1.4V Vctl= 0.8V Vctl= 0V
-15
-20 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
Output Return Loss over Control Range
0
Vctl= 3.0V Vctl= 1.8V Vctl= 1.4V Vctl= 0.8V Vctl= 0V
Reverse Isolation vs. Temperature, Vctl = 0V
0
+25C +85C -40C
REVERSE ISOLATION (dB)
-10
-5
Return Loss (dB)
-20
-10
-30
-15
-40
-20 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
-50 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
Noise Figure and OIP3 vs. Control Voltage
Frequency = 5.8 GHz VCTL 0V 1.4V 3.0V Noise Figure (dB) 2.5 4.5 10.5 OIP3 (dBm)* 13.0 1.2 -6.7
*Two-tone input power = -20 dBm per tone.
8 - 88
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0900
HMC318MS8G
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) Control Voltage Range (Vctl) RF Input Power (RFin)(Vdd = +3.0 Vdc) Channel Temperature Continuous Pdiss (T = 85 C) (derate 9.76 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature +7.0 Vdc -0.2 to Vdd
Gain Control
Vctl (Vdc) 0 Gain State Maximum Minimum Typical Ictl (uA) 25 25
8
AMPLIFIERS - SMT
8 - 89
0 dBm 150 C 0.634 W
Vdd
102 C/W -65 to +150 C -40 to +85 C
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0900
HMC318MS8G
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
8
AMPLIFIERS - SMT
Evaluation PCB
List of Material
Item J1, J2 J3, J4 U1 PCB* Description PC Mount SMA Connector DC Pin HMC318MS8G Amplifier Evaluation PCB 1.6" x 1.5"
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
*Circuit Board Material: Roger 4350
8 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0900
HMC318MS8G
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
Notes:
8
AMPLIFIERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
8 - 91


▲Up To Search▲   

 
Price & Availability of HMC318MS8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X