Part Number Hot Search : 
B1000 00121 4078BE H43XX A57HR 02800 2V473J0L 22664
Product Description
Full Text Search
 

To Download HM62256 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HM62256A Series
32,768-word x 8-bit High Speed CMOS Static RAM The Hitachi HM62256A is a CMOS static RAM organized 32-kword x 8-bit. It realizes higher performance and low power consumption by employing 0.8 m Hi-CMOS process technology. The device, packaged in a 8 x 14 mm TSOP with thickness of 1.2 mm, 450-mil SOP (foot print pitch width), 600-mil plastic DIP, or 300-mil plastic DIP, is available for high density mounting. TSOP package is suitable for cards, and reverse type TSOP is also provided. It offers low power standby power dissipation; therefore, it is suitable for battery back up system.
Maintenance only
Ordering Information
Type No. Access time Package --------------------------------------------- HM62256AP-8 85 ns 600-mil HM62256AP-10 100 ns 28-pin HM62256AP-12 120 ns plastic DIP HM62256AP-15 150 ns (DP-28) --------------------------------- HM62256ALP-8 85 ns HM62256ALP-10 100 ns HM62256ALP-12 120 ns HM62256ALP-15 150 ns --------------------------------- HM62256ALP-8SL 85 ns HM62256ALP-10SL 100 ns HM62256ALP-12SL 120 ns HM62256ALP-15SL 150 ns --------------------------------------------- HM62256ASP-8 85 ns 300-mil HM62256ASP-10 100 ns 28-pin HM62256ASP-12 120 ns plastic DIP HM62256ASP-15 150 ns (DP-28NA) --------------------------------- HM62256ALSP-8 85 ns HM62256ALSP-10 100 ns HM62256ALSP-12 120 ns HM62256ALSP-15 150 ns --------------------------------- HM62256ALSP-8SL 85 ns HM62256ALSP-10SL 100 ns HM62256ALSP-12SL 120 ns HM62256ALSP-15SL 150 ns --------------------------------------------- HM62256AFP-8T 85 ns 450-mil HM62256AFP-10T 100 ns 28-pin HM62256AFP-12T 120 ns plastic SOP HM62256AFP-15T 150 ns (FP-28DA) --------------------------------- HM62256ALFP-8T 85 ns HM62256ALFP-10T 100 ns HM62256ALFP-12T 120 ns HM62256ALFP-15T 150 ns --------------------------------- HM62256ALFP-8SLT 85 ns HM62256ALFP-10SLT 100 ns HM62256ALFP-12SLT 120 ns HM62256ALFP-15SLT 150 ns ---------------------------------------------
Features
* High speed: Fast Access time 85/100/120/150 ns (max) * Low Power Standby: 5 W (typ) (L/L-SL version) Operation: 40 mW (typ) (f = 1 MHz) * Single 5 V supply * Completely static memory No clock or timing strobe required * Equal access and cycle times * Common data input and output: Three state output * Directly TTL compatible: All inputs and outputs * Capability of battery back up operation
Note: This device is not available for new application.
1
HM62256A Series
TSOP Series
Type No. Access time Package --------------------------------------------- HM62256ALT-8 85 ns 8 mm x 14 mm HM62256ALT-10 100 ns 32-pin TSOP HM62256ALT-12 120 ns (normal type) HM62256ALT-15 150 ns (TFP-32DA) ------------------------------- HM62256ALT-8SL 85 ns HM62256ALT-10SL 100 ns HM62256ALT-12SL 120 ns HM62256ALT-15SL 150 ns ---------------------------------------------
HM62256A Series
Type No. Access time Package --------------------------------------------- HM62256ALR-8 85 ns 8 mm x 14 mm HM62256ALR-10 100 ns 32-pin TSOP HM62256ALR-12 120 ns (reverse type) HM62256ALR-15 150 ns (TFP-32DAR) ------------------------------- HM62256ALR-8SL 85 ns HM62256ALR-10SL 100 ns HM62256ALR-12SL 120 ns HM62256ALR-15SL 150 ns ---------------------------------------------
Pin Arrangement
HM62256AP/AFP/ASP Series A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 V SS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 (Top view) HM62256AT Series
OE A11 NC A9 A8 A13 WE VCC A14 A12 A7 A6 A5 NC A4 A3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 A10 CS NC I/O7 I/O6 I/O5 I/O4 I/O3 VSS I/O2 I/O1 I/O0 A0 NC A1 A2
28 27 26 25 24 23 22 21 20 19 18 17 16 15
VCC WE A13 A8 A9 A11 OE A10 CS I/O7 I/O6 I/O5 I/O4 I/O3
HM62256AR Series
A3 A4 NC A5 A6 A7 A12 A14 VCC WE A13 A8 A9 NC A11 OE 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 A2 A1 NC A0 I/O0 I/O1 I/O2 VSS I/O3 I/O4 I/O5 I/O6 I/O7 NC CS A10
(Top view)
(Top view)
2
HM62256A Series
Pin Description
Symbol Function --------------------------------------------- A0 - A14 Address --------------------------------------------- I/O0 - I/O7 Input/output --------------------------------------------- CS Chip select --------------------------------------------- WE Write enable ---------------------------------------------
HM62256A Series
Symbol Function --------------------------------------------- OE Output enable --------------------------------------------- NC No connection --------------------------------------------- VCC Power supply --------------------------------------------- VSS Ground ---------------------------------------------
Block Diagram
A5 A4 A3 A11 A9 A8 A12 A7 A6
* * * * * * * *
V CC V SS
Row Decoder
* *
Memory Matrix 512 x 512
I/O0
* * * * *
* * * * * * *
Column I/O Column Decoder
* *
Input Data Control
* * * * *
I/O7 A0 A1 A2 A10 A13 A14
* *
CS WE OE
Timing Pulse Generator Read/Write Control
3
HM62256A Series
Function Table
HM62256A Series
WE CS OE Mode VCC current I/O pin Ref. cycle ----------------------------------------------------------------------------------------------- X H X Not selected ISB, ISB1 High-Z -- ----------------------------------------------------------------------------------------------- H L H Output disable ICC High-Z -- ----------------------------------------------------------------------------------------------- H L L Read ICC Dout Read cycle (1)-(3) ----------------------------------------------------------------------------------------------- L L H Write ICC Din Write cycle (1) ----------------------------------------------------------------------------------------------- L L L Write ICC Din Write cycle (2) ----------------------------------------------------------------------------------------------- Note: X: H or L
Absolute Maximum Ratings
Parameter Symbol Value Unit ----------------------------------------------------------------------------------------------- Voltage on any pin relative to VSS VT -0.5*1 to +7.0 V ----------------------------------------------------------------------------------------------- Power dissipation PT 1.0 W ----------------------------------------------------------------------------------------------- Operating temperature Topr 0 to +70 C ----------------------------------------------------------------------------------------------- Storage temperature Tstg -55 to +125 C ----------------------------------------------------------------------------------------------- Storage temperature under bias Tbias -10 to +85 C ----------------------------------------------------------------------------------------------- Note: 1. VT min = -3.0 V for pulse half-width 50 ns
Recommended DC Operating Conditions (Ta = 0 to +70C)
Parameter Symbol Min Typ Max Unit ----------------------------------------------------------------------------------------------- Supply voltage VCC 4.5 5.0 5.5 V --------------------------------------------------------------- VSS 0 0 0 V ----------------------------------------------------------------------------------------------- Input high (logic 1) voltage VIH 2.2 -- 6.0 V ----------------------------------------------------------------------------------------------- Input low (logic 0) voltage VIL -0.5*1 -- 0.8 V ----------------------------------------------------------------------------------------------- Note: 1. VIL min = -3.0 V for pulse half-width 50 ns
4
HM62256A Series
HM62256A Series
DC Characteristics (Ta = 0 to +70C, VCC = 5 V 10%, VSS = 0 V)
Parameter Symbol Min Typ*1 Max Unit Test conditions ----------------------------------------------------------------------------------------------- Input leakage current |ILI| -- -- 1 A Vin = VSS to VCC ----------------------------------------------------------------------------------------------- Output leakage current |ILO| -- -- 1 A CS = VIH or OE = VIH or WE = VIL, VI/O = VSS to VCC ----------------------------------------------------------------------------------------------- Operating VCC current ICC -- 6 15 mA CS = VIL, others = VIH/VIL Iout = 0 mA ------------------------------------------------------------------------------------ HM62256A-8 ICC1 -- 33 50 mA min cycle, duty = 100%, II/O = 0 mA HM62256A-10 -- 30 50 CS = VIL, others = VIH/VIL HM62256A-12 -- 27 45 HM62256A-15 -- 24 40 ------------------------------------------------------------------------------------ ICC2 -- 5 15 mA Cycle time = 1s, II/O = 0 mA CS = VIL, VIH = VCC, VIL = 0 ----------------------------------------------------------------------------------------------- Standby VCC current ISB -- 0.3 2 mA CS = VIH ---------------------------------------------------------------------- ISB1 -- 0.01 1 mA Vin 0 V ---------------------------- CS VCC - 0.2 V -- 0.3*2 100*2 A ---------------------------- -- 0.3*3 50*3 A ----------------------------------------------------------------------------------------------- Output low voltage VOL -- -- 0.4 V IOL = 2.1 mA ----------------------------------------------------------------------------------------------- Output high voltage VOH 2.4 -- -- V IOH = -1.0 mA ----------------------------------------------------------------------------------------------- Notes: 1. Typical values are at VCC = 5.0 V, Ta = +25C and not guaranteed. 2. This characteristics is guaranteed only for L-version. 3. This characteristics is guaranteed only for L-SL version.
Capacitance (Ta = 25C, f = 1 MHz)*1
Parameter Symbol Min Typ Max Unit Test conditions ----------------------------------------------------------------------------------------------- Input capacitance Cin -- -- 6 pF Vin = 0 V ----------------------------------------------------------------------------------------------- Input/output capacitance CI/O -- -- 8 pF VI/O= 0 V ----------------------------------------------------------------------------------------------- Note: 1. This parameter is sampled and not 100% tested.
5
HM62256A Series
Test Conditions * Input pulse levels: 0.8 V to 2.4 V * Input and output timing refernce levels: 1.5 V Read Cycle
HM62256A Series
AC Characteristics (Ta = 0 to +70C, VCC = 5 V 10%, unless otherwise noted.)
* Input rise and fall times: 5 ns * Output load: 1 TTL Gate + CL (100 pF) (Including scope & jig)
HM62256A-8 HM62256A-10 HM62256A-12 HM62256A-15 ----------- ----------- ----------- ----------- Parameter Symbol Min Max Min Max Min Max Min Max Unit Note ----------------------------------------------------------------------------------------------- Read cycle time tRC 85 -- 100 -- 120 -- 150 -- ns ----------------------------------------------------------------------------------------------- Address access time tAA -- 85 -- 100 -- 120 -- 150 ns ----------------------------------------------------------------------------------------------- Chip select tACS -- 85 -- 100 -- 120 -- 150 ns access time ----------------------------------------------------------------------------------------------- Output enable to tOE -- 45 -- 50 -- 60 -- 70 ns output valid ----------------------------------------------------------------------------------------------- Chip selection to tCLZ 10 -- 10 -- 10 -- 10 -- ns 2 output in low-Z ----------------------------------------------------------------------------------------------- Output enable to tOLZ 5 -- 5 -- 5 -- 5 -- ns 2 output in low-Z ----------------------------------------------------------------------------------------------- Chip deselection to tCHZ 0 30 0 35 0 40 0 50 ns 1, 2 output in high-Z ----------------------------------------------------------------------------------------------- Output disable to tOHZ 0 30 0 35 0 40 0 50 ns 1, 2 output in high-Z ----------------------------------------------------------------------------------------------- Output hold from tOH 5 -- 10 -- 10 -- 10 -- ns address change -----------------------------------------------------------------------------------------------
6
HM62256A Series
Read Timing Waveform (1) *3
HM62256A Series
t RC
Address t AA t ACS CS t CLZ *2 t OE t OLZ OE t OHZ*1 *2 t CHZ *1 *2 Dout Valid Data
*2
t OH
Read Timing Waveform (2) *3 *4 *6
t RC Address t OH Dout t AA Valid Data t OH
7
HM62256A Series
Read Timing Waveform (3) *3 *5 *6
HM62256A Series
CS t ACS t CLZ *2 Dout Valid Data t CHZ
*1,*2
Notes: 1. tCHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. This parameter is sampled and not 100% tested. 3. WE is high for read cycle. 4. Device is continuously selected, CS = VIL. 5. Address Valid prior to or coincident with CS transition Low. 6. OE = VIL.
Write Cycle
HM62256A-8 HM62256A-10 HM62256A-12 HM62256A-15 ----------- ----------- ----------- ----------- Parameter Symbol Min Max Min Max Min Max Min Max Unit Note ----------------------------------------------------------------------------------------------- 85 -- 100 -- 120 -- 150 -- ns Write cycle time tWC ----------------------------------------------------------------------------------------------- 75 -- 80 -- 85 -- 100 -- ns 2 Chip selection to tCW end of write ----------------------------------------------------------------------------------------------- 0 -- 0 -- 0 -- 0 -- ns 3 Address setup time tAS ----------------------------------------------------------------------------------------------- 75 -- 80 -- 85 -- 100 -- ns Address valid to tAW end of write ----------------------------------------------------------------------------------------------- 55 -- 60 -- 70 -- 90 -- ns 1 Write pulse width tWP ----------------------------------------------------------------------------------------------- 0 -- 0 -- 0 -- 0 -- ns 4 Write recovery time tWR ----------------------------------------------------------------------------------------------- 0 30 0 35 0 40 0 50 ns 10 WE to output in high-Z tWHZ ----------------------------------------------------------------------------------------------- 40 -- 40 -- 50 -- 60 -- ns Data to write time tDW overlap ----------------------------------------------------------------------------------------------- 0 -- 0 -- 0 -- 0 -- ns Data hold from tDH write time ----------------------------------------------------------------------------------------------- 5 -- 5 -- 5 -- 5 -- ns 10 Output active from tOW end of write ----------------------------------------------------------------------------------------------- 0 30 0 35 0 40 0 50 ns 10, 11 Output disable to tOHZ output in high-Z -----------------------------------------------------------------------------------------------
8
HM62256A Series
Write Timing Waveform (1) (OE Clock)
HM62256A Series
t WC Address t AW OE t CW *2 CS
*6
t WR *4
t AS
*3
t WP *1
WE t OHZ *5 *10 Dout t DW Din Valid Data t DH
9
HM62256A Series
Write Timing Waveform (2) (OE Low Fixed)
HM62256A Series
t WC Address t CW *2 t WR*4
CS
*6
t AW t WP *1
WE
t AS
*3
t OH t WHZ*5 *10 t OW *10
*7 *8
Dout t DW Din t DH
*9
Valid Data
Notes: 1. A write occurs during the overlap of a low CS and a low WE. A write begins at the later transition of CS going low or WE going low. A write ends at the earlier transition of CS going high or WE going high. tWP is measured from the beginning of write to the end of write. 2. tCW is measured from CS going low to the end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the earlier of WE or CS going high to the end of write cycle. 5. During this period, I/O pins are in the output state so that the input signals of the opposite phase to the outputs must not be applied. 6. If the CS low transition occurs simultaneously with the WE low transition or after the WE transition, the output remain in a high impedance state. 7. Dout is the same phase of the write data of this write cycle. 8. Dout is the read data of next address. 9. If CS is low during this period, I/O pins are in the output state. Therefore, the input signals of the opposite phase to the output must not be applied to them. 10. This parameter is sampled and not 100% tested. 11. tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels.
10
HM62256A Series
Low VCC Data Retention Characteristics (Ta = 0 to +70C) This characteristics is guaranteed only for L/L-SL version.
HM62256A Series
Parameter Symbol Min Typ*1 Max Unit Test conditions ----------------------------------------------------------------------------------------------- VCC for data retention VDR 2 -- -- V CS VCC - 0.2 V, Vin 0 V ----------------------------------------------------------------------------------------------- Data retention current ICCDR -- 0.2 30*2 A VCC = 3.0 V, Vin 0 V ----------------------------- -- 0.2 10*3 A CS VCC - 0.2 V ----------------------------------------------------------------------------------------------- Chip deselect to data retention time tCDR 0 -- -- ns See retention waveform ---------------------------------------------------------------------- Operation recovery time tR tRC*4 -- -- ns -----------------------------------------------------------------------------------------------
Low VCC Data Retention Timing Waveform
Data retention mode V CC 4.5 V t CDR 2.2 V V DR CS 0V CS VCC - 0.2 V tR
Notes: 1 2. 3. 4. 5.
Typical values are at VCC = 3.0 V, Ta = +25C and not guaranteed. 20 A max at Ta = 0 to +40C. (only for L-version) 3 A max at Ta = 0 to +40C. (only for L-SL version) tRC = read cycle time. CS controls address buffer, WE buffer, OE buffer, and Din buffer. If CS controls data retention mode, Vin levels (address, WE, OE, I/O) can be in the high impedance state.
11


▲Up To Search▲   

 
Price & Availability of HM62256

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X