|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS DATA SHEET For a complete data sheet, please also download: * The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC HEF4075B gates Triple 3-input OR gate Product specification File under Integrated Circuits, IC04 January 1995 Philips Semiconductors Product specification Triple 3-input OR gate DESCRIPTION The HEF4075B provides the positive triple 3-input OR function. The outputs are fully buffered for highest noise immunity and pattern insensitivity of output impedance. HEF4075B gates Fig.2 Pinning diagram. HEF4075BP(N): 14-lead DIL; plastic (SOT27-1) HEF4075BD(F): 14-lead DIL; ceramic (cerdip) (SOT73) HEF4075BT(D): 14-lead SO; plastic Fig.1 Functional diagram. (SOT108-1) ( ): Package Designator North America Fig.3 Logic diagram (one gate). FAMILY DATA, IDD LIMITS category GATES See Family Specifications January 1995 2 Philips Semiconductors Product specification Triple 3-input OR gate AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays In On HIGH to LOW 5 10 15 5 LOW to HIGH Output transition times HIGH to LOW 10 15 5 10 15 5 LOW to HIGH 10 15 tTLH tTHL tPLH tPHL 65 30 20 65 30 25 60 30 20 60 30 20 130 60 40 130 60 50 120 60 40 120 60 40 ns ns ns ns ns ns ns ns ns ns ns ns SYMBOL TYP. MAX. HEF4075B gates TYPICAL EXTRAPOLATION FORMULA 38 ns + (0,55 ns/pF) CL 19 ns + (0,23 ns/pF) CL 12 ns + (0,16 ns/pF) CL 38 ns + (0,55 ns/pF) CL 19 ns + (0,23 ns/pF) CL 17 ns + (0,16 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL VDD V Dynamic power dissipation per package (P) 5 10 15 TYPICAL FORMULA FOR P (W) 750 fi + (foCL) x VDD2 3 600 fi + (foCL) x VDD 11 200 fi + (foCL) x 2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V) VDD2 January 1995 3 |
Price & Availability of HEF4075B |