Part Number Hot Search : 
TLWY7900 E003666 TDA1010A NSR2N7 T8802 AD562 FAN3228C HD020521
Product Description
Full Text Search
 

To Download HCNW4502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H Single Channel, High Speed Optocouplers Technical Data
6N135/6 HCNW135/6 HCNW4502/3 HCPL-0452/3 HCPL-0500/1 HCPL-4502/3
Features
* 15 kV/s Minimum Common Mode Transient Immunity at VCM = 1500 V (4503/0453) * High Speed: 1 Mb/s * TTL Compatible * Available in 8-Pin DIP, SO-8, Widebody Packages * Open Collector Output * Guaranteed Performance from Temperature: 0C to 70C * Safety Approval UL Recognized - 2500 V rms for 1 minute (5000 V rms for 1 minute for HCNW and Option 020 devices) per UL1577 CSA Approved VDE 0884 Approved -VIORM = 630 V peak for HCPL-4503#060 -VIORM = 1414 V peak for HCNW devices BSI Certified (HCNW devices only) * Dual Channel Version Available (253X/4534/053X/ 0534) * MIL-STD-1772 Version Available (55XX/65XX/4N55)
Applications
* High Voltage Insulation * Video Signal Isolation * Power Transistor Isolation in Motor Drives * Line Receivers * Feedback Element in Switched Mode Power Supplies * High Speed Logic Ground Isolation - TTL/TTL, TTL/ CMOS, TTL/LSTTL * Replaces Pulse Transformers * Replaces Slow Phototransistor Isolators * Analog Signal Ground Isolation
Description
These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output-transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance.
Functional Diagram
NC 1 ANODE 2 CATHODE 3 NC 4 8 VCC * 7 VB 6 VO 5 GND TRUTH TABLE (POSITIVE LOGIC) LED VO ON LOW OFF HIGH
* NOTE: FOR 4502/3, 0452/3, PIN 7 IS NOT CONNECTED.
A 0.1 F bypass capacitor must be connected between pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. 1-16 5965-3605E
These single channel optocouplers are available in 8-Pin DIP, SO-8 and Widebody package configurations. The 6N135, HCPL-0500, and HCNW135 are for use in TTL/ CMOS, TTL/LSTTL or wide bandwidth analog applications. Current transfer ratio (CTR) for these devices is 7% minimum at IF = 16 mA.
The 6N136, HCPL-0501, and HCNW136 are designed for high speed TTL/TTL applications. A standard 16 mA TTL sink current through the input LED will provide enough output current for 1 TTL load and a 5.6 k pullup resistor. CTR for these devices is 19% minimum at IF = 16 mA. The HCPL-4502, HCPL-0452, and HCNW4502 provide the electrical and switching performance of the 6N136, HCPL-0501, and HCNW136 with increased ESD protection.
The HCPL-4503, HCPL-0453, and HCNW4503 are similar to the HCPL-4502, HCPL-0452, and HCNW4502 optocouplers but have increased common mode transient immunity of 15 kV/s minimum at VCM = 1500 V guaranteed.
Selection Guide
Minimum CMR dV/dt (V/s) 1,000 VCM (V) 10 8-Pin DIP (300 Mil) Current Single Dual Transfer Channel Channel Ratio (%) Package Package* 7 6N135 HCPL-2530 19 6N136 HCPL-2531 HCPL-4502 19 HCPL-4503 HCPL-4534 9 Small-Outline SO-8 Single Dual Channel Channel Package Package* HCPL-0500 HCPL-0530 HCPL-0501 HCPL-0531 HCPL-0452 HCPL-0453 HCPL-0534 Widebody (400 Mil) Hermetic Single Single and Channel Dual Channel Package Packages* HCNW135 HCNW136 HCNW4502 HCNW4503 HCPL-55XX HCPL-65XX 4N55
15,000 1,000
1500 10
*Technical data for these products are on separate HP publications. Pin 7, transistor base, is not connected.
1-17
Ordering Information
Specify Part Number followed by Option Number (if desired). Example: HCPL-4503#XXX 020 = UL 5000 V rms/1 Minute Option* 060 = VDE 0884 VIORM = 630 V peak Option** 300 = Gull Wing Surface Mount Option 500 = Tape and Reel Packaging Option Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for information.
*For 6N135/6 and HCPL-4502/3 only. **For HCPL-4503 only. Combination of Option 020 and Option 060 is not available. Gull wing surface mount option applies to through hole parts only.
Schematic
ICC 8 VCC
2 ANODE + VF CATHODE - 3
IF
IO
6
VO
SHIELD HCPL-4503/0453 HCNW4503
5
GND
IB 7* VB
* NOTE: FOR HCPL-4502/-3, HCPL-0452/3, HCNW4502/3, PIN 7 IS NOT CONNECTED.
1-18
Package Outline Drawings
8-Pin DIP Package (6N135/6, HCPL-4502/3)
9.65 0.25 (0.380 0.010) TYPE NUMBER 8 7 6 5 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010)
OPTION CODE* DATE CODE
HP XXXXZ YYWW RU 1 1.19 (0.047) MAX. 2 3 4
UL RECOGNITION
1.78 (0.070) MAX. + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
5 TYP. 4.70 (0.185) MAX.
0.51 (0.020) MIN. 2.92 (0.115) MIN. DIMENSIONS IN MILLIMETERS AND (INCHES). 1.080 0.320 (0.043 0.013) 0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010) * MARKING CODE LETTER FOR OPTION NUMBERS. "L" = OPTION 020 "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED.
8-Pin DIP Package with Gull Wing Surface Mount Option 300 (6N135/6, HCPL-4502/3)
PAD LOCATION (FOR REFERENCE ONLY) 9.65 0.25 (0.380 0.010)
8 7 6 5
1.016 (0.040) 1.194 (0.047)
4.826 TYP. (0.190) 6.350 0.25 (0.250 0.010) 9.398 (0.370) 9.906 (0.390)
1
2
3
4
1.194 (0.047) 1.778 (0.070) 1.780 (0.070) MAX. 9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010)
0.381 (0.015) 0.635 (0.025)
1.19 (0.047) MAX.
4.19 MAX. (0.165)
+ 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.635 0.25 (0.025 0.010)
12 NOM.
1-19
Small Outline SO-8 Package (HCPL-0500/1, HCPL-0452/3)
8
7
6
5
3.937 0.127 (0.155 0.005)
XXX YWW
5.842 0.203 (0.236 0.008) TYPE NUMBER (LAST 3 DIGITS) DATE CODE
4
1
2
3
0.381 0.076 (0.016 0.003)
1.270 BSG (0.050) 7 0.432 (0.017)
5.080 0.127 (0.200 0.005)
45 X
3.175 0.127 (0.125 0.005)
1.524 (0.060) 0.152 0.051 (0.006 0.002)
0.228 0.025 (0.009 0.001)
DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.305 MIN. (0.012)
8-Pin Widebody DIP Package (HCNW135/6, HCNW4502/3)
11.15 0.15 (0.442 0.006)
8 7 6 5
11.00 MAX. (0.433) 9.00 0.15 (0.354 0.006) TYPE NUMBER
HP HCNWXXXX YYWW
DATE CODE
1
2
3
4
1.55 (0.061) MAX.
10.16 (0.400) TYP. 7 TYP. + 0.076 0.254 - 0.0051 + 0.003) (0.010 - 0.002) 5.10 MAX. (0.201)
3.10 (0.122) 3.90 (0.154) 2.54 (0.100) TYP. 1.78 0.15 (0.070 0.006) 0.40 (0.016) 0.56 (0.022)
0.51 (0.021) MIN.
DIMENSIONS IN MILLIMETERS (INCHES).
1-20
8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300 (HCNW135/6, HCNW4502/3)
11.15 0.15 (0.442 0.006)
8 7 6 5
PAD LOCATION (FOR REFERENCE ONLY)
6.15 (0.242)TYP. 9.00 0.15 (0.354 0.006) 12.30 0.30 (0.484 0.012)
1 2 3 4
1.3 (0.051) 1.55 (0.061) MAX. 12.30 0.30 (0.484 0.012) 11.00 MAX. (0.433)
0.9 (0.035)
4.00 MAX. (0.158)
1.78 0.15 (0.070 0.006) 2.54 (0.100) BSC 0.75 0.25 (0.030 0.010)
1.00 0.15 (0.039 0.006)
+ 0.076 0.254 - 0.0051 + 0.003) (0.010 - 0.002) 7 NOM.
DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
Solder Reflow Temperature Profile (HCPL-0500/1, HCPL-0452/3, and Gull Wing Surface Mount Option Parts)
260 240 220 200 180 160 140 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7 8 9 10 11 12 T = 145C, 1C/SEC T = 115C, 0.3C/SEC
TEMPERATURE - C
T = 100C, 1.5C/SEC
TIME - MINUTES
Note: Use of Non-Chlorine Activated Fluxes is Recommended.
1-21
Regulatory Information
The devices contained in this data sheet have been approved by the following organizations: UL Recognized under UL 1577, Component Recognition Program, File E55361.
CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. VDE Approved according to VDE 0884/06.92 (HCNW and Option 060 devices only).
BSI Certification according to BS451:1994, (BS EN60065:1994); BS EN60950:1992 (BS7002:1992) and EN41003:1993 for Class II applications (HCNW devices only).
Insulation and Safety Related Specifications
8-Pin DIP (300 Mil) Value 7.1 SO-8 Value 4.9 Widebody (400 Mil) Value Units 9.6 mm
Parameter Minimum External Air Gap (External Clearance) Minimum External Tracking (External Creepage) Minimum Internal Plastic Gap (Internal Clearance)
Symbol L(101)
L(102)
7.4
4.8
10.0
mm
0.08
0.08
1.0
mm
Minimum Internal Tracking (Internal Creepage) Tracking Resistance (Comparative Tracking Index) Isolation Group
NA
NA
4.0
mm
CTI
200
200
200
Volts
Conditions Measured from input terminals to output terminals, shortest distance through air. Measured from input terminals to output terminals, shortest distance path along body. Through insulation distance, conductor to conductor, usually the direct distance between the photoemitter and photodetector inside the optocoupler cavity. Measured from input terminals to output terminals, along internal cavity. DIN IEC 112/VDE 0303 Part 1
IIIa
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
1-22
VDE 0884 Insulation Related Characteristics (HCPL-4503 OPTION 060 ONLY)
Description Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 300 V rms for rated mains voltage 450 V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a* VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, tini = 10 sec) Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 9, Thermal Derating curve.) Case Temperature Input Current Output Power Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III 55/100/21 2 630 1181 Units
VIORM VPR
V peak V peak
VPR
945
V peak
VIOTM
6000
V peak
TS IS,INPUT PS,OUTPUT RS
175 230 600 109
C mA mW
VDE 0884 Insulation Related Characteristics (HCNW135/6, HCNW4502/3 ONLY)
Description Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage 600 V rms for rated mains voltage 1000 V rms Climatic Classification Pollution Degree (DIN VDE 0110/1.89) Maximum Working Insulation Voltage Input to Output Test Voltage, Method b* VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC Input to Output Test Voltage, Method a* VIORM x 1.5 = VPR, Type and sample test, tm = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, tini = 10 sec) Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 9, Thermal Derating curve.) Case Temperature Input Current Output Power Insulation Resistance at TS, VIO = 500 V Symbol Characteristic I-IV I-III 55/85/21 2 1414 2652 Units
VIORM VPR
V peak V peak
VPR
2121
V peak
VIOTM
8000
V peak
TS IS,INPUT PS,OUTPUT RS
150 400 700 109
C mA mW
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section (VDE 0884), for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
1-23
Absolute Maximum Ratings
Parameter Storage Temperature* Operating Temperature* Symbol TS TA Device 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody Min. -55 -55 -55 Max. 125 100 85 25 50 40 1 0.1 5 3 45 40 8 16 5 -0.5 -0.5 -0.5 -0.5 30 20 15 15 5 100 Units C C Note
Average Forward Input Current* Peak Forward Input Current* (50% duty cycle, 1 ms pulse width) (50% duty cycle, 1 ms pulse width) Peak Transient Input Current* ( 1 s pulse width, 300 pps) Reverse LED Input Voltage* (Pin 3-2)
IF(AVG) IF(PEAK)
mA mA A
1 2
IF(TRANS)
VR
V
Input Power Dissipation*
PIN
mW
3
Average Output Current* (Pin 6) Peak Output Current* Emitter-Base Reverse Voltage* (Pin 5-7, except 4502/3, 0452/3) Supply Voltage (Pin 8-5) Output Voltage (Pin 6-5) Supply Voltage* (Pin 8-5) Output Voltage* (Pin 6-5) Base Current* (Pin 7, except 4502/3, 0452/3) Output Power Dissipation* Lead Solder Temperature* (Through-Hole Parts Only) 1.6 mm below seating plane, 10 seconds up to seating plane, 10 seconds Reflow Temperature Profile
*Data has been registered with JEDEC for the 6N135/6N136.
IO(AVG) IO(PEAK) VEBR VCC VO VCC VO IB PO
mA mA V V V V V mA mW
4
TLS TRP
8-Pin DIP Widebody SO-8 and Option 300
260 C 260 C See Package Outline Drawings section
1-24
Electrical Specifications (DC)
Over recommended temperature (TA = 0C to 70C) unless otherwise specified. See note 13.
Parameter Current Transfer Ratio Symbol CTR* Device Min. Typ.** 6N135 7 18 HCPL-0500 5 19 HCNW135 6N136 19 24 HCPL-4502/3 HCPL-0501 HCPL-0452/3 15 25 HCNW136 HCNW4502/3 6N135 0.1 HCPL-0500 0.1 HCNW135 6N136 0.1 HCPL-4502/3 0.1 HCPL-0501 HCPL-0452/3 HCNW136 HCNW4502/3 0.003 0.01 50 0.02 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody 1.5 1.45 1.35 5 3 -1.6 -1.9 60 90 150 130 180 160 1.68 Max. 50 Units % TA = 25C Test Conditions VO = 0.4 V IF = 16 mA, VO = 0.5 V VCC = 4.5 V Fig. 1, 2, 4 Note 5, 11
50
TA = 25C VO = 0.4 V
VO = 0.5 V
Logic Low Output Voltage
VOL
0.4 0.5 0.4 0.5
V
TA = 25C IO = 1.1 mA IO = 0.8 mA TA = 25C IO = 3.0 mA IO = 2.4 mA
IF = 16 mA, VCC = 4.5 V
Logic High Output Current Logic Low Supply Current Logic High Supply Current Input Forward Voltage
IOH*
ICCL ICCH* VF*
0.5 1 50 200 1 2 1.7 1.8 1.85 1.95
A
TA = 25C VO = VCC = 5.5 V IF = 0 mA TA = 25C VO = VCC = 15 V IF = 16 mA, VO = Open, VCC = 15 V TA = 25C IF = 0 mA, VO = Open, VCC = 15 V TA = 25C IF = 16 mA TA = 25C IF = 16 mA
7
A A V
13 13 3
Input Reverse Breakdown Voltage Temperature Coefficient of Forward Voltage Input Capacitance Transistor DC Current Gain
BVR*
V
IR = 10 A
VF TA CIN
IR = 100 A mV/C IF = 16 mA
pF
f = 1 MHz, VF = 0 V
hFE
VO = 5 V, IO = 3 mA VO = 0.4 V, IB = 20 A VO = 5 V, IO = 3 mA VO = 0.4 V, IB = 20 A
*For JEDEC registered parts. **All typicals at TA = 25C.
1-25
Switching Specifications (AC)
Over recommended temperature (TA = 0C to 70C), VCC = 5 V, IF = 16 mA unless otherwise specified.
Parameter Propagation Delay Time to Logic Low at Output Device Min. Typ.** Max. 6N135 0.2 1.5 HCPL-0500 2.0 HCNW135 6N136 0.2 0.8 HCPL-4502/3 HCPL-0501 HCPL-0452/3 1.0 HCNW136 HCNW4502/3 6N135 1.3 1.5 tPLH* HCPL-0500 2.0 HCNW135 6N136 0.6 0.8 HCPL-4502/3 HCPL-0501 HCPL-0452/3 1.0 HCNW136 HCNW4502/3 6N135 1 |CMH| HCPL-0500 HCNW135 6N136 1 HCPL-4502 HCPL-0501 HCPL-0452 HCNW4502 HCPL-4503 15 30 HCPL-0453 HCNW4503 6N135 1 |CML| HCPL-0500 HCNW135 6N136 1 HCPL-4502 HCPL-0501 HCPL-0452 HCNW4502 HCPL-4503 15 30 HCPL-0453 HCNW4503 BW 6N135/6 9 HCPL-0500/1 HCNW135/6 11 Sym. tPHL* Units Test Conditions s TA = 25C RL = 4.1 k Fig. 5, 6, 11 Note 8, 9
TA = 25C
RL = 1.9 k
Propagation Delay Time to Logic High at Output
s
TA = 25C
RL = 4.1 k
5, 6, 11
8, 9
TA = 25C
RL = 1.9 k
Common Mode Transient Immunity at Logic High Level Output
kV/s RL = 4.1 k IF = 0 mA, TA = 25C, VCM = 10 Vp-p CL = 15 pF RL = 1.9 k
12
7, 8, 9
Common Mode Transient Immunity at Logic Low Level Output
RL = 1.9 k IF = 0 mA, TA = 25C, VCM = 1500 Vp-p, CL = 15 pF kV/s RL = 4.1 k IF = 16 mA, TA = 25C, VCM = 10 Vp-p CL = 15 pF RL = 1.9 k
12
7, 8, 9
Bandwidth
MHz
RL = 1.9 k IF = 16 mA, TA = 25C, VCM = 1500 Vp-p, CL = 15 pF See Test Circuit
8, 10
10
*For JEDEC registered parts. **All typicals at TA = 25C.
1-26
Package Characteristics
Over recommended temperature (TA = 0C to 70C) unless otherwise specified. Parameter Input-Output Momentary Withstand Voltage** Sym. VISO Device 8-Pin DIP SO-8 Widebody 8-Pin DIP (Option 020) 8-Pin DIP Min. Typ.* 2500 5000 5000 1 A 45% RH, t = 5 s, VI-O = 3 kVdc, TA = 25C VI-O = 500 Vdc TA = 25C TA = 100C f = 1 MHz Max. Units V rms Test Conditions RH < 50%, t = 1 min., TA = 25C Fig. Note 6, 14 6, 15 6, 12, 15 6, 16
II-O
Input-Output Resistance
RI-O
8-Pin DIP SO-8 Widebody 8-Pin DIP SO-8 Widebody
1012 1012 1011 1013 0.6 0.5 0.6
6
Input-Output Capacitance
CI-O
pF
6
*All typicals at TA = 25C. **The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Related Characteristics Table (if applicable), your equipment level safety specification or HP Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage," publication number 5963-2203E. Notes: 1. Derate linearly above 70C free-air temperature at a rate of 0.8 mA/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 0.5 mA/C (SO-8). 2. Derate linearly above 70C free-air temperature at a rate of 1.6 mA/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 1.0 mA/C (SO-8). 3. Derate linearly above 70C free-air temperature at a rate of 0.9 mW/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 1.1 mW/C (SO-8). 4. Derate linearly above 70C free-air temperature at a rate of 2.0 mW/C (8-Pin DIP). Derate linearly above 85C free-air temperature at a rate of 2.3 mW/C (SO-8). 5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100. 6. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together. 7. Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the leading edge of the common mode pulse signal, V , to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode CM transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM /dt on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V). 8. The 1.9 k load represents 1 TTL unit load of 1.6 mA and the 5.6 k pull-up resistor. 9. The 4.1 k load represents 1 LSTTL unit load of 0.36 mA and 6.1 k pull-up resistor. 10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value. 11. The JEDEC registration for the 6N136 specifies a minimum CTR of 15%. HP guarantees a minimum CTR of 19%. 12. See Option 020 data sheet for more information. 13. Use of a 0.1 f bypass capacitor connected between pins 5 and 8 is recommended. 14. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 3000 V rms for 1 second (leakage detection current limit, II-O 5 A). This test is performed before the 100% Production test shown in the VDE 0884 Insulation Related Characteristics Table if applicable. 15. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 V rms for 1 second (leakage detection current limit, II-O 5 A). This test is performed before the 100% Production test shown in the VDE 0884 Insulation Related Characteristics Table if applicable. 16. This rating is equally validated by an equivalent ac proof test.
1-27
8 PIN DIP, SO-8
IO - OUTPUT CURRENT - mA
WIDEBODY
IO - OUTPUT CURRENT - mA
T = 25C 10 VA = 5.0 V CC
40 mA 35 mA 30 mA 25 mA
16 TA = 25C VCC = 5.0 V 12 40 mA 35 mA 30 mA 8 25 mA 20 mA 15 mA 4 10 mA IF = 5 mA 0 0 10 VO - OUTPUT VOLTAGE - V 20
5
20 mA 15 mA 10 mA IF = 5 mA
0 0 10 VO - OUTPUT VOLTAGE - V 20
Figure 1. DC and Pulsed Transfer Characteristics.
NORMALIZED CURRENT TRANSFER RATIO
8 PIN DIP, SO-8 1.5 6N135, HCPL-0500 6N136, HCPL-4502/3 HCPL-0501/0452/0453 1.0
NORMALIZED CURRENT TRANSFER RATIO
WIDEBODY 1.5
HCNW135/6, HCNW4502/3 1.0
0.5
0.5
0.1 0 1
NORMALIZED I F = 16 mA VO = 0.4 V VCC = 5 V TA = 25C 10 100
0 0 1
NORMALIZED IF = 16 mA VO = 0.4 V VCC = 4.5 V TA = 25 C 10 100
IF - INPUT CURRENT - mA
IF - INPUT CURRENT - mA
Figure 2. Current Transfer Ratio vs. Input Current.
8 PIN DIP, SO-8 1000
IF - FORWARD CURRENT - mA
WIDEBODY 1000
IF - FORWARD CURRENT - mA
TA = 25 C 100 10 1.0 0.1 0.01 IF + VF - 1.3 1.4 1.5 1.6 1.7 1.8
100 10 1.0 0.1 0.01 0.001 1.1
IF + VF -
TA = 25C
1.2
1.3
1.4
1.5
1.6
0.001 1.2
VF - FORWARD VOLTAGE - VOLTS
VF - FORWARD VOLTAGE - VOLTS
Figure 3. Input Current vs. Forward Voltage.
1-28
NORMALIZED CURRENT TRANSFER RATIO
NORMALIZED CURRENT TRANSFER RATIO
8 PIN DIP, SO-8 1.1
WIDEBODY 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 -60 -40 -20 NORMALIZED IF = 16 mA VO = 0.4 V VCC = 5 V TA = 25C 0 20 40 60 80 100 HCNW135/6, HCNW4502/3
1.0
0.9 NORMALIZED IF = 16 mA VO = 0.4 V VCC = 5 V TA = 25C 6N135, HCPL-0500 6N136, HCPL-4502/3 HCPL-0501, 0452, 0453 0 20 40 60 80 100
0.8
0.7
0.6 -60 -40 -20
TA - TEMPERATURE - C
TA - TEMPERATURE - C
Figure 4. Current Transfer Ratio vs. Temperature.
8 PIN DIP, SO-8 2000
t P - PROPAGATION DELAY - ns
I F = 16 mA, V CC = 5.0 V 6N135, HCPL-0500 (R L = 4.1 k) 6N136, HCPL-0501 HCPL-4502/3 (RL = 1.9 k) HCPL-0452/3
WIDEBODY 1000 I = 16 mA, V F CC = 5.0 V tP - PROPAGATION DELAY - ns 800
HCNW135 (RL = 4.1 k) HCNW136 (R L = 1.9 k) HCNW4502/3
1500
t PLH 600
t PHL
1000 t PLH 500 t PHL
400
200 0 -60 -40 -20
0 -60
-20
20
60
100
0
20
40
60
80 100
TA - TEMPERATURE - C
TA - TEMPERATURE - C
Figure 5. Propagation Delay vs. Temperature.
8 PIN DIP, SO-8 3.0
tP - PROPAGATION DELAY - s
tP - PROPAGATION DELAY - s
WIDEBODY 10.0 6.0 I F = 10 mA I t = 16 mA t PLH
2.0
I F = 10 mA I F = 16 mA VCC = 5.0 V TA = 25 C
4.0 VCC = 5.0 V TA = 25 C
1.0 0.8 0.6 0.4
tPLH
1.0 0.6 0.4 0.2 0.1 t PHL
t PHL
0.2 0.1 1
2
3
4
5
6 7 8 9 10
1
2
4
10
40
100
RL - LOAD RESISTANCE - (k)
RL - LOAD RESISTANCE - (k)
Figure 6. Propagation Delay Time vs. Load Resistance.
1-29
IOH - LOGIC HIGH OUTPUT CURRENT - nA
IOH - LOGIC HIGH OUTPUT CURRENT - nA
8 PIN DIP, SO-8 10+4 10+3 10+2 10+1 100 10 -1 10 -2 -75 IF = 0 VO = VCC = 5.0 V
10
+3
WIDEBODY
10
+2
IF = 0 VO = VCC = 15 V
10
+1
-50
-25
0
+25 +50 +75 +100
10 -60 -40 -20
0
0
20
40
60
80 100
TA - TEMPERATURE - C
TA - TEMPERATURE - C
Figure 7. Logic High Output Current vs. Temperature.
IO - SMALL SIGNAL CURRENT TRANSFER RATIO I F
IO I F - SMALL SIGNAL CURRENT TRANSFER RATIO
8 PIN DIP, SO-8 TA = 25C, RL = 100 , VCC = 5 V
WIDEBODY TA = 25C, RL = 100 , VCC = 5 V
0.30
0.50 0.40
0.20
0.30
0.20
0.10
0.10 0
0 0 4 8 12 16 20 25 IF - QUIESCENT INPUT CURRENT - mA
0
4
8
12
16
20
25
IF - QUIESCENT INPUT CURRENT - mA
Figure 8. Small-Signal Current Transfer Ratio vs. Quiescent Input Current.
OUTPUT POWER - PS, INPUT CURRENT - IS
OUTPUT POWER - PS, INPUT CURRENT - IS
800 700 600 500 400 300 200 100 0 0 25
HCPL-4503 OPTION 060 PS (mW) IS (mA)
1000 900 800 700 600 500 400 300 200 100 0 0
HCNW135/6, HCNW4502/3 PS (mW) IS (mA)
50
75 100 125 150 175 200
25
50
75
100 125 150 175
TS - CASE TEMPERATURE - C
TS - CASE TEMPERATURE - C
Figure 9. Thermal Derating Curve, Dependence of Safety Limiting Value with Case Temperature per VDE 0884.
1-30
6N135/6, HCPL-0500/1 +5 TA = 25 C
NORMALIZED RESPONSE - dB
+12 V 0.1 F 2.1 K 2 1
6N135/6, HCPL-0500/1
8 1.2 K 15 K 7 9.1 K Q3 Q2 0.1 F 4 RT 22 TRIM FOR UNITY GAIN 5 100 470 VO (1 M 12 pF TEST INPUT) 0.1 F +12 V
0
-5
VFF
47 F
100
3 Q1
6
-10
51
1 K
-15 -20 0.1
1N4150
Q 1 , Q 2 , Q 3 : 2N3904 TYPICAL LINEARITY = 3% AT V IN = 1 Vp-p TYPICAL SNR = 50dB TYPICAL R T = 375 TYPICAL VO dc = 3.8 V TYPICAL I F = 9 mA
1.0
10
100
f - FREQUENCY - MHz
HCNW135/6 HCNW135/6
Figure 10. Frequency Response.
1-31
IF 0 VO 1.5 V 5V
PULSE GEN. ZO = 50 t r = 5 ns
IF
1 2 3 4
8 7* 6 0.1F 5 RL
+5 V
10% DUTY CYCLE 1/f < 100 S 1.5 V VOL I F MONITOR RM
VO CL = 1.5 F
t PHL
t PLH
* PIN 7 UNCONNECTED IN HCPL-4502/3, HCPL-0452/3, HCNW4502/3
Figure 11. Switching Test Circuit.
IF 1 B 2 VCM 0V 10% tr VO SWITCH AT A: I F = 0 mA VO SWITCH AT B: I F = 16 mA VOL + 90% 90% 10% tf 5V VFF VCM - A 3 6 0.1 F 4 5 VO 7* RL 8 +5 V
PULSE GEN. *PIN 7 UNCONNECTED IN HCPL-4502/3, HCPL-0542/3, HCNW4502/3
Figure 12. Test Circuit for Transient Immunity and Typical Waveforms.
1-32


▲Up To Search▲   

 
Price & Availability of HCNW4502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X