Part Number Hot Search : 
PG128 EFY5366X 2SD1563A PG128 P2100EAL P461ML P461ML AN2927
Product Description
Full Text Search
 

To Download HCF4532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4532B
8-BIT PRIORITY ENCODER
.CONVERTSFROM1OF8TOBI .PROVI .GROUPSELECTI .QUI .STANDARDI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
NARY DES CASCADING FEATURE TO HANDLE ANY NUMBER OF INPUTS NDICATES ONE OR MORE PRIORITY INPUTS ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE ZED SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS NPUT CURRENT OF 100 nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENo TATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC4532BF HCF4532BM1 HCF4532BEY HCF4532BC1
PIN CONNECTIONS
DESCRIPTION The HCC4532B (extended temperature range) and HCF4532B (intermediate temperature range) are monolithic integrated circuit, available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF4532 consists of combinational logic that encodes the highest priority input (D7-D0) to a 3-bit binary code. The eight inputs, D7 through D0, each have an assigned priority. D7 is the highest priority and D0 is the lowest. The priority encoder is inhibited when the chip-enable input El is low. When El is high, the binary representation of the highestpriority input appears on output lines Q2-Q0, and the group select line GS is high to indicate that priority inputs are present. The enable-out (EO) is high when no priority inputs are present. If any one input is high, EO is low and all cascaded lower-order stages are disabled.
June 1989 1/15
HCC/HCF4532B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : H CC Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : H CC Types H C F Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI T op Parameter Supply Voltage : HC C Types H C F Types Input Voltage Operating Temperature : HCC Types HC F Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/15
HCC/HCF4532B
LOGIC DIAGRAM
TRUTH TABLE
Input EI 0 1 1 1 1 1 1 1 1 1 D7 X 0 1 0 0 0 0 0 0 0 D6 X 0 X 1 0 0 0 0 0 0 D5 X 0 X X 1 0 0 0 0 0 D4 X 0 X X X 1 0 0 0 0 D3 X 0 X X X X 1 0 0 0 D2 X 0 X X X X X 1 0 0 D1 X 0 X X X X X X 1 0 D0 X 0 X X X X X X X 1 GS 0 0 1 1 1 1 1 1 1 1 Q2 0 0 1 1 1 1 0 0 0 0 Output Q1 0 0 1 1 0 0 1 1 0 0 Q0 0 0 0 1 0 1 1 0 1 0 EO 0 1 0 0 0 0 0 0 0 0
X Don't Care
Logic 1 High
Logic 0 Low
3/15
HCC/HCF4532B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 VO H Output High Voltage 0/ 5 0/10 0/15 VO L Output Low Voltage 5/0 10/0 15/0 V IH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/ 5 HCC Types 0/10 0/15 0/ 5 0/ 5 HCF Types 0/10 0/15 I OL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 I IH, I IL Input Leakage Current HCC 0/18 Types HCF 0/15 Types Any Input 0/ 5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 0/10 VO (V) Value Unit |I O | V D D T L o w* 25 C T Hig h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 0.3 10 5
-5
IL
Quiescent Current
5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 3.5 7 11 4.95 9.95 14.95
0.04 0.04 0.04 0.08 0.04 0.04 0.04
5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4
150 300 600 3000 150 300 600 V 0.05 0.05 0.05 V 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 A 1 pF mA mA V V A
1.5/13.5 < 1 V IL Input Low Voltage
13.5/1.5 < 1 I OH Output Drive Current
- 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10 - 5 0.1 0.3 7.5
CI
Input Capacitance
* TLow = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5 V min. with VDD = 15V.
4/15
HCC/HCF4532B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF, R L = 200k, typical temperature coefficient for all V DD values is 0.3%/C, all input rise and fall times = 20ns)
Symbol t PL H, t P HL Parameter Propagation Delay Time (E I to E O , E I to GS) Test Conditions V D D (V) Min. 5 10 15 t PL H, t P HL Propagation Delay Time (E I to Qm, Dn to GS) 5 10 15 t PL H, t P HL Propagation Delay Time (Dn to Q M ) 5 10 15 t T L H, t T HL Transition Time 5 10 15 Value Typ. 110 55 45 170 85 65 220 110 85 100 50 40 Max. 220 110 85 340 170 125 440 220 160 200 100 80 ns ns ns ns Unit
Minimum Output Low (sink) Current teristics.
Charac-
Typical Output High (source) Current Characteristics.
5/15
HCC/HCF4532B
Minimum Output High (source) Current Characteristics. Typical Output Low (sink) Current Characteristics.
Typical Propagation Delay (Dn to Qm) vs. Supply Voltage.
Typical Propagation Delay (EI to GS, EI to EO) vs. Load Capacitance.
Typical Propagation Delay (Dn to Qm) vs. Load Capacitance.
Typical Transition Time vs. Load Capacitance.
6/15
HCC/HCF4532B
Typical Dynamic Power Dissipation vs. Frequency.
APPLICATIONS 16-LEVEL PRIORITY ENCODER
7/15
HCC/HCF4532B
APPLICATIONS (continued) 0-TO-9 KEYBOARD ENCODER
TRUTH TABLE
Input D9 1 0 0 0 0 0 0 0 0 0 D8 X 1 0 0 0 0 0 0 0 0 D7 X X 1 0 0 0 0 0 0 0 D6 X X X 1 0 0 0 0 0 0 D5 X X X X 1 0 0 0 0 0 D4 X X X X X 1 0 0 0 0 D3 X X X X X X 1 0 0 0 D2 X X X X X X X 1 0 0 D1 X X X X X X X X 1 0 D0 X X X X X X X X X 1 GS 0 0 1 1 1 1 1 1 1 1 Q 3' 1 1 0 0 0 0 0 0 0 0 Output Q2 ' 0 0 1 1 1 1 0 0 0 0 Q 1' 0 0 1 1 0 0 1 1 0 0 Q0 1 0 1 0 1 0 1 0 1 0
X = Don't Care
Logic 1 High
Logic 0 Low
8/15
HCC/HCF4532B
APPLICATIONS (continued) DIGITAL TO ANALOG CONVERSION
TEST CIRCUITS Input Leakage Current. Noise Immunity.
9/15
HCC/HCF4532B
TEST CIRCUITS (continued) Quiescent Device Current. Dynamic Power Dissipation.
10/15
HCC/HCF4532B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
11/15
HCC/HCF4532B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
12/15
HCC/HCF4532B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
13/15
HCC/HCF4532B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
14/15
HCC/HCF4532B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
15/15


▲Up To Search▲   

 
Price & Availability of HCF4532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X