Part Number Hot Search : 
PE3100 CBT3384D XCR3032 2988191 71BCP CVA2403T UESP05D CD4023
Product Description
Full Text Search
 

To Download GT16-30PCF28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT16 Series
-- Subminiature Connectors for coaxial cables --
Features
Cost efficient termination Highly efficient and reliable single motion "Twin crimpTM" termination allows high volume production with semi-automatic equipment. Space-saving Design Lock-release latching system Shock / vibration resistant electrical connections Verification of the full contact insertion Excellent High Frequency Performance Refer to V.S.W.R. data on the following pages.
Applications
In-car communication, car sensors (temperature, pressure), automotive audio systems, GPS antenna systems, RACS antenna audio/video antenna systems, CRT displays, medical and measuring instrumentation, variety of communication equipment, office automation equipment, LAN systems.
2003.6
1
F Connectors (Common Use)
Inner terminal
7.6
0.8
4
1.28
Part Number GT16-2428SCF
CL No. 766-0001-2
Conductor Size (AWG) Material AWG#24-28 Phosphor bronze
Finish Tin plating
Packaging 10,000 pieces per reel
Insulator (Common Use)
4.4
3.8
Part Number GT16-SC
CL No. 766-0002-5
Material PBT
Finish White
Packaging 1
After Market
Outer terminal
3.2
15.7 7.2
Part Number GT16-/1.6-2.9SC
CL No. 766-0003-8
Applicable Cable Material 1.5D-2V or equivalent Phosphor bronze
Finish Tin plating
5
Packaging 1
2
3.4
0.2
Housing
17 4 5.25 15.7 7.2 5
7.5
Part Number GT16-1S-HU
CL No. 766-0004-0
Material PBT
Finish Light gray
Packaging 1
Genuine Market
Outer terminal (Retainer Stopper Specification)
Part Number GT16C-/1.6-2.9SC
CL No. 766-0012-9
Applicable Cable Material 1.5D-2V or equivalent Phosphor bronze
Finish Tin plating
Packaging 1
Housing (Retainer Stopper Specification)
7.5
17.5
11.6
10.1
Part Number GT16C-1S-HU
CL No. 766-0010-3
Material PBT
Finish Light gray
Packaging 1
Note: This product is used in conjunction with retainer GT16C-1P/S-R (CL766-0011-6) which is a separate item.
GT16C-1S-HU
8.3
3
Retainer
R2.6
1.25
Part Number GT16C-1P/S-R
CL No. 766-0011-6
Material PBT
Finish Dark Gray
Packaging 1
M Connectors (Common Use)
Inner Terminals
9.25 0.8 4
1.28
0.72
5.6
2.15
11.2
Part Number GT16-2428PCF GT16-30PCF28
CL No. 766-0006-6 766-0015-7
Conductor Size AWG#24-28 AWG#30-28
Material Brass Brass
Finish Tin plating Tin plating
Packaging 10,000 pcs. per reel 10,000 pcs. per reel
Insulator (Common Use)
6.3 4.1
3.8
Part Number GT16-PC
CL No. 766-0007-9
Material PBT
Finish White
Packaging 1
4
2.8
0.2
After Market
Outer terminals
16.6 8.1 4.4
Part Number GT16-/1.6-2.9PC GT16-/0.7-1.5PC CL No. 766-0008-1 766-0016-0 Applicable Cable Material 1.5D-2V or equivalent Phosphor bronze 0.8D-2V or equivalent Phosphor bronze Finish Tin plating Tin plating Packaging 1 1
Housing
BFully mated connector assemblies
25.5 9.5 13.5 GT16-1S-HU 9.5 (30) (4.5)
Part Number GT16-1P-HU
CL No. 766-0009-4
Material PBT
Finish Light gray
Packaging 1
Printed Circuit Board Type (SMT Type)
9.5 Pick-and-place surface area
8
BRecommended Board Mounting Pattern
7 1.2 3 4.1 14 3.8 2.8
9.5
11.5 15.5
18 10
0.7 1.2 5 GT16-1S-HU ( 22.5 ) ( 4.5 )
BFully mated connector assemblies
BRecommended Reflow Temperature Profile
Part Number
CL No.
GT16-1P-H
766-0005-3
Material Finish Packaging PPS(Housing) Color: Light gray Phosphor bronze (Terminal) Tin plating Phosphor bronze (Terminal) Tin plating 1 PPS (Insulator) Color: Natural Phosphor bronze (Shield plate) Tin plating Brass (Metal fitting) Tin plating
5
Genuine Market
Panel Mounting Type
9.6 22.6 7.5 16.2 10.6 7.6
23.5
12.2
2.1
2. 5
4
BFully mated connector assemblies BRecommended Panel Cut-out
GT16C -1S-HU 12.6 7.8 GT16C-1P/S-R 10
1.5
31.4
4-
R1
.2
Part Number GT16CB-1PP-HU
CL No. 766-0017-2
Material Finish PBT (Housing) Color: Light gray Copper alloy (Ground terminal) Tin plating
2-
3.5
Panel
16.2
Packaging 1 1
Note 1: Use mounting screws of M3 with nominal diameter 3L-6. Note 2: Please use GT16- *-* PC type Outer terminals for insertion into this product.
Printed Circuit Board Type (Reinforced Lock and Screw Fastening Type)
5
2.5
BRecommended Panel Cut-out
10 13.2 18.2
8.95
15.1 9.6 11.1
0.7 Board
12.2
3 8.65
BRecommended Board Mounting Pattern
7.475 6.575 0.05 0.05 4.1 0.05 13.2 0.05
BFully mated connector assemblies
( 23 ) GT16C-1S-HU T= 1.6
4
4.1
6.575 7.5 7.475
2 --
3.5
3-
+ 1 0 0.1
GT16C -1P/S-R ( 1.5 ) Panel Board
Part Number
CL No.
GT16C-1P-DS
766-0013-1
Material Finish Packaging PPS(Housing) Color: Light gray Phosphor bronze (Terminal) Tin plating Phosphor bronze (Terminal) Tin plating 1 PPS (Insulator) Color: Natural Phosphor bronze (Shield plate) Tin plating
Note 1: Use mounting screws of M3 with nominal diameter 3L-6.
6
12.6
0.2
2-
BTermination sequence
1. Pass the cable through the outside tube.
2. Strip the cable.
3. Crimp the center terminal.
4. Insert the crimped terminal into the Insulator seat.
5. Insert the Insulator seat into the outside tube.
6. Crimp the outside tube.
7. Insert the terminal into the housing.
Completion
7
BF Connector Components Table
Inner Terminal GT16-2428SCF Insulator GT16 -SC Outer terminal Housing GT16-/1.6-2.9SC GT16 -1S -HU GT16C-/1.6 -2.9SC GT16C-1S-HU Retainer ---GT16C-1P/S-R
BMating Table
F Connectors GT16 -1S -HU GT16 C-1S -HU M Connectors GT16 -1P-HU GT16 -1P-H GT16CB -1PP-HU GT16C-1P-DS
BM Connector Components Table
Inner Terminal GT16-2428PCF GT16-30PCF Insulator GT16 -PC Outer terminal GT16-/1.6-2.9PC GT16-/0.7-1.5PC Housing GT16 -1P-HU GT16CB-1PP -HU Retainer -------
Printed Circuit Board Type GT16 -1P-H GT16C-1P-DS
BTools
User's manuals are available. Please ask your Hirose Electric account representative.
Automatic Crimping Machine
Specifications
Specification Stroke Length Number of strokes Weight Part Number CM-105 Motor Crimping speed 1.5ton 30mm 200spm (50Hz) 75kg 0.2kW 2,000 4,000/H AC100V 240spm (60Hz)
Hand Press
* Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative. * Different cables will require different crimp height settings.
8
B Test Data (Using 1.5D-2W Type cable)
High Frequency Characteristics (V.S.W.R.)
Typical data using fully assemblied and connected GT16-1P-HU and the GT5-1S-HU.
9


▲Up To Search▲   

 
Price & Availability of GT16-30PCF28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X