|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features * * * * FST12020 omponents 21201 Itasca Street Chatsworth !"# $ % !"# THRU FST120100 120 Amp Schottky Barrier Rectifier 20 to 100 Volts POWERMOD A N Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability Maximum Ratings * * Operating Temperature: -65C to +150C Storage Temperature: -65C to +150C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V MCC Part Number FST12020 FST12030 FST12035 FST12040 FST12045 FST12060 FST12080 FST120100 Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V C E B M Q R P F G J K D L Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage FST12020-12045 FST12060 FST12080-120100 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 120 A 1200A TA = 135C 8.3ms, half sine IFM = 60.0A; TA = 25C DIM A B C D E F G H J K L M N P Q R H DIMENSIONS INCH ES MIN 1.995 .330 .495 .182 .990 1.490 1.500 .120 -----.240 .490 .330 .175 .035 .445 .890 MM MIN 50.67 7.62 12.57 4.62 25.12 37.85 38.10 3.05 -----6.10 12.45 8.38 4.45 0.89 11.30 22.61 VF .63 V .75 V .84 V IR 2 mA TA = 25C MAX 2.005 .325 .505 .192 1.010 1.510 1.525 .130 .400 .260 .510 .350 .195 .045 .455 .910 MAX 50.93 8.26 12.83 4.88 26.65 38.35 38.70 3.30 10.16 6.60 12.95 6.90 4.95 1.14 11.56 23.11 NOTE CJ 340pF Measured at 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1% www.mccsemi.com FST12020 thru FST120100 Figure 1 Typical Forward Characteristics 200 100 60 40 100 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.6 0.8 1.0 1.4 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.8 2.0 0 20 Amps 40 80 120 MCC Figure 2 Forward Derating Curve 60 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 70 90 C 110 130 150 Average Forward Rectified Current - Amperes versus Ambient Temperature - C Figure 3 Junction Capacitance 1000 600 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 Junction Capacitance - pF versus Reverse Voltage - Volts www.mccsemi.com FST12020 thru FST120100 Figure 4 Typical Reverse Characteristics 1000 600 400 1000 200 100 60 40 20 mAmps 1.5 1.4 1.3 1.2 1.1 .6 .4 .2 .1 10 20 TA=25C 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 120 TA=125C 0 1 2 4 Amps 800 600 400 200 MCC Figure 5 Peak Forward Surge Current 1200 6 8 10 20 Cycles 40 60 80 100 Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles www.mccsemi.com |
Price & Availability of FST12045 |