Part Number Hot Search : 
C74LV 245AD 74ACT 384200 10100CT UPA1809 CM6800X 12101
Product Description
Full Text Search
 

To Download ER1601ACT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
ER1600CT - ER1606CT
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Super-Fast Switching for High Efficiency High Current Capability C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I L H B
TO-220 Dim Min Max A 14.9 15.1 B -- 10.5 C 2.62 2.87 D 3.56 4.06 E 13.46 14.22 F 0.68 0.94 G 3.74 O 3.91 O H 5.84 6.86 I 4.44 4.70 J 2.54 2.79 K 0.35 0.64 L 1.14 1.40 P 2.41 2.67 All Dimensions in mm
A
PIN1 2 3
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
E
PIN 1 -
+ Case PIN 2
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 105C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range @IF = 8.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
ER ER ER ER ER ER ER Unit 1600CT 1601CT 1601ACT 1602CT 1603CT 1604CT 1606CT 50 35 100 70 150 105 200 140 16 300 210 400 280 600 420 V V A
IFSM VFM IRM trr Cj Tj, TSTG 35 80 0.95
125 1.3 10 500 50 60 -65 to +150 1.7
A V A nS pF C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ER1600CT - ER1606CT
1 of 3
(c) 2002 Won-Top Electronics
16
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
I(AV), AVERAGE FORWARD CURRENT (A)
100
1600 - 1602
1603 - 1604
10
12
8
1606
1.0
4
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0 0.6 1.2 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
225
400
8.3 ms single half-sine-wave JEDEC method
IFSM, PEAK FORWARD SURGE CURRENT (A)
Tj = 25C f = 1.0MHz
150
Cj, CAPACITANCE (pF)
100
ER1600CT ER1602CT
75
ER1603CT ER1606CT
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current 100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
50 NI (Non-inductive) Device Under Test 50V DC Approx 10 NI
(-)
Pulse Generator (Note 2)
(+)
0A -0.25A
(-)
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
ER1600CT - ER1606CT
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
ER1600CT ER1601CT ER1601ACT ER1602CT ER1603CT ER1604CT ER1606CT
Package Type
TO-220 TO-220 TO-220 TO-220 TO-220 TO-220 TO-220
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
ER1600CT - ER1606CT
3 of 3


▲Up To Search▲   

 
Price & Availability of ER1601ACT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X