Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download DS2540-7R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S Series
100 Watt DC-DC Converters
Wide input voltage ranges from 8...385 V DC 1or 2 isolated outputs up to 48 V DC 4 kV AC I/O electric strengh test voltage
LGA
* Rugged electrical and mechanical design * Fully isolated outputs * Operating ambient temperature range -40...71C with convection cooling
Selection chart
Output 1 Uo nom Io nom [V DC] [A] 5.1 16 12 8 15 6.5 24 4.2 24 4 30 3.2 48 2 12 4 15 3.2 24 2 Output 1 Uo nom Io nom [V DC] [A] 5.1 16 12 8 15 6.5 24 4.2 24 4 30 3.2 48 2 12 4 15 3.2 24 2 Output 2 Uo nom Io nom [V DC] [A] 12 4 15 3.2 24 2 Output 2 Uo nom Io nom [V DC] [A] 12 4 15 3.2 24 2 Type Input Voltage 8...35 V DC AS 1001-7R AS 1301-7R AS 1501-7R AS 1601-7R AS 2320-7R AS 2540-7R AS 2660-7R AS 2320-7R AS 2540-7R AS 2660-7R Type Input Voltage 28...140 V DC CS 1001-7R CS 1301-7R CS 1501-7R CS 1601-7R CS 2320-7R CS 2540-7R CS 2660-7R CS 2320-7R CS 2540-7R CS 2660-7R Type Input Voltage 14...70 V DC BS 1001-7R BS 1301-7R BS 1501-7R BS 1601-7R BS 2320-7R BS 2540-7R BS 2660-7R BS 2320-7R BS 2540-7R BS 2660-7R Type Input Voltage 44...220 V DC DS 1001-7R DS 1301-7R DS 1501-7R DS 1601-7R DS 2320-7R DS 2540-7R DS 2660-7R DS 2320-7R DS 2540-7R DS 2660-7R Type Input Voltage 20...100 V DC FS 1001-7R FS 1301-7R FS 1501-7R FS 1601-7R FS 2320-7R FS 2540-7R FS 2660-7R FS 2320-7R FS 2540-7R FS 2660-7R Type Input Voltage 67...385 V DC ES 1001-7R ES 1301-7R ES 1501-7R ES 1601-7R ES 2320-7R ES 2540-7R ES 2660-7R ES 2320-7R ES 2540-7R ES 2660-7R Options
-9, E, D, V, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 Options
-9, E, D, V, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1 -9, E, D, P, T, B1
www.power-one.com
1
Cassette Style
Input
Input voltage Inrush current limitation 6 wide-input ranges (1:5) FS, CS, DS, ES by thermistor
S Series
refer to selection chart
Output
Efficiency Output voltage setting accuracy Output voltage switching noise Line regulation Load regulation Minimum load Current limitation Operation in parallel Hold-up time
Ui nom, Io nom up to 86% Ui nom, Io nom 0.6% Uo nom IEC/EN 61204, total typ. 100 mVpp Ui min...Ui max, Io nom typ. 0.3% Uo nom Ui nom, 10...100% Io nom, symmetrical output load typ. 0.4% Uo nom not required 0A rectangular U/I characteristic typ. 110% Io nom by current limitation Ui nom, Io nom, CS/DS/ES/FS with ext. diode in input line 12...40 ms Ui nom, Io nom, AS/BS with ext. diode in input line typ. 1.8 ms
Control and protection
Input reverse polarity Input undervoltage lockout Input overvoltage lockout Input transient protection Output Output overvoltage Overtemperature Output voltage adjustment Inhibit Status indication built-in fuse not user accessible typ. 80% Ui min typ. 108% Ui max varistor or suppressor diode no-load, overload and short circuit proof suppressor diode in each output switch-off with auto restart TTL input, output(s) disabled if open circuit LEDs: OK, inhibit, overload
typ. 130% Uo nom TC typ. 100C 0...110% Uo nom
Safety
Approvals Class of equipment Protection degree Electric strength test voltage EN 60950, UL 1950, CSA 22.2 No. 950 class I IP 30 2 kV AC 4 kV AC 1 kV AC 0.1 kV AC
I/case I/O O/case O/O
EMC
Electrostatic discharge Electromagnetic field Electr. fast transients/bursts Surge Conducted disturbances Electromagnetic emissions IEC/EN 61000-4-2, level 4 (8/15 kV) IEC/EN 61000-4-3, level x (20 V/m) IEC/EN 61000-4-4, level 4 (2/4 kV) IEC/EN 61000-4-5, level 3 (2 kV) IEC/EN 61000-4-6, level 3 (10 V) CISPR 22/EN 55022, conducted criterion A criterion A criterion A criterion A criterion A class B
www.power-one.com
2
S Series
Environmental
Operating ambient temperature Operating case temperature TC Storage temperature Damp heat Vibration, sinusoidal Shock Bump Random vibration MTBF
100 Watt DC-DC Converters
Ui nom, Io nom, convection cooled Ui nom, Io nom non operational IEC/EN 60068-2-3, 93 %, 40 C IEC/EN 60068-2-6, 10...60/60...2000 Hz IEC/EN 60068-2-27, 6 ms IEC/EN 60068-2-29, 6 ms IEC/EN 60068-2-64, 20...500 Hz MIL-HDBK-217F, GB, 40C
-25...71C -25...95C -40...100C 56 days 0.35 mm/5 gn 100 gn 40 gn 4.9 gn rms 500'000 h
Options
Extended temperature range -40...71C, ambient, operating Electronic inrush current limitation Output voltage adjustment 40...110% Uo nom, excludes feature R and vice versa Input and/or output undervoltage monitoring, excludes option V Input and/or output undervoltage monitoring (VME), excludes option D Current sharing Cooling plate -9 E P D0...D9 V0, V2, V3 T B1
Pin allocation
Pin 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 Vo1+ Vo1+ Vo1- Vo1- S+ S- R i D V T Vi+ Vi+ Vi- Vi- AS...ES 1000 Output 1 Output 1 Sense Sense Control of Uo1 Inhibit Save data ACFAIL Current sharing Protective earth Input Input Vo2+ Vo2+ Vo2- Vo2- Vo1+ Vo1- R i D T Vi+ Vi+ Vi- Vi-
S10002
AS...ES 2000 Output 2 Output 2 Output 1 Control of Uo1 Inhibit Save data Current sharing Protective earth Input Input
30 26 22 18 14 10
6
32 28 24 20 16 12
8
4
www.power-one.com
3
Cassette Style
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
171.93 (DIN 41494) (6.77") M4 Measuring point of case temperature TC 7 TE 5 TE
S Series
European Projection
111 (3U) 4.37")
100 (3.93")
Test jacks Option P (Uo) Option D (Uto) Option D (Uti) LED i LED OK LED IoL
152 (5.98")
11.8 (0.46")
60 (2.36")
168.5 (6.63")
09004
Accessories
Front panels 19" (Schroff/Intermas) Mating H15 connectors with screw, solder, fast-on or press-fit terminals Connector retention facilities and code key system for connector coding Chassis or wall mounting plates for frontal access Universal mounting brackets for chassis or DIN-rail mounting
25.9 (1.02")
www.power-one.com
4


▲Up To Search▲   

 
Price & Availability of DS2540-7R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X