Part Number Hot Search : 
RPMG0524 TYN05G B2024 F547R 200CT 2SD1133 LUWCN7N CA311H
Product Description
Full Text Search
 

To Download DMN100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMN100
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
* * * Extremely Low On-Resistance: 170mW @ VGS = 4.5V High Drain Current: 1.1A Ideal for Notebook Computer, Portable Phone, PCMCIA Cards, and Battery Powered Circuits
SC-59
A D TOP VIEW B S D G H K J L M C
Dim A B C D E G H J K L M
Min 0.30 1.40 2.50 0.85 0.30 1.70 2.70 3/4 1.00 0.55 0.10
Max 0.50 1.80 3.00 1.05 0.70 2.10 3.10 0.10 1.40 0.70 0.35
Mechanical Data
* * * * * * Case: SC-59, Molded Plastic Case Material - UL Flammability Rating Classification 94V-0 Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagrams Weight: 0.008 grams (approx.) Ordering Information, See Sheet 2
G E
All Dimensions in mm
Maximum Ratings
Drain-Source Voltage Gate-Source Voltage Drain Current Total Power Dissipation
@ TA = 25C unless otherwise specified Symbol VDSS Continuous Continuous Pulsed VGSS ID Pd RqJA Tj, TSTG DMN100 30 20 1.1 4.0 500 250 -55 to +150 Units V V A mW K/W C
Characteristic
Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Notes:
1. Pulse width 300ms, duty cycle 2%.
DS30049 Rev. 5 - 2
1 of 3
DMN100
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 1) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 1) Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-to-Source Charge Gate-to-Drain Charge SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time Turn-On Rise Time Turn-Off Fall Time
@ TA = 25C unless otherwise specified Symbol BVDSS @ Tj = 25C @ Tj = 125C IDSS IGSS VGS(th) RDS (ON) gFS Ciss Coss Crss Qg Qgs Qgd tD(ON) tD(OFF) tr tf IS ISM VSD trr Min 30 3/4 3/4 1.0 3/4 1.3 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 2.4 150 90 30 5.5 0.8 1.3 10 25 15 45 3/4 3/4 3/4 35 Max 3/4 1.0 10 100 3.0 0.170 0.240 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 0.54 4.0 1.2 3/4 Unit V A nA V W S pF pF pF nC nC nC ns ns ns ns A A V ns 3/4 3/4 IF = 1.0A, VGS = 0V IF = 1.0A, di/dt = 50A/ms VDD = 10V, ID = 0.5A, VGS = 5.0V, RGEN = 50W VDS = 24V, ID = 1.0A, VGS = 10V VDS = 10V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 250mA VDS = 24V, VGS = 0V VGS = 12V, VDS = 0V VDS = 10V, ID =1.0mA VGS = 4.5V, ID = 0.5A VGS = 10V, ID = 1.0A VDS = 10V, ID =0.5A
SOURCE- DRAIN RATINGS (BODY DIODE) Continuous Source Current Pulse Source Current Forward Voltage Reverse Recovery Time Notes: 1. Pulse width 300ms, duty cycle 2%.
Ordering Information
Device DMN100-7 Notes:
(Note 2) Packaging SC-59 Shipping 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX X
XXX = Product Type Marking Code X = Assembly Lot No. [0-9, A-Z, except G, I, J, O, Q, W]
DS30049 Rev. 5 - 2
2 of 3
DMN100
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = 10V 5.0V 4.5V 4.0V 3.5V
1.0
ID, DRAIN CURRENT (A)
Vgs = 4.5V
3.0V
0.1
Vgs = 10V
2.5V
0
1
2
3
4
5
0.01
0
1
2
3
4
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics
ID, DRAIN CURRENT (A) Fig. 2 On-Resistance vs Drain Current
4.0
0.30 0.25 0.20
VGS = 4.5V, RDS @ 0.5A
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0
VGS = 10V TA = 25C
0.15 0.10
VGS = 10V, RDS @ 1.0A
0.05 0 -50
0
50
100
150
1
2
3
4
5
Tj, JUNCTION TEMPERATURE (C) Fig. 3 On-Resistance vs Junction Temperature
VGS, GATE TO SOURCE VOLTAGE (V) Fig. 4 On-Resistance vs Gate-Source Voltage
DS30049 Rev. 5 - 2
3 of 3
DMN100


▲Up To Search▲   

 
Price & Availability of DMN100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X