Part Number Hot Search : 
E28F400 CRBV5 PE3675LF CS98100 D6025 15GN03MA WSA460 S2055
Product Description
Full Text Search
 

To Download CD4093BMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4093BMS
December 1992
CMOS Quad 2-Input NAND Schmitt Triggers
Pinout
CD4093BMSMS TOP VIEW
Features
* High Voltage Types (20V Rating) * Schmitt Trigger Action on Each Input With No External Components * Hysteresis Voltage Typically 0.9V at VDD = 5V and 2.3V at VDD = 10V * Noise Immunity Greater than 50% * No Limit on Input Rise and Fall Times * Standardized, Symmetrical Output Characteristics * 100% Tested for Quiescent Current at 20V
A1 B2 J=A*B 3 K=C*D 4 C5 D6 VSS 7
14 VDD 13 H 12 G 11 M = G * H 10 L = E * F 9F 8E
* Maximum Input Current of 1A at 18V Over Full Package Temperature Range, 100nA at 18V and +25oC * 5V, 10V and 15V Parametric Ratings * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of `B' Series CMOS Devices"
Functional Diagram
Applications
* Wave and Pulse Shapers * High Noise Environment Systems * Monostable Multivibrators * Astable Multivibrators * NAND Logic
A
1 2 3
J=A*B
14 13 12
VDD
B
H
J
G
K=C*D
K
4
L=E*F
11
M
Description
CD4093BMS consists of four Schmitt trigger circuits. Each circuit functions as a two input NAND gate with Schmitt trigger action on both inputs. The gate switches at different points for positive and negative going signals. The difference between the positive voltage (VP) and the negative voltage (VN) is defined as hysteresis voltage (VH) (see Figure 1). The CD4093BMS is supplied in these 14 lead outline packages: Braze Seal DIP Frit Seal DIP Ceramic Flatpack H4H H1B H3W
C
5 6
10 9 8
M=G*H
L
D
F
VSS
7
E
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
File Number
3330
7-1074
Specifications CD4093BMS
Absolute Maximum Ratings
DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum
Reliability Information
Thermal Resistance . . . . . . . . . . . . . . . . ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W o Maximum Package Power Dissipation (PD) at +125 C For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K) . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VIN = VDD or GND VDD = 20 VDD = 18V Input Leakage Current IIH VIN = VDD or GND VDD = 20 VDD = 18V Output Voltage Output Voltage Output Current (Sink) Output Current (Sink) Output Current (Sink) Output Current (Source) Output Current (Source) Output Current (Source) Output Current (Source) N Threshold Voltage P Threshold Voltage Functional VOL15 VOH15 IOL5 IOL10 IOL15 IOH5A IOH5B IOH10 IOH15 VNTH VPTH F VDD = 15V, No Load VDD = 15V, No Load (Note 5) VDD = 5V, VOUT = 0.4V VDD = 10V, VOUT = 0.5V VDD = 15V, VOUT = 1.5V VDD = 5V, VOUT = 4.6V VDD = 5V, VOUT = 2.5V VDD = 10V, VOUT = 9.5V VDD = 15V, VOUT = 13.5V VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Positive Trigger Threshold Voltage Positive Trigger Threshold Voltage Negative Trigger Threshold Voltage Negative Trigger Threshold Voltage Hysteresis Voltage Hysteresis Voltage VP5V VP15V VP5V VN5V VN15V VN5V VH5V VH15V VH5V VDD = 5V (Note 2) VDD = 15V (Note 3) VDD = 5V (Note 4) VDD = 5V (Note 2) VDD = 15V (Note 3) VDD = 5V (Note 4) VDD = 5V (Note 2) VDD = 15V (Note 3) VDD = 5V (Note 4) 3 1 2 3 1 2 3 1, 2, 3 1, 2, 3 1 1 1 1 1 1 1 1 1 7 7 8A 8B 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 +25oC, +25oC, LIMITS TEMPERATURE +25oC +125 C -55oC +25oC +125oC -55oC +25oC +125oC -55oC +125oC, +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +125oC -55oC +25oC, +125oC, -55oC +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC 2.2 6.8 2.6 0.9 4.0 1.4 0.3 1.6 0.3 3.6 10.8 4.0 2.8 7.4 3.2 1.6 5.0 1.6 V V V V V V V V V -55oC
o
PARAMETER Supply Current
SYMBOL IDD
CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND
MIN -100 -1000 -100 0.53 1.4 3.5 -2.8 0.7
MAX 2 200 2 100 1000 100 50 -0.53 -1.8 -1.4 -3.5 -0.7 2.8
UNITS A A A nA nA nA nA nA nA mV V mA mA mA mA mA mA mA V V V
+25oC, +125oC, -55oC 14.95
VOH > VOL < VDD/2 VDD/2
NOTES: 1. All voltages referenced to device GND, 100% testing being im- 4. Input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13 plemented. 5. For accuracy, voltage is measured differentially to VDD. Limit 2. Inputs on terminals 1, 5, 8, 12 is 0.050V max. 3. Input on Terminal 1
7-1075
Specifications CD4093BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 VDD = 5V, VIN = VDD or GND 9 10, 11 +25oC +125oC, -55oC LIMITS MIN MAX 380 513 200 270 UNITS ns ns ns ns
PARAMETER Propagation Delay
SYMBOL TPHL TPLH TTHL TTLH
CONDITIONS (NOTES 1, 2) VDD = 5V, VIN = VDD or GND
Transition Time
+25oC +125oC, -55oC
NOTES: 1. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND NOTES 1, 2 TEMPERATURE -55oC, +25oC +125 C VDD = 10V, VIN = VDD or GND 1, 2 -55 C, +25 C +125oC VDD = 15V, VIN = VDD or GND 1, 2 -55oC, +25oC
oC o o o
MIN 4.95 9.95 0.36 0.64 0.9 1.6 2.4 4.2 -
MAX 1 30 2 60 2 120 50 50 -0.36 -0.64 -1.15 -2.0 -0.9 -1.6 -2.4 -4.2 180 130 100 80
UNITS A A A A A A mV mV V V mA mA mA mA mA mA mA mA mA mA mA mA mA mA ns ns ns ns
+125 Output Voltage Output Voltage Output Voltage Output Voltage Output Current (Sink) VOL VOL VOH VOH IOL5 VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, VOUT = 0.4V 1, 2 1, 2 1, 2 1, 2 1, 2
+25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +125oC -55oC +25oC +25oC +25oC +25oC
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
1, 2
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
1, 2
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
1, 2
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
1, 2
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
Propagation Delay
TPHL TPLH TTHL TTLH
VDD = 10V VDD = 15V VDD = 10V VDD = 15V
1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3
Transition Time
7-1076
Specifications CD4093BMS
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Positive Trigger Threshold Voltage SYMBOL VP10V VP10V VP15V Negative Trigger Threshold Voltage VN10V VN10V VN15V Hysteresis Voltage VH10V VH10V VH15V Input Capacitance NOTES: 1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 4. Input on terminals 1, 5, 8, 12 5. Input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13 CIN CONDITIONS VDD = 10V VDD = 10V VDD = 15V VDD = 10V VDD = 10V VDD = 15V VDD = 10V VDD = 10V VDD = 15V Any Input NOTES 1, 2, 4 1, 2, 5 1, 2, 5 1, 2, 4 1, 2, 5 1, 2, 5 1, 2, 4 1, 2, 5 1, 2, 5 1, 2 TEMPERATURE +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC 5.6 6.3 2.5 3.4 4.8 1.2 1.2 1.6 8.2 12.7 5.2 6.6 9.6 3.4 3.4 5.0 7.5 V V V V V V V V pF MIN 4.6 MAX 7.1 UNITS V
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTN VTP VTP F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25
oC
MIN -2.8 0.2 VOH > VDD/2 -
MAX 7.5 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit
UNITS A V V V V V
+25oC +25oC +25oC +25oC +25oC
ns
NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit. 4. Read and Record
7-1077
Specifications CD4093BMS
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25OC PARAMETER Supply Current - MSI-1 Output Current (Sink) Output Current (Source) SYMBOL IDD IOL5 IOH5A 0.2A 20% x Pre-Test Reading 20% x Pre-Test Reading DELTA LIMIT
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) Final Test Group A Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 Sample 5005 Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 Subgroups 1, 2, 3, 9, 10, 11 IDD, IOL5, IOH5A READ AND RECORD IDD, IOL5, IOH5A IDD, IOL5, IOH5A IDD, IOL5, IOH5A
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2. TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4
CONFORMANCE GROUPS Group E Subgroup 2
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 NOTES: 1. Each pin except VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V OPEN 3, 4, 10, 11 3, 4, 10, 11 3, 4, 10, 11 GROUND 1, 2, 5-9, 12, 13 7 7 7 VDD 14 1, 2, 5, 6, 8, 9, 12-14 14 1, 2, 5, 6, 8, 9, 12-14 3, 4, 10, 11 1, 2, 5, 6, 8, 9, 12, 13 9V -0.5V 50kHz 25kHz
Logic Diagram
VDD
1 (5, 8, 12) 2 (6, 9, 13)
* *
3 (4, 10, 11)
* All inputs protected by CMOS protection network VSS
1 OF 4 SCHMITT TRIGGERS
7-1078
CD4093BMS
VP VDD VI VSS VDD VO VSS (a) DEFINITION OF VP, VN, VH (b) TRANSFER CHARACTERISTIC OF 1 OF 4 GATES (c) TEST SETUP VN VP VH VO VH VH = VP - VN VI VO VDD VN
VI
FIGURE 1. HYSTERESIS DEFINITION, CHARACTERISTIC, AND TEST SETUP
OUTPUT CHARACTERISTIC VDD LOGIC "1" OUTPUT REGION VP VOH LOGIC "0" OUTPUT REGION VOL VSS VN
INPUT CHARACTERISTIC
LOGIC "1" INPUT REGION
VOH VOL
VDD
LOGIC "0" INPUT REGION
DRIVER
LOAD
FIGURE 2. INPUT AND OUTPUT CHARACTERISTICS
Typical Performance Curves
AMBIENT TEMPERATURE (TA) = +25oC SUPPLY VOLTAGE (VDD) = 15V 15.0 OUTPUT VOLTAGE (VO) (V) 12.5 10.0 CURRENT PEAK 10V VI VO ID 5.0 2.5 0 0 0 5V VDD VDD 5 6 4 VO 1.0 DRAIN CURRENT (ID) (mA) OUTPUT VOLTAGE (VO) (V) VDD VDD 10 10V VI -55oC 5 5V +125oC 5 6 4 VO 1.0 SUPPLY VOLTAGE (VDD) = 15V 15
CURRENT 7.5 PEAK
ID
ALL OTHER INPUTS TO VDD
0.5
ALL OTHER PACKAGE INPUTS TO VDD
0
2.5
5.0
7.5
10.0
12.5
15.0
0
5
10 INPUT VOLTAGE (VI) (V)
15
INPUT VOLTAGE (VI) (V)
FIGURE 3. TYPICAL CURRENT AND VOLTAGE TRANSFER CHARACTERISTICS
FIGURE 4. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS AS A FUNCTION OF TEMPERATURE
7-1079
CD4093BMS Typical Performance Curves
OUTPUT LOW (SINK) CURRENT (IOL) (mA) AMBIENT TEMPERATURE (TA) = +25oC
(Continued)
OUTPUT LOW (SINK) CURRENT (IOL) (mA) AMBIENT TEMPERATURE (TA) = +25oC
30 25 20 15 10 5
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
15.0 GATE-TO-SOURCE VOLTAGE (VGS) = 15V 12.5 10.0 7.5 5.0 2.5 10V
10V
5V 0 5 10 15
5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
FIGURE 5. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V
FIGURE 6. MINIMUM OUTPUT LOW (SINK) CURRENT CHARACTERISTICS
DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V -5
0
0 -5 -10 -15
0
0 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA)
-10V
-20 -25
-10V
-10
-15V
-30
-15V
-15
FIGURE 7. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
PROPAGATION DELAY TIME (tPHL, tPLH) (ns)
FIGURE 8. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS
AMBIENT TEMPERATURE (TA) = +25oC TRANSITION TIME (tTHL, tTLH) (ns) 700 600 500 400 300 200 100 0 LOAD CAPACITANCE (CL) = 50pF
AMBIENT TEMPERATURE (TA) = +25oC
200 SUPPLY VOLTAGE (VDD) = 5V
150
100 10V 50 15V
0
5
10 15 SUPPLY VOLTAGE (VDD)
20
0 0
20
40 60 80 100 LOAD CAPACITANCE (CL) (pF)
FIGURE 9. TYPICAL PROPAGATION DELAY TIME vs. SUPPLY VOLTAGE
FIGURE 10. TYPICAL TRANSITION TIME vs. LOAD CAPACITANCE
7-1080
CD4093BMS Typical Performance Curves
TRIGGER THRESHOLD VOLTAGE (VP, VN) (V)
(Continued)
AMBIENT TEMPERATURE (TA) = +25oC INPUT ON TERMINALS 1, 5, 8, 12 OR 2, 6, 9, 13; OTHER INPUTS TIED TO VDD VH x 100) (%) VDD HYSTERESIS ( 15
AMBIENT TEMPERATURE (TA) = +25oC
25 20 15 10 5 0
VP 10 VN 5
0 0
5
10 15 20 SUPPLY VOLTAGE (VDD) (V)
0
5
10 15 SUPPLY VOLTAGE (VDD) (V)
20
FIGURE 11. TYPICAL TRIGGER THRESHOLD VOLTAGE vs. VDD
105
6 4 2 104 8 6 4 2
FIGURE 12. TYPICAL PERCENT HYSTERESIS vs. SUPPLY VOLTAGE
104
6 4
AMBIENT TEMPERATURE (TA) = +25oC POWER DISSIPATION (PD) (W) SUPPLY VOLTAGE (VDD) = 15V, CL = 50pF 10V, 15pF 10V, 50pF
POWER DISSIPATION (PD) (W)
2
103
8 6 4 2
SUPPLY VOLTAGE (VDD) = 15V, FREQUENCY (f) = 100kHz
103 8
6 4 2 2 10 8 6 4 2
102 8
6 4 2
15V, 10kHz
5V, 50pF
10 8
6 4 2 6 4 2 -1 10
15V, 1kHz 10V, 1kHz 5V, 1kHz AMBIENT TEMPERATURE (TA) = +25oC LOAD CAPACITANCE (CL) = 15pF
2 4 68 2 4 68 2 4 68 2 4 68
10 8
6 4 2 0 10
18
10-1
2
4 68
100
2
4 68
101
2
4 68
102
2
4 68
103
2
4 68
104
2
4 68
10
FREQUENCY (f) (kHz)
102 103 104 105 RISE AND FALL TIME (tR, tF) (ns)
106
FIGURE 13. TYPICAL POWER DISSIPATION vs. FREQUENCY CHARACTERISTICS
FIGURE 14. TYPICAL POWER DISSIPATION vs. RISE AND FALL TIMES
Applications
VDD TO CONTROL SIGNAL OR VDD R 1 TO CONTROL SIGNAL OR VDD VDD VSS 1/4 CD4093BMS FREQUENCY RANGE OF WAVE SHAPE IS FROM DC TO 1MHz 1 2 3 VDD VSS VSS VDD VDD-VP 50k R 1M 100pF C 1F tM = RC n FOR THE RANGE OF R AND C GIVEN 5s < tM < 1s 1/3 CD4007A VDD VSS C 1/4 CD4093BMS 2
3
tM VDD VSS
FIGURE 15. WAVE SHAPER
FIGURE 16. MONOSTABLE MULTIVIBRATOR
7-1081
CD4093BMS Applications
(Continued)
TO CONTROL SIGNAL OR VDD 1/4 CD4093BMS 1 3 2 R C VSS tA VDD VSS VP VN VDD-VN VDD-VP
tA = RC n
50k R 1M 100pF C 1F FOR THE RANGE OF R AND C GIVEN 2s < tA < 0.4s
FIGURE 17. ASTABLE MULTIVIBRATOR
Chip Dimensions and Pad Layout
Dimension in parenthesis are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch).
METALLIZATION: PASSIVATION:
Thickness: 11kA - 14kA,
AL.
10.4kA - 15.6kA, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN DIE THICKNESS: 0.0198 inches - 0.0218 inches
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
1082


▲Up To Search▲   

 
Price & Availability of CD4093BMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X